Part Number Hot Search : 
DL4728A MAX4520 SP5659KG 1100UCTA CS330 BT440 LNBP21D2 SR506
Product Description
Full Text Search
 

To Download STFI28N60M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. january 2014 docid025255 rev 2 1/14 stf28n60m2, STFI28N60M2 n-channel 600 v, 0.135 typ., 22 a mdmesh ii plus? low qg power mosfets in to-220fp, i 2 pakfp packages datasheet - production data figure 1. internal schematic diagram features ? extremely low gate charge ? lower r ds(on) x area vs previous generation ? low gate input resistance ? 100% avalanche tested ? zener-protected applications ? switching applications ? lcc converters, resonant converters description these devices are n-channel power mosfets developed using a new generation of mdmesh? technology: mdmesh ii plus? low qg. these revolutionary power mosfets associate a vertical structure to the company's strip layout to yield one of the world's lowest on-resistance and gate charge. they are therefore suitable for the most demanding high efficiency converters. to-220fp 1 2 3 i pakfp (to-281) 2 1 2 3 am15572v1 order codes v ds @ t jmax r ds(on) max i d stf28n60m2 650 v 0.150 22 a STFI28N60M2 table 1. device summary order codes marking package packaging stf28n60m2 28n60m2 to-220fp tube STFI28N60M2 i 2 pakfp (to-281) www.st.com
contents stf28n60m2, STFI28N60M2 2/14 docid025255 rev 2 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
docid025255 rev 2 3/14 stf28n60m2, STFI28N60M2 electrical ratings 14 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v gs gate-source voltage 25 v i d drain current (continuous) at t c = 25 c 22 (1) 1. limited by maximum junction temperature. a i d drain current (continuous) at t c = 100 c 14 (1) a i dm (2) 2. pulse width limited by safe operating area. drain current (pulsed) 88 (1) a p tot total dissipation at t c = 25 c 30 w dv/dt (3) 3. i sd 22 a, di/dt 400 a/ s; v ds peak < v (br)dss , v dd = 400 v. peak diode recovery voltage slope 15 v/ns dv/dt (4) 4. v ds 480 v mosfet dv/dt ruggedness 50 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t = 1 s; t c = 25 c) 2500 v t stg storage temperature - 55 to 150 c t j max. operating junction temperature table 3. thermal data symbol parameter value unit r thj-case thermal resistance junction-case max 4.17 c/w r thj-amb thermal resistance junction-ambient max 62.5 c/w table 4. avalanche characteristics symbol parameter value unit i ar avalanche current, repetitive or not repetitive (pulse width limited by t jmax ) 4a e as single pulse avalanche energy (starting t j =25c, i d = i ar ; v dd =50) 2200 mj
electrical characteristics stf28n60m2, STFI28N60M2 4/14 docid025255 rev 2 2 electrical characteristics (t c = 25 c unless otherwise specified) table 5. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = 600 v 1 a v ds = 600 v, t c =125 c 100 a i gss gate-body leakage current (v ds = 0) v gs = 25 v 10 a v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 234v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 11 a 0.135 0.150 table 6. dynamic symbol parameter test conditions min. typ. max. unit c iss input capacitance v ds = 100 v, f = 1 mhz, v gs = 0 - 1440 - pf c oss output capacitance - 70 - pf c rss reverse transfer capacitance -2-pf c oss eq. (1) 1. c oss eq. is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss equivalent output capacitance v ds = 0 to 480 v, v gs = 0 - 104 - pf r g intrinsic gate resistance f = 1 mhz open drain - 5.5 - q g total gate charge v dd = 480 v, i d = 22 a, v gs = 10 v (see figure 15 ) -36-nc q gs gate-source charge - 7.2 - nc q gd gate-drain charge - 16 - nc table 7. switching times symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 300 v, i d = 11 a, r g = 4.7 , v gs = 10 v (see figure 14 and figure 19 ) - 14.5 - ns t r rise time - 7.2 - ns t d(off) turn-off delay time - 100 - ns t f fall time - 8 - ns
docid025255 rev 2 5/14 stf28n60m2, STFI28N60M2 electrical characteristics 14 table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd source-drain current - 22 a i sdm (1) 1. pulse width limited by safe operating area. source-drain current (pulsed) - 88 a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 22 a, v gs = 0 - 1.6 v t rr reverse recovery time i sd = 22 a, di/dt = 100 a/ s v dd = 60 v (see figure 19 ) - 350 ns q rr reverse recovery charge - 4.7 c i rrm reverse recovery current - 27 a t rr reverse recovery time i sd = 22 a, di/dt = 100 a/ s v dd = 60 v, t j = 150 c (see figure 19 ) - 451 ns q rr reverse recovery charge - 6.5 c i rrm reverse recovery current - 29 a
electrical characteristics stf28n60m2, STFI28N60M2 6/14 docid025255 rev 2 2.1 electrical characteristics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. gate charge vs gate-source voltage figure 7. static drain-source on-resistance i d 1 0.1 0.01 0.1 1 v ds (v) 10 (a) operation in this area is limited by max r ds(on) 10 s 1ms 100 s tj=150c tc=25c single pulse 10ms 100 10 am17988v1 i d 50 30 10 0 0 5 v ds (v) 10 (a) 15 4v 5v v gs =7, 8, 9, 10v 20 40 20 6v am17989v1 i d 40 20 0 0 4 v gs (v) 8 (a) 2 6 10 10 30 50 v ds =18v am17990v1 v gs 6 4 2 0 0 20 q g (nc) (v) 8 30 40 10 v dd =480v i d =22a 12 300 200 100 0 400 500 v ds 10 v ds (v) am17991v1 r ds(on) 0.134 0.132 0.130 0 8 i d (a) ( ) 4 12 0.136 v gs =10v 16 0.138 0.140 0.142 20 am17992v1
docid025255 rev 2 7/14 stf28n60m2, STFI28N60M2 electrical characteristics 14 figure 8. capacitance variations figure 9. output capacitance stored energy figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on-resistance vs temperature figure 12. normalized v ds vs temperature figure 13. source-drain diode forward characteristics c 1000 100 10 1 0.1 10 v ds (v) (pf) 1 100 ciss coss crss 10000 am17993v1 e oss 4 2 0 0 100 v ds (v) ( j) 400 200 300 6 500 600 8 10 am17994v1 v gs(th) 1.0 0.9 0.8 0.7 -50 0 t j (c) (norm) -25 1.1 75 25 50 100 i d =250 a am17995v1 r ds(on) 1.9 1.3 0.9 0.5 -50 0 t j (c) (norm) -25 75 25 50 100 0.7 1.1 1.5 1.7 2.1 2.3 i d =11a am17996v1 v ds -50 0 t j (c) (norm) -25 75 25 50 100 0.91 0.95 0.99 1.03 i d =1ma 1.07 1.11 am117997v1 v sd 0 4 i sd (a) (v) 12 8 0 0.2 0.4 0.6 t j =-50c t j =150c t j =25c 0.8 1 16 20 1.4 1.2 am17998v1
test circuits stf28n60m2, STFI28N60M2 8/14 docid025255 rev 2 3 test circuits figure 14. switching times test circuit for resistive load figure 15. gate charge test circuit figure 16. test circuit for inductive load switching and diode recovery times figure 17. unclamped inductive load test circuit figure 18. unclamped inductive waveform figure 19. switching time waveform am01468v1 v gs p w v d r g r l d.u.t. 2200 f 3.3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =const 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fast diode d s l=100 h f 3.3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3.3 f v dd $0y 9 %5 '66 9 '' 9 '' 9 ' , '0 , ' am01473v1 v ds t on td on td off t off t f t r 90% 10% 10% 0 0 90% 90% 10% v gs
docid025255 rev 2 9/14 stf28n60m2, STFI28N60M2 package mechanical data 14 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package mechanical data stf28n60m2, STFI28N60M2 10/14 docid025255 rev 2 figure 20. to-220fp drawing 7012510_rev_k_b
docid025255 rev 2 11/14 stf28n60m2, STFI28N60M2 package mechanical data 14 table 9. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d2.5 2.75 e 0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g 4.95 5.2 g1 2.4 2.7 h10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2
package mechanical data stf28n60m2, STFI28N60M2 12/14 docid025255 rev 2 figure 21. i 2 pakfp (to-281) drawing table 10. i 2 pakfp (to-281) mechanical data dim. mm min. typ. max. a4.40 - 4.60 b2.50 2.70 d2.50 2.75 d1 0.65 0.85 e0.45 0.70 f0.75 1.00 f1 1.20 g4.95 5.20 h 10.00 10.40 l1 21.00 23.00 l2 13.20 14.10 l3 10.55 10.85 l4 2.70 3.20 l5 0.85 1.25 l6 7.30 7.50 uhy$
docid025255 rev 2 13/14 stf28n60m2, STFI28N60M2 revision history 14 5 revision history table 11. document revision history date revision changes 13-sep-2013 1 first release. 29-jan-2014 2 ? added: i 2 pakfp package ? modified: title, i d value and features in cover page ? modified: i d , i dm and p tot values in table 2 ? modified: note 3 ? modified: r thj-case value in table 3 ? modified: the entire typical values in table 4 , 6 , 7 and 8 ? modified: r ds(on) typical value ? modified: figure 7 and 8 ? updated: table 9 and figure 14 ? added: section 4: package mechanical data ? minor text changes
stf28n60m2, STFI28N60M2 14/14 docid025255 rev 2 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statem ents and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - swed en - switzerland - united kingdom - united states of america www.st.com
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: stmicroelectronics: ? stf28n60m2


▲Up To Search▲   

 
Price & Availability of STFI28N60M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X