Part Number Hot Search : 
SMLJ60 32M16 HY5DU561 29F52 CP200 KA277 GRM32 XQVR1000
Product Description
Full Text Search
 

To Download SSP45N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSP45N10 45a , 100v , r ds(on) 22 m ? n-channel enhancement mode mosfet 26-oct-2013 rev. a page 1 of 4 s op - 8pp top view 45n10           = date code rohs compliant product a suffix of -c specifies halogen and lead-free description the SSP45N10 is the highest performance trench n-ch mosfets with extreme high cell density , which prov ide excellent r ds(on) and gate charge for most of the synchronous buck converter applications .the SSP45N10 meet the rohs and green product requirement , 100% eas guaranteed with full function reliability approved. features  simple drive requirement  small package outline marking package information absolute maximum ratings ( t a =25c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 100 v gate-source voltage v gs 20 v t c =25c 45 continuous drain current 1 , v gs @10v t c =100c i d 28 a pulsed drain current 2 t c =25c i dm 100 a power dissipation 4 t c =25c p d 90 w single pulse avalanche energy 3 e as 98 mj single pulse avalanche current i as 41 a operating junction and storage temperature range t j , t stg -55~150 c thermal resistance rating maximum junction to case 1 r jc 1.4 c / w maximum junction to ambient 1 r ja 36 c / w package mpq leader size sop-8pp 3k 13 inch millimeter millimeter ref. min. max. ref. min. max. a 0.80 1.00 0 10 b 5.3 bsc. b 5.2 bcs c 0.15 0.25 c 0.20 0.50 d 3.8 bcs. d 1.27bsc e 6.05 bcs. e 5.65 bcs. f 0.03 0.30 f 0.10 0.40 g 4.35 bcs. g 1.3 bcs. l 0.40 0.70
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSP45N10 45a , 100v , r ds(on) 22 m ? n-channel enhancement mode mosfet 26-oct-2013 rev. a page 2 of 4 electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage bv dss 100 - - v v gs =0, i d =250 a gate-threshold voltage v gs(th) 2.5 - 4.5 v v ds =v gs , i d =250 a forward transconductance g fs - 27 - s v ds =5v, i d =30a gate resistance r g - 1.9 3.8  f=1mhz gate-body leakage current i gss - - 100 na v gs = 20v t j =25c - - 1 v ds =80v, v gs =0 drain-source leakage current t j =55c i dss - - 5 a v ds =80v, v gs =0 - 19 22 v gs =10v, i d =30a drain-source on-resistance 2 r ds(on) - 25 30 m  v gs =7v, i d =15a dynamic total gate charge q g - 27.6 - gate-source charge q gs - 11.4 - gate-drain (miller) charge q gd - 7.9 - nc v ds =80v, v gs =10v, i d =30a turn-on delay time 2 t d(on) - 15.6 - rise time t r - 17.2 - turn-off delay time t d(off) - 16.8 - fall time t f - 9.2 - ns v dd =50v, v gs =10v, r g =3.3  , i d =30a input capacitance c iss - 1890 - output capacitance c oss - 268 - reverse transfer capacitance c rss - 67 - pf v gs =0, v ds =15v, f=1.0mhz guaranteed avalanche chatacteristics single pulse avalanche energy 5 eas 53 - - mj v dd =50v,l=0.1mh, i as =30a source-drain diode diode forward voltage 2 v sd - - 1 v i s =1a, v gs =0 continuous source current 1.6 i s - - 45 a pulsed source current 2.6 i sm - - 100 a v d =v g =0, force current reverse recovery time t rr - 34 - ns reverse recovery charge q rr - 47 - nc i f =30a, t j =25c di/dt=100a/ s notes: 1. the data tested by surface mounted on a 1 inch2 fr-4 board with 2oz copper , Q 10sec , 125 /w at steady state 2. the data tested by pulsed , pulse width Q 300us , duty cycle Q 2% 3. the eas data shows max. rating . the test condi tion is v dd =25v,v gs =10v,l=0.1mh,i as =53.8a 4. the power dissipation is limited by 150 junction temperature 5. the min. value is 100% eas tested guarantee. 6. the data is theoretically the same as id and id m , in real applications , should be limited by tot al power dissipation
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSP45N10 45a , 100v , r ds(on) 22 m ? n-channel enhancement mode mosfet 26-oct-2013 rev. a page 3 of 4 characteristic curves
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SSP45N10 45a , 100v , r ds(on) 22 m ? n-channel enhancement mode mosfet 26-oct-2013 rev. a page 4 of 4 characteristic curves


▲Up To Search▲   

 
Price & Availability of SSP45N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X