Part Number Hot Search : 
SSF6N40D WP2060YD RF5540 MBR745 7447908 M5R23RLJ R1200CHX C3722
Product Description
Full Text Search
 

To Download PBW30F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model pbw15f-12 pbw15f-15 max output wattage[w] * 5 16.8 15.0 dc output voltage[v] * 6 t 12 ( +24 ) t 15 ( +30 ) current1[a] 0.7 0.5 current2[a] * 5 1.4 1.0 specifications model pbw15f-12 pbw15f-15 input voltage[v] ac85 - 264 1 f or dc110 - 370 ( ac50 or dc70 please refer to the instruction manual 2.1 input voltage * 8 ) current[a] acin 100v 0.40typ ( current1 ) acin 200v 0.20typ ( current1 ) frequency[hz] 50/60 ( 47 - 440 ) or dc efficiency[%] acin 100v 74typ ( current1 ) 78typ ( current1 ) acin 200v 77typ ( current1 ) 80typ ( current1 ) inrush current[a] acin 100v 15typ ( current1 )( at cold start ) acin 200v 30typ ( current1 )( at cold start ) leakage current[ma] 0.15/0.30max ( acin 100v/240v 60hz , io=100% , according to iec60950-1 , denan ) output voltage[v] t 12 / ( +24v reference number ) t 15 / ( +30v reference number ) current1[a] 0.7 / 0.7 0.5 / 0.5 current2[a] * 5 1.4 / - 1.0 / - line regulation[mv] * 9 60max / 96max 60max / 96max load regulation 1[mv] * 3 600max / 150max 600max / 150max load regulation 2[mv] * 4 * 11 * 11 * 11 750max / - 750max / - ripple[mvp-p] 0to+50 c * 1 120max / 240max 120max / 240max -10-0 c * 1 160max / 320max 160max / 320max ripple noise[mvp-p] 0to+50 c * 1 150max / 300max 150max / 300max -10-0 c * 1 180max / 360max 180max / 360max temperature regulation[mv] 0to+50 c 120max 150max -10 to +50 c 150max 180max drift[mv] * 2 48max 60max start-up time[ms] 200typ ( acin 100v , io=100% ) * start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage. hold-up time[ms] 20typ ( acin 100v , io=100% ) output voltage adjustment range[v] 9.60 - 13.2 ( +v and -v are simultaneously adjusted ) 13.2 - 16.5 ( +v and -v are simultaneously adjusted ) output voltage setting[v] 11.5 - 12.5 ( +v and -v current1 ) 14.4 - 15.6 ( +v and -v current1 ) protection circuit and others overcurrent protection works over 105% of rated current and recovers automatically overvoltage protection[v] 16.8 - 24.0 20.0 - 29.0 operating indication led ( green ) remote on/off none isolation input-output ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output-fg ac500v 1minute , cutoff current = 25ma , dc500v 50m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +71 c ( required derating ), 20 - 90%rh ( non condensing ) 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ) 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ( at only ac input ) ul60950-1 , c-ul ( csa60950-1 ), en60950-1 , en50178 complies with den-an conducted noise complies with fcc part15 classb , vcci-b , cispr22-b , en55011-b , en55022-b harmonic attenuator complies with iec61000-3-2 ( not built-in to active filter * 7 ) others case size/weight 31 x 78 x 85mm [1.22 x 3.07 x 3.35 inches] ( without terminal block )( w x h x d ) / 200g max ( without cover ) cooling method convection * 12 * 1 measured by 20mhz oscilloscope or ripple-noise meter(equivalent to keisoku-giken : rm101). * 2 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c . * 3 figures for 0 to rated current 1.the current not measured side is fixed. * 4 figures for 0 to rated current 2.the current not measured side is fixed. * 5 the sum of +power -power must be less than output power. * 6 t 12, t 15 can be used as +24 and +30. * 7 when two or more units are used,they may not comply with the harmonic attenuator. please contact us for details. * 8 derating is required. * 9 figures to rated current 1. * 10 please contact us about safety approvals for the model with option. * 11 please contact us about dynamic load and input response. * 12 please contact us about class c. * parallel operation with other model is not possible. * derating is required when operated with cover. * a sound may occur from power supply at peak loading. pbw15f ac-dc power supplies enclosed type pb w 15 f - o - o ordering information 1 series name 2 dual output 3 output wattage 4 universal input 5 output voltage 6 optional * 10 c :with coating g :low leakage current e :low leakage current and emi class a t :vertical terminal block j :connector type n :with cover n1 :with din rail v :output voltage setting potentiometer external- ly r 123456 pba/pbw pba/pbw-26 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices. cover is optional
2.5 point a:c102 mounting hole 2-m3 mounting hole 2-m3 -v ac(n) ac(l) fg com +v cover name plate cover (option) name plate m3 terminal cover 5 18 31 34.5 34.5 78 36.5 85 70.5 12.2 1.5 18 31 0.5 60 0.5 11.5 9.5 7.5 16.5 2 15.1 1.5 22.6 1.5 pba15f pbw15f led voltage adjust ? tolerance : 1 [ 0.04] ? weight : 200g max (without cover) ? pcb material/thickness : cem3 / 1.6mm [0.06] ? chassis material : electric galvanizing steel board ? dimensions in mm, [ ]= inches ? mounting torque : 0.6n ? m(6.3kgf ? cm)max ? screw tightening torque : m3 0.8n ? m(8.5kgf ? cm)max ? please connect safety ground to the unit in 2-m3 holes. ? external size of option t,j,n,n1 and v is different from standard model and refer to 7 option of instruction manual for detail s. [0.71] [2.78] [0.3] [0.37] [0.45] [1.36] [0.71] [1.22] [1.36] [3.07] [0.48] [0.59] [0.89] [0.1] [0.65] [3.35] [1.22] [2.36] [0.2] [1.44] pba/pbw pba/pbw-27 pbw15f block diagram 2.5a ac250v ac in + v com dc out - v fg 85 - 264v noise filter inverter control current sensing rectifier and filter rectifier and filter control photocoupler photocoupler transformer inrush current limit fuse over voltage protection rectifier and filter external view
model PBW30F-5 PBW30F-12 PBW30F-15 max output wattage[w] * 5 15 31.2 30.0 dc output voltage[v] * 6 t 5 ( +10 ) t 12 ( +24 ) t 15 ( +30 ) current1[a] 1.5 1.3 1.0 current2[a] * 5 2.0 1.7 1.4 specifications model PBW30F-5 PBW30F-12 PBW30F-15 input voltage[v] ac85 - 264 1 f or dc110 - 370 ( ac50 or dc70 please refer to the instruction manual 2.1 input voltage * 8 ) current[a] acin 100v 0.4typ ( current1 ) 0.7typ ( current1 ) acin 200v 0.25typ ( current1 ) 0.4typ ( current1 ) frequency[hz] 50/60 ( 47 - 440 ) or dc efficiency[%] acin 100v 75typ ( current1 ) 77typ ( current1 ) 78typ ( current1 ) acin 200v 75typ ( current1 ) 81typ ( current1 ) 79typ ( current1 ) inrush current[a] acin 100v 15typ ( current1 )( at cold start ) acin 200v 30typ ( current1 )( at cold start ) leakage current[ma] 0.30/0.65max ( acin 100v/240v 60hz , io=100% , according to iec60950-1 , denan ) output voltage[v] t 5 / ( +10v reference number ) t 12 / ( +24v reference number ) t 15 / ( +30v reference number ) current1[a] 1.5 / 1.5 1.3 / 1.3 1.0 / 1.0 current2[a] * 5 2.0 / - 1.7 / - 1.4 / - line regulation[mv] 20max / 36max 60max / 96max 60max / 96max load regulation 1[mv] 250max / 100max 600max / 150max 600max / 150max load regulation 2[mv] 500max / - 750max / - 750max / - ripple[mvp-p] 0to+50 c * 1 80max / 240max 120max / 240max 120max / 240max -10-0 c * 1 140max / 320max 160max / 320max 160max / 320max ripple noise[mvp-p] 0to+50 c * 1 120max / 300max 150max / 300max 150max / 300max -10-0 c * 1 160max / 360max 180max / 360max 180max / 360max temperature regulation[mv] 0to+50 c 50max 120max 150max -10 to +50 c 60max 150max 180max drift[mv] * 2 20max 48max 60max start-up time[ms] 200typ ( acin 100v , io=100% ) * start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage. hold-up time[ms] 20typ ( acin 100v , io=100% ) output voltage adjustment range[v] 4.99 - 6.00 ( +v and -v are simultaneously adjusted ) 9.60 - 13.2 ( +v and -v are simultaneously adjusted ) 13.2 - 16.5 ( +v and -v are simultaneously adjusted ) output voltage setting[v] 4.99 - 5.30 ( +v and -v current1 ) 11.5 - 12.5 ( +v and -v current1 ) 14.4 - 15.6 ( +v and -v current1 ) protection circuit and others overcurrent protection works over 105% of rated current and recovers automatically overvoltage protection[v] 6.90 - 10.0 16.8 - 24.0 20.0 - 29.0 operating indication led ( green ) remote on/off none isolation input-output ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output-fg ac500v 1minute , cutoff current = 25ma , dc500v 50m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +71 c ( required derating ), 20 - 90%rh ( non condensing ) 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ) 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ( at only ac input ) ul60950-1 , c-ul ( csa60950-1 ), en60950-1 , en50178 complies with den-an conducted noise complies with fcc part15 classb , vcci-b , cispr22-b , en55011-b , en55022-b harmonic attenuator complies with iec61000-3-2 ( not built-in to active filter * 7 ) others case size/weight 31 x 78 x 103mm [1.22 x 3.07 x 4.06 inches] ( without terminal block )( w x h x d ) / 270g max ( without cover ) cooling method convection * 9 * 3 * 4 * 11 * 11 * 11 * 12 * 1 measured by 20mhz oscilloscope or ripple-noise meter(equivalent to keisoku-giken : rm101). * 2 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c . * 3 figures for 0 to rated current 1.the current not measured side is fixed. * 4 figures for 0 to rated current 2.the current not measured side is fixed. * 5 the sum of +power -power must be less than output power. * 6 t 5, t 12, t 15 can be used as +10,+24 and +30. * 7 when two or more units are used,they may not comply with the harmonic attenuator. please contact us for details. * 8 derating is required. * 9 figures to rated current 1. * 10 please contact us about safety approvals for the model with option. * 11 please contact us about dynamic load and input response. * 12 please contact us about class c. * parallel operation with other model is not possible. * derating is required when operated with cover. * a sound may occur from power supply at peak loading. PBW30F ac-dc power supplies enclosed type pb w 30 f - o - o ordering information 1 series name 2 dual output 3 output wattage 4 universal input 5 output voltage 6 optional * 10 c :with coating g :low leakage current e :low leakage current and emi class a t :vertical terminal block j :connector type n :with cover n1 :with din rail v :output voltage setting potentiometer external- ly r 123456 pba/pbw pba/pbw-28 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices. cover is optional
2.5 mounting hole 2-m3 mounting hole 2-m3 point a:c102 name plate cover name plate cover (option) m3 terminal cover -v ac(n) ac(l) fg com +v 18 12.2 1.5 70.5 18 36.5 46 0.5 40.5 75 0.5 8.5 15.1 1.5 22.6 1.5 11.5 9.5 7.5 16.5 2 31 103 78 34.5 PBW30F pba30f ? tolerance : 1 [ 0.04] ? weight : 270g max (without cover) ? pcb material/thickness : cem3 / 1.6mm [0.06] ? chassis material : electric galvanizing steel board ? dimensions in mm, [ ]= inches ? mounting torque : 0.6n ? m(6.3kgf ? cm)max ? screw tightening torque : m3 0.8n ? m(8.5kgf ? cm)max ? please connect safety ground to the unit in 2-m3 holes. ? external size of option t,j,n,n1 and v is different from standard model and refer to 7 option of instruction manual for detail s. led voltage adjust [0.71] [2.78] [0.48] [0.59] [0.89] [0.1] [0.3] [0.37] [0.45] [1.44] [3.07] [0.65] [4.06] [1.81] [1.59] [0.71] [1.22] [1.36] [2.95] [0.33] pba/pbw pba/pbw-29 PBW30F block diagram 3.15a ac250v noise filter ac in + v com dc out - v fg 85 - 264v noise filter inverter control current sensing rectifier and filter rectifier and filter control photocoupler photocoupler transformer inrush current limit fuse over voltage protection rectifier and filter external view
model pbw50f-5 pbw50f-12 pbw50f-15 max output wattage[w] * 6 30 50.4 51 dc output voltage[v] * 8 t 5 ( +10 ) t 12 ( +24 ) t 15 ( +30 ) current1[a] 3.0 2.1 1.7 current2[a] * 6 4.0 2.7 2.4 specifications model pbw50f-5 pbw50f-12 pbw50f-15 input voltage[v] ac85 - 264 1 f or dc120 - 370 ( ac50 or dc70 please refer to the instruction manual 2.1 input voltage * 3 ) current[a] acin 100v 0.45typ ( current1 ) 0.70typ ( current1 ) acin 200v 0.30typ ( current1 ) 0.40typ ( current1 ) frequency[hz] 50/60 ( 47-63 ) efficiency[%] acin 100v 76typ ( current1 ) 81typ ( current1 ) 81typ ( current1 ) acin 200v 77typ ( current1 ) 83typ ( current1 ) 83typ ( current1 ) power factor ( io=100% ) acin 100v 0.98typ 0.99typ acin 200v 0.87typ 0.93typ inrush current[a] acin 100v 15typ ( current1 )( at cold start ) acin 200v 30typ ( current1 )( at cold start ) leakage current[ma] 0.40/0.75max ( acin 100v/240v 60hz , io=100% , according to iec60950-1 , denan ) output voltage[v] t 5 / ( +10v reference number ) t 12 / ( +24v reference number ) t 15 / ( +30v reference number ) current1[a] 3.0 / 3.0 2.1 / 2.1 1.7 / 1.7 current2[a] * 6 4.0 / - 2.7 / - 2.4 / - line regulation[mv] 20max / 36max 48max / 96max 60max / 96max load regulation 1[mv] * 4 250max / 100max 600max / 150max 600max / 150max load regulation 2[mv] * 5 500max / - 750max / - 750max / - ripple[mvp-p] 0to+50 c * 1 80max / 240max 120max / 240max 120max / 240max -10-0 c * 1 140max / 320max 160max / 320max 160max / 320max ripple noise[mvp-p] 0to+50 c * 1 120max / 300max 150max / 300max 150max / 300max -10-0 c * 1 160max / 360max 180max / 360max 180max / 360max temperature regulation[mv] 0to+50 c 50max 120max 150max -10 to +50 c 60max 150max 180max drift[mv] * 2 20max 48max 60max start-up time[ms] 350typ ( acin 100v , io=100% ) hold-up time[ms] 20typ ( acin 100v , io=100% ) output voltage adjustment range[v] 4.99 - 6.00 ( +v and -v are simultaneously adjusted ) 9.60 - 13.2 ( +v and -v are simultaneously adjusted ) 13.2 - 16.5 ( +v and -v are simultaneously adjusted ) output voltage setting[v] 4.99 - 5.30 ( +v and -v current1 ) 11.5 - 12.5 ( +v and -v current1 ) 14.4 - 15.6 ( +v and -v current1 ) protection circuit and others overcurrent protection works over 105% of rated current and recovers automatically overvoltage protection[v] 6.90 - 10.0 16.8 - 24.0 20.0 - 29.0 operating indication led ( green ) remote on/off optional ( required external power source ) isolation input-output - rc * 7 ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output - rc-fg * 7 ac500v 1minute , cutoff current = 100ma , dc500v 50m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +71 c ( required derating ), 20 - 90%rh ( non condensing ) 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ) 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ( at only ac input ) ul60950-1 , c-ul ( csa60950-1 ), en60950-1 , en50178 complies with den-an conducted noise complies with fcc part15 classb , vcci-b , cispr22-b , en55011-b , en55022-b harmonic attenuator complies with iec61000-3-2 others case size/weight 31 x 82 x 120mm [1.22 x 3.23 x 4.72 inches] ( without terminal block )( w x h x d ) / 280g max ( without cover ) cooling method convection * 10 pbw50f ac-dc power supplies enclosed type pb w 50 f - o - o ordering information 1 series name 2 dual output 3 output wattage 4 universal input 5 output voltage 6 optional * 9 c :with coating g :low leakage current (0.15ma max / acin 240v) e :low leakage current and emi class a (0.5ma max / acin 240v) t :vertical terminal block j :connector type r :with remote on/off n :with cover n1 :with din rail v :output voltage setting potentiometer external- ly r 123456 pba/pbw pba/pbw-30 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices. * 1 measured by 20mhz oscilloscope or ripple-noise meter(equivalent to keisoku-giken : rm101). * 2 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c . * 3 derating is required. * 4 figures for 0 to rated current 1.the current not measured side is fixed. * 5 figures for 0 to rated current 2.the current not measured side is fixed. * 6 the sum of +power -power must be less than output power. * 7 rc is applied to remote on/off option. rc is isolated with input/output and fg. * 8 t 5, t 12, t 15 can be used as +10,+24 and +30. * 9 please contact us about safety approvals for the model with option. * 10 please contact us about class c. * parallel operation with other model is not possible. * derating is required when operated with cover. * a sound may occur from power supply at peak loading. cover is optional
? tolerance : 1 [ 0.04] ? weight : 280g max (without cover) ? pcb material/thickness : cem3 / 1.6mm [0.06] ? chassis material : aluminum ? dimensions in mm, [ ]= inches ? mounting torque : 0.49n ? m(5kgf ? cm)max ? screw tightening torque : m3 0.8n ? m(8.5kgf ? cm)max ? please connect safety ground to the unit in 2-m3 holes. ? external size of option t,j,r,n,n1 and v is different from standard model and refer to 7 option of instruction manual for deta ils. led voltage adjust pbw50f -v cn3 connector for remote on/off (option) 2 1 cover name plate cover (option) a name plate m3 mounting hole 2-m3 mounting hole 2-m3 ac(n) ac(l) fg com +v terminal cover point a (16.5) 9.5 (12) (20) (11) (71) (21.5) (14) 82 34.5 35 120 4 77 0.5 7.5 88 0.5 11 18 31 0.5 pin no. contents 1 2 rc(+) rc(-) cn3 option (mfr : j.s.t.) connector type model b2b-xh-a mating connector (terminal) xhp-2 bxh-001t-p0.6 or sxh-001t-p0.6 barrier strip type () [0.79] [0.65] [4.72] [3.03] [0.16] [0.43] [3.46] [0.43] [2.8] [0.3] [0.37] [0.47] [1.38] [3.23] [0.71] [1.22] [1.36] [0.02] [0.55] [0.85] pba/pbw pba/pbw-31 pbw50f block diagram fg control transformer control + dc out noise filter - dc out inverter ac in 85 - 264v fuse rectifier booster inducter inverter control rc external source e option 250v2a rectifier and filter rectifier and filter inrush current limit rectifier and filter over voltage protection current sensing current sensing external view


▲Up To Search▲   

 
Price & Availability of PBW30F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X