Part Number Hot Search : 
16160 T1270AC 90033 B2567 SE20FD STUP012 4AC24 101M3
Product Description
Full Text Search
 

To Download WP710A10ID5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 1 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209 t-1 (3mm) solid state lamp part number: WP710A10ID5V high efficiency red features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z 5v internal resistor. z rohs compliant. description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 2 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1.wavelength: +/-1nm. 2. wavelength value is traceable to the cie127-2007 compliant national standards. notes: 1. 2mm below package base. 2. 5mm below package base. part no. dice lens type iv (mcd) [2] v= 5v v iewing angle [1] min. typ. 2 1/2 WP710A10ID5V high efficiency r ed (gaasp/gap) red diffused 12 25 *6 *14 40 symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm v f =5v d [1] dominant wavelength high efficiency red 617 nm v f =5v ? 1/2 spectral line half-width high efficiency red 45 nm v f =5v i f forward current high efficiency red 13 17.5 ma v f =5v i r reverse current high efficiency red 10 ua v r = 5v parameter high efficiency red units power dissipation 85 mw forward voltage 6 v reverse voltage 5 v operating temperature -40c to +70c storage temperature -40c to +85c lead solder temperature [1] 260c for 3 seconds lead solder temperature [2] 260c for 5 seconds
spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 3 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209 high efficiency red WP710A10ID5V
spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 4 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209 packing & label specifications WP710A10ID5V
spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 5 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209
spec no: dsal0507 rev no: v.3a date: mar/29/2013 page: 6 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101029209 all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: kingbright: ? WP710A10ID5V


▲Up To Search▲   

 
Price & Availability of WP710A10ID5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X