Part Number Hot Search : 
16000 GSC3843 AP450AS LCDA15TE NC7S32 2SC2761 RTM205 LTC1426
Product Description
Full Text Search
 

To Download SBL20U100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBL20U100 voltage 100v 20.0 amp low vf trench mos barrier schottky rectifier 20-mar-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 11 1 2 22 2 3 33 3 a m p j k l l g f b n d e o c h rohs compliant product a suffix of -c specifies halogen free features  trench mos schottky technology  low forward voltage drop  low reverse current  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 1.98 g (approximate) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v (per leg) 10 maximum average forward rectified current (per device) i f 20 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 150 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 2 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.48 0.52 i f = 3a, t j = 25c 0.54 0.58 i f = 5a, t j = 25c 0.69 0.72 i f = 10 a, t j = 25c maximum instantaneous forward voltage v f 0.63 - v i f = 10 a, t j = 125c - 0.1 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 10 ma t j =100c typical junction capacitance 1 c j 470 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to - 220 millimeter millimeter ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0 .31 0.76 p 0.89 1.45 h 3.5 4.5
elektronische bauelemente SBL20U100 voltage 100v 20.0 amp low vf trench mos barrier schottky rectifier 20-mar-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBL20U100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X