Part Number Hot Search : 
SZ309B PN163NC TA2040 4050N PLI9080 10012 DS1481 HFA1120
Product Description
Full Text Search
 

To Download EC6A15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ec6a series 7.5watt 2:1 input range dc-dc converters feature s * 7.5w isolated output * 24-pin dip package * efficiency to 87% * 2:1 input range * regulated outputs * pi input filter * continuous short circuit protection * ce mark meets 2004/108/ec * ul60950-1 approval * without tantalum capacitor inside note: 1. nominal input voltage: 12, 24 or 48vdc model number input voltage output voltage output current input current % eff. capacitor load max. min. max. no load full load ec6a01 9-18vdc 5vdc 0 ma 1500 ma 25 ma 781 ma 80 4700uf ec6a02 9-18vdc 12vdc 0 ma 625 ma 25 ma 753 ma 83 4700uf ec6a03 9-18vdc 15vdc 0 ma 500 ma 25 ma 744 ma 84 4700uf ec6a04 9-18vdc 5vdc 0 ma 750 ma 30 ma 772 ma 81 2200uf ec6a05 9-18vdc 12vdc 0 ma 310 ma 30 ma 753 ma 83 2200uf ec6a06 9-18vdc 15vdc 0 ma 250 ma 30 ma 753 ma 83 2200uf ec6a07 9-18vdc 3.3vdc 0 ma 1500 ma 25 ma 529 ma 78 4700uf ec6a11 18-36vdc 5vdc 0 ma 1500 ma 20 ma 377 ma 83 4700uf ec6a12 18-36vdc 12vdc 0 ma 625 ma 20 ma 359 ma 87 4700uf ec6a13 18-36vdc 15vdc 0 ma 500 ma 20 ma 359 ma 87 4700uf ec6a14 18-36vdc 5vdc 0 ma 750 ma 25 ma 372 ma 84 2200uf ec6a15 18-36vdc 12vdc 0 ma 310 ma 25 ma 356 ma 87 2200uf ec6a16 18-36vdc 15vdc 0 ma 250 ma 25 ma 372 ma 84 2200uf ec6a17 18-36vdc 3.3vdc 0 ma 1500 ma 20 ma 264 ma 78 4700uf ec6a21 36-72vdc 5vdc 0 ma 1500 ma 10 ma 193 ma 81 4700uf ec6a22 36-72vdc 12vdc 0 ma 625 ma 10 ma 184 ma 85 4700uf ec6a23 36-72vdc 15vdc 0 ma 500 ma 10 ma 182 ma 86 4700uf ec6a24 36-72vdc 5vdc 0 ma 750 ma 15 ma 191 ma 82 2200uf ec6a25 36-72vdc 12vdc 0 ma 310 ma 15 ma 182 ma 85 2200uf ec6a26 36-72vdc 15vdc 0 ma 250 ma 15 ma 184 ma 85 2200uf ec6a27 36-72vdc 3.3vdc 0 ma 1500 ma 10 ma 136 ma 76 4700uf
2 specifications all specifications typical at nominal line, full load, and 25 unless otherwise noted input specifications: general specifications: input voltage range ........................ 12v ......................... 9- 18v efficiency ........................................ ................. ....................... see table 24v ....................... 18-36v isolation resistance .............................. ....................... 10 9 ohm min. 48v ....................... 36-72v isolation capacitance .... 560pf ty p. input surge voltage (100ms max.) .. 12v .... ........ 20vdc max. isolation voltage . 1500vdc min. 24v ................ 50vdc max. switching frequency ............................... ....................... 300khz typ. 48v .............. 100vdc max. operating ambient temperature range ............... ........... -40 to +85 input filter ....... pi type de-rating, above 71 linearly to zero power at 100 output specifications: case temperature (note 5) ...................... ................... 100 max. voltage accuracy .................................. ........................................ 2.0% max. cooling ... natural convection voltage balance (dual) ............................ ...................................... 1.0% max. storage temperature range ................... -40 to +100 temperature coefficient 0.05%/ humidity .......................................... ........ 95% rh max. non condensing ripple & noise, 20mhz bw .. 100mv p-p max. mtbf . mil-std-217f, gb25 , full load ... 1800khrs typ. short circuit protection continu ous dimensions dip . 1.25 0.80x0.40 inches(31.8x20.3 10.2mm) line regulation single/dual (note 1) ...... .....0.2% max. smd .... 1.25 0.80x0.45 inches(31.8x20.3 11.4mm) load regulation single (note 2) ........... .... 0.5% max. weight ... 18.4g dual (note 3) ... 1.0% max. case material black coated copper with non-con ductive base start up time . ec6a0xx ...... 5ms typ. other . 20ms typ. note: 1. measured from high line to low line 2. measured from full load to 10% load 3. measured from full load to 1/4 load 4. suffix s to the model number with smd packages 5. maximum case temperature under any operating con dition should not be exceeded 100 case a dimensions: bottom view see note * np-no pin * nc-no connection with pin note:pin size is 0.02"inch (0.5mm)dia all dimensions in inches (mm) tolerances inches: x.xx= 0.02 , x.xxx= 0.0 10 millimeters: x.x= 0.5 , x.xx=0.25 case as top view pin connection nc nc -v output common -v input -v input +v output +v output common -v output +v input +v input pin single output dual output dip smd dip smd 1,24 2,3 10,15 11 12,13 14 9 22,23 16 4,5 20,21 np nc np nc np nc np nc nc nc np nc np nc np nc np nc typical derating curve for natural convection 100 71 -40 0% 20% 40% 60% 80% 100% 120% -40 -15 10 35 60 85 ambient temperature( o c) lo ad(%) natural convection
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: cincon: ? ec6a27? ec6a01? ec6a02? ec6a03? ec6a04? ec6a05? ec6a06? ec6a07? ec6a11? ec6a12? ec6a13? ec6a14? ec6a15? ec6a16? ec6a17? ec6a21? ec6a22? ec6a23? ec6a24? ec6a25? ec6a13s? ec6a03s? ec6a24s? ec6a11s? ec6a27s? ec6a02s? EC6A15S? ec6a26? ec6a25s? ec6a23s? ec6a04s? ec6a12s? ec6a22s? ec6a05s? ec6a07s? ec6a21s? ec6a06s? ec6a17s? ec6a26s? ec6a01s? ec6a14s? ec6a16s


▲Up To Search▲   

 
Price & Availability of EC6A15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X