Part Number Hot Search : 
KJ10ETR SPI500MP 2CL2FJ SM103 TS4604 CYPRESS ZTX753 SMBJ11
Product Description
Full Text Search
 

To Download CD295BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   9 snap-in cd 29  bc series 6 000h at 85c long life at 85c high ripple current long life general industrial electronics cd 296 kc cd 295 bc 105c cd 29l ql higher current longer life cd 293 bz cd 29d hr larger size higher current item characteristics operating temperature range (c) -40 ~ +85 -25 ~ +85 voltage range (v) 10 ~ 400 450 capacitance range (f) 68 ~ 22 000 capacitance tolerance (20c, 120hz) 20% leakage current (a) after 5 minutes at 20c application of rated voltage, leakage current is not more than 0,01cv or 1,5ma, whichever is smaller c: nominal capacitance (f) v: rated voltage (v) dissipation factor (20c, 120hz) rated voltage (v) 10 16 2    0 6  ~100 160~2  0  1  ~  0 tan (max) 0,80 0,60 0,50 0,40 0,30 0,20 0,15 0,15 stability at low temperature (impedance ratio at 120hz) rated voltage (v) 10 16~   0~100 160~200 2  0~  00  0 z -25c / z +20c 5 4 3 4 z -40c / z +20c 18 15 10 6 8 - useful life load life endurance test shelf life lifetime 6 000h >100 000h 5 000h 5 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not more than specifed value capacity change within 30% of initial value within 20% of initial value within 20% of initial value within 20% of initial value dissipation factor not more than 300% of specifed value not more than 200% of specifed value not more than 130% of specifed value not more than 200% of specifed value condition: applied voltage applied current applied temperature failure rate level u r i r 85c 1% failure rate u r 1,2 x i r 40c 1% failure rate u r i r 85c guaranteed u r i r = 0 85c u r = 0 i r = 0 85c after test: u r to be applied for 30min >24h before measurement frequency rated voltage (v) 50hz 120hz 1khz 10khz 100khz 50 0,95 1,00 1,10 1,15 1,15 63 ~ 100 0,95 1,00 1,16 1,30 1,33 160 0,90 1,00 1,20 1,50 1,55 multiplier for ripple current frequency coeffcient lifetime diagram u r 160v 20 30 40 50 60 70 80 90 cd 295 bc series t a (?c) i a CCC i r 2.5 2.0 1.5 1.0 0.5 0.0 x32 x16 x8 x4 x2 x1 lifetime multiplier i a = actual ripple current at 120hz, i r = rated ripple current at 120hz, 85c multiplier of useful life as a function of ambient temperature and ripple current load lifetime diagram u r < 160v 20 30 40 50 60 70 80 90 cd 295 bc series t a (?c) i a CCC i r 2.5 2.0 1.5 1.0 0.5 0.0 x32 x16 x8 x4 x2 x1 lifetime multiplier i a = actual ripple current at 120hz, i r = rated ripple current at 120hz, 85c multiplier of useful life as a function of ambient temperature and ripple current load direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
 0 snap-in cd 29  bc series v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 10 (13) 1a 10 000 107 75 2,5 22 x 25 12 000 89 62 2,7 22 x 25 15 000 71 50 3,2 22 x 30 71 50 3,1 25 x 25 18 000 59 42 3,6 22 x 35 59 42 3,6 25 x 30 22 000 49 34 4,0 22 x 40 49 34 4,1 25 x 35 49 34 4,1 30 x 25 16 (20) 1c 8 200 98 68 2,2 22 x 25 10 000 80 56 2,6 22 x 30 80 56 2,6 25 x 25 12 000 67 47 2,9 22 x 35 15 000 54 38 3,3 22 x 40 54 38 3,3 25 x 30 54 38 3,4 30 x 25 18 000 45 31 3,8 22 x 45 45 31 3,7 25 x 35 22 000 37 26 4,2 22 x 50 37 26 4,2 25 x 40 37 26 4,2 30 x 30 37 26 4,4 35 x 25 25 (32) 1e 5 600 119 83 2,0 22 x 25 6 800 98 69 2,3 22 x 30 98 69 2,3 25 x 25 8 200 81 57 2,6 22 x 35 10 000 67 47 2,9 22 x 40 67 47 2,8 25 x 30 67 47 3,0 30 x 25 12 000 56 39 3,3 22 x 45 56 39 3,2 25 x 35 56 39 3,4 30 x 30 15 000 45 31 3,7 25 x 40 45 31 3,9 35 x 25 18 000 37 26 4,3 25 x 50 37 26 4,2 30 x 35 37 26 4,4 35 x 30 22 000 31 22 4,8 30 x 40 31 22 5,0 35 x 35 35 (44) 1v 3 300 161 113 1,8 22 x 25 3 900 137 96 2,1 22 x 30 4 700 113 80 2,2 25 x 25 5 600 95 67 2,3 22 x 35 95 67 2,3 25 x 30 6 800 79 55 2,9 22 x 40 79 55 2,6 25 x 35 79 55 2,7 30 x 25 8 200 65 46 2,8 22 x 50 65 46 2,8 25 x 40 65 46 2,8 30 x 30 65 46 2,9 35 x 25 10 000 54 38 3,1 25 x 45 54 38 3,2 30 x 35 12 000 45 31 3,5 25 x 50 45 31 3,5 30 x 40 45 31 3,6 35 x 30 15 000 36 25 4,1 30 x 45 36 25 4,1 35 x 35 18 000 30 21 4,6 30 x 50 30 21 4,7 35 x 40 22 000 25 17 5,3 35 x 45 50 (63) 1h 2 200 181 127 1,7 22 x 25 2 700 148 104 1,9 22 x 30 148 104 1,9 25 x 25 3 300 121 85 2,0 25 x 30 3 900 103 72 2,1 22 x 35 103 72 2,1 25 x 30 103 72 2,4 30 x 25 4 700 85 60 2,4 22 x 40 85 60 2,4 25 x 35 5 600 72 50 2,5 22 x 50 72 50 2,5 25 x 40 72 50 2,5 30 x 30 72 50 2,6 35 x 25 6 800 59 41 2,8 25 x 45 59 41 2,8 30 x 35 8 200 49 34 3,2 25 x 50 49 34 3,0 30 x 40 49 34 3,0 35 x 30 10 000 40 28 3,4 30 x 45 40 28 3,4 35 x 35 12 000 34 24 3,8 30 x 50 34 24 3,8 35 x 40 15 000 27 19 4,5 35 x 50 v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 63 (79) 1j 1 500 177 124 1,6 22 x 25 1 800 148 104 1,8 22 x 25 2 200 121 85 2,0 22 x 30 121 85 2,0 25 x 25 2 700 99 69 2,2 22 x 35 99 69 2,3 25 x 30 3 300 81 57 2,3 22 x 40 81 57 2,3 25 x 35 81 57 2,3 30 x 25 3 900 68 48 2,5 22 x 45 68 48 2,6 25 x 40 68 48 2,6 30 x 30 68 48 2,7 35 x 25 4 700 57 40 2,9 30 x 30 5 600 48 34 3,1 25 x 45 48 34 3,2 30 x 35 48 34 3,3 35 x 30 6 800 40 28 3,6 30 x 40 40 28 3,7 35 x 35 8 200 33 23 3,7 30 x 50 33 23 3,8 35 x 40 10 000 27 19 4,3 35 x 45 12 000 23 16 4,8 35 x 50 80 (100) 1k 1 000 266 186 1,3 22 x 25 1 200 222 155 1,5 22 x 30 1 500 177 124 1,7 25 x 25 1 800 148 104 1,9 22 x 35 148 104 1,9 25 x 30 2 200 121 85 2,1 22 x 40 121 85 2,2 25 x 35 121 85 2,2 30 x 25 2 700 99 69 2,5 22 x 50 99 69 2,5 25 x 40 99 69 2,5 30 x 30 99 69 2,5 35 x 25 3 300 81 57 2,8 25 x 45 81 57 2,8 30 x 35 3 900 68 48 3,1 25 x 50 68 48 3,2 30 x 40 68 48 3,2 35 x 30 4 700 57 40 3,6 30 x 45 57 40 3,6 35 x 35 5 600 48 34 3,8 30 x 50 48 34 3,8 35 x 40 6 800 39 28 4,1 35 x 50 100 (125) 2a 680 391 274 1,1 22 x 25 820 324 227 1,2 22 x 30 1 000 266 186 1,4 25 x 25 1 200 222 155 1,6 22 x 35 222 155 1,6 25 x 30 1 500 177 124 1,8 22 x 40 177 124 1,7 25 x 35 177 124 1,8 30 x 25 1 800 148 104 2,1 22 x 50 148 104 2,0 25 x 40 148 104 2,1 30 x 30 148 104 2,2 35 x 25 2 200 121 85 2,2 25 x 45 121 85 2,3 30 x 35 121 85 2,5 35 x 30 2 700 99 69 2,6 25 x 50 99 69 2,7 30 x 40 3 300 81 57 3,0 30 x 45 81 57 3,1 35 x 35 3 900 68 48 3,4 30 x 50 68 48 3,4 35 x 40 4 700 57 40 4,0 35 x 50 160 (200) 2c 220 905 634 1,0 22 x 25 270 737 516 1,1 22 x 25 330 603 423 1,3 22 x 25 390 511 358 1,5 22 x 30 511 358 1,5 25 x 25 470 424 297 1,7 25 x 25 560 356 249 1,9 22 x 35 356 249 1,9 25 x 30 356 249 2,0 30 x 25 680 293 205 2,1 22 x 40 293 205 2,2 25 x 35 820 243 170 2,5 22 x 50 243 170 2,4 25 x 40 243 170 2,5 30 x 30 243 170 2,4 35 x 25 1 000 199 140 2,7 25 x 45 199 140 2,8 30 x 35 199 140 2,7 35 x 30 direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
 1 custom products are available on request. snap-in cd 29  bc series ratings for cd 295 bc series v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 160 (200) 2c 1 200 166 117 3,1 25 x 50 166 117 3,2 30 x 40 166 117 3,0 35 x 35 1 500 133 93 3,7 30 x 45 133 93 3,5 35 x 40 1 800 111 78 3,9 35 x 45 2 200 91 64 4,5 35 x 50 180 (225) 2k 270 737 516 1,2 22 x 25 330 603 423 1,4 22 x 30 390 511 358 1,5 25 x 25 470 424 297 1,7 22 x 35 424 297 1,7 25 x 30 424 297 1,8 30 x 25 560 356 249 1,9 22 x 40 356 249 2,0 25 x 35 680 293 205 2,3 22 x 50 293 205 2,2 25 x 40 293 205 2,3 30 x 30 293 205 2,2 35 x 25 820 243 170 2,5 25 x 45 243 170 2,6 30 x 35 243 170 2,5 35 x 30 1 000 199 140 2,9 25 x 50 199 140 2,9 30 x 40 1 200 166 117 3,3 30 x 45 166 117 3,1 35 x 35 1 500 133 93 3,6 35 x 45 1 800 111 78 4,1 35 x 50 200 (250) 2d 220 905 634 1,1 22 x 25 270 737 516 1,2 22 x 25 330 603 423 1,4 22 x 30 603 423 1,4 25 x 25 390 511 358 1,6 22 x 35 511 358 1,6 25 x 30 470 424 297 1,8 22 x 40 424 297 1,9 30 x 25 560 356 249 2,0 22 x 45 356 249 2,0 25 x 35 356 249 2,1 30 x 30 356 249 2,0 35 x 25 680 293 205 2,3 25 x 40 293 205 2,4 30 x 35 820 243 170 2,6 25 x 50 243 170 2,7 30 x 40 243 170 2,5 35 x 30 1 000 199 140 3,1 30 x 45 199 140 2,8 35 x 35 1 200 166 117 3,4 30 x 50 166 117 3,2 35 x 40 1 500 133 93 3,8 35 x 50 250 (300) 2e 100 1 990 1 393 0,72 22 x 25 180 1 106 774 0,94 22 x 25 220 905 634 1,1 22 x 30 905 634 1,1 25 x 25 270 737 516 1,2 22 x 35 330 603 423 1,4 22 x 40 603 423 1,4 25 x 30 603 423 1,5 30 x 25 390 511 358 1,6 22 x 45 511 358 1,6 25 x 35 470 424 297 1,8 22 x 50 424 297 1,8 25 x 40 424 297 1,8 30 x 30 424 297 1,9 35 x 25 560 356 249 2,0 25 x 45 356 249 2,0 30 x 35 680 293 205 2,3 30 x 40 293 205 2,4 35 x 30 820 243 170 2,6 30 x 45 243 170 2,6 35 x 35 1 000 199 140 3,0 35 x 40 1 200 166 117 3,4 35 x 45 315 (365) 2f 100 1 990 1 393 0,67 22 x 25 120 1 658 1 161 0,75 22 x 30 150 1 327 929 0,85 22 x 30 1 327 929 0,85 25 x 25 180 1 106 774 0,96 22 x 35 1 106 774 0,96 25 x 30 220 905 634 1,1 22 x 40 905 634 1,1 25 x 35 905 634 1,1 30 x 25 270 737 516 1,2 22 x 45 737 516 1,3 25 x 40 737 516 1,3 30 x 30 737 516 1,3 35 x 25 v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 85c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 315 (365) 2f 330 603 423 1,4 25 x 45 603 423 1,4 30 x 35 390 511 358 1,6 25 x 50 511 358 1,6 30 x 40 511 358 1,6 35 x 30 470 424 297 1,8 30 x 45 424 297 1,8 35 x 35 560 356 249 2,0 30 x 50 356 249 2,0 35 x 40 680 293 205 2,3 35 x 45 350 (400) 2v 82 2 427 1 699 0,64 22 x 25 100 1 990 1 393 0,72 22 x 25 120 1 658 1 161 0,82 22 x 30 1 658 1 161 0,81 25 x 25 150 1 327 929 0,94 22 x 35 1 327 929 0,94 25 x 30 180 1 106 774 1,1 22 x 40 1 106 774 1,1 30 x 25 220 905 634 1,2 22 x 45 905 634 1,2 25 x 35 905 634 1,2 30 x 30 905 634 1,3 35 x 25 270 737 516 1,4 25 x 45 737 516 1,4 30 x 35 330 603 423 1,6 25 x 50 603 423 1,6 35 x 30 390 511 358 1,7 30 x 40 511 358 1,8 35 x 35 470 424 297 2,0 30 x 45 424 297 2,0 35 x 40 560 356 249 2,3 35 x 45 680 293 205 2,6 35 x 50 820 243 170 2,8 35 x 60 400 (450) 2g 68 2 926 2 048 0,55 22 x 25 82 2 427 1 699 0,60 22 x 25 100 1 990 1 393 0,70 22 x 30 1 990 1 393 0,70 25 x 25 120 1 658 1 161 0,79 22 x 35 150 1 327 929 0,90 22 x 40 1 327 929 0,89 25 x 30 1 327 929 0,95 30 x 25 180 1 106 774 1,0 22 x 45 1 106 774 1,0 25 x 35 1 106 774 1,1 30 x 30 1 106 774 1,2 35 x 25 220 905 634 1,1 22 x 50 905 634 1,2 25 x 40 905 634 1,2 30 x 35 270 737 516 1,3 25 x 45 737 516 1,4 30 x 40 737 516 1,6 35 x 30 330 603 423 1,6 30 x 45 603 423 1,7 35 x 35 390 511 358 1,8 30 x 50 511 358 1,8 35 x 40 470 424 297 2,1 35 x 45 560 356 249 2,3 35 x 50 450 (500) 2w 68 2 926 2 048 0,57 22 x 30 82 2 427 1 699 0,64 22 x 35 100 1 990 1 393 0,72 22 x 35 1 990 1 393 0,73 25 x 30 120 1 658 1 161 0,80 22 x 40 1 658 1 161 0,83 25 x 35 150 1 327 929 0,95 22 x 50 1 327 929 0,95 25 x 40 1 327 929 0,98 30 x 30 180 1 106 774 1,1 25 x 45 1 106 774 1,1 30 x 35 1 106 774 1,2 35 x 25 220 905 634 1,2 25 x 50 905 634 1,3 30 x 40 905 634 1,3 35 x 30 270 737 516 1,4 30 x 45 737 516 1,5 35 x 35 330 603 423 1,7 30 x 50 390 511 358 1,9 35 x 45 470 424 297 2,2 35 x 50 direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
8 part number system ec r 1c pt 101 m ff 2  0611 je xxxxx technology terminal type rated voltage code series code capacitance code (in f) capacitance tolerance lead form terminal/ pitch size dimension for specials only ec = electrolytic capacitor smd = v for coding please refer to the pages of ratings cd vs = bs 0,47 = r47 20% = m smd: 4x7 = 0407 radial = r cd vh = vh 1,0 = 010 10% = k taped = ff terminal = t2 5x11,5 = 0511 pc = polymer capacitor snap-in = s cd vz = vz 2,2 = 2r2 +30 / -10% = q radial: 6,3x11,5 = 0611 cd 261 = lk 100 = 101 +50 / -10% = t long lead = ll 2,0mm = 20 35x80 = 3580 cd 261x = qx 1 000 = 102 cut 5,0mm = cb 2,5mm = 25 45x100 = 45100 cd 262 = qm 10 000 = 103 cut  ,  mm = cc 3,5mm = 35 cd 26  = bk cut 4,0mm = cd 5,0mm = 50 cd 269 = ph cut 3,5mm = ce 7,5mm = 75 cd 281 = ll cut 3,0mm = cf 10,0mm = 10 cd 28  = xy on request: alternative lead forms (axial, 90 - angle, others) 12,5mm = 12 cd 287 = gc cd 28l = ql snap-in: cd 29  = bz 4,0mm pin length = t4 2 pin = p2 cd 29  = bw 6,  mm pin length = t6 3 pin = p3 cd 29  = bc soldering pin = s4 4 pin = p4 cd 296 = kc 5 pin = p5 cd 297 = bb preferred cd 299 = pg cd 29d = hr cd 29h = qh cd 29l = ql hcp = cp hpm = pm hvc = vc order code smd, radial, snap-in technical specifcation smd type dimensions ? d x l  x  ,   x  ,  6,  x  ,  6,  x 7,7 8 x 10,  8 x 11,8 10x10,  10x12,7 a 1,8 2,1 2,4 2,5 2,9 2,9 3,2 3,2 b 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 c 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 e 1,0 1,3 2,2 2,2 3,1 3,1 4,5 4,5 l 5,4 5,4 5,4 7,7 10,5 11,8 10,5 12,7 w 0,5 - 0,8 0,7 - 1,1 in mm size (dxl) w 0,  a 0,2 b 0,2 p 0,1 t2 0,2 f 0,1 t1 0,1 4 x 5,4 12,0 5,0 5,0 8,0 5,8 5,5 0,4 5 x 5,4 12,0 6,0 6,0 12,0 5,8 5,5 0,4 6,3 x 5,4 16,0 7,0 7,0 12,0 5,8 7,5 0,4 6,3 x 7,7 16,0 7,0 7,0 12,0 8,4 7,5 0,4 8 x 10,5 24,0 8,7 8,7 16,0 11,0 11,5 0,5 8 x 11,8 24,0 8,7 8,7 16,0 12,3 11,5 0,5 10 x 10,5 24,0 10,7 10,7 16,0 11,0 11,5 0,5 10 x 12,7 24,0 10,7 10,7 16,0 14,0 11,5 0,5 in mm taping dimensions diameter w d 4; 5 14 1 50 1 6,3 18 1 50 1 8; 10 25 1 50 1 polymer 25 1 80 1 in mm for more details or soldering profles of radials or polymer-capacitors please contact our local sales offces. allowable range of peak temperature size t (c) t (second) t 1 (second) ? 4 ~ 6,3 250 90 40 ? 8 x 10,5 240 90 30 ? 10 x 10,5 235 60 30 soldering profle (aluminium electrolytic capacitors) direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
10 part number system terminal t6 t  pin length t 6,3 4,0 technical specifcation snap-in type pin type: snap-in pin type: soldering order code: t6, t4 order code: s4 t6 , t4 s4 snap-in terminal soldering terminal order code: p2, p3, p4 order code: p5 negative mounting holes mounting holes negative terminal p2 p3 p4 p5 ec g 1c bp 101 m b e 160 a  61 jexxxxx technology terminal type rated voltage code series code capacitance code capacitance tolerance mounting diameter length for terminal code see tables below for specials only ec = electrolytic capacitor screw = g for coding please refer to the pages of ratings cd 1  = bp 100 = 101 20% = m bolt = b 36 = a 53 = 053 cd 1  6 = pk 1 000 = 102 10% = k no double sleeve = n 40 = b 65 = 065 cd 1  7 = px 10 000 = 103 +30 / -10% = q 2 stoppers bracket + double sleeve* = i 51 = c 96 = 096 cd 1  8 = pc +20 / -0% = r 3 stoppers bracket + double sleeve* = y 64 = d 100 = 100 cd 1  9 = bl +50 / -10% = t no bracket, but double sleeve* = d 77 = e 115 = 115 preferred * double sleeve for diameter 51 only 90 = f 236 = 236 101 = g order code screw type ? d ? d l ? 36 m8 12 ? 51 m12 16 in mm technical specifcation screw type dimensions standard housing bolt housing order code : i, y, d, n order code : b mounting holes p3 only t4 terminal positive negative direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2


▲Up To Search▲   

 
Price & Availability of CD295BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X