Part Number Hot Search : 
AP1186K5 741B1 RGF10M 74ACT158 IDT74A ZS4748A LT1129 TP0101TS
Product Description
Full Text Search
 

To Download APF3309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ pf (apf) asctb205e 201202-t ordering information compliant with european standards 1a/1c 6a slim power relays pf relays (apf) vde rohs compliant features 1. high density mounting with 5 mm .197 inch width space saved with 5 mm .197 inch slim type with 28 mm 1.102 inch length. allows high density mounting and use in compact devices. 2. satis?s reinforced insulation standard (en/iec 61810-1). 3. high switching capacity supports 6a 250 v ac nominal switching capacity (resistive load) and ac15 and dc13 (inductive load). 4. 1 form a and 1 form c contact arrangements with options for a variety of applications. 5. 4,000 v high breakdown voltage and 6,000 v high surge breakdown voltage. controller protection against surges and noise with a breakdown voltage of 4,000 vrms for 1 min. between contacts and coil, and 6,000 v surge breakdown voltage between contacts and coil. 6. resistance to heat and ?e; en60335-1, clause 30 (gwt) approved. 7. sealed construction allows automatic washing. 8. complies with all safety standards. ul/c-ul, vde certi?d. typical applications 1. interface relays for programmable controllers 2. output relays for measuring equipment, timers, counters and temperature controllers 3. industrial equipment, of?e equipment 4. household appliances for europe nominal coil voltage (dc) 4h: 4.5 v 05: 5 v 06: 6 v 09: 9 v 12: 12 v 18: 18 v 24: 24 v 48: 48 v 60: 60 v contact arrangement 1: 1 form a 3: 1 form c contact type 0: single contact apf 0 contact material 2: agni type 3: agni type/au-plated note: certified by ul/c-ul and vde
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ pf (apf) asctb205e 201202-t types rating 1. coil data nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 20 c 68 f ) 4.5v dc max. 70%v nominal voltage (initial) min. 5%v nominal voltage (initial) 37.8ma 119 ? 170mw 120%v of nominal voltage 5v dc 34.0ma 147 ? 6v dc 28.3ma 212 ? 9v dc 18.9ma 476 ? 12v dc 14.2ma 847 ? 18v dc 9.4ma 1,906 ? 24v dc 7.1ma 3,388 ? 48v dc 4.5ma 10,618 ? 217mw 60v dc 2.9ma 20,570 ? 175mw standard packing: tube: 20 pcs.; case: 1,000 pcs. contact arrangement nominal coil voltage part no. 1 form a (agni type) 4.5v dc apf1024h 5v dc apf10205 6v dc apf10206 9v dc apf10209 12v dc apf10212 18v dc apf10218 24v dc apf10224 48v dc apf10248 60v dc apf10260 1 form a (agni type/au-plated) 4.5v dc apf1034h 5v dc apf10305 6v dc apf10306 9v dc apf10309 12v dc apf10312 18v dc apf10318 24v dc apf10324 48v dc apf10348 60v dc apf10360 contact arrangement nominal coil voltage part no. 1 form c (agni type) 4.5v dc apf3024h 5v dc apf30205 6v dc apf30206 9v dc apf30209 12v dc apf30212 18v dc apf30218 24v dc apf30224 48v dc apf30248 60v dc apf30260 1 form c (agni type/au-plated) 4.5v dc apf3034h 5v dc apf30305 6v dc apf30306 9v dc apf30309 12v dc apf30312 18v dc apf30318 24v dc apf30324 48v dc apf30348 60v dc apf30360
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ pf (apf) asctb205e 201202-t 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981 *3. the upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. refer to ?sage, transport and storage conditions in notes. *4. for cycle lifetime, refer to ?autions for use 4) in notes. characteristic item speci?ations contact arrangement 1 form a 1 form c contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) contact material agni type, agni type/au-plated rating nominal switching capacity (resistive load) 6 a 250 v ac max. switching power (resistive load) 1,500 va max. switching voltage 250v ac max. switching current 6 a (ac) nominal operating power 170 mw (5 to 24 v dc), 217 mw (48 v dc), 175 mw (60 v dc) min. switching capacity (reference value)* 1 100 ma 5 v dc (without au-plated), 1 ma 1 v dc (with au-plated) electrical characteristics insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1 min. (detection current: 10 ma) between contact and coil 4,000 vrms for 1 min. (detection current: 10 ma) surge breakdown voltage* 2 (between contact and coil) (initial) 6,000 v temperature rise (coil) (at 20 c 68 f ) max. 45 c 113 f (by resistive method, nominal coil voltage applied to the coil; contact carrying current: 6a.) operate time (at 20 c 68 f ) max. 8 ms (nominal coil voltage applied to the coil, excluding contact bounce time.) release time (at 20 c 68 f ) max. 4 ms (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional min. 98 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s) min. 49 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 11 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 1.5 mm expected life mechanical min. 5 10 6 (at 180 times/min.) electrical* 4 n.o.: min. 5 10 4 (at resistive load, 6 times/min. and nominal switching capacity) n.o.: min. 5 10 4 , n.c.: min. 3 10 4 (at resistive load, 6 times/min. and nominal switching capacity) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +85 c ?0 f to +185 f ; humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) unit weight approx. 5 g .18 oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ pf (apf) asctb205e 201202-t reference data 1. electrical life tested sample: apf30224 notes: 1. switch contacts are all on n.o. side. 2. ac 15 and dc 13 comply with iec-60947-5-1 testing conditions. dimensions (mm inch ) load type voltage current ambient temperature no. of ops. resistive load 250v ac 6 a 85 c 185 f 30,000 inductive load ac 15 250v ac 3 a 25 c 77 f 20,000 dc 13 24v dc 2 a 25 c 77 f 6,000 2. max. switching capacity (ac) 3. coil temperature rise tested sample: apf30224 measured portion: inside the coil ambient temperature: 28 c 82 f 4. ambient temperature characteristics tested sample: apf30224, 6 pcs. 1 0.5 0.2 0.3 0.4 2 3 4 5 6 10 10 20 30 50 100 250 contact voltage, v contact current, a 6a 0a 50 60 70 80 90 40 30 20 10 0 10090 110 120 140130 coil applied voltage, %v temperature rise, c 5 10 -20 -40 -20 0 0 20 85 60 40 -15 -10 -5 15 20 pick-up voltage drop-out voltage ambient temperature, c rate of change, % the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. 1 form a type external dimensions general tolerance: 0.3 .012 0.4 + 0.2 ? 0.1 + .008 ? .004 .016 1.2 .047 3.78 .149 2-0.6 2-.024 + 0.2 ? 0.1 + .008 ? .004 28.0max. 1.102max. 21.42 .843 2-1.0 2-.039 5.04 .198 1.9 .075 0.5 .020 15.0max. .591max. 3.5 0.5 .138 .020 5.0max. .197max. 1.2 .047 0.48 + 0.2 ? 0.1 + .008 ? .004 .019 pc board pattern (bottom view) tolerance: 0.1 .004 schematic (bottom view) 3.78 .149 21.42 .843 5.04 .198 1.9 .075 1.2 .047 2-1.0 dia. 2-.039 dia. 2-1.3 dia. 2-.051 dia. no com coil cad data 2. 1 form c type external dimensions general tolerance: 0.3 .012 0.4 + 0.2 ? 0.1 + .008 ? .004 .016 1.2 .047 2-0.6 2-.024 + 0.2 ? 0.1 + .008 ? .004 21.42 .843 3-1.0 3-.039 0.5 .020 3.5 0.5 .138 .020 5.0max. .197max. 1.2 .047 0.48 + 0.2 ? 0.1 + .008 ? .004 .019 3.78 .149 1.9 .075 28.0max. 1.102max. 5.04 .198 5.04 .198 15.0max. .591max. pc board pattern (bottom view) tolerance: 0.1 .004 schematic (bottom view) 3.78 .149 21.42 .843 5.04 .198 5.04 .198 1.9 .075 1.2 .047 2-1.0 dia. 2-.039 dia. 3-1.3 dia. 3-.051 dia. no com nc coil cad data
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ pf (apf) asctb205e 201202-t safety standards notes for cautions f or us e . certi?ation authority file no. applicable standard rating remarks ul/c-ul e120782 ul508, csa c22.2 no.14 ul1604 (class i, division 2, group a, b, c, d) 277v ac 8a, general use, 24v dc 6a, general use, b300, r300 (pilot duty) vde 40027672 en/iec 61810-1 250v ac 6a (cos = 1.0) 85 c 185 f n.o. side, n.c. side 250v ac 8a (cos = 1.0) 25 c 77 f n.o. side insulation: reinforced insulation between contact and coil. resistance to heat and ?e; en60335-1, clause 30 (gwt) approved. usage, transport and storage conditions 1) temperature: ?0 to +85 c ?0 to +185 f 2) humidity: 5 to 85% rh (avoid freezing and condensation.) the humidity range varies with the temperature. use within the range indicated in the graph below. 3) atmospheric pressure: 86 to 106 kpa temperature and humidity range for usage, transport, and storage 4) condensation condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. condensation will cause deterioration of the relay insulation. 5) freezing condensation or other moisture may freeze on the relay when the temperatures is lower than 0 c 32 f . this causes problems such as sticking of movable parts or operational time lags. 6) low temperature, low humidity environments the plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. 85 5 humidity, %rh tolerance range (avoid condensation when used at temperatures higher than 0 c 32 f ) (avoid freezing when used at temperatures lower than 0 c 32 f ) 850?0 +185+32?0 temperature, c f


▲Up To Search▲   

 
Price & Availability of APF3309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X