Part Number Hot Search : 
TC400 C1213 40H120 L62502TH M1200 05201033 30X30 Z8F160X
Product Description
Full Text Search
 

To Download ZCYS9058-510-2PL-TL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product name common mode filter for signal line series zcys series type 9058 type part number ZCYS9058-510-2PL-TL product lifecycle stage prod specification mounting method flag yes shape chip ac/dc classification dc number of elements nom 2 number of circuits nom 2 size code 9058 body length(l) nom 9 m m body breadth(w) nom 5.8 m m body height(t) nom 4.4 m m common mode inductance nom 51 micro h common mode inductance tolerance min -30 % max 30 % frequency of common mode inductance min 100 ?? hz max 100 ?? hz rated voltage max 80 v rated current max 0.5 a insulation resistance min 100 m ohm dc resistance max 0.25 ohm soldering method reflow,iron soldering category temperature range min -25 cel max 85 cel storage temperature range min -25 cel max 85 cel weight nom 0.32 g summary/applications/feature summary zcys series provide highly effective noise rejection characteristics without distorting the transmission signal.therefore this product is most suitable for an application of a xdsl interface circuit. applications xdsl, modem, pots-splitters for dslam feature zcys series provide highly effective noise rejection characteristics without distorting the transmission signal.therefore this product is most suitable for an application of a xdsl interface circuit. the products contain no lead and also support lead-free soldering. packaging packing blister (plastic)taping [330mm reel] minumum package qty nom 1500 pcs minimum order qty nom 1500 pcs [ caution ] specifications which provide more details for the p roper and safe use of the described product are available upon request. [ notice of revision and improve ] all specifications are subject to change without no tice. copyright(c) 1996-2008 all rights reserved. page 1 of 1 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja101&no=zcy s9058-510-2pl-tl8...


▲Up To Search▲   

 
Price & Availability of ZCYS9058-510-2PL-TL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X