Part Number Hot Search : 
YG802C06 BC857 OPB39T55 BYZ35K27 15011 BC847 2SK19 BYZ35K27
Product Description
Full Text Search
 

To Download KTD2059R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 5. 22 1/2 semiconductor technical data ktd2059 triple diffused npn transistor revision no : 2 general purpose application. features complementary to ktb1367. maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. base 2. collector 3. emitter electrical characteristics (ta=25 ) note : h fe (1) classification r:40 80, o:70 140, y:120 240 characteristic symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 100 v emitter-base voltage v ebo 5 v collector current i c 5 a base current i b 0.5 a collector power dissipation (tc=25 ) p c 30 w junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =100v, i e =0 - - 100 a emitter cut-off current i ebo v eb =5v, i c =0 - - 1.0 ma collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 100 - - v dc current gain h fe (1) (note) v ce =5v, i c =1a 40 - 240 h fe (2) v ce =5v, i c =4a 20 - - collector-emitter saturation voltage v ce(sat) i c =4a, i b =0.4a - - 2.0 v base-emitter voltage v be v ce =5v, i c =1a - - 1.5 v transition frequency f t v ce =5v, i c =1a - 12 - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - 100 - pf
2007. 5. 22 2/2 ktd2059 revision no : 1 collector power dissipation amb ient te mperat ure t a ( c) pc - ta collector-emitter saturation ce(sat) 0.3 0.1 0.03 0.01 collector current i (a) c v - i safe operating area ce collector-emitter voltage v (v) 2510 30 c collector current i (a) 0.1 i - v cce ce collector-emitter voltage v (v) 0 c 0 collector current i (a) 10 dc current gain h fe 0.01 collector current i (a) c h - i 1.0 2.0 3.0 4.0 5.0 6.0 1.0 2.0 3.0 4.0 5.0 common emitter tc=25 c 300 250 200 150 100 50 0 i =20ma b ce(sat) c voltage v (v) 1310 0.03 0.05 0.1 0.3 0.5 1 2 common emitter i /i =10 c b tc=75 c tc=25 c tc=-25 c fe c 0.03 0.1 0.3 1 3 10 30 50 100 300 500 common emitter v =5v ce tc=75 c tc=25 c tc=-25 c p (w) c 100 300 0.3 0.5 1 3 5 10 20 single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature * i max.(pulsed) c * c i max. (continuous) 1ms 10ms 100ms 1s * * * * * dc operation tc=25 c v max. ceo 0 0 25 50 75 100 125 150 10 20 30 40 50 tc=ta inifinite heat sink


▲Up To Search▲   

 
Price & Availability of KTD2059R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X