Part Number Hot Search : 
45985 084AC 62WV256 STA371A MMBT5550 NX5504 EDZ16 EFMAF102
Product Description
Full Text Search
 

To Download 2SC3648 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type features adoption of fbet, mbit processes high breakdown voltage and large current capacity fast switching speed 2SC3648 absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 180 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6v collector current i c 0.7 a collector current (pulse) i cp 1.5 a p c 500 mw p c* 1.3 w jumction temperature t j 150 storage temperature range t stg -55to+150 * mounted on ceramic board (250 mm 2 x 0.8 mm) collector power dissipation electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector cut-off current i cbo v cb = 120v , i e =0 0.1 ua emitter cut-off current i ebo v eb =4v,i c =0 0.1 ua collector-base breakdown voltage v (br)cbo i c = 10ua , i e = 0 180 v collector-emitter breakdown voltage v (br)ceo i c =1ma,r be = 160 v emitter-base breakdown voltage v (br)ebo i e = 10ua , i c =0 6 v dc current gain h fe v ce =5v,i c = 100ma 100 400 collector-emitter saturation voltage v ce(sat) i c = 250ma , i b = 25ma 0.2 0.5 v base-emitter saturation voltage v be(sat) i c = 250ma , i b = 25ma 0.85 1.2 v gain-bandwidth product f t v ce = 10v , i c = 50ma 120 mhz collector output capacitance c ob v cb = 10v , i e = 0 , f = 1mhz 11 pf turn-on time t on 60 storage time t stg 900 fall time t f 60 ns see test circuit. product specification sales@twtysemi.com 1 of 3 http://www.twtysemi.com 4008-318-123
smd type electrical characteristics curves test circuit h fe classification marking rank r s t h fe 100 200 140 280 200 400 cd 2SC3648 product specification sales@twtysemi.com 2 of 3 http://www.twtysemi.com 4008-318-123
smd type 2SC3648 product specification sales@twtysemi.com 3 of 3 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SC3648

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X