Part Number Hot Search : 
B8279 SE094 90814 ZC825B ASW204 LC721 SR10100S 2SC556
Product Description
Full Text Search
 

To Download MTN007N03LS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 1/9 MTN007N03LS3 cystek product specification 30v n-channel enhancement mode mosfet MTN007N03LS3 bv dss 30v i d 780ma r dson @v gs =4.5v, i d =400ma 310m (typ) r dson @v gs =2.5v,i d =250ma 440m (typ) r dson @v gs =1.8v,i d =150ma 580m (typ) features ? simple drive requirement ? small package outline ? pb-free lead plating and halogen-free package symbol outline ordering information device package shipping MTN007N03LS3-0-t1-g sot-323 (pb-free lead plating an d halogen-free package) 3000 pcs / tape & reel MTN007N03LS3 sot-323 d s g g gate s source d drain
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 2/9 MTN007N03LS3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 8 v continuous drain current @ t a =25 c (note 3) 780 continuous drain current @ t a =70 c (note 3) i d 620 ma pulsed drain current (notes 1, 2) i dm 3.5 a p d 0.35 w maximum power dissipation@ t a =25 linear derating factor 0.003 w/ c esd susceptibility 1000 (note 4) v operating junction and storage temperature tj, tstg -55~+150 c note : 1. pulse width limited by maximum junction temperature. 2. pulse width 300 s, duty cycle 2%. 3. surface mounted on 1 in2 copper pad of fr-4 board, t 10 seconds. 4. human body model, 1.5k in series with 100pf. thermal performance parameter symbol limit unit thermal resistance, junction- to-ambient(pcb mounted) (note) rth,ja 360 c/w note : surface mounted on 1 in2 copper pad of fr-4 board, t 10 seconds. electrical characteristics (tj=25 c, unless otherwise noted) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a ? bv dss / ? tj - 0.02 - v/ c reference to 25c, i d =250 a v gs(th) 0.5 0.75 1.0 v v ds =v gs , i d =250 a i gss - - 5 v gs = 8v, v ds =0 - - 1 v ds =30v, v gs =0 i dss - - 10 a v ds =24v, v gs =0 (tj=70 c) - 310 400 v gs =4.5v, i d =400ma - 440 600 v gs =2.5v, i d =250ma *r ds(on) - 580 750 m v gs =1.8v, i d =150ma *g fs - 1.2 - s v ds =5v, i d =400ma dynamic ciss - 58 - coss - 10 - crss - 6 - pf v ds =15v, v gs =0, f=1mhz
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 3/9 MTN007N03LS3 cystek product specification t d(on) - 6 - t r - 7 - t d(off) - 14 - t f - 4 - ns v ds =15v, i d =400ma, v gs =4.5v, r g =6 qg - 1.4 - qgs - 0.2 - qgd - 0.5 - nc v ds =24v, i d =780ma, v gs =4.5v source-drain diode *v sd - 0.74 1.2 v v gs =0v, i s =100ma *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 4/9 MTN007N03LS3 cystek product specification typical characteristics typical output characteristics 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 012345 v ds , drain-source voltage(v) i d , drain current (a) v gs =2.5v v gs =3v v gs =3.5v v gs =1.5v v gs =2v 5v 4.5 v 4v brekdown voltage vs ambient temperature 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 0 200 400 600 800 1000 1200 1400 1600 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =4.5v v gs =2.5v v gs =1.8v reverse drain current vs source-drain voltage 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 i dr , reverse drain current (a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 100 200 300 400 500 600 700 800 900 1000 012345 v gs , gate-source voltage(v) r ds( on) , static drain-source on- state resistance(m) i d =400ma drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds( on) , normalized static drain- source on-state resistance v gs =4.5v, i d =400ma
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 5/9 MTN007N03LS3 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 -60 -40 -20 0 20 40 60 80 100 120 140 160 tj, junction temperature(c) v gs( th) , normalized threshold voltage i d =250 a single pulse power rating, junction to ambient (note on page 2) 0 5 10 15 20 0.001 0.01 0.1 1 10 100 pulse width(s) power (w) t j( max) =150c t a =25c r ja =360c/w gate charge characteristics 0 2 4 6 8 10 0 0.5 1 1.5 2 2.5 3 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =780ma v ds =24v v ds =15v v ds =10v maximum safe operating area 0.01 0.1 1 10 0.01 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current (a) dc 10ms 100ms 1ms 100 s t a =25c, tj=150c, v gs =4.5v, r ja =360c/w single pulse maximum drain current vs junctiontemperature 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c, v gs =4.5v, r ja =360c/w
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 6/9 MTN007N03LS3 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 0.5 1 1.5 2 2.5 3 3.5 012345 v gs , gate-source voltage(v) i d , drain current (a) v ds =5v power derating curve 0 0.1 0.2 0.3 0.4 0 20 40 60 80 100 120 140 160 t a , ambient temperature() p d , power dissipation(w) mounted on fr-4 board with 1 in 2 p ad area transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t 1 /t 2 3.t jm -t a =p dm *z ja (t) 4.r ja =360 c/w forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pu l s e d v ds =5v
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 7/9 MTN007N03LS3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 8/9 MTN007N03LS3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c867s3 issued date : 2012.10.12 revised date : 2013.09.09 page no. : 9/9 MTN007N03LS3 cystek product specification sot-323 dimension marking: millimeters inches millimeters inches dim min. max. min. max. dim min. max. min. max. a 0.900 1.100 0.035 0.043 e1 2.150 2.450 0.085 0.096 a1 0.000 0.100 0.000 0.004 e 0.650 typ 0.026 typ a2 0.900 1.000 0.035 0.039 e1 1.200 1.400 0.047 0.055 b 0.200 0.400 0.008 0.016 l 0.525 ref 0.021 ref c 0.080 0.150 0.003 0.006 l1 0. 260 0.460 0.010 0.018 d 2.000 2.200 0.079 0.087 0 8 0 8 e 1.150 1.350 0.045 0.053 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . style: pin 1.gate 2.source 3.drain 3-lead sot-323 plastic surface mounted package cystek package code: s3 te date ch code


▲Up To Search▲   

 
Price & Availability of MTN007N03LS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X