Part Number Hot Search : 
XZMR65WA S80C51 AM687LMB FRF10A40 00SERI 9913I EP100 F740LC
Product Description
Full Text Search
 

To Download 15SMC16CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors 1.5smc series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1.5smc series features mechanical characteristics rating symbol value units peak pulse power dissipation at ta=25c by 10x1000s waveform (fig.1)(note 1), (note 2) p ppm 1500 watts power dissipation on in? nite heat sink at ta=50c p d 6.5 watts peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 200 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 4) v f 3.5/5.0 v operating junction and storage temperature range. t j , t stg -55c to 150c c typical thermal resistance junction to lead r ujl 15 c/w typical thermal resistance junction to ambient r uja 75 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above ta = 25c per fig. 2. 2. measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum. 3. vf<3.5v for devices of vbr < 200v and vf<5.0v for devices of vbr > 201v . 1. halogen-free 2. rohs compliant 3. typical maximum temperature coef ?cient 4. v br = 0.1% x v br @25c x t 5. glass passivated chip junction in do-214ab package 6. 1500w peak pulse capadility at 101000s waveform, repetition rate (duty cycles):0.01% 7. fast response time:typically less than 1.0ps from 0 volts to bv min 8. excellent clamping capability 9. low incremental surge resistance 10. typical ir less than 5a above 12v 11. high temperature soldering guaranteed: 260c/40 seconds / 0.375, 12. (9.5mm) lead length, 5lbs., (2.3kg) tension 13. plastic package has underwriters laboratory fammability classi?cation 94v-0 tvs devices are ideal for the protection of i/o interfaces,vcc bus and other vulnerable circuits used in telecom, computer , industrial and consumer electronic applications. uni bi uni bi anode cathode applications circuit prote ct io n system
transient voltage suppressors - 1.5smc series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics type number reverse stand-off voltage breakdown voltage@i t test current maximum clamping voltage@i pp peak pulse current reverse leakage @v rwm (uni) (bi) v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) 1.5smc6.8a 1.5smc6.8ca 5.80 6.40 7.25 10 9.2 163.0 800 1.5smc7.5a 1.5smc7.5ca 6.40 7.22 8.30 10 10.3 145.7 800 1.5smc8.2a 1.5smc8.2ca 7.02 7.78 8.95 10 12.0 125.0 200 1.5smc9.1a 1.5smc9.1ca 7.78 8.33 9.58 1 12.9 116.3 100 1.5smc10a 1.5smc10ca 8.55 9.44 10.82 1 13.6 110.3 50 1.5smc11a 1.5smc11ca 9.40 10.00 11.50 1 18.2 82.5 5 1.5smc12a 1.5smc12ca 10.20 11.10 12.80 1 19.9 75.4 5 1.5smc13a 1.5smc13ca 11.10 12.20 14.00 1 21.5 69.8 5 1.5smc15a 1.5smc15ca 12.80 14.40 16.50 1 24.4 61.5 5 1.5smc16a 1.5smc16ca 13.60 15.60 17.90 1 26.0 57.7 5 1.5smc18a 1.5smc18ca 15.30 16.70 19.20 1 29.2 51.4 5 1.5smc20a 1.5smc20ca 17.10 18.90 21.70 1 32.4 46.3 5 1.5smc22a 1.5smc22ca 18.80 20.00 23.30 1 35.5 42.3 5 1.5smc24a 1.5smc24ca 20.50 22.20 25.50 1 38.9 38.6 5 1.5smc27a 1.5smc27ca 23.10 24.40 28.00 1 42.1 35.7 5 1.5smc30a 1.5smc30ca 25.60 28.90 33.20 1 48.4 31.0 5 1.5smc33a 1.5smc33ca 28.20 31.10 35.80 1 53.3 28.2 5 1.5smc36a 1.5smc36ca 20.80 33.30 38.30 1 58.1 25.9 5 1.5smc39a 1.5smc39ca 33.30 36.70 42.20 1 64.5 23.3 5 1.5smc43a 1.5smc43ca 36.80 40.00 46.00 1 69.4 21.7 5 1.5smc47a 1.5smc47ca 40.20 44.40 51.10 1 72.7 20.6 5 1.5smc51a 1.5smc51ca 43.60 47.80 54.90 1 82.4 18.2 5 1.5smc56a 1.5smc56ca 47.80 50.00 57.50 1 87.1 17.3 5 1.5smc62a 1.5smc62ca 53.00 56.70 65.20 1 96.8 15.5 5 1.5smc68a 1.5smc68ca 58.10 64.40 74.10 1 103.0 14.6 5 1.5smc75a 1.5smc75ca 64.10 71.10 81.80 1 121.0 12.4 5 1.5smc82a 1.5smc82ca 70.10 77.80 89.50 1 137.0 11.0 5 1.5smc91a 1.5smc91ca 77.80 86.70 99.70 1 146.0 10.3 5 1.5smc100a 1.5smc100ca 85.50 94.40 108.20 1 162.0 9.3 5 1.5smc110a 1.5smc110ca 94.00 100.00 115.50 1 177.0 8.5 5 1.5smc120a 1.5smc120ca 102.00 111.00 128.00 1 193.0 7.8 5 1.5smc130a 1.5smc130ca 111.00 122.00 140.50 1 209.0 7.2 5 1.5smc150a 1.5smc150ca 128.00 144.00 165.50 1 243.0 6.2 5 1.5smc180a 1.5smc180ca 154.00 167.00 192.60 1 292.0 5.1 5 1.5smc200a 1.5smc200ca 171.00 189.00 217.50 1 324.0 4.6 5 1.5smc220a 1.5smc220ca 185.00 209.00 243.20 1 356.0 4.3 5 1.5smc250a 1.5smc250ca 214.00 242.00 272.00 1 405.0 3.7 5 circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1.5smc series ratings and characteristic curves figure 2 - pulse der ating cur ve figure 3 - pulse w av ef or m figure 4 - t ypical junction capacitanc e figure 5 - st eady stat e po we r der ating cur ve figure 1 - p eak pulse p owe r ratin g figure 6 - maximum non-repetiti ve p eak fo rw ar d surg e curr ent uni-dir ectional onl y circuit prote ct io n system
transient voltage suppressors - 1.5smc series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering parameters fefow condition lead-free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(min) ) 200c - time (min to max) (t s ) 60-180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60-150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical specifcations weight 0.007 ounce, 0.21 grams case jedec do214aa. molded plastic body over glass passivated junction polarity color band denotes cathode except bidirectional. termina matte tin-plated leads, solderable per jesd22-b102d environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 circuit prote ct io n system
page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - 1.5smc series dimensions dim inches millimeters min max min max a 0.114 0.126 2.900 3.200 b 0.260 0.280 6.600 7.110 c 0.220 0.245 5.590 6.220 d 0.079 0.103 2.060 2.620 e 0.030 0.060 0.760 1.520 f - 0.008 0.203 g 0.305 0.320 7.750 8.130 h 0.006 0.012 0.152 0.305 0.129 3.300 0.094 2.400 0.165 4.200 l 0.094 2.400 unit:mm do-214ab (smc j-bend) storage conditions: 1. storage temperature: -10c~+40c 2. relative humidity:75%rh 3. keep away from corrosive atmosphere and sunlight. period of storage: 1 year warehouse storage conditions of products circuit prote ct io n system
page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of 15SMC16CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X