Part Number Hot Search : 
6EAH1 HPLW110 2N5754 0125M3 S60D45PT 2SD1209K 224AL AT93C4
Product Description
Full Text Search
 

To Download RNF12FTC10R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 01/24/2014 1 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. rn f /rnm f series gene ral purpose metal film resistor stackpole electronics, inc. resistive product solutions 10 ppm/oc 100 - 100k 100 - 100k 100 - 100k 100 - 100k 100 - 100k 25 ppm/oc 100 - 100k 100 - 100k 100 - 100k 30.1 - 499k 49.9 - 499k 50 ppm/oc 100 - 100k 100 - 100k 100 - 100k 10 - 1m 1 - 1m 100 ppm/oc 100 - 100k 51.1 - 100k 100 - 100k 10 - 1m 1 - 10m 1 - 22m 1 - 22m 10 ppm/oc 100 - 100k 100 - 100k 25 ppm/oc 100 - 100k 1 - 2.2m 1 - 2.2m 1 - 2.2m 10 - 1m 50 ppm/oc 100 - 100k 1 - 2.2m 1 - 2.2m 1 - 2.2m 1 - 5.11m 1.1m - 10m 100 ppm/oc 100 - 100k 1 - 2.2m 1 - 2.2m 1 - 2.2m 1 - 10m 5.6 - 10m 1 - 10m 25 ppm/oc 100 - 100k 100 - 100k 100 - 100k 49.9 - 499k 49.9 - 499k 50 ppm/oc 100 - 100k 100 - 100k 100 - 100k 10 - 1m 1 - 4.99m 100 ppm/oc 100 - 100k 100 - 100k 100 - 100k 10 - 1m 1 - 10m 1 - 10m 1 - 10m 25 ppm/oc 50 ppm/oc 10 - 1m 10 - 470k 100 ppm/oc 10 - 1m 1 - 1m 25 ppm/oc - 50 ppm/oc 10 - 1m 100 ppm/oc 10 - 1m 10 - 1m 25 ppm/oc 100 - 100k 100 - 100k 30.1 - 499k 30.1 - 499k 50 ppm/oc 100 - 100k 100 - 100k 10 - 1m 1 - 1m 100 ppm/oc 100 - 100k 100 - 100k 10 - 1m 1 - 2.15m 1 - 2.2m 1 - 2.2m 25 ppm/oc 30.1 - 294k 30.1 - 294k 49.9 - 1m 49.9 - 1m 50 ppm/oc 30.1 - 1m 30.1 - 1m 10 - 1m 1 - 1m 100 ppm/oc 30.1 - 1m 30.1 - 1m 10 - 1m 1 - 10m 1 - 10m 1 - 10m (1) lesser of pr or maximum working voltage rnf2 - 2w 350v rnf12 rn 60 rnf1 rn 65 200v 0.25w rnf14 rn 55 rnmf12 rl 07 350v 600v 0.5w rnmf14 - 200v 400v 0.25w 1% 2% 5% - - - - 700v 350v 500v 250v maximum working voltage (vrms) (1) type / code mil ref power rating (watts) @ 70oc - - - - - - - - - 400v resistance temperature coefficient maximum overload voltage (vrms) 800v 350v 700v 0.5w 1w rnf18 rn 50 0.125w - - - - - - - - - - - - - - - - - - - - - - - - - ohmic range () and tolerance 0.05% - - 0.1% 0.25% 0.5% - - - - - - - - - - - - - - - - - - - - - - - - - - features: ? precision metal film ? superior electrical, tcr performances ? flame - retardant coatings are standard ? panasert available (selected sizes: contact factory) ? rnm f (mini) an ideal choice where size constraints apply ? rnf 5 % replaces mp series ? rohs compliant / lead - free ? lower or higher resistance values may be possible (contact factory) electrical specifications
rev date: 01/24/2014 2 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. rn f /rnm f series gene ral purpose metal film resistor stackpole electronics, inc. resistive product solutions biased humidity mil-std 202, method 103 1.5% resistance to solder heat mil-std 202, method 210 0.5% insulation resistance jis c 5202 5.6 0.5% load life mil-std 202, method 108 1% terminal strength mil-std 202, method 211 0.2% temperature cycling jesd22 method ja-104 1% moisture resistance mil-std 202, method 106 0.5% operating temperature range: -55oc to +155oc standard / method test requirement 0.130 0.012 0.071 0.012 1.102 0.118 0.018 0.003 inches 3.30 0.30 1.80 0.30 28.00 3.00 0.45 0.07 mm 0.250 0.026 0.093 0.010 1.102 0.118 0.022 0.003 inches 6.35 0.65 2.35 0.25 28.00 3.00 0.56 0.08 mm 0.344 0.030 0.108 0.039 1.102 0.197 0.026 0.004 inches 8.75 0.75 2.75 1.00 28.00 5.00 0.65 0.10 mm 0.433 0.039 0.177 0.020 1.181 0.118 0.030 0.002 inches 11.00 1.00 4.50 0.50 30.00 3.00 0.75 0.05 mm 0.591 0.039 0.197 0.020 1.339 0.157 0.028 0.004 inches 15.00 1.00 5.00 0.50 34.00 4.00 0.70 0.10 mm 0.130 0.012 0.070 0.003 1.102 0.118 0.017 0.002 inches 3.30 0.30 1.78 0.08 28.00 3.00 0.44 0.05 mm 0.250 0.026 0.093 0.010 1.102 0.118 0.022 0.003 inches 6.35 0.65 2.35 0.25 28.00 3.00 0.56 0.08 mm rnf14 rnf12 type / code unit rnf18 a b c d body length rnf1 rnmf14 rnmf12 rnf2 body diameter lead length (bulk) lead diameter 0 percent rated power (%) 100 -55oc 70oc 80 60 40 20 155oc -60 0 20 40 60 80 100 ambient temperature (oc) 120 140 160 180 power derating curve: mechanical specifications performance characteristics
rev date: 01/24/2014 3 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. rn f /rnm f series gene ral purpose metal film resistor stackpole electronics, inc. resistive product solutions 1 2 3 4 5 6 7 8 9 10 11 12 r n f 1 4 f t d 4 k 7 5 rnf standard value code code ppm rnmf mini t 10 e 25 2,500 c 50 1,000 d 100 2,000 1,000 (*) precision metal film resistors with tolerances <1% may be available in smaller quantities. contact factory for more details. t a b bulk ammo tape and reel 14 12 1 1w 0.25w 2w b prnf panasert rohs 2 0.5w 10.2 kohm = 10k2 four characters with the multiplier used as the decimal holder. 10 ohm = 10r0 rnf18, rnf14 rnf12, rnf1 rnf2 rnmf14, rnmf12 5,000 product series power size tcr tolerance quantity packaging 0.125w 18 description j g 2% 1% 5% 1 mohm = 1m00 rnf1, rnf2 1,000 rnmf14, rnmf12 5,000 (*) rnf12 e24 rnf18, rnf14, rnf12, rnf2 rnmf12, rnmf14 rnf18, rnf14 f resistance value size tol e96, e24 code 0.05% 0.25% 0.5% d a c 0.1% nominal code resistance 1/4 4.75k type description code tol values sei types pkg qty code description rnf standard 1/8 t1 100ppm 0.05% rnf18, rnf14, rnmf14, rnmf12 5,000 rnmf mini 1/4 t2 50ppm 0.1% rnf12, rnf1 2,500 prn panasert 1/2 t9 25ppm 0.25% rnf2 1,000 prnf pana - rohs 1 tb 10ppm 0.5% rnf18, rnf14, rnfm14, rnmf12 5,000 (*) 2 1% rnf12 2,000 5% e24 rnf1, rnf2 1,000 (*) precision metal film resistors with tolerances <1% may be available in smaller quantities. contact factory for more details. rnf18, rnf14, rnf12, rnf2, rnf1, rnmf14, rnmf12 1,000 a bulk tcr r 1% r tape and reel e96, e24 t ammo rnf t1 sei type tolerance packaging tcr rnmf12 rnf12 rnmf14 rnf14 rnf18 10 0 100 percent rated power (%) 20 40 60 80 70 60 50 40 30 20 surface temperature rise (oc) surface temperature rise: legacy part number (before january 3, 2011): how to order


▲Up To Search▲   

 
Price & Availability of RNF12FTC10R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X