Part Number Hot Search : 
KT11B1SM UPD17 NL17S 48SD1616 MC1594L MAX893L MC1594L M64ET
Product Description
Full Text Search
 

To Download MBR10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thru 1 0 a m p s cho t t k y b a r r i er rectifier features maximum ratings operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +175 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage  
 

 
   !"# $
%    !"#  inches mm        a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92  pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h to-220ab pin 13 2 maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage metal of siliconrectifier, majonty carrier conducton guard ring for transient protection low power loss high efficiency high surge capacity, high current capability 80-100 volts t j = 1 25 c peak forward surge current i fsm 120a 8.3ms, half sine 15m a 0.2m a t j = 25 c v f .85v .75v MBR10100CT MBR10100CT 100v 70v 100v mbr1080ct mbr1080ct 80v 56v 80v mbr1080ct MBR10100CT electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10a t c = 100 c t j = 125 c i fm = 5a t j = 25 c typical junction capacitance 30 0 pf c j mea s u r ed at 1.0mhz, v r =4.0v ir www.kersemi.com
rating and characteristic curves m b r 1 0 80 c t thru mbr 10100ct fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 25 50 75 100 1 2 0 1 4 0 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 4 0 50 16 175 percent of rated peak reverse voltage ,(%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ma) 20 40 120 140 0.001 0.1 1.0 100 10 60 80 100 0.01 t j = 25 c 8.3ms single half-sine-wave (jedec method) 12 0 8 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.3 0.7 0.8 1.0 10 100 0.4 0.5 0.6 0.1 1.0 0.9 instantaneous forward voltage , volts instantaneous forward current ,(a) 0.1 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c case temperature , c 0 fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 1000 100 10 0.1 4 t j = 25 c, f= 1mhz www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X