Part Number Hot Search : 
294003 VRE405AD 2405DR 08U0M 1N5229 1A71B MAX39 ZD06V8
Product Description
Full Text Search
 

To Download IMB201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  157 * all specifcations and photos are subject to change without notice. www.axiomtek.com dualvi ew system lga775 intel ? core?2 duo at x industrial motherboard with intel ? q965 + ich8 chipset, dual lans and audio IMB201 pci pcie x16 lga775 socket pcie x1 intel ? q965 ddr2 dimm quic k insta ll ation gui d e, user's manua l /uti l ity cd, ca bl e pa r t nu m be r 5 9380 4 020 1 0 e 593826a0000e descri p tion com p ort ca bl e w/ b rac k et sa ta signa l ca bl e 500mm qt y 1 1 i/o fe atures  lga775 for inte l ? core?2 duo/ pe ntium ? d/ pe ntium ? 4/ celeron ? processor with 533/800/1066 mhz  intel ? q965 + ich8/ich8do chipset  4 ddr2-533/667/800 dimm support up to 8 gb  4 serial ata ports support data transfer rate up to 3gb/s (6 ports with raid for optional) 1 x ide; pa ta -100 ( optional ) 1xfdd 1 x ps/2 ke y board 1 x p s /2 mouse 1 x lpt ; with spp/epp/ecp su pp orted 3 x r s - 232 ( co m 2 / 3 /4 ) 1 x rs-232/422/485 ( com 1 ) s at a s at a 4 x s ata- 300 ( 6 ports wit h raid 0/1/10/5 f or imbvggaf on l y) detect cpu/s y stem tem p erature, volta g e and fan s p eed et h ernet et h ernet 2 ports as 10/100/1000m b ps support wa k e-on-lan, rpl/pxe boot rom with re altek r tl8111b hd co d ec au d io as mic-in/ line-out/ spea k er-out wit h re altek alc888 us b us b 1 0 x us b 2 . 0 2 x ieee 1394a ( optional for IMB201vggaf only ) s mbus s mbus n/ a 8 c h anne l s in/out programma bl e pa cking list ordering information IMB201v gg a-l l ga775 soc k et at x in d ustria l m/b wit h vga , ( p/n: e 38 f 20 11 0 4 ) 2 10/100/1000mb p s ethernet, audio an d 4 s at a imb 20 1v gg a f l ga775 a tx in d ustria l m/b wit h vg a , ( p/n: e38f201100 ) 2 10/100/1000mb p s ethernet, audio, 6 sa ta , raid an d f irewire 593836a0030e 4 -pin power ca bl e to sa ta x 2, l=150mm 5 938 a 8080 1 0 e 2 x usb p ort cable, l=190mm i n tel ? gma x3000 graphics core ? memory size memory size i nte l ? dvmt 4.0 compliant ? 1 x v g a display lga775 socket for intel ? core ? ? 2 duo/ p entium ? ? ? 4/ ? p ent i um ? / c e l eron ? d processors with fsb 533/800/1066 mhz ? sy stem memor y sy stem memor y 4 x 2 4 0 - p in dimm su pp ort ddr 2 -5 33 / 66 7/ 800 max. u p to 8 g b i nte l ? q965 + ich8/ich8do ? bi os bi os ph oe nix-a wa rd 1 x compactf l as h ? type-ii (optional) ? w atchdog ti mer w atchdog ti mer 255 levels, 1~255 sec. 1 x p c ie x1 6 2 x pcie x1 4 x pci ( for IMB201vgga-l only ) b attery b attery lit h ium 3v/220 mah i n tel ? core ? ? 2 duo e8400 3.0 ghz, 1gb ddr2 ? ? m ax. rms: +5v_sby @ 0.042a , +3.3v @ 1.948a , +5v @ 3 . 2 1a, +1 2 v @ 2 . 29 7a, -1 2 v @ 0 . 062 a s ize s ize 30 5 x 2 44 mm 1 .6 mm te m p erature te m p erature 0 c ~ + 60 c ( 32 f ~ 14 0 f), operat i on 1 0% ~ 95% re l ative h umi d ity , non-con d ensing lga775 intel ? q965 rs-232/422/485 hd audio 3 pci 1 pcie x16 usb dom side view


▲Up To Search▲   

 
Price & Availability of IMB201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X