Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download TVZ18ECN751KBS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new vde certifcation june 2013
this page was intentionally left blank.
thermally protected varistors | 1 world products, llc tvz series is a two or three-leaded thermally protected metal oxide varistor one lead of the tvz varistor is connected to a thermal link which is designed to open when the varistor is under sustained abnormal over-voltage conditions. the tvz series is designed to meet the abnormal over-voltage requirements of ul 1449 3rd edition, section 39.4. traditional metal oxide varistors were originally designed to protect equipment from surges at the specifed rated voltage, but metal oxide varistors may fail to a short-circuit condition or fail to open when subjected to sustained steady-state over-voltage above its rated specifcations. tvz has a thermal link integrated with an mov disk that responds to the mov temperature and disconnects the mov from the line, should the temperature or voltage exceed a certain level. world products, llc three-leaded device is designed to be connected, via the monitor lead, to an indicator (such as an led) to provide diagnostic features indicating if the mov is disconnected from the circuit in the event the thermal link element opens. as a result of the integration of the thermal link attached to the mov disc, thermally protected varistors provide an instant response to unexpected over-voltage situations. world products, llc thermally protected varistors offer protection to sensitive downstream electric components. additionally, tvz varistors are wave solderable which simplifes end product assembly by reducing the expense and rework associated with hand soldering operations. caution: thermally protected varistors are intended, in conjunction with appropriate enclosure design, to help facilitate spd module compliance to ul 1449. under extreme abnormal over-voltage conditions, some units will exhibit substantial heating, arcing and venting prior to opening. modules must be designed to contain this possibility. application testing is strongly recommended. proper design of surge protective devices (spds) require that they meet new ul1449 3rd edition requirements for abnormal over-voltage limited current. fuses that are meant to protect the system for large fault currents do not address the need to protect against low fault currents. these low fault currents can result in catastrophic failure prior to tripping the higher current fuse. tvz series varistors can meet the needs of the spd designer, avoiding having to create a complicated/high cost approach. the thermo link in a thermally protected varistor should never be used in series with the load. it is only used to provide protection to the varistor portion in case of an abnormal over voltage condition. table of contents features .................................................................................... 2 applications ................................................................................. 2 approvals .................................................................................. 2 part marking ................................................................................ 3 part number system .......................................................................... 4 absolute maximum ratings .................................................................... 4 fuse confguration and dimensions .............................................................. 5 specifcations ............................................................................... 12 thermal characteristics & soldering profle ........................................................ 22 v-i characteristics ............................................................................ 24 taping specifcations ......................................................................... 26 standard bulk packaging ...................................................................... 28 carton size of bulk packaging .................................................................. 28 applications ................................................................................. 29 ac line application examples .................................................................. 29 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
2 | thermally protected varistors features ? rohs compliant types available ? ul1449, ul1414 and cul recognition or pending status. ? patented product (u.s. patent #6636403 and ie010410). ? low leakage current under normal operating voltage. ? ul1449 3rd edition abnormal over-voltage test (10a, 5a, 2.5a, 0.5a and 0.125a) recognition pending. ? wave solderable. ? high surge current rating up to 40ka. ? -55c to 85c operating temperature range. ? three leaded versions available, with fuses located on either the third or second lead. ? iso and ts16949 certifcation. applications ? transient voltage surge suppressor (tvss) products ? ac panel protection modules ? ac line power supplies ? surge protected strip ? ac power meters ? uninterruptable power supply ? white goods ? inverters ? din rail ? ac/dc power supplies approvals approvals mm mm mm mm (round type) mm (rectangular type) mm l and cl third edition (includes l) file e ros series all vales non-rohs and rohs type series 115vac through 420vac rohs series all values (1) rohs series 120vac through 420 vac (2) standard (non-rohs) series 130 vac through 195 vac rohs series all values rohs series all values ul and cul1414**** file #e71602 non-rohs & rohs series non-rohs & rohs series non-rohs & rohs series non-rohs & rohs series*** n/a non-rohs & rohs series vde file #40037747 rohs series all values c 42201 - c002:2012-02 c 42201 - a002:2012-02 iec 60950-1: 2005 annex iec-c bsi 12.001 iec 61051-2 1991-01 iec 61051-1 2007-04 iec 61051-2-2 1991-01 cb scheme certifcate number c580610 ** 18mm and 25mm sizes recognized to spd application category type 2. note: non-rohs tvz approvals expire march 16, 2016. *** with the exception of 120 vac rated part. ****metal oxide varistors may not be recognized to ul1414 from december 25, 2013. sincera t25d271k 611 sincera t20eb271k 611 sincera t18ec271k 611 vde t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 3 part marking t 14 eb n 241 k (1) (2) (3) (4) (5) (6) (1) t = tvz series (2) disc diameter 14 = 14mm 18 = 18mm 20 = 20mm 25 = 25mm (available in both round and rectangle types) 34 = 34mm (3) type db = 25mm disc size (two leads) d = 25mm disc size (three leads) eb = 14mm, 18mm & 20mm disc size (two leads) ec = 14mm, 18mm & 20mm disc sizes (three leads) rb = 25mm (rectangle type), 34mm disc size (two leads) rc = 25mm (rectangle type), 34mm disc size (three leads) (4) n = rohs compliant series (5) varistor voltage 241 = 24 x 10 1 = 240 (6) tolerance k = 10 date code 740 = first digit represents year (7 = 2007). second and third digits represent the week of the year. note: parts will be marked sincera. (this is the brand name.) sincera t14eb241k 740 date code sincera t14ebn241k 740 date code rohs compliant ?n? standar d v ersion rohs compliant v ersion t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
4 | thermally protected varistors part number system tvz 20 e b n 241 k b s (1) (2) (3) (4) (5) (6) (7) (8) (9) (1) thermally protected varistor (2) diameter 14: 14mm 18: 18mm 20: 20mm 25: 25mm (available in round and rectangular type) 34: 34mm (3) energy rating d: 25mm (round type) e: 14mm, 18mm & 20mm r: 25mm (rectangular type), 34mm (4) fuse location blank: 3-leaded, thermal link located on third lead (available in 25mm round type) b: 2-leaded, no monitor lead (available in 14mm, 18mm, 20mm, 25mm both round and rectangular type & 34mm) c: 3-leaded, thermal link located on second lead (available in 14mm, 18mm, 20mm, 25mm (rectangle type**) & 34mm) (5) n: rohs compliant series (6) varistor voltage/ac voltage varistor voltage for 14, 18, 20, & 25mm, 201 = 20 x 10 1 = 200vdc ac voltage for 34mm, 151 = 150vac (7) tolerance k: 10 (8) packaging b: bulk for taped and lead confguration of taped parts, see taping specifcations for suffx codes. (9) lead confguration for bulk parts only s: for 34mm series denotes standard lead. s: straight (for varistor voltage 681k), and in-line crimped (for varistor voltage 681k) for 14, 18, 20 & 25mm series. l: in-line crimped (for varistor voltage 681k) for 14, 18, 20 & 25mm series. n: varistor voltage 681 come standard with in-line crimp (see illustration below) for straight disc seating on pc boards. if straight leads are required instead of in-line crimp please use code n in this position, for 14, 18, 20 & 25 mm series. (10) suffx for custom types x33: alternative design with 3mm monitor terminal (34mm only). see fuse confguration & dimensions for 34mm for more information. in-line crimp (3 leaded type)* 3mm max. in-line crimp (2 leaded type) absolute maximum ratings continuous rms current (monitor lead) ma typical response time n seconds insulation resistance m i-pot encapsulation vdc maximum voltage-temperature coeffcient c operating temperature range -c to c storage temperature range -c to c isolation capability (when thermal element is open) vac notes: *for 3 leaded 14mm, 18mm, and 20mm types with in-line crimp monitor lead is straight. for 25mm round and rectangular types monitor lead is in-line crimped. **25mm (rectangle type) 3-leaded version has fuse located on the third lead (same as 25mm round type). ***stresses above those stated in absolute maximum ratings may cause permanent damage to the device. these are stress only ratings and operation of the device at these or any other conditions exceeding these ratings is not implied. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 5 thermal link confguration and dimensions 14mm, 18mm 2-leaded unit: mm (inch) varistor type 14mm 18mm t max w1 max. t max w1 max. 181k 8.5 (0.34) 3.4 (0.13) 8.5 (0.34) 3.4 (0.13) 201k 8.5 (0.34) 3.5 (0.14) 8.5 (0.34) 3.5 (0.14) 221k 8.5 (0.34) 3.6 (0.14) 8.5 (0.34) 3.6 (0.14) 241k 8.5 (0.34) 3.7 (0.15) 8.5 (0.34) 3.7 (0.15) 271k 9.0 (0.36) 3.8 (0.15) 9.0 (0.36) 3.8 (0.15) 311k 9.0 (0.36) 4.2 (0.17) 9.0 (0.36) 4.2 (0.17) 331k 9.0 (0.36) 4.2 (0.17) 361k 9.5 (0.38) 4.3 (0.17) 9.5 (0.38) 4.3 (0.17) 391k 9.5 (0.38) 4.5 (0.18) 9.5 (0.38) 4.5 (0.18) 431k 9.5 (0.38) 4.7 (0.19) 9.5 (0.38) 4.7 (0.19) 471k 9.5 (0.38) 4.9 (0.19) 9.5 (0.38) 4.9 (0.19) 511k 10.5 (0.42) 5.2 (0.20) 10.5 (0.42) 5.2 (0.20) 561k 10.5 (0.42) 5.4 (0.21) 10.5 (0.42) 5.4 (0.21) 621k 10.5 (0.42) 5.7 (0.22) 10.5 (0.42) 5.7 (0.22) 681k 11.0 (0.44) *6.0 (0.24) 11.0 (0.44) *6.0 (0.24) 751k 11.0 (0.44) *6.4 (0.25) 821k 12.0 (0.48) *6.8 (0.27) 911k 12.0 (0.48) *7.2 (0.28) 951k 12.0 (0.48) *7.8 (0.31) 102k 13.0 (0.52) *7.8 (0.31) 122k 13.0 (0.52) *9.0 (0.35) series size d max h max d? nom. a tvz14 14mm 17.5 (0.69) 22.0 (0.87) 0.8 (0.03) 7. 5 (0.30) 1.0 (0.039) tvz18 18mm 21.0 (0.83) 26.0 (1.02) 0.8 (0.031) for 181-681k 1.0 (0.039) for 751-122k 7.5 (0.30) 1.0 (0.039) 3mm max. in-line crimp (2 leaded type) note: *bulk parts form 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. d? a w1 max. t max. sincera t14eb271k 611 d max. h max. 25(0.98) min. mov tf (thermal fuse element) t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
6 | thermally protected varistors thermal link confguration and dimensions (continued) 20mm 2-leaded unit: mm (inch) varistor type 20mm t max w1 max. 181k 8.5 (0.34) 3.4 (0.13) 201k 8.5 (0.34) 3.6 (0.14) 221k 8.5 (0.34) 3.7 (0.15) 241k 8.5 (0.34) 3.8 (0.15) 271k 9.0 (0.36) 3.9 (0.15) 301k 311k 9.0 (0.36) 4.3 (0.17) 331k 9.0 (0.36) 4.3 (0.17) 361k 9.5 (0.38) 4.4 (0.17) 391k 9.5 (0.38) 4.6 (0.18) 431k 9.5 (0.38) 4.8 (0.19) 471k 9.5 (0.38) 5.1 (0.20) 511k 10.5 (0.42) 5.4 (0.21) 561k 10.5 (0.42) 5.7 (0.22) 621k 10.5 (0.42) 5.9 (0.23) 681k 11.0 (0.44) *6.2 (0.24) 751k 11.0 (0.44) *6.6 (0.26) 781k 11.0 (0.44) *6.8 (0.27) 821k 12.0 (0.48) *7.0 (0.28) 911k 12.0 (0.48) *7.5 (0.30) 951k 12.0 (0.48) *8.0 (0.31) 102k 13.0 (0.52) *8.0 (0.31) 112k 13.0 (0.52) 8.2 (0.32) 122k 13.0 (0.52) *8.3 (0.33) series size d max h max d? nom. a tvz20 20mm 23.0 (0.90) 30.0 (1.18) 0.8 (0.031) for 181 - 681k, 1.0 (0.039) for 751k - 122k 7.5 (0.30) 1.0 (0.039) d? a w1 max. t max. sincera t20eb271k 611 d max. h max. 20.0 (0.78) min. mov tf (thermal fuse element) 3mm max. in-line crimp (2 leaded type) note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 7 thermal link confguration and dimensions (continued) 25mm (round type) 2-leaded unit: mm (inch) varistor type 25mm t max w1 max. 181k 7.7 (0.3) 3.6 (0.14) 201k 7.9 (0.31) 3.7 (0.15) 221k 8.2 (0.32) 3.8 (0.15) 241k 8.3 (0.33) 3.9 (0.15) 271k 8.4 (0.33) 4.0 (0.16) 301k 8.6 (0.34) 4.2 (0.17) 331k 8.8 (0.35) 4.4 (0.17) 361k 8.9 (0.35) 4.5 (0.18) 391k 9.0 (0.35) 4.7 (0.19) 431k 9.2 (0.36) 4.9 (0.19) 471k 9.5 (0.37) 5.2 (0.20) 511k 9.9 (0.39) 5.5 (0.22) 561k 10.1 (0.40) 5.7 (0.22) 621k 10.4 (0.41) 6.0 (0.24) 681k 10.7 (0.42) 6.3 (0.25) 751k 11.1 (0.44) *6.7 (0.26) 781k 11.3 (0.44) *6.9 (0.27) 821k 11.4 (0.45) *7.1 (0.28) 911k 11.8 (0.46) *7.6 (0.30) 102k 12.4 (0.49) *8.1 (0.32) 112k 12.6 (0.50) *8.7 (0.34) 122k 12.8 (0.50) *9.1 (0.36) series size d max h max d? nom. a tvz25 25mm 28.5 (1.12) 35.5 (1.40) 1.0 (0.039) 19.2 (0.755) 1.0 (0.039) d? a w1 max. t max. sincera t25db271k 611 d max. h max. 20 (0.78) min. mov tf (thermal fuse element) 3mm max. in-line crimp (2 leaded type) note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
8 | thermally protected varistors thermal link confguration and dimensions (continued) 25mm (rectangular type) 2-leaded unit: mm (inch) varistor type 25mm (rectangular type) t max w1 max. 181k 10.2 (0.40) 5.3 (0.21) 201k 10.4 (0.41) 5.3 (0.21) 221k 10.6 (0.42) 5.3 (0.21) 241k 10.7 (0.42) 5.3 (0.21) 271k 10.8 (0.43) 5.2 (0.21) 301k 10.9 (0.43) 6.4 (0.25) 331k 10.9 (0.43) 6.4 (0.25) 361k 11.1 (0.44) 6.4 (0.25) 391k 11.2 (0.44) 6.4 (0.25) 431k 11.4 (0.45) 6.4 (0.25) 471k 11.5 (0.45) 6.4 (0.25) 511k 11.8 (0.46) 7.5 (0.30) 561k 12.1 (0.48) 7.5 (0.30) 621k 12.4 (0.49) 7.5 (0.30) 681k 12.7 (0.50) 7.5 (0.30) 751k 12.7 (0.50) *8.5 (0.33) 781k 12.9 (0.51) *8.5 (0.33) 821k 13.1 (0.52) *8.5 (0.33) 911k 13.4 (0.53) *8.5 (0.33) 102k 13.9 (0.55) *8.5 (0.33) 112k 14.4 (0.57) *8.5 (0.33) 122k 14.9 (0.59) *8.5 (0.33) series size d max h max d? nom. a tvz25r 25mm 29.0 (1.14) 35.5 (1.40) 1.0 (0.039) 19.2 (0.76) 1.0 (0.039) 3mm max. in-line crimp (2 leaded type) note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. mov tf (thermal fuse element) t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 9 thermal link confguration and dimensions (continued) 34mm 2-leaded unit: mm varistor type t max (mm) s (mm) 111k 11.9 2.8 0.65 131k 12.2 2.9 0.65 141k 12.3 3.0 0.85 151k 12.4 3.1 0.85 181k 12.8 3.4 0.85 201k 13.0 3.6 0.85 251k 12.8 4.0 0.85 271k 13.0 4.3 0.85 301k 13.3 4.5 1.0 321k 13.5 4.7 1.0 331k 13.6 4.8 1.0 351k 13.8 5.0 1.0 391k 14.2 5.4 1.0 421k 14.5 5.7 1.0 461k 14.8 5.9 1.0 481k 15.0 6.1 1.0 511k 15.4 6.6 1.0 551k 15.6 6.8 1.0 571k 15.9 7.1 1.0 621k 16.4 7.5 1.0 661k 16.9 7.9 1.0 681k 17.2 8.2 1.0 751k 17.8 8.8 1.0 0.51mm 0.1 1.4mm 0.1 4mm 0.5 t 37mm max 47.5mm max 7.0mm 0.1 25.4mm 1 s mov tf (thermal fuse element) t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
10 | thermally protected varistors thermal link confguration and dimensions (continued) 14mm, 18mm, 20mm 3-leaded, thermal link located on second lead unit: mm (inch) varistor type 14mm 18mm 20mm t max w1 max. w2 max. t max w1 max. w2 max. t max w1 max. w2 max. 181k 8.5 (0.34) 1.9 (0.07) 3.4 (0.13) 8.5 (0.34) 1.9 (0.07) 3.4 (0.13) 8.5 (0.34) 1.9 (0.07) 3.4 (0.13) 201k 8.5 (0.34) 2.0 (0.08) 3.5 (0.14) 8.5 (0.34) 2.0 (0.08) 3.5 (0.14) 8.5 (0.34) 2.0 (0.08) 3.6 (0.14) 221k 8.5 (0.34) 2.0 (0.08) 3.6 (0.14) 8.5 (0.34) 2.0 (0.08) 3.6 (0.14) 8.5 (0.34) 2.1 (0.08) 3.7 (0.15) 241k 8.5 (0.34) 2.1 (0.08) 3.7 (0.15) 8.5 (0.34) 2.1 (0.08) 3.7 (0.15) 8.5 (0.34) 2.2 (0.09) 3.8 (0.15) 271k 9.0 (0.36) 2.2 (0.09) 3.8 (0.15) 9.0 (0.36) 2.2 (0.09) 3.8 (0.15) 9.0 (0.36) 2.3 (0.09) 3.9 (0.15) 311k 9.0 (0.36) 2.4 (0.09) 4.0 (0.16) 9.0 (0.36) 2.4 (0.09) 4.0 (0.16) 9.0 (0.36) 2.5 (0.10) 4.1 (0.16) 331k 9.0 (.36) 2.5 (.10) 4.2 (0.17) 9.0 (0.36) 2.5 (0.10) 4.3 (0.17) 361k 9.5 (0.38) 2.7 (0.11) 4.3 (0.17) 9.5 (0.38) 2.7 (0.11) 4.3 (0.17) 9.5 (0.38) 2.8 (0.11) 4.4 (0.17) 391k 9.5 (0.38) 2.9 (0.11) 4.5 (0.18) 9.5 (0.38) 2.9 (0.11) 4.5 (0.18) 9.5 (0.38) 3.0 (0.12) 4.6 (0.18) 431k 9.5 (0.38) 3.0 (0.12) 4.7 (0.19) 9.5 (0.38) 3.0 (0.12) 4.7 (0.19) 9.5 (0.38) 3.2 (0.13) 4.8 (0.19) 471k 9.5 (0.38) 3.2 (0.13) 4.9 (0.19) 9.5 (0.38) 3.2 (0.13) 4.9 (0.19) 9.5 (0.38) 3.4 (0.13) 5.1 (0.20) 511k 10.5 (0.42) 3.4 (0.13) 5.2 (0.20) 10.5 (0.42) 3.4 (0.13) 5.2 (0.20) 10.5 (0.42) 3.6 (0.14) 5.4 (0.21) 561k 10.5 (0.42) 3.7 (0.15) 5.4 (0.21) 10.5 (0.42) 3.7 (0.15) 5.4 (0.21) 10.5 (0.42) 3.7 (0.15) 5.7 (0.22) 621k 10.5 (0.42) 3.9 (0.15) 5.7 (0.22) 10.5 (0.42) 3.9 (0.15) 5.7 (0.22) 10.5 (0.42) 4.1 (0.16) 5.9 (0.23) 681k 11.0 (0.44) *4.2 (0.17) *6.0 (0.24) 11.0 (0.44) *4.2 (0.17) *6.0 (0.24) 11.0 (0.44) *4.4 (0.17) *6.2 (0.24) 751k 11.0 (0.44) *4.5 (0.18) *6.4 (0.25) 11.0 (0.44) *4.7 (0.19) *6.6 (0.26) 781k *11.0 (0.44) *4.7 (0.19) *6.8 (0.27) 821k 12.0 (0.48) *4.9 (0.19) *6.8 (0.27) 12.0 (0.48) *5.1 (0.20) *7.0 (0.28) 911k 12.0 (0.48) *5.3 (0.21) *7.2 (0.28) 12.0 (0.48) *5.5 (0.22) *7.5 (0.30) 951k 12.0 (0.48) *5.5 (0.22) *7.5 (0.30) 12.0 (0.48) *5.5 (0.22) *7.8 (0.31) 102k 13.0 (0.52) *5.7 (0.22) *7.8 (0.31) 13.0 (0.52) *5.5 (0.22) *8.1 (0.32) 112k 13.0 (0.52) 13.0 (0.52) *6.0 (0.24) *8.5 (0.33) 122k 13.0 (0.52) *6.9 (0.27) *8.8 (0.35) 13.0 (0.52) *7.0 (0.27) *9.0 (0.35) series size d max h max d? nom. a b tvz14 14mm 17.5 (0.69) 22.0 (0.87) 0.8 (0.03) 7.5 (0.30) 1.0 (0.039) 5.0 (0.20) 1.0 (0.039) tvz18 18mm 21.0 (0.83) 26.0 (1.02) 0.8 (0.031) for 181-681k 1.0 (0.039) for 751-122k 7.5 (0.30) 1.0 (0.039) 5.0 (0.20) 1.0 (0.039) tvz20 20mm 23.0 (0.90) 30.0 (1.18) 0.8 (0.031) for 181-681k 1.0 (0.039) for 751-122k 7.5 (0.30) 1.0 (0.039) 5.0 (0.20) 1.0 (0.039) in-line crimp (3 leaded type)* note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 & w2 dimensions are not applicable. if required without in-line crimp, please reference part num- ber system and add n. 3 (monitor lead) mov 1 tf 2 (thermal fuse element) w1 max. sincera t18ec271k 611 d max. d? a b h max. 6.0 (0.236) min. 25(0.98) min. t max. w2 max. 3 1 2 *note: for 3 leaded 14mm, 18mm, and 20mm types with in-line crimp monitor lead is straight. for 25mm types monitor lead is in-line crimped. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 11 thermal link confguration and dimensions (continued) 25mm (round type) 3-leaded, thermal link located on third lead unit: mm (inch) varistor type 25mm t max w1 max. w2 max. 181k 7.7 (0.3) 2.0 (0.08) 3.6 (0.14) 201k 7.9 (0.31) 2.1 (0.08) 3.7 (0.15) 221k 8.2 (0.32) 2.2 (0.09) 3.8 (0.15) 241k 8.3 (0.33) 2.3 (0.09) 3.9 (0.15) 271k 8.4 (0.33) 2.4 (0.09) 4.0 (0.16) 301k 8.6 (0.34) 2.6 (0.10) 4.2 (0.17) 331k 8.8 (0.35) 2.8 (0.11) 4.4 (0.17) 361k 8.9 (0.35) 2.9 (0.11) 4.5 (0.18) 391k 9.0 (0.35) 3.1 (0.12) 4.7 (0.19) 431k 9.2 (0.36) 3.3 (0.13) 4.9 (0.19) 471k 9.5 (0.37) 3.5 (0.14) 5.2 (0.20) 511k 9.9 (0.39) 3.7 (0.15) 5.5 (0.22) 561k 10.1 (0.40) 3.9 (0.15) 5.7 (0.22) 621k 10.4 (0.41) 4.2 (0.17) 6.0 (0.24) 681k 10.7 (0.42) *4.5 (0.18) 6.3 (0.25) 751k 11.1 (0.44) *4.8 (0.19) *6.7 (0.26) 781k 11.3 (0.44) *5.0 (0.20) *6.9 (0.27) 821k 11.4 (0.45) *5.2 (0.20) *7.1 (0.28) 911k 11.8 (0.46) *5.6 (0.22) *7.6 (0.30) 102k 12.4 (0.49) *6.1 (0.24) *8.1 (0.32) 112k 12.6 (0.50) *6.6 (0.26) *8.7 (0.34) 122k 12.8 (0.50) *7.0 (0.27) *9.1 (0.36) series size d max h max d? nom. a b tvz25 25mm 28.5 (1.12) 35.5 (1.40) 1.0 (0.039) 12.7 (0.50) 1.0 (0.039) 6.5 (0.255) 1.2 (0.047) sincera t25d271k 611 d max. d? a b h max. 12.5(0.49) min. 25 (0.98) min. t max. w2 max. w1 max. 3 1 2 2 (monitor lead) mov 1 3 (thermal fuse element) tf in-line crimp (3 leaded type)* note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. *note: for 3 leaded 14mm, 18mm, and 20mm types with in-line crimp monitor lead is straight. for 25mm types monitor lead is in-line crimped. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
12 | thermally protected varistors thermal link confguration and dimensions (continued) 25mm (rectangular type) 3-leaded, thermal link located on third lead unit: mm (inch) varistor type 25mm (rectangular type) t max w1 max. w2 max. 181k 10.2 (0.40) 3.2 (0.126) 5.3 (0.21) 201k 10.4 (0.41) 3.2 (0.126) 5.3 (0.21) 221k 10.6 (0.42) 3.2 (0.126) 5.3 (0.21) 241k 10.7 (0.42) 3.2 (0.126) 5.3 (0.21) 271k 10.8 (0.43) 3.1 (0.122) 5.3 (0.21) 301k 10.9 (0.43) 4.2 (0.165) 6.4 (0.25) 331k 10.9 (0.43) 4.2 (0.165) 6.4 (0.25) 361k 11.1 (0.44) 4.2 (0.165) 6.4 (0.25) 391k 11.2 (0.44) 4.2 (0.165) 6.4 (0.25) 431k 11.4 (0.45) 4.2 (0.165) 6.4 (0.25) 471k 11.5 (0.45) 4.2 (0.165) 6.4 (0.25) 511k 11.8 (0.46) 5.5 (0.216) 7.5 (0.30) 561k 12.1 (0.48) 5.5 (0.216) 7.5 (0.30) 621k 12.4 (0.49) 5.5 (0.216) 7.5 (0.30) 681k 12.7 (0.50) 5.5 (0.216) 7.5 (0.30) 751k 12.7 (0.50) *6.5 (0.26) *8.5 (0.33) 781k 12.9 (0.51) *6.5 (0.26) *8.5 (0.33) 821k 13.1 (0.52) *6.5 (0.26) *8.5 (0.33) 911k 13.4 (0.53) *6.5 (0.26) *8.5 (0.33) 102k 13.9 (0.55) *6.5 (0.26) *8.5 (0.33) 112k 14.4 (0.57) *6.5 (0.26) *8.5 (0.33) 122k 14.9 (0.59) *6.5 (0.26) *8.5 (0.33) series size d max h max d? nom. a b tvz25r 25mm 29.0 (1.14) 35.5 (1.40) 1.0 (0.039) 12.7 (0.5) 1.0 (0.039) 6.5 (0.26) 1.0 (0.039) in-line crimp (3 leaded type)* note: *bulk parts for 681 varistor voltage come standard with in-line crimp (see illustration below) for straight disk seating on pc boards. therefore, w1 dimensions are not applicable. if required with- out in-line crimp, please reference part number system and add n. *note: for 3 leaded 14mm, 18mm, and 20mm types with in-line crimp monitor lead is straight. for 25mm types monitor lead is in-line crimped. 2 (monitor lead) mov 1 3 (thermal fuse element) tf t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 13 thermal link confguration and dimensions (continued) 34mm 3-leaded, thermal link located on second lead unit: mm ac voltage type 34mm t max s 111k 11.9 5.2 0.65 131k 12.2 5.5 0.65 141k 12.3 5.7 0.85 151k 12.4 5.9 0.85 181k 12.8 6.3 0.85 201k 13.0 6.5 0.85 251k 12.8 6.25 0.85 271k 13.0 6.50 0.85 301k 13.3 6.8 1.0 321k 13.5 6.9 1.0 331k 13.6 7.2 1.0 351k 13.8 7.4 1.0 391k 14.2 7.6 1.0 421k 14.5 7.85 1.0 461k 14.8 8.15 1.0 481k 15.0 8.25 1.0 511k 15.4 8.6 1.0 551k 15.6 8.65 1.0 571k 15.9 8.85 1.0 621k 16.4 9.25 1.0 661k 16.9 9.65 1.0 681k 17.2 9.85 1.0 751k 17.8 10.65 1.0 notes: dimension in mm are typical, unless otherwise specifed. 37.0 max. 5.30.1 22.0 1.0 middle t erminal 47.5 max. 2.3 0.2 0.8mm 0.1 (middle t erminal 0.55 0.1 s 2.5 to 5.0 42.5 max. t monitor t erminal 3.0 0.25 22.0 1.0 7.5 1.1 4.5 1.1 6.0 0.10 outside t erminals center t erminal 2 outside t erminals alter native design with 3mm monitor t erminal add suf?x x33, see part number system. monitor t erminal center to center outside terminals. center terminal does not have seating crimp. faces of terminal in line 0.75mm. 6.00.1 note: middle terminal is not at center . faces of t erminal in line 0.75 note: middle terminal is not at center . 3 (monitor lead) mov 1 tf 2 (thermal fuse element) t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
14 | thermally protected varistors specifcations 14mm series 2-leaded standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (2ms) maximum clamping voltage at specifed current (8/20us)/50a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz14eb181kbs tvz14ebn181kbs 115 150 6000 35 300 162 198 1100 tvz14eb201kbs tvz14ebn201kbs 130 170 6000 50 340 184 226 980 tvz14eb221kbs tvz14ebn221kbs 140 180 6000 55 360 200 240 880 tvz14eb241kbs tvz14ebn241kbs 150 200 6000 60 395 216 264 780 tvz14eb271kbs tvz14ebn271kbs 175 225 6000 70 455 243 297 700 tvz14eb311kbs tvz14ebn311kbs 200 255 6000 75 530 281 344 600 tvz14eb331kbs tvz14ebn331kbs 210 275 6000 78 560 297 363 560 tvz14eb361kbs tvz14ebn361kbs 230 300 6000 80 595 324 396 520 tvz14eb391kbs tvz14ebn391kbs 250 320 6000 100 650 351 429 480 tvz14eb431kbs tvz14ebn431kbs 275 350 6000 110 710 387 473 440 tvz14eb471kbs tvz14ebn471kbs 300 385 6000 125 775 423 517 400 tvz14eb511kbs tvz14ebn511kbs 320 420 6000 136 840 459 561 370 tvz14eb561kbs tvz14ebn561kbs 360 470 6000 145 960 522 638 340 tvz14eb621kbs tvz14ebn621kbs 385 505 6000 150 1025 558 682 300 tvz14eb681kbs tvz14ebn681kbs 420 560 6000 160 1120 612 748 280 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 15 specifcations (continued) 18mm series 2-leaded standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/80a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz18eb181kbs tvz18ebn181kbs 115 150 9000 135 320 162 198 1800 tvz18eb201kbs tvz18ebn201kbs 130 170 9000 140 340 184 226 1600 tvz18eb221kbs tvz18ebn221kbs 140 180 9000 150 360 200 240 1450 tvz18eb241kbs tvz18ebn241kbs 150 200 9000 155 395 216 264 1300 tvz18eb271kbs tvz18ebn271kbs 175 225 9000 163 455 243 297 1150 tvz18eb311kbs tvz18ebn311kbs 200 255 9000 170 505 281 344 990 tvz18eb361kbs tvz18ebn361kbs 230 300 9000 190 545 324 396 850 tvz18eb391kbs tvz18ebn391kbs 250 320 9000 220 595 351 429 790 tvz18eb431kbs tvz18ebn431kbs 275 350 9000 245 650 387 473 710 tvz18eb471kbs tvz18ebn471kbs 300 385 9000 270 710 423 517 650 tvz18eb511kbs tvz18ebn511kbs 320 420 9000 290 775 459 561 600 tvz18eb561kbs tvz18ebn561kbs 360 470 9000 300 800 522 638 550 tvz18eb621kbs tvz18ebn621kbs 385 505 9000 314 840 558 682 500 tvz18eb681kbs tvz18ebn681kbs 420 560 9000 330 910 612 748 450 tvz18eb751kbs tvz18ebn751kbs 460 615 9000 345 1025 675 825 400 tvz18eb821kbs tvz18ebn821kbs 510 675 9000 355 1120 738 901 370 tvz18eb911kbs tvz18ebn911kbs 550 745 9000 365 1240 819 1001 340 tvz18eb951kbs tvz18ebn951kbs 575 785 9000 378 1250 856 1047 320 tvz18eb102kbs tvz18ebn102kbs 625 825 9000 388 1350 900 1100 300 tvz18eb122kbs tvz18ebn122kbs 750 975 9000 415 1400 1080 1320 260 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
16 | thermally protected varistors specifcations (continued) 20mm series 2-leaded standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (2ms) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz20eb181kbs tvz20ebn181kbs 115 150 10000 52 300 162 198 2100 tvz20eb201kbs tvz20ebn201kbs 130 170 10000 100 340 184 226 1900 tvz20eb221kbs tvz20ebn221kbs 140 180 10000 110 360 200 240 1720 tvz20eb241kbs tvz20ebn241kbs 150 200 10000 120 395 216 264 1580 tvz20eb271kbs tvz20ebn271kbs 175 225 10000 135 455 243 297 1360 tvz20eb311kbs tvz20ebn311kbs 200 255 10000 154 530 281 344 1180 tvz20eb331kbs tvz20ebn331kbs 210 275 10000 157 560 297 363 1100 tvz20eb361kbs tvz20ebn361kbs 230 300 10000 160 595 324 396 1020 tvz20eb391kbs tvz20ebn391kbs 250 320 10000 170 650 351 429 940 tvz20eb431kbs tvz20ebn431kbs 275 350 10000 190 710 387 473 850 tvz20eb471kbs tvz20ebn471kbs 300 385 10000 250 775 423 517 780 tvz20eb511kbs tvz20ebn511kbs 320 420 10000 272 840 459 561 720 tvz20eb561kbs tvz20ebn561kbs 360 470 10000 285 930 522 638 650 tvz20eb621kbs tvz20ebn621kbs 385 505 10000 300 1025 558 682 590 tvz20eb681kbs tvz20ebn681kbs 420 560 10000 320 1120 612 748 540 tvz20eb751kbs tvz20ebn751kbs 460 615 10000 340 1240 675 825 490 tvz20eb781kbs tvz20ebn781kbs 485 640 10000 345 1300 702 808 470 tvz20eb821kbs tvz20ebn821kbs 510 670 10000 350 1355 738 902 450 tvz20eb911kbs tvz20ebn911kbs 550 745 10000 360 1500 819 1001 400 tvz20eb951kbs tvz20ebn951kbs 575 785 10000 375 1568 856 1047 385 tvz20eb102kbs tvz20ebn102kbs 625 825 10000 400 1650 900 1100 370 tvz20eb112kbs tvz20ebn112kbs 680 895 10000 460 1815 962 1175 340 tvz20eb122kbs tvz20ebn122kbs 750 975 10000 480 1980 1080 1320 300 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 17 specifcations (continued) 25mm series (round type) 2-leaded standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz25db181kbs tvz25dbn181kbs 120 160 18000 180 300 170 207 3900 tvz25db201kbs tvz25dbn201kbs 130 175 18000 200 340 185 225 3080 tvz25db221kbs tvz25dbn221kbs 140 180 18000 225 360 198 242 2800 tvz25db241kbs tvz25dbn241kbs 150 200 18000 235 395 216 264 2570 tvz25db271kbs tvz25dbn271kbs 180 230 18000 245 465 255 311 2280 tvz25db301kbs tvz25dbn301kbs 195 250 18000 255 505 270 330 1920 tvz25db331kbs tvz25dbn331kbs 210 275 18000 270 540 297 363 1800 tvz25db361kbs tvz25dbn361kbs 230 300 18000 315 595 324 396 1650 tvz25db391kbs tvz25dbn391kbs 250 330 18000 342 650 351 429 1530 tvz25db431kbs tvz25dbn431kbs 275 370 18000 370 710 387 473 1390 tvz25db471kbs tvz25dbn471kbs 300 385 18000 390 775 423 517 1270 tvz25db511kbs tvz25dbn511kbs 320 420 18000 422 840 459 561 1170 tvz25db561kbs tvz25dbn561kbs 360 470 18000 460 910 522 638 1060 tvz25db621kbs tvz25dbn621kbs 390 505 18000 495 1025 558 682 960 tvz25db681kbs tvz25dbn681kbs 420 560 18000 515 1120 612 748 880 tvz25db751kbs tvz25dbn751kbs 460 615 18000 530 1240 675 825 790 tvz25db781kbs tvz25dbn781kbs 485 640 18000 540 1240 702 858 760 tvz25db821kbs tvz25dbn821kbs 510 675 18000 550 1350 738 902 730 tvz25db911kbs tvz25dbn911kbs 550 745 18000 600 1400 819 1001 650 tvz25db102kbs tvz25dbn102kbs 625 825 18000 630 1620 900 1100 600 tvz25db112kbs tvz25dbn112kbs 680 865 18000 700 1800 962 1175 540 tvz25db122kbs tvz25dbn122kbs 750 975 18000 720 2100 1080 1320 500 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
18 | thermally protected varistors specifcations (continued) 25mm series (rectangular type) 2-leaded rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz25rbn181kbs 120 160 22000 225 300 170 207 4900 tvz25rbn201kbs 130 175 22000 250 340 184 226 4500 tvz25rbn221kbs 140 180 22000 281 360 200 240 4150 tvz25rbn241kbs 150 200 22000 294 395 216 264 3810 tvz25rbn271kbs 175 225 22000 306 475 243 297 3250 tvz25rbn301kbs 195 250 22000 319 505 270 330 3000 tvz25rbn331kbs 210 275 22000 338 540 297 363 2750 tvz25rbn361kbs 230 300 22000 394 595 324 396 2560 tvz25rbn391kbs 250 330 22000 428 650 351 429 2380 tvz25rbn431kbs 275 370 22000 463 710 387 473 2130 tvz25rbn471kbs 300 385 22000 488 775 423 517 2000 tvz25rbn511kbs 320 420 22000 528 865 459 561 1750 tvz25rbn561kbs 360 470 22000 575 960 522 638 1500 tvz25rbn621kbs 385 500 22000 619 1040 558 682 1480 tvz25rbn681kbs 420 560 22000 644 1120 612 748 1380 tvz25rbn751kbs 460 615 22000 663 1240 675 825 1250 tvz25rbn781kbs 485 640 22000 675 1290 702 858 1230 tvz25rbn821kbs 510 675 22000 688 1350 735 902 1150 tvz25rbn911kbs 550 745 22000 750 1400 819 1001 1100 tvz25rbn102kbs 625 825 22000 788 1620 900 1100 950 tvz25rbn112kbs 680 865 22000 875 1815 962 1175 820 tvz25rbn122kbs 750 970 22000 925 1980 1080 1320 730 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 19 specifcations (continued) 34mm series 2-leaded standard series part number rohs compliant series part number maximum ratings electrical characteristics continuous rated voltage rated single pulse transient varistor voltage @ 1ma dc maximum clamping voltage @ test current 8/20us 200a typical capacitance at 1mhz ac rms volts dc volts energy (2ms) peak surge current 8/20us min volts max volts volts c w tm 1 x pulse joules i tm 1 x pulse amps (pf) tvz34rb111kbs tvz34rbn111kbs 115 150 235 40000 1 163 202 305 10000 tvz34rb131kbs tvz34rbn131kbs 130 175 270 40000 2 184 228 345 9000 tvz34rb141kbs tvz34rbn141kbs 140 188 291 40000 3 198 248 375 8100 tvz34rb151kbs tvz34rbn151kbs 150 200 300 40000 4 212 268 405 7200 tvz34rb181kbs tvz34rbn181kbs 180 240 330 40000 5 254 312 488 6300 tvz34rb201kbs tvz34rbn201kbs 200 265 335 40000 283 357 540 5300 tvz34rb251kbs tvz34rbn251kbs 250 330 370 40000 354 429 650 4800 tvz34rb271kbs tvz34rbn271kbs 275 369 400 40000 389 473 730 4100 tvz34rb301kbs tvz34rbn301kbs 300 400 435 40000 433 528 780 3700 tvz34rb321kbs tvz34rbn321kbs 320 420 460 40000 462 561 830 3600 tvz34rb331kbs tvz34rbn331kbs 330 435 475 40000 476 581 855 3500 tvz34rb351kbs tvz34rbn351kbs 350 460 500 40000 505 616 910 3400 tvz34rb391kbs tvz34rbn391kbs 385 506 550 40000 555 678 1005 2900 tvz34rb421kbs tvz34rbn421kbs 420 560 600 40000 610 748 1130 2800 tvz34rb461kbs tvz34rbn461kbs 460 610 620 40000 642 783 1188 2600 tvz34rb481kbs tvz34rbn481kbs 480 640 650 40000 670 825 1240 2400 tvz34rb511kbs tvz34rbn511kbs 510 675 700 40000 735 910 1350 2200 tvz34rb551kbs tvz34rbn551kbs 550 700 735 40000 770 939 1415 2000 tvz34rb571kbs tvz34rbn571kbs 575 730 770 40000 805 1000 1480 1800 tvz34rb621kbs tvz34rbn621kbs 620 800 840 40000 880 1074 1589 1600 tvz34rb661kbs tvz34rbn661kbs 660 850 900 40000 940 1160 1720 1500 tvz34rb681kbs tvz34rbn681kbs 680 890 950 40000 980 1195 1772 1400 tvz34rb751kbs tvz34rbn751kbs 750 970 1050 40000 1080 1320 2000 1200 notes: 1. peak current applies to applications rated up to 100vac rms rms rms rms rms rms rms rms rms rms t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
20 | thermally protected varistors specifcations (continued) 14mm series 3-leaded, thermal link located on second lead standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (2ms) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz14ec181kbs tvz14ecn181kbs 115 150 6000 35 300 162 198 1100 tvz14ec201kbs tvz14ecn201kbs 130 170 6000 50 340 184 226 980 tvz14ec221kbs tvz14ecn221kbs 140 180 6000 55 360 200 240 880 tvz14ec241kbs tvz14ecn241kbs 150 200 6000 60 395 216 264 780 tvz14ec271kbs tvz14ecn271kbs 175 225 6000 70 455 243 297 700 tvz14ec311kbs tvz14ecn311kbs 200 255 6000 75 530 281 344 600 tvz14ec331kbs tvz14ecn331kbs 210 275 6000 78 560 297 363 560 tvz14ec361kbs tvz14ecn361kbs 230 300 6000 80 595 324 396 520 tvz14ec391kbs tvz14ecn391kbs 250 320 6000 100 650 351 429 480 tvz14ec431kbs tvz14ecn431kbs 275 350 6000 110 710 387 473 440 tvz14ec471kbs tvz14ecn471kbs 300 385 6000 125 775 423 517 400 tvz14ec511kbs tvz14ecn511kbs 320 420 6000 136 840 459 561 370 tvz14ec561kbs tvz14ecn561kbs 360 470 6000 145 960 522 638 340 tvz14ec621kbs tvz14ecn621kbs 385 505 6000 150 1025 558 682 300 tvz14ec681kbs tvz14ecn681kbs 420 560 6000 160 1120 612 748 280 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 21 specifcations (continued) 18mm series 3-leaded, thermal link located on second lead standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/80a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz18ec181kbs tvz18ecn181kbs 115 150 9000 135 320 162 198 1800 tvz18ec201kbs tvz18ecn201kbs 130 170 9000 140 340 184 226 1600 tvz18ec221kbs tvz18ecn221kbs 140 180 9000 150 360 200 240 1450 tvz18ec241kbs tvz18ecn241kbs 150 200 9000 155 395 216 264 1300 tvz18ec271kbs tvz18ecn271kbs 175 225 9000 163 455 243 297 1150 tvz18ec311kbs tvz18ecn311kbs 200 255 9000 170 505 281 344 990 tvz18ec361kbs tvz18ecn361kbs 230 300 9000 190 545 324 396 850 tvz18ec391kbs tvz18ecn391kbs 250 320 9000 220 595 351 429 790 tvz18ec431kbs tvz18ecn431kbs 275 350 9000 245 650 387 473 710 tvz18ec471kbs tvz18ecn471kbs 300 385 9000 270 710 423 517 650 tvz18ec511kbs tvz18ecn511kbs 320 420 9000 290 775 459 561 600 tvz18ec561kbs tvz18ecn561kbs 360 470 9000 300 800 522 638 550 tvz18ec621kbs tvz18ecn621kbs 385 505 9000 314 840 558 682 500 tvz18ec681kbs tvz18ecn681kbs 420 560 9000 330 910 612 748 450 tvz18ec751kbs TVZ18ECN751KBS 460 615 9000 345 1025 675 825 400 tvz18ec821kbs tvz18ecn821kbs 510 675 9000 355 1120 738 901 370 tvz18ec911kbs tvz18ecn911kbs 550 745 9000 365 1240 819 1001 340 tvz18ec951kbs tvz18ecn951kbs 575 785 9000 378 1250 856 1047 320 tvz18ec102kbs tvz18ecn102kbs 625 825 9000 388 1350 900 1100 300 tvz18ec122kbs tvz18ecn122kbs 750 975 9000 415 1400 1080 1320 260 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
22 | thermally protected varistors specifcations (continued) 20mm series 3-leaded, thermal link located on second lead standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (2ms) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz20ec181kbs tvz20ecn181kbs 115 150 10000 52 300 162 198 2100 tvz20ec201kbs tvz20ecn201kbs 130 170 10000 100 340 184 226 1900 tvz20ec221kbs tvz20ecn221kbs 140 180 10000 110 360 200 240 1720 tvz20ec241kbs tvz20ecn241kbs 150 200 10000 120 395 216 264 1580 tvz20ec271kbs tvz20ecn271kbs 175 225 10000 135 455 243 297 1360 tvz20ec311kbs tvz20ecn311kbs 200 255 10000 154 530 281 344 1180 tvz20ec331kbs tvz20ecn331kbs 210 275 10000 157 560 297 363 1100 tvz20ec361kbs tvz20ecn361kbs 230 300 10000 160 595 324 396 1020 tvz20ec391kbs tvz20ecn391kbs 250 320 10000 170 650 351 429 940 tvz20ec431kbs tvz20ecn431kbs 275 350 10000 190 710 387 473 850 tvz20ec471kbs tvz20ecn471kbs 300 385 10000 250 775 423 517 780 tvz20ec511kbs tvz20ecn511kbs 320 420 10000 272 840 459 561 720 tvz20ec561kbs tvz20ecn561kbs 360 470 10000 285 930 522 638 650 tvz20ec621kbs tvz20ecn621kbs 385 505 10000 300 1025 558 682 590 tvz20ec681kbs tvz20ecn681kbs 420 560 10000 320 1120 612 748 540 tvz20ec751kbs tvz20ecn751kbs 460 615 10000 340 1240 675 825 490 tvz20ec781kbs tvz20ecn781kbs 485 640 10000 345 1300 702 808 470 tvz20ec821kbs tvz20ecn821kbs 510 670 10000 350 1355 738 902 450 tvz20ec911kbs tvz20ecn911kbs 550 745 10000 360 1500 819 1001 400 tvz20ec951kbs tvz20ecn951kbs 575 785 10000 375 1568 856 1047 385 tvz20ec102kbs tvz20ecn102kbs 625 825 10000 400 1650 900 1100 370 tvz20ec112kbs tvz20ecn112kbs 680 895 10000 460 1815 962 1175 340 tvz20ec122kbs tvz20ecn122kbs 750 975 10000 480 1980 1080 1320 300 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 23 specifcations (continued) 25mm series (round type) 3-leaded, thermal link located on third lead standard series part number rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz25d181kbs tvz25dn181kbs 120 160 18000 180 300 170 207 3900 tvz25d201kbs tvz25dn201kbs 130 175 18000 200 340 185 225 3080 tvz25d221kbs tvz25dn221kbs 140 180 18000 225 360 198 242 2800 tvz25d241kbs tvz25dn241kbs 150 200 18000 235 395 216 264 2570 tvz25d271kbs tvz25dn271kbs 180 230 18000 245 465 255 311 2280 tvz25d301kbs tvz25dn301kbs 195 250 18000 255 505 270 330 1920 tvz25d331kbs tvz25dn331kbs 210 275 18000 270 540 297 363 1800 tvz25d361kbs tvz25dn361kbs 230 300 18000 315 595 324 396 1650 tvz25d391kbs tvz25dn391kbs 250 330 18000 342 650 351 429 1530 tvz25d431kbs tvz25dn431kbs 275 370 18000 370 710 387 473 1390 tvz25d471kbs tvz25dn471kbs 300 385 18000 390 775 423 517 1270 tvz25d511kbs tvz25dn511kbs 320 420 18000 422 840 459 561 1170 tvz25d561kbs tvz25dn561kbs 360 470 18000 460 910 522 638 1060 tvz25d621kbs tvz25dn621kbs 390 505 18000 495 1025 558 682 960 tvz25d681kbs tvz25dn681kbs 420 560 18000 515 1120 612 748 880 tvz25d751kbs tvz25dn751kbs 460 615 18000 530 1240 675 825 790 tvz25d781kbs tvz25dn781kbs 485 640 18000 540 1240 702 858 760 tvz25d821kbs tvz25dn821kbs 510 675 18000 550 1350 738 902 730 tvz25d911kbs tvz25dn911kbs 550 745 18000 600 1400 819 1001 650 tvz25d102kbs tvz25dn102kbs 625 825 18000 630 1620 900 1100 600 tvz25d112kbs tvz25dn112kbs 680 865 18000 700 1800 962 1175 540 tvz25d122kbs tvz25dn122kbs 750 975 18000 720 2100 1080 1320 500 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
24 | thermally protected varistors specifcations (continued) 25mm series (rectangular type) 3-leaded, thermal link located on third lead rohs compliant series part number maximum ratings specifcations maximum continuous working voltage maximum non- repetitive surge current (8/20us) maximum non- repetitive surge energy (10/1000us) maximum clamping voltage at specifed current (8/20us)/100a nominal voltage at 1ma(dc) current typical capacitance at 1mhz v m(ac) rms v m(dc) i tm w tm v c v n(dc) min. v n(dc) max. c (v) (v) (a) (j) (v) (v) (v) (pf) tvz25rcn181kbs 120 160 22000 225 300 170 207 4900 tvz25rcn201kbs 130 175 22000 250 340 184 226 4500 tvz25rcn221kbs 140 180 22000 281 360 200 240 4150 tvz25rcn241kbs 150 200 22000 294 395 216 264 3810 tvz25rcn271kbs 175 225 22000 306 475 243 297 3250 tvz25rcn301kbs 195 250 22000 319 505 270 330 3000 tvz25rcn331kbs 210 275 22000 338 540 297 363 2750 tvz25rcn361kbs 230 300 22000 394 595 324 396 2560 tvz25rcn391kbs 250 330 22000 428 650 351 429 2380 tvz25rcn431kbs 275 370 22000 463 710 387 473 2130 tvz25rcn471kbs 300 385 22000 488 775 423 517 2000 tvz25rcn511kbs 320 420 22000 528 865 459 561 1750 tvz25rcn561kbs 360 470 22000 575 960 522 638 1500 tvz25rcn621kbs 385 500 22000 619 1040 558 682 1480 tvz25rcn681kbs 420 560 22000 644 1120 612 748 1380 tvz25rcn751kbs 460 615 22000 663 1240 675 825 1250 tvz25rcn781kbs 485 640 22000 675 1290 702 858 1230 tvz25rcn821kbs 510 675 22000 688 1350 735 902 1150 tvz25rcn911kbs 550 745 22000 750 1400 819 1001 1100 tvz25rcn102kbs 625 825 22000 788 1620 900 1100 950 tvz25rcn112kbs 680 865 22000 875 1815 962 1175 820 tvz25rcn122kbs 750 970 22000 925 1980 1080 1320 730 t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 25 specifcations (continued) 34mm series 3-leaded standard series part number rohs compliant series part number maximum ratings electrical characteristics continuous rated voltage rated single pulse transient varistor voltage @ 1ma dc maximum clamping voltage @ test current 8/20us 200a typical capacitance at 1mhz ac rms volts dc volts energy (2ms) peak surge current 8/20us min volts max volts volts c w tm 1 x pulse joules i tm 1 x pulse amps (pf) tvz34rc111kbs tvz34rcn111kbs 115 150 235 40000 1 163 202 305 10000 tvz34rc131kbs tvz34rcn131kbs 130 175 270 40000 2 184 228 345 9000 tvz34rc141kbs tvz34rcn141kbs 140 188 291 40000 3 198 248 375 8100 tvz34rc151kbs tvz34rcn151kbs 150 200 300 40000 4 212 268 405 7200 tvz34rc181kbs tvz34rcn181kbs 180 240 330 40000 5 254 312 488 6300 tvz34rc201kbs tvz34rcn201kbs 200 265 335 40000 283 357 540 5300 tvz34rc251kbs tvz34rcn251kbs 250 330 370 40000 354 429 650 4800 tvz34rc271kbs tvz34rcn271kbs 275 369 400 40000 389 473 730 4100 tvz34rc301kbs tvz34rcn301kbs 300 400 435 40000 433 528 780 3700 tvz34rc321kbs tvz34rcn321kbs 320 420 460 40000 462 561 830 3600 tvz34rc331kbs tvz34rcn331kbs 330 435 475 40000 476 581 855 3500 tvz34rc351kbs tvz34rcn351kbs 350 460 500 40000 505 616 910 3400 tvz34rc391kbs tvz34rcn391kbs 385 506 550 40000 555 678 1005 2900 tvz34rc421kbs tvz34rcn421kbs 420 560 600 40000 610 748 1130 2800 tvz34rc461kbs tvz34rcn461kbs 460 610 620 40000 642 783 1188 2600 tvz34rc481kbs tvz34rcn481kbs 480 640 650 40000 670 825 1240 2400 tvz34rc511kbs tvz34rcn511kbs 510 675 700 40000 735 910 1350 2200 tvz34rc551kbs tvz34rcn551kbs 550 700 735 40000 770 939 1415 2000 tvz34rc571kbs tvz34rcn571kbs 575 730 770 40000 805 1000 1480 1800 tvz34rc621kbs tvz34rcn621kbs 620 800 840 40000 880 1074 1589 1600 tvz34rc661kbs tvz34rcn661kbs 660 850 900 40000 940 1160 1720 1500 tvz34rc681kbs tvz34rcn681kbs 680 890 950 40000 980 1195 1772 1400 tvz34rc751kbs tvz34rcn751kbs 750 970 1050 40000 1080 1320 2000 1200 notes: 1. peak current applies to applications rated up to 100vac rms rms rms rms rms rms rms rms rms rms t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
26 | thermally protected varistors thermal characteristics & soldering profle 100% 20 100 1000 10000 10% 1% per centage of peak curr ent rating pulse duration (s) 0.1% 0.01% peak current per pulse vs. pulse duration 1 repetition - (top line on graph) 2 repetitions 10 repetitions 10 2 repetitions 10 3 repetitions 10 4 repetitions 10 5 repetitions 10 6 repetitions - (bottom line on graph) (typical time to open according to ul1449 abnormal overvoltage limited current test.) percentage of rated power energy 120% 100% 80% 60% 40% 20% 0% -55 50 60 70 80 90 100 11 0 120 130 ambient t emperature c temperature derating curve power and energy rating vs. temperature for applications exceeding 85?c ambient temper - ature, the peak surge current and energy ratings must be reduced as shown in above figure. time(s) limited curr ent (a) 0.1 1 10 10 100 1000 10000 5 amp 2.5 amp 0.5 amp 0.125 amp 10 amp t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 27 w ave solder pr o?le 1 0% t ypical v olt age c hange 1 0% t ypical v olt age c hange 1 0% t ypical v olt age c hange mil -s td-202, method 21 5f level 1 non lead free parts: solder coated copper wire, or tin coated copper wire l ead free parts: tin coated copper wire solderability per mil- s td-202, method 208e cured, ? ame ret ardant epo xy polymer meets ul94v -0 requirements ph ysical speci?cations en vir onmental speci?cations 0 50 100 150 200 250 300 00 .5 11 .5 22 .5 33 .5 4 tim e (mi nut es ) t emperat ur e (o c) ma xi mu m wa ve 24 0c lead fr ee pr o?le 0 50 100 150 200 250 300 00 .5 11 .5 22 .5 33 .5 4 time (mi nut es ) t emperat ur e (o c) ma xi mu m wa ve 26 0c non lead fr ee pr o?le b ecause tvz v aristors cont ain a thermal protection de vice, care must be ta k en when soldering the de vices into place. tw o soldering methods are possible. first, hand soldering: it is recommended to heat-sink the leads of the de vice. second, wave -soldering: it is critically import ant that all preheat st age and the solder bath temperat ures are rigidly controlled. lead mat er ial solder ing char act er istics insulating mat er ial oper ating/st or ag e t empera tu re p assive ag ing humidity ag ing ther mal shock solv ent resistance moist ur e sensitivity thermal characteristics & soldering pro?le (continued) t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
28 | thermally protected varistors v-i characteristics 14mm disc size 681k - (top line on graph) 621k 471k 431k 391k 361k 271k 241k 201k - (bottom line on graph) 10 100 1000 peak v oltage (v) 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 max. leakage current max. clamping voltage varistor current (a) pulse: 8x20s direct current 18mm disc size 911k - (top line on graph) 821k 681k 621k 511k 471k 431k 391k 361k 271k 241k 201k - (bottom line on graph) 10 100 1000 peak voltage (v) 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 max. leakage current max. clamping voltage varistor current (a) pulse: 8x20s direct current 20mm disc size 911k - (top line on graph) 821k 681k 471k 431k 391k 271k 241k 221k 201k - (bottom line on graph) 10 100 1000 peak voltage (v) 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 varistor current (a) pulse: 8x20s direct current max. leakage current max. clamping voltage at idle power, current levels shown to the left of the discontinuity illustrate typically the high end leakage current. however, if lower leakage current levels are desired, they may be guaranteed. in the clamping voltage region to the right of the discontinuity, maximum clamping voltage is plotted. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 29 v-i characteristics (continued) 25mm disc size 911k - (top line on graph) 821k 751k 681k 621k 511k 471k 431k 391k 361k 271k 241k 201k - (bottom line on graph) 10 100 1000 peak voltage (v) 10000 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 3 10 4 10 5 max. leakage current max. clamping voltage varistor current (a) pulse: 8x20s direct current 34mm disc size 751k - (top line on graph) 681k 661k 571k 551k 511k 481k 441k 421k 391k 351k 331k 321k 301k 271k 251k 201k 181k - (bottom line on graph) 1000 10000 0.001 0.01 0.1 11 0 100 10000 100000 ta = -55c to 85c current - amps 100 1000 peak voltage (v) varistor current (a) at idle power, current levels shown to the left of the discontinuity illustrate typically the high end leakage current. however, if lower leakage current levels are desired, they may be guaranteed. in the clamping voltage region to the right of the discontinuity, maximum clamping voltage is plotted. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
30 | thermally protected varistors taping specifcations 14mm available for rated voltages 420vac. contact world products, llc for availability of higher voltages. unit: mm w 1 w l x p 0 f w 0 d l p 2 d d d p 2 p f p 0 w d 0 l x w 0 w 2 l h 1 a h 0 w 1 h h t8(ammo box) t16(reel) t1u(ammo box) t1n(reel) 1.7 mm max t p d 0 w 2 h 1 a h 0 inward crimp outward crimp item disk size 14f taping code t1n, t1u, t8, t16 body diameter d 17.5 max. lead wire diameter d 0.8 0.05 pitch of component p 25.4 1 hole center to component center p 2 12.7 0.3 feed hole pitch p 0 12.7 0.2 lead to lead distance (center to center) f 7.5 0.8 component alignment h 2.0 max. base paper tape width w 18 1, -0.5 adhesive tape width w 0 10 min. hole position w 1 9.0 0.5 adhesive tape border w 2 1.5 max. lead wire clinch height h 0 16 1 component height h 1 40 max. lead-wire protrusion lx 1.0 max. feed hole diameter d 0 4.0 0.2 total tape thickness t 0.7 length of clipped lead l 11 max. component height from seating plane a 22.5 max. based on eia-468-b specifcation. ammo box b c a unit: mm ammo box taping codes: t1u, t8 a = 65 max b = 250 max c = 340 max 300vac = 500 to 1000 pieces 300vac = 300 pieces reel w a b d unit: mm reel taping codes: t1n, t16 a = approximately 30? b = approximately 95? d = 350?max w = approximately 50 300vac = 500 to 1000 pieces 300vac = 300 pieces t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 31 taping specifcations (continued) 18mm & 20mm unit: mm d d d 0 h w 2 f p 0 w 0 l h 1 a w 1 w l x h d p 2 p h 0 w 2 f p 0 d 0 w 0 l h 1 a w 1 w l x h d p 2 p h 0 t2 (ammo box) t25 (reel) w 1 w l x p 0 f w 0 d l p 2 d 1.7 mm max t p d 0 w 2 h 1 a h 0 t45 (ammo box) t1x (reel) outward crimp t40 (ammo box) t4x (reel) inward crimp in-line crimp applicable for both 2 leaded and 3 leaded types. (note: for 3 leaded types the monitor lead is straight.) t44 (ammo box) t1h (reel) straight lead item disk size t18f, t20f taping code t45, t1x, t40, t4x,t44,t1h t2, t25 body diameter d 24 max* 24 max* lead wire diameter d 0.8 0.1 0.8 0.1 pitch of component p 25.4 1.0 25.4 1.0 feed hole pitch p 0 12.7 0.2 12.7 0.2 hole center to component center p 2 12.7 0.3 12.7 0.3 lead to lead distance (center to center) f 7.5 0.8 7.5 0.8 component alignment h 2.0 max. 2.0 max. base paper tape width w 18 1, -0.5 18 1, -0.5 adhesive tape width w 0 10 min. 10 min. hole position w 1 9 0.5 9 0.5 adhesive tape border w 2 1.5 max. 1.5 max. lead wire clinch height h 0 16 1 16 1 component height h 1 48 max.* 48 max.* lead-wire protrusion lx 1.0 max. 1.0 max. feed hole diameter d 0 4 0.2 4 0.2 total tape thickness t 0.7 0.7 length of clipped lead l 11 max. 11 max. component height from seating plane a 29 max.* 28 max.* *for 18?, d = 22 max., h 1 = 46 max. and a = 26 max. based on eia-468-b specifcation. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
32 | thermally protected varistors taping specifcations (continued) 18mm & 20mm (continued) available for rated voltages 420vac. contact world products, llc for availability of higher voltages. ammo box b c a unit: mm ammo box taping codes: t2, t45, t40 a = 65 max b = 250 max c = 340 max 300vac = 500 pieces 300vac = 300 pieces reel w a b d unit: mm reel taping codes: t25, t1x, t4x a = approximately 30? b = approximately 95? d = 350?max w = approximately 50 300vac = 500 pieces 300vac = 300 pieces standard bulk packaging disk size mm varistor voltage quantity pcs/bag quantity pcs/carton 14 all 300 3000 18 all 200 2000 20 181k - 681k 100 1000 above 751k 50 500 25 181k - 681k 50 500 above 751k 30 300 34 111k - 251k 80 320 271k - 391k 60 240 421k - 751k 40 160 w l h l = appr ox. 395mm w = appr ox. 285mm h = appr ox. 180mm carton size of bulk packaging t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
thermally protected varistors | 33 wpi reserves copyright thermall y pr otec te d va rist or s are tr ansient vo lt age sur ge supp ressio n pr oducts. th e congu ra ti on is tw o or th re e le ads, one le ad of this devi ce is co nne ct ed to a ther mal link, which ma y open when the va rist or is subj ec te d to prolonge d ov er -vol tage cond it ions in both ac and dc applic at io ns, thereb y prev en ti ng catast ro phic failur e mo de of the va rist or . th is de vic e (in the three leaded congura tion ) fur ther pr ov ides for di agnostic ca pabilities in the cust omer s circ ui t. thermally protected vari st or in ac line protection thermally protected varis tor in ac line prote ct io n 2 tvz20ec201kbs tvz18ec201kbs all application notes/circuits are shown as examples only . it is the responsibility of the purchaser to insure that the application meets purchaser? s speci?ca- tions. no representation or warranty , whether express or implied, is given and no liability is assumed by wpi with respect to the use of such examples. tvz18ec201kbs 120v ac c-m choke applications ac line application examples line line fuse neutral normally on monitor lead led r 120v ac isocoupler wppc-a11064 h n r 6ma 120v ac h n f1 y2 y2 x2 120v ac g r 2ma led diode c-m choke disclaimer: the names of the products and the specications in this catalog are subject to change without notice for the sake of improvement. world products, llc also reserves the right to discontinue any of these products. the products in this catalog are intended for use in ordinary electronic products. if any of these products are to be used in special applications requiring extremely high reliability, where product defects might pose a safety risk, please consult world products, llc though world products, llc has taken all possible precautions to ensure the quality and reliability of its products, improper use of products may result in bodily injury, re, or similar accident. if you have any questions regarding the use of the products in question, please consult world products, llc please be advised that world products, llc accepts no responsibility for any infraction by users of world products, llc products on third party patents or industrial copyrights. t hermally p rotectected v arist ors world products inc. 19654 eighth street east, sonoma, ca 95476 | phone (707) 996-5201 | fax (707) 996-3380 | www.worldproducts.com rev. 12.3
this page was intentionally left blank.


▲Up To Search▲   

 
Price & Availability of TVZ18ECN751KBS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X