Part Number Hot Search : 
2SC2634R MAX5496 KBP00 CXXXX AP3971 P31430 K16A60W AD842
Product Description
Full Text Search
 

To Download FT-42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic electric works of america http://pewa.panasonic.com/automation-controls/ panasonic ideas for life sensors product guide photoelectric : fiber optic : pressure
panasonic electric works of america panasonic is a leader in high-technology and cost-effective automation control solutions. our products are proven throughout the world in various industrial settings, including automotive, semiconductor, packaging & oem environments. total automation solutions sensors hmi servos power meters plc laser markers uv curing vision systems measurement static control photoelectric sensors with a complete line of self-contained photoelectric sensor solutions we offer some of the smallest sensors in the world. panasonic sensors have unmatched simplicity, versatility and provide advanced features that include background/foreground suppression for protection against unwanted detection. fiber optic sensors our line of ber optic sensors and sensor heads offer stable detection for any application, including those in hazardous environments. with over 200 ber optic sensor heads to choose from, you are covered from every angle, whether you need long distance, a high-temperature rating, or if you have limited mounting space. pressure sensors our line of pressure sensors consist of self-contained and separate head types for maximum application coverage. our sensor options include positive pressure, vacuum and compound pressure ranges as well as multiple port size and output con gurations.
panasonic electric works corporation of america http://pewa.panasonic.com/automation-controls/ part number detecting distance output cx-441(-p) * 2 to 50 mm npn (pnp) cx-443(-p) npn (pnp) cx-442(-p) 15 to 100 mm npn (pnp) cx-444(-p) 20 to 300 mm npn (pnp) eq-501 / eq-511 0.1 to 2.5 m bi-polar npn/pnp eq-502 / eq-512 0.1 to 1.0 m bi-polar npn/pnp eq-34(-pn) 0.2 to 2.0 m npn (pnp) photoelectric sensors panasonic has some of the industry's smallest photoelectric sensors with unmatched simplicity and versatility. our sensors have advanced features which include background/foreground suppression to protect against unwanted detection. cx - 4 11 - p - z type: 11: thrubeam, 10m 12: thrubeam, 15m 13: thrubeam, 30m 91: retrore ective, 5m 93: retrore ective, 3m 83: retrore ective*, 50-1000m 82: retrore ective*, 0.1-2m 24: diffuse re ective, 100mm 21: diffuse re ective, 300mm 22: diffuse re ective, 800mm 23: diffuse re ective, 70-300mm output: nil: npn transistor p: pnp transistor connection: nil: 2m cable c5: 5m cable c05: 0.5m cable z: m8 quick disconnect j: m12 quick disconnect * for transparent targets cx-400 series general purpose detection over 120 different models 1ms response time ex - 11 e a - pn - r output: nil: npn transistor pn: pnp transistor operation: a: light-on b: dark-on connection: nil: 2m cable c5: 5m cable r: high flex, 2m type: 11: thrubeam, 150mm 13: thrubeam, 500mm 14: convergent re ., 2 to 25mm 19: thrubeam, 1m sensing mode: nil: front sensing e: side sensing* * n/a for ex-19 ex-10 series ultra small size just 3.5mm thick 0.5ms response time ex - 21 a - pn - r output: nil: npn transistor pn: pnp transistor operation: a: light-on b: dark-on connection: nil: 2m cable c5: 5m cable type: 21: thrubeam, front sensing, 1m 23: thrubeam, side sensing, 2m 29: retrore ective, 30 to 200mm 22: diffuse re ective, 5 to 160mm 24: convergent re ., front sensing, 2 to 25mm 26: convergent re ., side sensing, 6 to 14mm 28: narrow view re ective, 45 to 115mm ex-20 series compact size built-in sensitivity adjuster 0.5ms response time ex - 31 a - pn - c5 output: nil: npn transistor pn: pnp transistor operation: nil: lo/do switchable * a: light-on b: dark-on connection: nil: 2m cable c5: 5m cable type: 31: thrubeam, 500mm 33: thrubeam, 800mm 32: diffuse re ective, 50mm ex-30 series simple mounting hex-shaped head design 0.5ms response time setting distance object moving object in the back background on off light received at element b, or light not received element b ( light received at element a ) element a background suppression for instances where the background may affect sensing performance, or cause false detections, utilize a background suppression sensor to achieve an accurate detection. bgs functionality the sensor judges that an object is present when light is received at position a of the light- receiving element (2-segment element). this is useful if the object and background are far apart. the distance adjustment is the same as the conventional adjustment method for adjustable range re ective sensors. e x - 1 0 s e r i e s e x - 2 0 s e r i e s e x - 3 0 s e r i e s p m s e r i e s p m 2 s e r i e s l s s e r i e s e x - l 2 0 0 s e r i e s c y s e r i e s v f s e r i e s n x 5 s e r i e s e q - 5 0 0 s e r i e s c x - 4 0 0 s e r i e s r x s e r i e s s m a l l s i z e m i c r o s e n s o r s l a s e r s e n s o r s l o w c o s t g e n e r a l p u r p o s e b a c k g r o u n d s u p p r e s s i o n g e n e r a l p u r p o s e d c p o w e r a c p o w e r * small spot type * ex-33 only part options created with italicized text may have longer lead times.
panasonic electric works corporation of america http://pewa.panasonic.com/automation-controls/ fx-500 series type # outputs model discrete analog npn output pnp output standard 1 fx-501 fx-501p high function 2 fx-502 fx-502p analog 2 1 fx-505-c2 fx-505p-c2 high visibility dual digital display the incident light value and threshold setting can be viewed simultaneously without the need to enter the menu system. high stability each amplifier is calibrated at the factory to ensure consistency from part to part. furthermore, our newly developed active coupling device (acd) provides optimal light transmission. 25s response time with a 25 ? response time, the fx-500 series can handle detec- tions on even the fastest manufacturing lines. additional features ? active threshold tracking ? built-in logic functions interference prevention ?automatic attenuation multifunction input ? 8 channel memory fx-100 series low cost small size 250? response time type connection model npn output pnp output standard 2m cable fx-101-cc2 fx-101p-cc2 m8 connector fx-101-z fx-101p-z long range 2m cable fx-102-cc2 fx-102p-cc2 m8 connector fx-102-z fx-102p-z fx-300 series mid-range performance red, green and ir led 65? response time type led # outputs model npn output pnp output standard red 1 fx-301 fx-301p green 1 fx-301g fx-301gp blue 1 fx-301b fx-301bp infrared 1 fx-301h fx-301hp high function red 2 fx-305 fx-305p high speed, 33? red 1 fx-301-hs fx-301p-hs fx-400 series manual adjustment ampli er easy to use 150? response time type led model npn output pnp output standard red fx-411 fx-411p green fx-411g fx-411gp blue fx-411b fx-411bp raised adjuster red fx-412 - green fx-412g - blue fx-412b - power cables type # cores model 1m length 2m length 5m length main cable 3 cn-73-c1 cn-73-c2 cn-73-c5 4 cn-74-c1 cn-74-c2 cn-74-c5 sub cable 1 cn-71-c1 cn-71-c2 cn-71-c5 2 cn-72-c1 cn-72-c2 cn-72-c5 standard fibers single core break free sharp bending -67 to +176 ? temp. rating type sensing range bend radius model thrubeam m4 15 0.591 m4 hypr: 3600mm std: 1130mm h-sp: 190mm r2 mm r0.079 in FT-42 m3 m3 12 0.472 hypr: 1350mm std: 315mm h-sp: 70 r4 mm r0.157 in ft-31 1.5mm dia. 10 0.394 ?1.5 ?0.059 ft-s21 ultra small dia. beam diamete r ?0.25 mm ?0.010 in sleeve part cannot be bent . ?3 ?0.118 ?0.4 ?0.016 15 0.591 5 0.197 hypr: 270mm std: 75mm h-sp: 13mm ft-e23 diffuse re ective m6 17 0.669 m6 hypr: 1400mm std: 450mm h-sp: 70mm r2 mm r0.079 in fd-61 m4 m4 14 0.551 hypr: 515mm std: 125mm h-sp: 25mm fd-41 m3 m3 12 0.472 r4 mm r0.157 in fd-31 3mm dia. 10 0.394 ?3 ?0.118 fd-s31 fiber optic sensors universal power connection optical communication panasonic ber optic sensors are unmatched in quality and performance. high speed detections coupled with unparalleled stability give you the best performance possible. with over 200 different ber optic cables, you're sure to nd one for your application, no matter how specialized. an integrated optical communication port on the fx-500 and fx-300 series allow for remote con guration/control as well as interference prevention. additionally, panasonic ber optic sensors utilize a universal power connection system to decrease wiring and share power over an array of sensors. simply select a main cable for the rst unit in the array and a sub cable for each subsequent sensor.
panasonic electric works corporation of america http://pewa.panasonic.com/automation-controls/ pressure sensors dp-100 series self contained 0.1kpa resolution 2.5ms response time dpc-100/dph-100 series separate head and ampli er miniature head design 0.5ms response time type pressure range output con guration output model r1/8 male npt1/8 male g1/8 male m5 female low pressure 100 kpa 2 discrete outputs npn dp-101 dp-101-n dp-101-m pnp dp-101-n-p dp-101-e-p dp-101-m-p 1 discrete output + 1 analog output npn dp-101a dp-101a-n dp-101a-m pnp dp-101a-n-p dp-101a-e-p dp-101-m m8 type 2 discrete outputs pnp dp-111-e-p-j 1 discrete output + 1 analog output dp-111a-e-p-j high pressure -0.1 to 1.0mpa 2 discrete outputs npn dp-102 dp-102-n dp-102-m pnp dp-102-n-p dp-102-e-p dp-102-m 1 discrete output + 1 analog output npn dp-102a dp-102a-n dp-102a-m pnp dp-102a-n-p dp-102a-e-p dp-102a-m-p m8 type 2 discrete outputs pnp dp-112-e-p-j 1 discrete output + 1 analog output dp-112a-e-p-j dpc-l100/dph-l100 series separate head and ampli er for liquids and high pressures 5ms response time air dp-100 series ? self contained design ? m8 quick connection available ? pressure range: -0.1 to 1.0 mpa dpc-100 / dph-100 series ? separate head and ampli er ? high flex cable models available ? pressure heads can be used independently ? pressure range: -0.1 to 1.0 mpa water / oil dpc-l100 / dph-l100 series ? separate head and ampli er ? for air, water, oil, and other liquids ? pressure heads can be used independently ? pressure range: -0.1 to 50.0 mpa run mode settings such as threshold value adjustment and key lock operation can be carried out while the sensor is operating. basic settings such as output mode setting and no/nc switching can be carried out. pro mode high-level function settings such as hysteresis adjustment and the copy function can be carried out. run mode pro mode menu setting mode e men simple setting special & detailed setting three level con guration the setting levels are clearly separated into run mode?for operation settings that are carried out daily, menu setting mode?for basic settings, and pro mode?for special and detailed setting. these make setting operations easy to understand and easy to carry out. three color digital display the main display color switches between green and red in accordance with the on/off status of output during run mode. in addition, the display always appears orange while setting is in progress, so that the status of the controller can be viewed at a glance. orange while setting is in progress. display in red or green depending on output on / off. menu setting mode run mode pro mode off: green (or red) on: red (or green) set: orange panasonic pressure sensors are easy to use and deliver the highest level of performance. our product line can detect air, water, oil, and other liquids with pressures up to 50mpa. whether you need high resolution or high speed detection, our pressure sensors have you covered. menu setting mode controllers sensor heads model number type pressure range port size model npn outputs pnp outputs std cable high flex cable dpc-101 dpc-101-p compound pressure 100 kpa r1/8 male + m5 female dph-101 dph-101-r m3 male dph-101-m3 dph-101-m3-r m5 male dph-101-m5 dph-101-m5-r positive pressure 0 to 1.0mpa r1/8 male + m5 female dph-102 m5 male dph-102-m5 vacuum pressure 0 to -101.0 kpa r1/8 male + m5 female dph-103 dph-103-r m3 male dph-103-m3 dph-103-m3-r m5 male dph-103-m5 dph-103-m5-r controllers sensor heads model number type pressure range port size model npn outputs pnp outputs compound pressure -0.1 to 1.0 mpa r1/4 male dph-l113v dpc-l101 dpc-l101-p positive pressure 0 to 1.0mpa dph-l113 0 to 3.5 mps dph-l133 0 to 10 mpa dph-l114 0 to 50 mpa dph-l154
629 central avenue new providence, nj 07974 1-800-228-2350 automation@us.pewg.panasonic.com http://pewa.panasonic.com copyright ?2011 panasonic electric works corporation of america. all rights reserved. xca-sensors-0311 panasonicelec panasonicelec panasonic electric works of america http://pewa.panasonic.com/automation-controls/ panasonic ideas for life design and speci cations are subject to change without notice. please review technical speci cations before purchase. for any safety concerns regarding these products, please contact your panasonic sales representative. sensors product guide


▲Up To Search▲   

 
Price & Availability of FT-42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X