Part Number Hot Search : 
EUP2471 1A239 DA12CN X9316WP 40020 NJM2206 SW4100 2SA1489
Product Description
Full Text Search
 

To Download 683MSR100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msr radial leaded metallized polyester film capacitors features ? self healing ? small size ? low esr ? low cost applications ? general purpose ? coupling ? bypass ? blocking specifications operating temperature range -55c to +125c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 100 250 400 630 1000 vac 63 160 200 220 250 peak, ac voltage (50/60 hz) for t>+85c , the voltage must be decreased by 1.25% per c frequency (khz) dissipation factor 1 1.0% dissipation factor (max) 25c 10 1.5% wvdc capacitance insulation resistance < 100 < 0.33 f 15000 m ? >100 >0.33 f 30000 m ? x f < 100 < 0.33 f 5000 m ? x f insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied >100 >0.33 f 10000 m ? x f 2000 hours, +85c with 125% of rated voltage capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c load life insulation resistance > 50% of maximum specified value 1000 hours, 93%rh(+/-2%), +40c and no voltage applied capacitance change < 5% of initially measured value dissipation factor < 0.005 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of body length and lead length capacitance drift factor <1.0% after 2 years at 40c capacitance temperature coefficient +400 ppm/c, + 200ppm/c terminal to terminal dielectric strength 160% of vdc applied for 2 seconds and 25c dielectric polyester construction metallized film coating flame retardant epoxy resin (ul94v0) leads lead free tinned copper leads l max 10.5 12 18.5 26 31 s+ 1.0 7.5 10 15 22.5 27.5 g max 1.5 1.5 1.5 1.5 1.5 d + 0.05 0.6 0.6 0.8 0.8 0.8
msr metallized polyester epoxy dipped radial lead capacitance (f) ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 0.01 103msr400k 160 10.5x9x5.5 7.5 0.6 0.01 103msr630k 200 13x10x6 10 0.6 0.01 103msr102k 80 14x11.5x7 10 0.6 0.015 153msr250k 110 10.5x9.5x5.5 7.5 0.6 0.015 153msr400k 160 10.5x9.5x5.5 7.5 0.6 0.015 153msr630k 200 13x10.5x6.5 10 0.6 0.015 153msr102k 80 14x11.5x8 10 0.6 0.022 223msr250k 110 10.5x9.5x5.5 7.5 0.6 0.022 223msr400k 160 13x9.5x6 10 0.6 0.022 223msr630k 200 13x12.5x7.5 10 0.6 0.022 223msr102k 40 19x12.5x8.5 15 0.8 0.033 333msr250k 110 10.5x9.5x6 7.5 0.6 0.033 333msr400k 160 13x10.5x6.5 10 0.6 0.033 333msr630k 90 18.5x12x6.5 15 0.6 0.033 333msr102k 40 19.5x14x9.5 15 0.8 0.047 473msr100k 35 10.5x9.5x6 7.5 0.6 0.047 473msr250k 110 12.5x9x5 10 0.6 0.047 473msr400k 160 13x11.5x7 10 0.6 0.047 473msr630k 90 18x12.5x7.5 15 0.6 0.047 473msr102k 33 27x14x9 22.5 0.8 0.068 683MSR100K 35 10.5x9.5x6 7.5 0.6 0.068 683msr250k 110 12.5x10x5 10 0.6 0.068 683msr400k 65 17.5x10x5.5 15 0.8 0.068 683msr630k 90 18.5x14x8.5 15 0.8 0.068 683msr102k 33 27x15x10 22.5 0.8 0.1 104msr100k 30 12.5x8.5x5.5 10 0.6 0.1 104msr250k 110 13x10x6.5 10 0.6 0.1 104msr400k 65 18.5x12x7 15 0.8 0.1 104msr630k 90 18.5x15.5x10 15 0.8 0.1 104msr102k 33 27x16.5x11.5 22.5 0.8 0.15 154msr100k 30 13x9x5.5 10 0.6 0.15 154msr250k 110 13x13x7 10 0.6 capacitance (f) ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 0.15 154msr400k 65 18.5x13.5x8 15 0.8 0.15 154msr630k 35 22.5x16.5x9.5 20 0.8 0.22 224msr100k 30 13x10x6.5 10 0.6 0.22 224msr250k 45 18x11.5x6 15 0.8 0.22 224msr400k 30 22.5x14.5x8 20 0.8 0.22 224msr630k 35 22.5x19x11.5 20 0.8 0.22 224msr102k 20 32.5x22.5x14.5 27.5 0.8 0.33 334msr100k 20 17.5x10x5.5 15 0.8 0.33 334msr250k 45 18x12x7 15 0.8 0.33 334msr400k 30 22.5x15x9 20 0.8 0.33 334msr630k 30 32x19x12 27.5 0.8 0.33 334msr102k 20 32.5x25.5x16 27.5 0.8 0.47 474msr100k 20 18x11x7 15 0.6 0.47 474msr250k 20 22.5x12.5x7.5 20 0.8 0.47 474msr400k 30 23.5x19x10.5 20 0.8 0.47 474msr630k 30 32x22x13.5 27.5 0.8 0.47 474msr102k 20 32.5x26.5x18.5 27.5 0.8 0.68 684msr100k 20 18.5x12.5x7.5 15 0.6 0.68 684msr250k 20 22.5x13.5x8.5 20 0.8 0.68 684msr400k 25 32x19x12 27.5 0.8 0.68 684msr630k 30 33x24.5x14 27.5 0.8 1 105msr100k 20 18.5x13.5x8.5 15 0.8 1 105msr250k 20 22.5x15x10 20 0.8 1 105msr400k 25 30.5x21x12.5 27.5 0.8 1.5 155msr100k 10 22.5x14.5x8 20 0.8 1.5 155msr250k 15 30x17.5x9.5 27.5 0.8 2.2 225msr100k 10 22.5x16.5x10 20 0.8 2.2 225msr250k 15 30.5x22x12 27.5 0.8 3.3 335msr100k 10 22.5x20x12 20 0.8 4.7 475msr100k 5 30x20.5x11 27.5 0.8 6.8 685msr100k 5 32x23.5x14.5 27.5 0.8 10 106msr100k 5 32x28.5x17.5 27.5 0.8


▲Up To Search▲   

 
Price & Availability of 683MSR100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X