Part Number Hot Search : 
MB3775PF 42500 SD1219 M41T82 N5236B 4HC17 167BZXC 74HCT37
Product Description
Full Text Search
 

To Download 35FXV-RSM1-GAN-ETF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  192 nne?? specifications ?current rating: 0.2a ac, dc ?voltage rating: 50v ac, dc ?temperature range: -25?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/60m max. after environmental testing/60m max. (variation from initial value) ?insulation resistance: 50m min. ?withstanding voltage: 200v ac/minute ?applicable fpc: conductor pitch/0.3mm conductor width/0.3mm mating part thickness/0.2 0.03mm * compliant with rohs. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. the fxv connector is a market require space saving and low profile 0.3mm pitch connector, and designed for corresponding to fpc with protrusions. as fpc with protrusions is used for this fxv connector, easy insertion operation, protection of incomplete insertion and miss-insertion are realized. fxv connector nne?? 0.3mm pitch/connectors for fpc emboss tape ?double zif design for easy insertion operation of fpc ?self-lock cover design ?low profile and space saving ?fpc with protrusions ?   ?   ?   ?   ?   ?  " ?  # ?  $ ?   ?   ?   ?    ?      note: 1. tolerances are non-cumulative: 0.05mm for all centers. 2. the dimensions above should serve as a guideline. contact jst for details. pc board layout (viewed from component side) and assembly layout
193 fxv connector nne?? ?   reinforcing layer ?   ?   ?   ?  / ?   ?       ?  / ?   /  ?   ?   ?   /  ?   "    # $   % circuits model no. dimensions (mm) abcd q'ty / reel 11 13 15 17 21 25 27 29 31 33 35 37 39 43 51 11fxv-rsm1-gan-etf 13fxv-rsm1-gan-etf 15fxv-rsm1-gan-etf 17fxv-rsm1-gan-etf 21fxv-rsm1-gan-etf 25fxv-rsm1-gan-etf 27fxv-rsm1-gan-etf 29fxv-rsm1-gan-etf 31fxv-rsm1-gan-etf 33fxv-rsm1-gan-etf 35FXV-RSM1-GAN-ETF 37fxv-rsm1-gan-etf 39fxv-rsm1-gan-etf 43fxv-rsm1-gan-etf 51fxv-rsm1-gan-etf 2.4 3.0 3.6 4.2 5.4 6.6 7.2 7.8 8.4 9.0 9.6 10.2 10.8 12.0 14.4 5.3 5.9 6.5 7.1 8.3 9.5 10.1 10.7 11.3 11.9 12.5 13.1 13.7 14.9 17.3 4.82 5.42 6.02 6.62 7.82 9.02 9.62 10.22 10.82 11.42 12.02 12.62 13.22 14.42 16.82 3.0 3.6 4.2 4.8 6.0 7.2 7.8 8.4 9.0 9.6 10.2 10.8 11.4 12.6 15.0 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 material and finish contact: copper alloy, nickel-undercoated, gold-plated (nickel-stripe) housing: heat resisting resin, ul94v-0 solder tab: copper alloy, copper-undercoated, tin-plated (reflow treatment) cover: heat resisting resin, ul94v-0 rohs compliance this product displays (lf)(sn)(m) on a label. note: this products listed above are supplied on embossed-tape. connector lead section dimensions of fpc note: n --- number of circuits


▲Up To Search▲   

 
Price & Availability of 35FXV-RSM1-GAN-ETF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X