Part Number Hot Search : 
K1613 TM1500C DS1746 BUK75 3KP12C C106M 0L000 BF9864A
Product Description
Full Text Search
 

To Download SL0810001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl08 10001 ordering different lead types: for example: to order an inside kinked lead use part number sl08 10001 -a electrical specifications: mechanical specifications: csa file #: ca 118061 revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads not available resistance @ 25c 10.0 ? 20% max steady state current up to 65c 1.0 a max recommended energy rating (joules) 8.0 j actual failure point of instantaneous energy (joules) 17.0 j resistance @ 100% of max current 0.680 ? resistance @ 50% of max current 1.20 ? power consumption @ max current 1.935 watts body temperature @ 100% current rating 134 c dissipation constant 9.0mw/c thermal time constant 27 seconds d 8.0 0.3 mm t 3.5 0.3 mm lead diameter 0.5 0.1 mm s 6.35 0.5 mm l 38.0 9.0 mm inside kink see dimension b b 7.5 3.50 mm c 2.82 0.5 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL0810001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X