Part Number Hot Search : 
A7121 B90N6T C3216X7R F1100 TCZM15C 87C196JT AS27C256 2N6107G
Product Description
Full Text Search
 

To Download MAX11166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX11166/max11167 16-bit, 500ksps/250ksps, sar adcs offer excellent ac and dc performance with true bipolar input range, small size, and internal reference. the MAX11166/max11167 measure a q 5v (10v p-p ) input range while operating from a single 5v supply. a patented charge-pump architecture allows direct sampling of high- impedance sources. the MAX11166/max11167 integrate an optional 5ppm/ n c reference with internal buffer, saving the cost and space of an external reference. these adcs achieve 93db snr and -105db thd. the MAX11166/max11167 guarantee 16-bit no-missing codes and q 2 lsb (max) inl. the MAX11166/max11167 communicate using an spi- compatible serial interface at 2.5v, 3v, 3.3v, or 5v logic. the serial interface can be used to daisy-chain multiple adcs in parallel for multichannel applications and pro - vides a busy indicator option for simplified system syn - chronization and timing. the MAX11166/max11167 are offered in 12-pin, 3mm x 3mm, tdfn packages and are specified over the -40 n c to +85 n c temperature range. applications data acquisition systems industrial control systems/process control medical instrumentation automatic test equipment features high precision great for dc and ac applications 16-bit resolution with no missing codes snr: 92.6db thd: -105db at 20khz 0.5 lsb inl (typ) 0.2 lsb dnl (typ) internal reference and reference buffer saves cost and board space 6ppm/c typ tiny 12-pin 3mm x 3mm tdfn package bipolar 5v analog input range saves external signal conditioning single-supply adc with low power 5v analog supply 2.3v to 5v digital supply 19.5mw at 500ksps 1a shutdown mode 500ksps throughput rate (MAX11166) 250ksps throughput rate (max11167) no pipeline delay/latency flexible industry-standard serial interface saves i/o pins spi/qspi?/microwire ? /dsp-compatible 19-6445; rev 0; 8/12 typical operating circuit selector guide and ordering information appear at end of data sheet. qspi is a trademark of motorola, inc. microwire is a registered trademark of national semiconductor corporation. for related parts and recommended products to use with this part, refer to www.maximintegrated.com/MAX11166.related . evaluation kit available max9632 agnds 16-b it ad c ref buf configuration registe r internal referenc e ain+ ain- ref cnvst gnd refio dout din sclk 1 f1 f v dd (5v) ovdd (2.3v to 5v) interfac e and contro l host controller 5v 50 500pf 10f MAX11166 max11167 0.1f MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn http://www..net/ datasheet pdf - http://www..net/
maxim integrated 2 v dd to gnd ............................................................ -0.3v to +6v ovdd to gnd ....... -0.3v to the lower of (v dd + 0.3v) and +6v ain+ to gnd ........................................................................ q 7v ain-, ref, refio, agnds to gnd ............... -0.3v to the lower of (v dd + 0.3v) and +6v sclk, din, dout, cnvst to gnd ............... -0.3v to the lower of (v dd + 0.3v) and +6v maximum current into any pin ........................................... 50ma continuous power dissipation (t a = +70 n c) tdfn (derate 18.2mw/ n c above +70 n c) .................. 1349mw operating temperature range ........................... -40 n c to +85 n c junction temperature ...................................................... +150 n c storage temperature range ............................ -65 n c to +150 n c lead temperature (soldering, 10s) ................................. +300 n c soldering temperature (reflow) ....................................... +260 n c absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. electrical characteristics (v dd = 4.75v to 5.25v, v ovdd = 2.3v to 5.25v, f sample = 500khz or 250khz, v ref = 4.096v; t a = t min to t max , unless otherwise noted. typical values are at t a = +25 n c.) (note 2) note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four- layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal- tutorial . tdfn junction-to-ambient thermal resistance ( q ja ) .......... 59.3 n c/ junction-to-case thermal resistance ( q jc ) ........... 22.5 n c/w package thermal characteristics (note 1) 5.000 4.096 parameter symbol conditions min typ max units analog input (note 3) input voltage range ain+ to ain-, k = -k x v ref +k x v ref v absolute input voltage range ain+ to gnd -(v dd + 0.1) +(v dd + 0.1) v ain- to gnd -0.1 +0.1 analog input cmrr cmrr -77 db input leakage current acquisition phase -10 +0.001 +10 a input capacitance 15 pf input-clamp protection current both inputs -20 +20 ma dc accuracy (note 4) resolution n 16 bits no missing codes 16 bits differential nonlinearity dnl -0.5 +0.2 +0.5 lsb integral nonlinearity inl t a = t min to t max -2.0 0.5 +2.0 lsb t a = +25c to +85c -1.0 0.5 +1.0 transition noise 0.5 lsb gain error (t min to t max ) 2 10 lsb gain error temperature coeffcient 1 ppm/c offset error (t min to t max ) 0.1 +1.1 mv MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 3 electrical characteristics (continued) (v dd = 4.75v to 5.25v, v ovdd = 2.3v to 5.25v, f sample = 500khz or 250khz, v ref = 4.096v; t a = t min to t max , unless otherwise noted. typical values are at t a = +25 n c.) (note 2) parameter symbol conditions min typ max units offset temperature coeffcient 2.4 v/c positive full-scale error 13 lsb negative full-scale error 13 lsb power-supply rejection (note 5) psr 3.0 lsb throughput sample rate throughput sample rate MAX11166 0.01 500 ksps max11167 0.01 250 transient response full-scale step 400 ns dynamic specifications (note 6) signal-to-noise ratio (note 7) snr f in = 20khz v ref = 2.5v, reference mode 3 89.8 db v ref = 4.096v, reference mode 3 91.2 92.6 internal reference, reference mode 0 92.4 v ref = 4.096v, reference mode 1 92.5 signal-to-noise plus distortion (note 7) sinad f in = 20khz v ref = 2.5v, reference mode 3 89.5 db v ref = 4.096v, reference mode 3 90 92.3 internal reference, reference mode 0 91.8 v ref = 4.096v, reference mode 1 91.4 spurious-free dynamic range sfdr 96 105 db total harmonic distortion thd -105 -96 db intermodulation distortion (note 8) imd -115 db reference (note 7) ref output initial accuracy v ref reference mode 0 4.092 4.096 4.100 v ref output temperature coeffcient tc ref reference mode 0 9 17 ppm/c refio output initial accuracy v refio reference modes 0 and 2 4.092 4.096 4.100 v refio output temperature coeffcient tc refio reference modes 0 and 2 6 15 ppm/c refio output impedance reference modes 0 and 2 10 k i refio input voltage range reference mode 1 3 4.096 4.25 v reference buffer initial offset reference mode 1 -500 +500 v reference buffer temperature coeffcient reference mode 1 6 10 v/c external compensation capacitor c ext required for reference modes 0 and 1, recommended for reference modes 2 and 3 10 f ref voltage input range v ref reference modes 2 and 3 2.5 4.25 v ref input capacitance reference modes 2 and 3 20 pf MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 4 electrical characteristics (continued) (v dd = 4.75v to 5.25v, v ovdd = 2.3v to 5.25v, f sample = 500khz or 250khz, v ref = 4.096v; t a = t min to t max , unless otherwise noted. typical values are at t a = +25 n c.) (note 2) parameter symbol conditions min typ max units ref load current i ref v ref = 4.096v, reference modes 2 and 3 max11167, 250ksps 65 a MAX11166, 500ksps 130 sampling dynamics full-power bandwidth -3db point 6 mhz -0.1db point > 0.2 full-linear bandwidth sinad > 90db 100 khz acquisition time t acq 400 ns aperture delay 2.5 ns aperture jitter 50 ps rms digital inputs (din, sclk, cnvst) input voltage high v ih 0.7 x v ovdd v input voltage low v il 0.3 x v ovdd v input hysteresis v hys 0.05 x v ovdd v input capacitance c in 10 pf input current i in v in = 0v or v ovdd -10 +10 a digital output (dout) output voltage high v oh i source = 2ma v ovdd - 0.4 v output voltage low v ol i sink = 2ma 0.4 v three-state leakage current -10 +10 a three-state output capacitance 15 pf power supplies analog supply current i vdd internal reference mode 5.0 5.8 6.5 ma external reference mode 3.0 3.5 4.0 v dd shutdown current 6.3 10 a interface supply current (note 9) i ovdd v ovdd = 2.3v 0.75 0.85 ma v ovdd = 5v 2.0 2.3 ovdd shutdown current 0.9 10 a power dissipation v dd = 5v, v ovdd = 2.3v (external reference mode) 19 mw v dd = 5v, v ovdd = 2.3v (internal reference mode) 30.5 v dd = 5v, v ovdd = 3.0v (external reference mode) 20.5 v dd = 5v, v ovdd = 3.0v (internal reference mode) 32 v dd = 5v, v ovdd = 5v (external reference mode) 28 v dd = 5v, v ovdd = 5v (internal reference mode) 38 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 5 electrical characteristics (continued) (v dd = 4.75v to 5.25v, v ovdd = 2.3v to 5.25v, f sample = 500khz or 250khz, v ref = 4.096v; t a = t min to t max , unless otherwise noted. typical values are at t a = +25 n c.) (note 2) parameter symbol conditions min typ max units analog supply voltage v dd 4.75 5.25 v interface supply voltage v ovdd 2.3 5.25 v timing (note 9) conversion time t conv cnvst rising to data available MAX11166 1.35 1.5 s max11167 2.7 3.0 acquisition time t acq MAX11166 500 ns max11167 1 s time between conversions t cyc MAX11166 0.002 100 ms max11167 0.004 100 ms cnvst pulse width t cnvpw cs mode 5 ns sclk period ( cs mode) t sclk v ovdd > 4.5v 14 ns v ovdd > 2.7v 20 v ovdd > 2.3v 26 sclk period ( daisy-chain mode) t sclk v ovdd > 4.5v 16 ns v ovdd > 2.7v 24 v ovdd > 2.3v 30 sclk low time t sclkl 5 ns sclk high time t sclkh 5 ns sclk falling edge to data valid delay t ddo v ovdd > 4.5v 12 ns v ovdd > 2.7v 18 v ovdd > 2.3v 23 cnvst low to dout d15 msb valid ( cs mode) t en v ovdd > 2.7v 14 ns v ovdd < 2.7v 17 cnvst high or last sclk falling edge to dout high impedance t dis cs mode 20 ns din valid setup time from sclk falling edge t sdinsck v ovdd > 4.5v 3.0 ns v ovdd > 2.7v 5.0 v ovdd > 2.3v 6.0 din valid hold time from sclk falling edge t hdinsck 0 ns sclk valid setup time to cnvst falling edge t ssckcnf 3 ns sclk valid hold time to cnvst falling edge t hsckcnf 6 ns MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 6 typical operating characteristics (typical values are at t a = +25c.) note 2: maximum and minimum limits are fully production tested over specified supply voltage range and at a temperature of +25c and +85c. limits below +25c are guaranteed by design and device characterization. typical values are not guaranteed. note 3: see the analog inputs and overvoltage input clamps sections. note 4: see the definitions section. note 5: defined as the change in positive full-scale code transition caused by a q 5% variation in the v dd supply voltage. note 6: 20khz sine wave input, -0.05db below full scale. note 7: see table 4 for definition of the reference modes. note 8: f in1 = 19.8khz, f in2 = 20.2khz, each tone at -6.05db below full scale. note 9: c load = 65pf on dout. electrical characteristics (continued) (v dd = 4.75v to 5.25v, v ovdd = 2.3v to 5.25v, f sample = 500khz or 250khz, v ref = 4.096v; t a = t min to t max , unless otherwise noted. typical values are at t a = +25 n c.) (note 2) integral nonlinearity vs. code MAX11166 toc01 output code (decimal) inl (lsb) 57344 49152 32768 40960 16384 24576 8192 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 0 65536 v dd = 5.0v v ovdd = 3.3v f sample = 250ksps t a = +25c v ref = 4.096v differential nonlinearity vs. code MAX11166 toc02 output code (decimal) 8192 dnl (lsb) 57344 49152 32768 40960 16384 24576 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 -0.5 0 65536 v dd = 5.0v v ovdd = 3.3v f sample = 250ksps t a = +25c v ref = 4.096v inl and dnl vs. v dd supply voltage MAX11166 toc03 v vdd (v) inl and dnl (lsb) 5.15 5.05 4.95 4.85 1.2 -1.2 4.75 5.25 min dnl -0.8 -0.4 0 0.4 0.8 v dd = 5.0v v ovdd = 3.3v f sample = 250ksps t a = +25c v ref = 4.096v max inl max dnl min inl inl and dnl vs. temperature MAX11166 toc04 temperature (c ) inl and dnl (lsb) 60 35 10 -15 -40 85 1.2 -1.2 -0.8 -0.4 0 0.4 0.8 max inl min inl v dd = 5.0v v ovdd = 3.3v f sample = 250ksps v ref = 4.096v max dnl min dnl 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v dd supply current vs. v dd supply voltage MAX11166 toc05 v dd (v) i vdd (ma) 7.0 3.0 5.15 5.05 4.95 4.85 4.75 5.25 t a = +25c v ovdd = 3.3v f sample = 250ksps ref mode = 0 and 1 ref mode = 2 and 3 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 3.0 v dd supply current vs. temperature MAX11166 toc0 6 temperature (c) i vdd (ma) 60 35 10 -15 -40 85 ref mode = 0 and 1 ref mode = 2 and 3 v dd = 5.0v v ovdd = 3.3v f sample = 250ksps MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 7 typical operating characteristics (continued) (typical values are at t a = +25c.) 0.5 1.0 1.5 2.0 ovdd supply current vs. ovdd supply voltage MAX11166 toc07 v ovdd (v) i ovdd (ma) 2.5 0 4.75 4.25 2.75 3.25 3.75 2.25 5.25 t a = +25c v dd = 5.0v c dout = 65pf max11167 at 10ksps max11167 at 250ksps ovdd supply current vs. temperature MAX11166 toc08 temperature (c ) i ovdd (ma) 0.2 0.4 0.6 0.8 1.2 1.0 1.4 0 v dd = 5.0v v ovdd = 3.3v c dout = 65pf 60 35 10 -15 -40 85 max11167 at 10ksps max11167 at 250ksps 1 2 3 4 5 6 7 4.75 4.25 2.75 3.25 3.75 2.25 5.25 v dd and ovdd shutdow n current vs. supply voltage MAX11166 toc09 v dd or v ovdd (v) shutdown current (a) 8 0 i vdd i ovdd t a = +25c temperature (c ) 60 35 10 -15 -40 85 1 2 3 4 5 6 7 analog and digital shutdown current vs. temperature MAX11166 toc10 shutdown current (a) 8 0 i vdd i ovdd v dd = 5.0v v ovdd = 3.3v 4.09596 4.09598 4.09600 4.09602 4.09604 internal reference voltages vs. v dd voltage MAX11166 toc11 v dd (v) v ref (v) 5.15 5.05 4.85 4.95 4.09606 4.09594 4.75 5.25 t a = +25c ref mode = 0 v refio v ref internal reference voltage vs. temperature (ref pin) MAX11166 toc12 temperature (c ) v ref (v) 4.093 4.094 4.095 4.096 4.098 4.097 4.099 4.100 4.092 v dd = 5.0v ref mode = 0 30 devices measure d 60 35 10 -15 -40 85 min measure d max measure d gain error vs. supply voltage MAX11166 toc15 v dd (v) gain error (lsbs ) -2 0 2 4 -4 f sample = 250ksps t a = +25c v ref = 4.096v 5.15 5.05 4.85 4.95 4.75 5.25 offset error (mv) -0.6 -0.2 0.2 0.6 1.0 -1.0 temperature (c ) 60 35 10 -15 -40 85 offset error vs. temperature f sample = 250ksps v dd = 5.0v v ref = 4.096v MAX11166 toc14 offset error vs. supply voltage MAX11166 toc13 v dd (v) offset error (mv) -0.6 -0.2 0.2 0.6 1.0 -1.0 5.15 5.05 4.85 4.95 4.75 5.25 f sample = 250ksps t a = +25c v ref = 4.096v MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 8 typical operating characteristics (continued) (typical values are at t a = +25c.) fft plot MAX11166 toc17 frequency (khz) magnitude (db) 100 75 50 25 -120 -100 -80 -60 -40 -20 0 -140 0 125 f in = 20khz f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 snr = 92.6db sinad = 92.5db thd = -109.5db two-tone imd plot MAX11166 toc18 frequency (khz) magnitude (db) 22 23 21 20 19 18 17 -120 -100 -80 -60 -40 -20 0 -140 16 24 f in1 = 19838hz f in2 = 20235hz f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 snr and sinad vs. v dd supply voltage MAX11166 toc19 v dd (v) snr and sinad (db) 92.0 92.5 93.0 91.5 5.15 5.05 4.85 4.95 sinad snr 4.75 5.25 f in = 20khz f sample = 250ksps t a = +25c v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 snr and sinad ratio vs. temperature MAX11166 toc20 temperature (c ) snr and sinad (db) 60 35 10 -15 -40 85 sinad snr 92.0 92.5 93.0 91.5 f in = 20khz f sample = 250ksps v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 thd vs. v dd supply voltage MAX11166 toc21 v dd (v) thd (db) -106 -105 -104 -103 -111 -107 -108 -109 -110 5.15 5.05 4.85 4.95 4.75 5.25 f in = 20khz f sample = 250ksps t a = +25c v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 total harmonic distortion vs. temperature MAX11166 toc22 temperature (c ) thd (db) 60 35 10 -15 -109 -108 -107 -106 -105 -104 -110 -40 85 f in = 20khz f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 gain error vs. temperature MAX11166 toc16 temperature (c ) f sample = 250ksps v dd = 5.0v v refio = 4.096v 60 35 10 -15 -40 85 gain error (lsb) -2 0 2 4 -4 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 9 typical operating characteristics (continued) (typical values are at t a = +25c.) signal-to-noise and distortion ratio vs. frequency frequency (khz) sinad (db) 10 1 0.1 86 88 90 92 94 80 82 84 0.01 100 MAX11166 toc23 f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 thd vs. reference voltage v ref (v) thd relative to fs (db) -112 -116 -108 -104 -100 -120 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 MAX11166 toc2 6 f in = 20khz f in = 1khz f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v in = -0.1dbfs ref mode = 3 enob vs. input signal frequency frequency (khz) enob (bits) 1 0.1 13.8 14.6 14.2 15.0 15.4 13.4 0.01 100 10 MAX11166 toc2 4 f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v in = -0.1dbfs ref mode = 3 10 1 -80 -70 -60 -50 -40 -90 0.1 100 cmrr vs. input frequency MAX11166 toc27 cmrr (db) frequency (khz) f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v v ain+ = v ain- = 100mv p-p thd vs. input frequency frequency (khz) thd (db) -100 -105 -95 -90 -85 -120 -110 -115 MAX11166 toc2 5 1.0 0.1 0 100 10 f sample = 250ksps t a = +25c v dd = 5.0v v ovdd = 3.3v v ref = 4.096v ref mode = 3 v in = -0.1db v in = -4db output noise histogram with input connected to gnd MAX11166 toc27 output code (decimal) number of occurances 32769 32770 32768 32767 50k 100k 150k 200k 0 32765 32766 32771 v ainp = 0v v dd = 5.0v v ref = 4.096v f sample = 250ksps t a = +25c MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 10 pin confguration pin description pin name i/o function 1 refio i/o external reference input/internal reference output. place a 0.1f capacitor from refio to agnds. 2 ref i/o external reference input/reference buffer decoupling. bypass to agnds in close proximity with a x5r or x7r 10f 16v chip. see the layout , grounding , and bypassing section. 3 v dd i analog power supply. bypass to gnd with a 0.1f capacitor for each device and one 10f per pcb. 4 ain+ i positive analog input 5 ain- i negative analog input. connect ain- to the analog ground plane or to a remote-sense ground. 6 gnd i power-supply ground 7 cnvst i convert start input. the rising edge of cnvst initiates conversions. the falling edge of cnvst with sclk high enables the serial interface. 8 dout o serial data output. dout will change stated on the falling edge of sclk. 9 sclk i serial clock input. clocks data out of the serial interface when the device is selected. 10 din i serial data input. din data is latched into the serial interface on the rising edge of sclk. 11 ovdd i digital power supply. bypass to gnd with a 0.1f capacitor for each device and one 10f per pcb. 12 agnds i analog ground sense. zero current reference for the on-board dac and reference source. reference for refio and ref. ep exposed pad. ep is connected internally to gnd. connect to pcb gnd. 1 3 4 12 10 9 8 agnds din sclk dout max11 166 max11 167 2 11 ovdd 5 6 + 7 cnvst refio v dd ain+ ain- ref gnd ep tdfn top view MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 11 functional diagram detailed description the MAX11166/max11167 are 16-bit single-channel, pseudo-differential adcs with maximum throughput rates of 500ksps/250ksps. these adcs include a precision internal reference that allows for measuring a bipolar input voltage range of q 5v. an external reference can also be applied for input ranges between q 3.05v and q 5.19v. both inputs (ain+ and ain-) are sampled with a pseudo- differential on-chip track-and-hold exhibiting no pipeline delay or latency, making these adcs ideal for multiplexed applications. the MAX11166/max11167 measure a true bipolar volt - age of q 5v (10v p-p ) and the inputs are protected for up to q 20ma of overrange current. these adcs are powered from a 4.75 to 5.25v analog supply (v dd ) and a separate 2.3v to 5.25v digital supply (ovdd). the MAX11166/ max11167 require 500ns/1 f s to acquire the input sam - ple on an internal track-and-hold and then convert the sampled signal to 16 bits of accuracy using an internally clocked converter. analog inputs the MAX11166/max11167 adcs consist of a true sam - pling pseudo-differential input stage with high-impedance, capacitive inputs. the internal t/h circuitry feature a small- signal bandwidth of about 6mhz to provide 16-bit accu - rate sampling in 500ns (MAX11166)/1 f s (max11167). this allows for accurate sampling of a number of scanned channels through an external multiplexer. thd is opti - mized for input frequencies of around 20khz. there is a gradual decrease in thd above this input frequency. see the typical operating characteristics for more details. the MAX11166/max11167 can thus convert input signals on ain+ in the range of -(k o v ref + ain-) to +(k o v ref + ain-) where k = 5.000/4.096. ain+ should also be lim - ited to (v dd + 0.1v) for accurate conversions. ain- has an input range of -0.1v to +0.1v and should be connected to the ground reference of the input signal source. the max11162 /max11163 performs a true differential sample on inputs between ain+ and ain- with good common- mode rejection (see the typical operating circuit ). this allows for improved sampling of remote transducer inputs. many traditional adcs with single supplies that mea - sure bipolar input signals use resistive divider networks directly on the analog inputs. these networks increase the complexity of the input signal conditioning. however, the MAX11166/max11167 include a patented input switch architecture that allows direct sampling of high-imped - ance sources (> 1m i ) below gnd without a scaling resis - tor-divider network. this architecture requires a minimum sample rate of 10hz to maintain accurate conversions over the designed temperature and supply ranges. 16-b it ad c configuration registe r ref buf internal referenc e ain+ ain- agnds sw1 10k refio cnvst dout ref gnd ovdd v dd sclk din interfac e and contro l MAX11166 max11167 sw2 configuration register reference mode reference switch state b5 0 0 1 1 b4 0 1 0 1 sw2 closed closed open open sw1 closed open closed open 0 1 2 3 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 12 overvoltage input clamps the MAX11166/max11167 include an input clamping circuit that activates when the input voltage at ain+ is above (v dd + 300mv) or below -(v dd + 300mv). the clamp circuit remains high impedance while the input sig - nal is within the range of q (v dd + 100mv) and draws little to no current. however, when the input signal exceeds this range the clamps begin to turn on. consequently, to obtain the highest accuracy, ensure that the input voltage does not exceed the range of q (v dd + 100mv). to make use of the input clamps, connect a resistor (r s ) between the ain+ input and the voltage source to limit the voltage at the analog input and to ensure the fault current into the devices does not exceed q 20ma. note that the voltage at the ain+ input pin limits to approximately 7v during a fault condition so the following equation can be used to calculate the value of r s : max fault s v 7v r 20ma ? = where v fault max is the maximum voltage that the source produces during a fault condition. figure 1 and figure 2 illustrate the clamp circuit volt - age current characteristics for a source impedance r s = 1280 i . while the input voltage is within the q (v dd + 300mv) range, no current flows in the input clamps. once the input voltage goes beyond this voltage range, the clamps turn on and limit the voltage at the input pin. internal/external reference 5(),2rjxudwlr the MAX11166/max11167 include a standard spi inter - face that selects internal or external reference modes of operation through an input configuration register (see the input configuration interface section). the MAX11166/ max11167 feature an internal bandgap reference circuit (v refio = 4.096v) that is buffered with an internal ref - erence buffer that drives the ref pin. the MAX11166/ max11167 configure register allows four combinations of reference configuration. these reference mode are: reference mode 00: adc reference is provided by the internal bandgap feed out the refio pin, noise filtered with an external capacitor on the refio pin, then buff - ered by the internal reference buffer and decoupled with an external capacitor on the ref pin. in this mode the adc requires no external reference source. reference mode 01: adc reference is provided external - ly and feeds into the refio pin, buffered with the internal reference buffer and decoupled with an external capaci - tor on the ref pin. this mode is typically used when a common reference source is needed for more than one MAX11166/max11167. reference mode 10: the internal bandgap is used as a reference source output and feed out the refio pin. however, the internal reference buffer is in a shutdown state and the ref pin is high impedance. this state would typically be used to provide a common reference source to a set of external reference buffers for several MAX11166/max11167. figure 1. input clamp characteristics figure 2. input clamp characteristics (zoom in) max11167/ max11168 input clamp characteristics signal voltage at source and ain+ input (v ) i clamp (ma) 30 20 0 10 -20 -10 -30 -20 -15 -10 -5 0 5 10 15 20 25 -25 -40 40 r s = 1280i v dd = 5.0v at source at an+ input max11167/ max11168 input clamp characteristics signal voltage at source and ain+ input (v ) i clamp (ma) 6 4 0 2 -4 -2 -6 -20 -15 -10 -5 0 5 10 15 20 25 -25 -8 8 r s = 1280i v dd = 5.0v at source at an+ input MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 13 reference mode 11: the internal bandgap reference source as well as the internal reference buffer are both in a shutdown state. the ref pin is in a high-impedance state. this mode would typically be used when an exter - nal reference source and external reference buffer is used to drive all MAX11166/max11167 parts in a system. regardless of the reference mode used, the MAX11166/ max11167 require a low-impedance reference source on the ref pin to support 16-bit accuracy. when using the internal reference buffer, externally bypass the reference buffer output using at least a 10 f f, low-inductance, low- esr capacitor placed as close as possible to the ref pin, thus minimizing additional pcb inductance. when using the internal bandgap reference source, bypass the refio pin with a 0.1 f f capacitor to ground. if providing an exter - nal reference and using the internal reference buffer, drive the refio pin directly with an external reference source in the range of 3.0v to 4.25v. finally, if disabling the MAX11166/max11167 internal bandgap reference source and internal reference buffer, drive the ref pin with a ref - erence voltage in the range of 2.5v to 4.25v and place at least a 10 f f, low-inductance, low-esr capacitor placed as close as possible to the ref pin . when using the MAX11166/max11167 in external refer - ence mode, it is recommended that an external reference buffer be used. for bypass capacitors on the ref pin, x7r or x5r ceramic capacitors in a 1210 case size or smaller have been found to provide adequate bypass performance. y5u or z5u ceramics capacitors are not recommended due to their high voltage and temperature coefficients. maxim offers a wide range of precision references ideal for 16-bit accuracy. table 1 lists some of the options rec - ommended. input amplifer it is important to match the settling time of the input ampli - fier to the acquisition time of the MAX11166/max11167. the conversion results are accurate when the adc sam - ples the input signal for an interval longer than the input signals worst-case settling time. by definition, settling time is the interval between the application of an input voltage step and the point at which the output signal reaches and stays within a given error band centered on the resulting steady-state amplifier output level. the adc input sam - pling capacitor charges during the sampling cycle, referred to as the acquisition period. during this acquisition period, the settling time is affected by the input resistance and the input sampling capacitance. this error can be estimated by looking at the settling of the sample transient on an rc time constant over the acquisition period. although the MAX11166/max11167 are easy to drive, an amplifier buffer is recommended if the source impedance is such that when driving a 500pf capacitor attached to the ain+ pin, the setting time constant of the source exceeds, t sample /14 where t sample is the desired mini - mum sampling time. another application where an input amplifier is recom - mended is when the signal needs scaling in gain or offset to match the adcs full-scale input range. an optimum operational amplifier can be selected based on the follow - ing requirements: 1) fast settling time: for multichannel multiplexed appli - cations the driving operational amplifier must be able to settle to 16-bit resolution when a full-scale step is applied during the minimum acquisition time. 2) low noise: it is important to ensure that the driver amplifier has a low average noise density appropriate for the desired bandwidth of the application. when the MAX11166/max11167 are used with its full band - width of 6mhz, it is preferable to use an amplifier that will produce an output noise spectral density of less than 6nv/ hz , to ensure that the overall snr is not degraded significantly. it is recommended to insert an external rc filter at the MAX11166/max11167 table 1. MAX11166/max11167 external reference recommendations part v out (v) temperature coefficient (max) initial accuracy (%) noise (0.1hz to 10hz) (v p-p ) package max6126 2.5, 3, 4.096, 5.0 3 (a), 5 (b) 0.06 1.35 max-8 so-8 max6325 max6341 max6350 2.5, 4.096, 5.0 1 0.04, 0.02 1.5, 2.4, 3.0 so-8 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 14 ain+ input to attenuate out-of-band input noise and preserve the adcs snr. the effective rms noise at the MAX11166/max11167 ain+ input is 64 f v, thus additional noise from a buffer circuit should be sig - nificantly lower in order to achieve the maximum snr performance. 3) thd performance: the input buffer amplifier used should have a comparable thd performance with that of the MAX11166/max11167 to ensure the thd of the digitized signal is not degraded. table 2 summarizes the operational amplifiers that are compatible with the MAX11166/max11167. the max9632 has sufficient bandwidth, low enough noise and distor - tion to support the full performance of the MAX11166/ max11167. the max9633 is a dual amp and can sup - port buffering for true pseudo-differential sampling. the max44251/max44252 have sufficiently low noise and distortion for lower speed, more power-sensitive applica - tions where multiple channels are required. transfer function the ideal transfer characteristic for the MAX11166/ max11167 is shown in figure 3 . the precise location of various points on the transfer function are given in table 3 . 1) this is also the code for an overranged analog input (v ain+ - v ain- greater than +k x v ref , k = 5.000/4.096). 2) this is also the code for an underranged analog input (v ain+ - v ain- less than -k x v ref , k = 5.000/4.096) table 2. list of recommended adc driver op amps for MAX11166/max11167 figure 3. bipolar transfer function table 3. transfer function example amplifier input-noise density (nv/ hz ) small-signal bandwidth (mhz) slew rate (v/s) thd (db) i cc (ma) comments max9632 1 55 30 -128 3.9 low noise, thd at 10khz max9633 3 27 18 -128 3.5 low noise, dual amp, thd at 10khz max44251 5.9 10 8 -124 1.75 precision, dual amp, thd at 20khz max44252 5.9 10 8 -124 1.75 precision, quad amp, thd at 20khz code transition bipolar input (v) digital output code (hex) fs - 0.5 lsb +4.999771 ffff - fffe1 midscale + 0.5 lsb +0.000076 8000 - 8001 midscale 0 8000 midscale - 0.5 lsb -0.000076 7fff - 8000 fs + 0.5 lsb -4.999924 0000 - 0001 2 -fs ffff 8001 8000 0000 0001 7ffe outputcode (hex) input vol ta ge (lsb) 7fff 0 full-scale transition -fs fffe -fs + 0.5 lsb +fs - 1.5 lsb +fs = 5 x v ref 4.096 lsb = +fs - (-fs) 65536 -fs = -5 x v ref 4.096 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 15 input confguration interface an spi interface clocked at up to 50mhz controls the MAX11166/max11167. input configuration data is clocked into the configuration register on the falling edge of sclk through the din pin. the data on din is used to program the adc configuration register. the construct of this reg - ister is illustrated in table 4 . the configuration register defines the output interface mode, the reference mode, and the power-down state of the MAX11166/max11167. confguring in cs mode figure 4 details the timing for loading the input configuration register when the MAX11166/max11167 are connected in cs mode (see figure 6 and figure 8 for hardware connec - tions). the load process is enabled on the falling edge of cnvst when sclk is held high. the configuration data is clocked into the configuration register through din on the next 8 sclk falling edges. pull cnvst high to complete the input configuration register load process. din should idle high outside an input configuration register read. table 4. adc configuration register figure 4. input configuration timing in cs mode bit name bit default state logic state function mode 7:6 00 00 cs mode, no-busy indicator 01 cs mode, with busy indicator 10 daisy-chain mode, no-busy indicator 11 daisy-chain mode, with busy indicator ref 5:4 00 00 reference mode 0. internal reference and reference buffer are both powered on. 01 reference mode 1. internal reference is turned off, but internal reference buffer powered on. apply the external reference voltage at refio. 10 reference mode 2. internal reference is powered on, but the internal reference buffer is powered off. this mode allows for internal reference to be used with an external reference buffer. 11 reference mode 3. internal reference and reference buffer are both powered off. apply an external reference voltage at ref. shdn 3 0 0 normal mode. all circuitry is fully powered up at all times. 1 static shutdown. all circuitry is powered down. reserved 2:0 0 0 reserved, set to 0 01234 56 7 t hsckcnf t ssckcnf cnvst sclk din t hdinsck t sdinsck b6 b5 b4 b3 b2 b1 b0 b7 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 16 confguring in daisy-chain mode figure 5 details the configuration register load process when the MAX11166/max11167 are connected in a daisy-chain configuration (see figure 12 and figure 14 for hardware connections). the load process is enabled on the falling edge of cnvst when sclk is held high. in daisy-chain mode, the input configuration registers are chained together through dout to din. device as dout will drive device bs din. the input configuration register is an 8-bit, first-in first-out shift register. the configuration data is clocked in n times through 8 o n falling sclk edges. after the MAX11166/max11167 adcs in the chain are loaded with the configuration byte, pull cnvst high to complete the configuration register loading process. figure 5 illustrates a configuration sequence for loading two devices in a chain. data loaded into the configuration register alters the state of the MAX11166/max11167 on the next conversion cycle after the register is loaded. however, powering up the inter - nal reference buffer or stabilizing the refio pin voltage will take several milliseconds to settle to 16-bit accuracy. shutdown mode the shdn bit in the configuration register forces the MAX11166/max11167 into and out of shutdown. set shdn to 0 for normal operation. set shdn to 1 to shut down all internal circuitry and reset all registers to their default state. output interface the MAX11166/max11167 can be programmed into one of four output modes; cs modes with and without busy indicator and daisy-chain modes with and without busy indicator. when operating without busy indication, the user must externally timeout the maximum adc conver - sion time before commencing readback. when operating in one of the two busy indication modes, the user can connect the dout output of the MAX11166/max11167 to an interrupt input on the digital host and use this interrupt to trigger the output data read. regardless of the output interface mode used, digital activity should be limited to the first half of the conversion phase. having sclk or din transitions near the sampling instance can also corrupt the input sample accuracy. therefore, keep the digital inputs quiet for approximately 25ns before and 10ns after the rising edge of cnvst. these times are denoted as t sq and t hq in all subse - quent timing diagrams. in all interface modes, the data on dout is valid on both sclk edges. however, the input setup time into the receiving digital host will be maximized when data is clocked into that digital host on the falling sclk edge. doing so will allow for higher data transfer rates between the MAX11166/max11167 and the digital host and conse - quently higher converter throughput. in all interface modes, it is recommended that the sclk be idled low to avoid triggering an input configuration write on the falling edge of cnvst. if at anytime the device detects a high sclk state on a falling edge of cnvst, it will enter the input configuration write mode and will write the state of din on the next 8 falling sclk edges to the input configuration register. in all interface modes, all data bits from a previous con - version must be read before reading bits from a new conversion. when reading out conversion data, if too few sclk falling edges are provided and all data bits are figure 5. input configuration timing in daisy-chain mode b7 b6 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0 t hsckcnf t sdinsck t hdinsck da ta loaded to pa rt b shifted through pa rt a da ta loaded to pa rt a t ssckcnf cnvst 01 23456701 234567 sclk din MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 17 not read out, only the remaining unread data bits will be outputted during the next readout cycle. in such an event, the output data in every other readout cycle will appear to have been truncated as only the leftover bits from the previous readout cycle are outputted. this is an indication to the user that there are insufficient sclk falling edges in a given readout cycle. table 5 provides a guide to aid in the selection of the appropriate output interface mode for a given application. cs no-busy indicator mode the cs no-busy indicator mode is ideally suited for maxi - mum throughput when a single MAX11166/max11167 is connected to a spi-compatible digital host. the connec - tion diagram is shown in figure 6 , and the corresponding timing is provided in figure 7 . a rising edge on cnvst completes the acquisition, initi - ates the conversion, and forces dout to high impedance. the conversion continues to completion irrespective of the state of cnvst allowing cnvst to be used as a select line for other devices on the board. if cnvst is brought low during a conversion and held low throughout the maximum conversion time, the msb will be output at the end of the conversion. when the conversion is complete, the MAX11166/ max11167 enter the acquisition phase. drive cnvst low to output the msb onto dout. the remaining data bits are then clocked by subsequent sclk falling edges. dout returns to high impedance after the 16th sclk falling edge, or when cnvst goes high. table 5. adc output interface mode selector guide figure 6. cs no-busy indicator mode connection diagram mode typical application and benefits cs mode, no-busy indicator single or multiple adcs connected to spi- compatible digital host. ideally suited for maximum throughput. cs mode, with busy indicator single adc connected to spi-compatible digital host with interrupt input. ideally suited for maximum throughput. daisy-chain mode, no-busy indicator multiple adcs connected to a spi- compatible digital host. ideally suited for multichannel simultaneous sampled isolated applications. daisy-chain mode, with busy indicator multiple adcs connected to a spi- compatible digital host with interrupt input. ideally suited for multichannel simultaneous sampled isolated applications. clk da ta in digita l host conver t config dout sclk cnvst din max1 11 66 max1 11 67 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 18 figure 7. cs no busy indicator mode timing figure 8. cs with busy indicator mode connection diagram cs with busy indicator mode the cs with busy indicator mode is shown in figure 8 where a single adc is connected to a spi-compatible digital host with interrupt input. the corresponding timing is given in figure 9 . a rising edge on cnvst completes the acquisition, initi - ates the conversion and forces dout to high impedance. the conversion continues to completion irrespective of the state of cnvst allowing cnvst to be used as a select line for other devices on the board. t conv t acq din acquisition sclk dout conversion acquisition 12 31 41 51 6 t ddo t en t sclkh t sclkl t hsckcn f t ssckcnf d15 d14 d13 d1 d0 cnvst t cnvpw t cyc t sclk t dis clk da ta in irq ovdd 10k digita l host conver t config dout sclk cnvst din max1 11 66 max1 11 67 MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 19 figure 9. cs with busy indicator mode timing when the conversion is complete, dout transitions from high impedance to a low logic level, signaling to the digital host through the interrupt input that data readback can commence. the MAX11166/max11167 then enter the acquisition phase. the data bits are then clocked out, msb first, by subsequent sclk falling edges. dout returns to high impedance after the 17th sclk falling edge or when cnvst goes high, and is then pulled to ovdd through the external pullup resistor. t cnvpw d14 d15 busy bit dout sclk acquisition acquisition conversio n din cnvst d13 d1 d0 12 34 15 16 17 t conv t acq t cyc t sclkl t sclk t ddo t sclkh t dis t hsckcnf t ssckcnf MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 20 multichannel cs confguration, asynchronous or simultaneous sampling the multichannel cs configuration is generally used when multiple MAX11166/max11167 adcs are connected to an spi-compatible digital host. figure 10 shows the connec - tion diagram example using two MAX11166/max11167 devices. figure 11 shows the corresponding timing. asynchronous or simultaneous sampling is possible by controlling the cs1 and cs2 edges. in figure 10 , the dout bus is shared with the digital host limiting the throughput rate. however, maximum throughput is pos - sible if the host accommodates each adcs dout pin independently. a rising edge on cnvst completes the acquisition, initiates the conversion and forces dout to high impedance. the conversion continues to completion irrespective of the state of cnvst allowing cnvst to be used as a select line for other devices on the board. however, cnvst must be returned high before the minimum conversion time for proper operation so that another conversion is not initiated with insufficient acquisition time and data correctly read out of the device. when the conversion is complete, the MAX11166/ max11167 enter the acquisition phase. each adc result can be read by bringing its cnvst input low, which conse - quently outputs the msb onto dout. the remaining data bits are then clocked by subsequent sclk falling edges. for each device, its dout will return to a high-impedance state after the 16 th sclk falling edge or when cnvst goes high. this control allows multiple devices to share the same dout bus. figure 10. multichannel cs configuration diagram max1 1 166 max1 1 167 max1 1 166 max1 1 167 clk da ta in digita l host cs2 cs1 config dout sclk device b cnvst sclk device a cnvst din dout din MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 21 figure 11. multichannel cs configuration timing daisy-chain, no-busy indicator mode the daisy-chain mode with no-busy indicator is ideally suited for multichannel isolated applications that require minimal wiring complexity. simultaneous sampling of multiple adc channels is realized on the serial interface where data readback is analogous to clocking a shift register. figure 12 shows a connection diagram of two MAX11166/max11167s configured in a daisy chain. the corresponding timing is given in figure 13 . a rising edge on cnvst completes the acquisition and initiates the conversion. once a conversion is initiated, it continues to completion irrespective of the state of cnvst. when a conversion is complete, the msb is presented onto dout and the MAX11166/max11167 return to the acquisition phase. the remaining data bits are stored within an internal shift register. to read these bits out, cnvst is brought low and each bit is shifted out on subsequent sclk falling edge. the din input of each adc in the chain is used to transfer conversion data from the previous adc into the internal shift register of the next adc, thus allowing for data to be clocked through the multichip chain on each sclk falling edge. each adc in the chain outputs its msb data first requir - ing 16 n clocks to read back n adcs. in daisy-chain mode, the maximum conversion rate is reduced due to the increased readback time. for instance, with a 5ns digital host setup time and 3v inter - face, up to four MAX11166/max11167 devices running at a conversion rate of 218ksps can be daisy-chained. daisy-chain with busy indicator mode the daisy-chain mode with busy indicator is ideally suited for multichannel isolated applications that require minimal wiring complexity while providing a conversion complete indication that can be used to interrupt a host processor to read data. simultaneous sampling of multiple adc channels is real - ized on the serial interface where data readback is analo - gous to clocking a shift register. the daisy-chain mode with busy indicator is shown in figure 14 where three MAX11166/max11167s are connected to a spi-compatible digital host with corresponding timing given in figure 15 . a rising edge on cnvst completes the acquisition and initiates the conversion. once a conversion is initiated, it continues to completion irrespective of the state of cnvst. when a conversion is complete, the busy indica tor is pre - sented onto each dout and the MAX11166/ max11167 return to the acquisition phase. the busy indicator for the cnvsta(cs1) cnvstb(cs2) 12 31 51 6 t conv conversion acquisition t cyc d15 d14 d13 d1 d0 t sclkl t sclkh t en t dis t ddo t sclk dout acquisition sclk d15 d14 d1 d0 32 17 18 31 t en d13 19 t dis t cnvpw t cnvpw din t acq t hsckcnf t ssckcnf MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 22 figure 13. daisy-chain, no-busy indicator mode timing figure 12. daisy-chain, no-busy indicator mode connection diagram last adc in the chain can be connected to an interrupt input on the digital host. the digital host should insert a 50ns delay from the receipt of this interrupt before reading out data from all adcs to ensure that all devices in the chain have completed conversion. the conversion data is stored within an internal shift reg - ister. to read these bits out, cnvst is brought low and each bit is shifted out on subsequent sclk falling edge. the din input of each adc in the chain is used to transfer conversion data from the previous adc into the internal shift register of the next adc, thus allowing for data to be clocked through the multichip chain on each sclk falling edge. the total of number of falling sclks needed to read back all data from n adcs is 16 n + 1 edges, the one additional sclk falling edge required to clock out the busy mode bit from the host side adc. max1 1 166 max1 1 167 max1 1 166 max1 1 167 clk da ta in digita l host config conver t sclk device b cnvst sclk device a cnvst dout d b din din dout d a sclk 12 31 51 6 cnvst t conv conversion acquisition acquisition t acq t sclk t sclkl t sclkh t ddo 30 31 32 17 18 dout b d b 15 d b 14 d b 13 d b 1d b 0d a 15 d a 14 d a 1d a 0 t cnvpw din t cyc 14 t hsckcnf t ssckcn f MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 23 figure 15. daisy-chain mode with busy indicator timing figure 14. daisy-chain mode with busy indicator connection diagram max1 11 66 max1 11 67 max1 1 166 max1 1 167 clk da ta in irq digita l host config conver t sclk device c cnvst sclk device b cnvst dout d c din din dout d b max1 1 166 max1 1 167 sclk device a cnvst din dout d a t conv acquisition conversion dout a = din b dout b = din c dout c cnvst din sclk acquisition t cnvpw t acq t sclk t sclkh 12 34 15 16 17 18 19 31 32 33 34 35 47 48 49 t sclkl t ddo t cyc busy bi t busy bi t busy bi t d a 15 d b 15 d c 15 d c 14 d c 13 d a 14 d a 13 d b 14 d b 13 d a 1 d b 1 d c 1 d a 0 d b 0 d c 0 d a 15 d b 15 d a 14 d b 14 d a 1 d a 15 d a 14 d a 1d a 10 d a 0 d b 1d b 0 t hsckcnf t ssckcnf MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 24 in daisy-chain mode, the maximum conversion rate is reduced due to the increased readback time. for instance, with a 5ns digital host setup time and 3v interface, up to four MAX11166/max11167 devices running at a conversion rate of 217ksps can be daisy-chained on a 3-wire port. layout, grounding, and bypassing for best performance, use pcbs with ground planes. ensure that digital and analog signal lines are separated from each other. do not run analog and digital lines paral - lel to one another (especially clock lines), and avoid run - ning digital lines underneath the adc package. a single solid gnd plane configuration with digital signals routed from one direction and analog signals from the other provides the best performance. connect the gnd and agnds pins on the MAX11166/max11167 to this ground plane. keep the ground return to the power-supply low impedance and as short as possible for noise-free opera - tion. a 500pf c0g (or npo) ceramic chip capacitor should be placed between ain+ and the ground plane as close as possible to the MAX11166/max11167. this capaci - tor reduces the inductance seen by the sampling cir - cuitry and reduces the voltage transient seen by the input source circuit. for best performance, connect the ref output to the ground plane with a 16v, 10 f f ceramic chip capacitor with a x5r or x7r dielectric in a 1210 or smaller case size. ensure that all bypass capacitors are connected directly into the ground plane with an independent via. bypass v dd and ovdd to the ground plane with 0.1 f f ceramic chip capacitors on each pin as close as pos - sible to the device to minimize parasitic inductance. add at least one bulk 10 f f decoupling capacitor to v dd and ovdd per pcb. for best performance, bring a v dd power plane in on the analog interface side of the MAX11166/max11167 and a ovdd power plane from the digital interface side of the device. defnitions integral nonlinearity integral nonlinearity (inl) is the deviation of the values on an actual transfer function from a straight line. for these devices, this straight line is a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. differential nonlinearity differential nonlinearity (dnl) is the difference between an actual step width and the ideal value of 1 lsb. for these devices, the dnl of each digital output code is measured and the worst-case value is reported in the electrical characteristics table. a dnl error specification of less than q 1 lsb guarantees no missing codes and a monotonic transfer function. offset error for the MAX11166/max11167, the offset error is defined at code transition 0x8000 to 0x8001. the offset code transitions should occur with an analog input voltage of exactly 0.5 x (5.0v/4.096v) x v ref /65536 above gnd. the offset error is defined as the deviation between the actual analog input voltage required to produce the offset code transition and the ideal analog input of 0.5 x (5.0v/4.096v) x v ref /65536 above gnd, expressed in lsbs. gain error gain error is defined as the difference between the change in analog input voltage required to produce a top code transition minus a bottom code transition, subtracted from the ideal change in analog input voltage on (5.0v/4.096v) x v ref x (65534/65536). for the MAX11166/max11167, top code transition is 0xfffe to 0xffff. the bottom code transition is 0x0000 and 0x0001. for the MAX11166/ max11167, the analog input voltage to produce these code transitions is measured and then the gain error is computed by subtracting 2.0 x (5.0v/4.096v) x v ref x (65534/65536) from this measurement. signal-to-noise ratio for a waveform perfectly reconstructed from digital samples, signal-to-noise ratio (snr) is the ratio of the full-scale analog input (rms value) to the rms quantiza - tion error (residual error). the ideal, theoretical minimum analog-to-digital noise is caused by quantization noise error only and results directly from the adcs resolution (n bits): snr = (6.02 x n + 1.76)db where n = 16 bits. in reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. snr is computed by taking the ratio of the rms signal to the rms noise, which includes all spectral components not including the fundamental, the first five harmonics, and the dc offset. MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 25 signal-to-noise plus distortion signal-to-noise plus distortion (sinad) is the ratio of the fundamental input frequencys rms amplitude to the rms equivalent of all the other adc output signals: rms rms signal sinad(db ) 20 log (noise distortion) ?? ?? = + ?? ?? effective number of bits the effective number of bits (enob) indicates the global accuracy of an adc at a specific input frequency and sampling rate. an ideal adcs error consists of quantiza - tion noise only. with an input range equal to the full-scale range of the adc, calculate the enob as follows: sinad 1.76 enob 6.02 ? = total harmonic distortion total harmonic distortion (thd) is the ratio of the rms sum of the first five harmonics of the input signal to the fundamental itself. this is expressed as: 2222 2345 1 vvvv thd 20 log v ?? +++ ?? = ?? ?? ?? where v 1 is the fundamental amplitude and v 2 through v 5 are the 2nd- through 5th-order harmonics. spurious-free dynamic range spurious-free dynamic range (sfdr) is the ratio of the rms amplitude of the fundamental (maximum signal component) to the rms value of the next-largest fre - quency component. aperture delay aperture delay (t ad ) is the time delay from the sampling clock edge to the instant when an actual sample is taken. aperture jitter aperture jitter (t aj ) is the sample-to-sample variation in aperture delay. small-signal bandwidth a small -20dbfs analog input signal is applied to an adc in a manner that ensures that the signals slew rate does not limit the adcs performance. the input frequency is then swept up to the point where the amplitude of the digitized conversion result has decreased 3db. full-power bandwidth a large -0.5dbfs analog input signal is applied to an adc, and the input frequency is swept up to the point where the amplitude of the digitized conversion result has decreased by 3db. this point is defined as full-power input bandwidth frequency. MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
maxim integrated 26 selector guide package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. ordering information +denotes a lead(pb)-free/rohs-compliant package. *future productcontact factory for availability. **ep = exposed pad. package type package code outline no. land pattern no. 12 tdfn-ep td1233+1 21-0664 90-0397 part bits input range (v) reference package speed (ksps) max11160 16 0 to 5 internal max-10, 3mm x 3mm tdfn-10 500 max11161 16 0 to 5 internal max-10, 3mm x 3mm tdfn-10 250 max11162 16 0 to 5 external max-10, 3mm x 3mm tdfn-10 500 max11163 16 0 to 5 external max-10, 3mm x 3mm tdfn-10 250 max11164 16 0 to 5 internal/external 3mm x 3mm tdfn-12 500 max11165 16 0 to 5 internal/external 3mm x 3mm tdfn-12 250 MAX11166 16 5 internal/external 3mm x 3mm tdfn-12 500 max11167 16 5 internal/external 3mm x 3mm tdfn-12 250 max11168 16 5 internal max-10, 3mm x 3mm tdfn-10 500 max11169 16 5 internal max-10, 3mm x 3mm tdfn-10 250 part temp range pin-package MAX11166e tc+* -40c to +85c 12 tdfn-ep** max11167e tc+ -40c to +85c 12 tdfn-ep** MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn www.maximintegrated.com http://www..net/ datasheet pdf - http://www..net/
? 2012 maxim integrated 27 revision history revision number revision date description pages changed 0 8/12 initial release maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifcations without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. the maxim logo and maxim integrated are trademarks of maxim integrated products, inc. MAX11166/max11167 16-bit, 500ksps/250ksps, 5v sar adcs with internal reference in tdfn for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxims website at www.maximintegrated.com. http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of MAX11166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X