Part Number Hot Search : 
0372DP1 ZVP3310F X183BK AQV202 NTE713 KBPC3506 HR002B C68HC11
Product Description
Full Text Search
 

To Download JV1206ML180L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inches millimeters symbol min max min max t - 0.0 63 - 1.60 a 0.0 10 0.0 30 0. 25 0.75 l 0. 118 0. 134 3.00 3.40 w 0. 055 0. 071 1.40 1.80 v aristor s tvs 1206 sm d multilayer ceramic t ransient v oltage suppressor standard capacit y specification s packaging t ape and reel t 7 inch reel (3.000 pcs.) materia l dimension s t a w l feature s thin laye r, high precise techniques lead free bi -directional clampin g standard capacity available with nickel/t in end termination applications circuit board and esd, ef t protection of : ? i/o ports ? keyboards ? lcd? s ? sensor s b od y : ceramic (zno ) t erminals: ni/sn plated (code ?p?) ag/pt/pd non plate d (code ?n? on request) operating temperatur e -55 to +125c solderability acc. to iec 60068-2-58 235c, 2s soldering heat resistanc e 260oc, 10 sec. ( iec 60068 -2- 58) 280oc, 5 sec. (iec 60068 -2-58) response time <0.5ns t emperatur e c oefficient ( a v) of c lamping voltage (vc) @ specified test current <0.01%/ c power dissipation 0.1w max. standard s iec 6 1000 -4-2 mil -std-883c maximum ratings (125c ) specifications (25c ) t ype max. cont. working voltage max . non-repetitive surge current max. non - repetitive surge energy (10/100 0 s) max. clamping voltage at spec. current nominal voltage at 1ma (dc) test current typ. capacitance typ. inductance (v) (v) (a) (j) (v@a) (v) (v) (pf) (pf) (nh) jv 1206ml030a jv 1206ml050a jv 1206ml090a jv 1206ml120a jv 1206ml140a jv 1206ml180a jv 1206ml220a jv 1206ml260a jv 1206ml300 a jv 1206ml380a jv 1206ml450a jv 1206ml560a jv 1206ml680a jv 1206ml850a 3, 3 5, 5 9, 0 12,0 14,0 18,0 22,0 26,0 30,0 38,0 45,0 56,0 68,0 85,0 2, 5 4, 0 6, 0 9, 0 11,0 14,0 17,0 20,0 25,0 30,0 35,0 40,0 50,0 60,0 10 0 150 150 150 150 200 200 200 200 200 200 180 180 100 0.4 0 0.40 0.40 0.50 0.40 0.40 0.60 0.60 0.80 0.80 1.00 1.00 1.00 1.00 14,0 @ 10 15,5 @ 10 23,0 @ 10 25,0 @ 10 30,0 @ 10 40,0 @ 10 44,0 @ 10 58,0 @ 10 6 5 ,0 @ 10 77,0 @ 10 86,0 @ 10 110,0 @ 10 135,0 @ 10 165,0 @ 10 3, 8 7, 1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 42,3 50,0 61,2 74,0 91,0 7, 0 9, 8 14,5 18,5 21,0 28,0 30,0 38,0 43,0 51,7 61,0 74,0 90,0 115, 0 790 0 9200 3450 2200 1200 1210 870 800 560 460 430 315 270 180 710 0 8000 3000 1900 1000 1030 750 680 500 400 350 280 250 160 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 1, 8 specifications are subject to change without notice (8/2 0 s) (8/2 0 s) v m(ac) v m(dc) i tm w tm v c v n(dc)min. v n(dc)max. c typ. c typ. l typ. orde r qty . order - t yp e t erminal code packagin g informatio n numbe r jv 1206ml560 a p t 1khz . 1mhz .
jv 1206 ml0 3 0 a , jv 1206 ml 85 0 a maximum leakage 1 10 100 maximum clamping voltage 500 1 m a 10m a 100m a 1ma 10ma 100ma 1a 10a 100a 1000a current (i) maximum clamping voltage (v) g s t max i =f( , pulse train) r maximum surge current v aristor s tvs 1206 sm d maximum surge curren t : v/i characteristic s 14 ,0 3,3 8 5 ,0 18 ,0 5,5 14 ,0 3,3 45 ,0 18 ,0 5,5 1x 2 10 2 10 4 10 3 10 5 10 6 ?? jv1206ml850a jv1206ml680a jv1206ml560a jv1206ml450a jv1206ml380a jv1206ml300a jv1206ml260a jv1206ml220a jv1206ml180a jv1206ml140a jv1206ml120a jv1206ml090a jv1206ml050a jv1206ml030a 9,0 12,0 22 ,0 26 ,0 30 ,0 38 ,0 45 ,0 56 ,0 68 ,0 85 ,0 9,0 12,0 22 ,0 26 ,0 30 ,0 38 ,0 56 ,0 68 ,0 10
jv 1206 ml 05 0 a - jv 1206 ml 14 0 a jv 1206 ml 56 0 a - jv 1206 ml 68 0 a g s max t i =f( , pulse train) r maximum surge current g s t max i =f( , pulse train) r maximum surge current v aristor s . maximum surge curren t : tvs 1206 sm d maximum surge curren t : 1x 2 10 10 2 10 3 10 5 10 6 ?? 10 4 1x 2 10 10 2 10 3 10 5 10 6 ?? 10 4
jv 1206 ml 18 0 a - jv 1206 ml 45 0 a v aristor s g s t max i =f( , pulse train) r maximum surge current tvs 1206 sm d maximum surge curren t : 1x 2 10 10 2 10 3 10 5 10 6 ?? 10 4
inches millimeters symbol min max min max t - 0.0 63 - 1.60 a 0.0 10 0.0 30 0. 25 0.75 l 0. 118 0. 134 3.00 3.40 w 0. 055 0. 071 1.40 1.80 v aristor s tvs 1206 sm d multilayer ceramic t rans ient v oltage suppressor low capacit y specification s packaging t ape and reel t 7 inch reel (3.000 pcs.) materia l dimension s t a w l feature s thin laye r, high precise techniques lead free bi -directional clampin g low capacity available wit h nickel/t in end termination applications circuit board and esd, ef t protection of : ? i/o ports ? keyboards ? lcd? s ? sensor s b od y : ceramic (zno ) t erminals: ni/sn plated (code ?p?) ag/pt/pd non plate d (code ?n? on request) operating temperatur e -55 to +125c solderability acc. to iec 60068-2-58 235c, 2s soldering heat resistanc e 260oc, 10 sec. (iec 60068 -2- 58) 280oc , 5 sec. (iec 60068 -2-58) response time <0.5ns t emperatur e c oefficient ( a v) of c lamping voltage (vc) @ specified test current <0.01%/ c power dissipation 0.1w max. standard s iec 6 1000 -4-2 mil -std-883c maximum ratings (125c ) specifications (25c ) t ype max. cont. working voltage max . non-repetitive surge current max. non - repetitive surge energy (10/100 0 s) max. clamping voltage at spec. current nominal voltage at 1ma (dc) test current typ. capacitance typ. inductance (v) (v) (a) (j) (v@a) (v) (v) (pf) (pf) (nh) jv 1206ml0 30l jv 1206ml050l jv 1206ml140l jv 1206ml180l jv 1206ml450l 3, 3 5, 5 14,0 18,0 45, 0 2, 5 4, 0 11,0 14,0 35, 0 4 0 4 0 4 0 4 0 10 0 0,1 0 0,10 0,10 0,10 0,4 0 10,0 @ 2 15,5 @ 2 30,0 @ 2 40,0 @ 2 100,0 @ 10 3, 8 7, 1 16,0 22,0 50, 0 7, 0 9, 8 21,0 28,0 61, 0 433 0 3450 890 760 22 5 360 0 2900 750 640 19 0 1, 8 1, 8 1, 8 1, 8 1, 8 specifications are subject to change without notice orde r qty . order - t yp e t erminal code packagin g informatio n numbe r jv 1206ml140 l p t (8/2 0 s) (8/2 0 s) v m(ac) v m(dc) i tm w tm v c v n(dc)min. v n(dc)max. c typ. c typ. l typ. 1khz . 1mhz .
jv 1206 ml0 3 0 l - jv 1206 ml 18 0 l g s t max i =f( , pulse train) r maximum surge current maximum clamping voltage 100 10 1 maximum leakage 1 m a 10 m a 100 m a 1ma 10ma 100ma 1a 10a 100a 1000a current (i) maximum clamping voltage (v) v aristor s tvs 1206 sm d maximum surge curren t : v/i characteristic s 14 ,0 3,3 45 ,0 18 ,0 5,5 14 ,0 3,3 45 ,0 18 ,0 5,5 1 x 2 10 10 2 10 4 10 3 10 5 10 6 ?? jv1206ml450l JV1206ML180L jv1206ml140l jv1206ml050l jv1206ml030l
jv 1206 ml 45 0 l v aristor s tvs 1206 sm d maximum surge curren t :


▲Up To Search▲   

 
Price & Availability of JV1206ML180L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X