Part Number Hot Search : 
SI4435DY 74HCT4 STD4NC50 P1200 74HCT4 74HCT4 74HCT4 N87C169
Product Description
Full Text Search
 

To Download JE1206ML180L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v aristors esd series sm d multilayer ceramic t ransient v oltage suppressor for esd prot ection specification s packaging t ape and reel t 7 inch reel material dimension s t a w l feature s thin laye r, high precise techniques lead free bi-directional clamping ultra low capacity available with nickel/t in end termination applications circuit board and esd, ef t protection of : ? usb ports ? keyboards ? cellular phones ? ieee ports ? pda/handheld ? sensors b od y ?g ceramic (zno ) t erminals ?g ni/sn plated (code ?p?) ag/pt/pd non plate d (code ?n? on request) operating t emperature -55 to +125c solderability acc. to iec 60068-2-58 235c, 2s soldering heat resistanc e 260oc, 10 sec. (iec 60068-2-58) 280oc, 5 sec. (iec 60068-2-58) t emperature c oefficient ( a v) of c lamping voltage (vc) @ specified test current <0.01%/ c standards iec 6 1000-4-2 mil - std - 883 c t ype max. cont. working voltage max . non-repetitive surge current max. non - repetitive surge energy (10/1000 s) max. clamping voltage at spec. current nominal varistor voltage at 10ma (dc) test current typ. capacitance typ. inductance (v) (a) (j) (v@a) (v) (v) (pf) (nh) je 0402ml180l je 0402ml180a je 0603ml180l je 0603ml180a je 0805ml180l je 0805ml180a je 1206ml180l je 1206ml180a 18,0 18,0 18,0 18,0 18,0 18,0 18,0 18,0 15 15 20 20 30 30 30 30 0.03 0.03 0.05 0.05 0.10 0.10 0.10 0.10 50 @ 1 a 50 @ 1a 50 @ 1a 50 @ 2a 50 @ 2a 50 @ 5a 50 @ 5a 50 @ 10a 22 22 22 22 22 22 22 22 specifications are subject to change without notice orde r qty . order - t yp e t erminal code packagin g information numbe r je0402 ml180 l p t v m(dc) i tm w tm v c v n(dc)min. v n(dc)max. c typ. l typ. (8/2 0 s) (8/2 0 s) 1mhz . 0402(10,000 pcs) 0603(4,000 pcs) 0805 - 1206(3,000 pcs) maximum ratings (125c ) specifications (25c ) specifications (25c ) max.esd clamp voltage 8kv contact (note2) v c 120 120 120 120 100 100 80 80 28 28 28 28 28 28 28 28 30 40 40 100 100 500 500 800 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 maximum leakage v m (dc) 3.5v 5.5v 15v 18v a 0.08 0.20 1.50 6.00 je 0402ml180a je 0402ml180l a 0.08 0.20 1.50 6.00 a 0.08 0.20 3.00 15.0 je 0603ml180a je 0603ml180l a 0.08 0.20 3.00 15.0 a 0.15 0.30 3.00 15.0 je 0805ml180a je 0805ml180l a 0.15 0.30 3.00 15.0 a 0.30 0.80 3.00 15.0 je 1206ml180a je 1206ml180l a 0.30 0.80 3.00 15.0 note 1 ?g for applications of 18 v m(dc) or less.higher voltages, please contact jumbo tek for availability. note 2 ?g maximum esd clamp voltage tested with iec 1000-4-2 human body model discharge tes t circuit and direct discharge to device terminals ?]iec preferred test method?^. note 3 ?g capacitance may be customized, please contact jumbo tek for availability.
esd series sm d v aristor s 0402 0603 0805 1206 nominal voltage stability to multiple esd impulses (8kv contact discharges per iec 61000 - 4 - 2) nomina l voltage at 1madc number of pulses impedance (z) vs frequency typical characteristic impedance (z) frequency (mh z )


▲Up To Search▲   

 
Price & Availability of JE1206ML180L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X