Part Number Hot Search : 
BAT54 VC823 TSH22I LM144 P161G NE68100 HIP9010 MBR1015
Product Description
Full Text Search
 

To Download C2012-22NK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srf minimum (mhz) dash number* inductance (nh) @ 100 mhz q min. @ 100 mhz tolerance dc resistance maximum (ohms) current rating max. (ma) 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 200 200 150 150 100 0.100 0.100 0.100 0.120 0.160 0.200 0.220 0.250 0.280 0.290 0.300 0.330 0.350 0.400 0.450 0.500 0.550 0.600 0.650 0.700 0.900 1.000 1.500 2.000 2.500 0.100 0.100 0.100 0.100 0.100 0.100 0.130 0.150 0.200 0.230 0.250 0.280 0.300 0.350 0.400 0.450 0.500 0.550 0.600 0.650 0.700 0.750 0.800 0.900 1.000 1.300 1.500 1.800 2.000 2.500 3.000 3.500 4.000 6000 6000 6000 6000 6000 6000 5700 5600 4800 4350 3750 3300 2850 2700 2400 2050 1850 1750 1500 1350 1200 1100 1000 900 830 4000 4000 4000 4000 3800 3600 3400 3200 3000 2800 2600 2200 1800 1650 1350 1350 1100 1100 1000 900 850 750 700 600 500 450 400 350 330 300 270 220 180 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 15 15 15 15 15 15 15 15 15 15 15 15 10 10 10 10 10 ?.3nh ?.3nh ?.3nh ?.3nh ?0% ?0% ?0% ?0% ?0% ?0% ?0% ?0% ** ** ** ** ** ** ** ** ** ** ** ** ?.3nh ?.3nh ?.3nh ?.3nh ?0% ?0% ?0% ?0% ?0% ?0% ?0% ?0% ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 series c1608 -10ns -12ns -15ns -18ns -22nk -27nk -33nk -39nk -47nk -56nk -68nk -82nk -100** -120** -150** -180** -220** -270** -330** -390** -470** -560** -680** -820** -101** series c2012 -10ns -12ns -15ns -18ns -22nk -27nk -33nk -39nk -47nk -56nk -68nk -82nk -100** -120** -150** -180** -220** -270** -330** -390** -470** -560** -680** -820** -101** -121** -151** -181** -221** -271** -331** -391** -471** *complete part # must include series # plus the dash # for further surface ?ish information, refer to technical section of this catalog. series c1608 physical parameters inches millimeters l 0.063 0.006 1.60 0.15 w 0.031 0.006 0.80 0.15 a 0.020 max. 0.50 max t 0.031 0.006 0.80 0.15 series c2012 physical parameters inches millimeters l 0.079 0.008 2.0 0.2 w 0.049 0.008 1.25 0.2 a 0.024 max 0.60 max t 0.039 0.008 1.00 0.20 electrical characteristics measured @ 25? operating temperature range 40? to +85? inductance tolerance tolerance is as shown in table, except where ** denotes choice of: j = ?% or k = ?0% current rating the milliamp rating which changes the inductance by 5% maximum packaging tape & reel (8mm): c1608 ?7" reel, 4000 pieces max.; 13" reel not avail. c2012 ?7" reel, 3000 pieces max.; 10" reel, max. 7000 pieces. quantities less than full reels are on ?ut tape". rf inductors 7/2004 page 37 www . delevan . com e-mail: apisales@delevan . com 270 quaker rd., east aurora ny 14052 ? phone 716-652-3600 ? fax 716-652-4814 c1608r &c2012r c1608 &c2012 multilayer ceramic chip inductors series


▲Up To Search▲   

 
Price & Availability of C2012-22NK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X