Part Number Hot Search : 
ISL94203 NDT2955 RB2545CT STC4054 1N1188E3 ADTR2 M4502 ECG005
Product Description
Full Text Search
 

To Download MAAP-000072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifier, power, 1.3w 17.7-19.7 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 1 MAAP-000072-pkg003 rohs compliant features ? 1.3 watt saturated output power level ? variable drain voltage (4-10v) operation ? msag? process description the MAAP-000072-pkg0003 is a 4-stage 1.3 w power am- plifier with on-chip bias networks in a 20 lead mlp package, allowing easy assembly. this product is fully matched to 50 ohms on both the input and output. it can be used as a power amplifier stage or as a driver stage in high power ap- plications. each device is 100% rf tested to ensure performance compliance. the part is fabricated using m/a-com?s gaas multifunction self-aligned gate (msag) process. m/a-com?s msag? process features robust silicon-like manufacturing processes, pl anar processing of ion im- planted transistors and multiple implant capability enabling power, low-noise, switch and digital fets on a single chip. the use of refractory metals and the absence of platinum in the gate metal formulation prevents hydrogen poisoning when employed in hermetic packaging. 1. t b = mmic base temperature 2. adjust v gg between ?2.6 and ?1.2v to achieve specified idq. parameter symbol typical units bandwidth f 17.7-19.7 ghz output power p out 31 dbm 1-db compression point p1db 30 dbm small signal gain g 19 db input vswr vswr 2.0:1 gate current i gg 10 ma drain current i dd 750 ma output vswr vswr 1.6:1 electrical characteristics: t b = 40c 1 , z 0 = 50 , v dd = 8v, i dq = 500ma 2 , p in = 12 dbm, r g = 200 primary applications ? point-to-point radios ? 18 ghz band yyww ap072g xxxx macom yyww ap072g xxxx macom yyww ap072g xxxx macom also available in: description die part number maapgm0072-die die sample board MAAP-000072-smb004 die mechanical sample maap-000071-mch000 packaged sample board MAAP-000072-smb003 (lead free) ceramic package maapgm0072
amplifier, power, 1.3w 17.7-19.7 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 2 MAAP-000072-pkg003 rohs compliant maximum operating conditions 3 operating instructions this device is static sensitive. please handle with care. to operate the device, follow these steps. 1. apply v gg = -2.7 v, v dd = 0 v. 2. ramp v dd to desired voltage, typically 8.0 v. 3. adjust v gg to set i dq , (approximately @ ?2.0 v). 4. set rf input. 5. power down sequence in reverse. turn v gg off last. characteristic symbol min typ max unit drain voltage v dd 4.0 8.0 10.0 v gate voltage v gg -2.6 -2.0 -1.2 v input power p in 12.0 14.0 dbm thermal resistance jc 16.4 c/w mmic base temperature t b note 4 c junction temperature t j 150 c recommended operating conditions 4 parameter symbol absolute maximum units input power p in 17.0 dbm drain supply voltage v dd +12.0 v gate supply voltage v gg -3.0 v quiescent drain current (no rf) i dq 790 ma junction temperature t j 170 c storage temperature t stg -55 to +150 c quiescent dc power dissipated (no rf) p diss 7.9 w 3. operation beyond these limits may result in permanent damage to the part. 4. mmic base temperature = 170c ? jc * v dd * i dq 5. operation outside of these ranges may reduce product reliability.
amplifier, power, 1.3w 17.7-19.7 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 3 MAAP-000072-pkg003 rohs compliant figure 2. recommended bias configuration. note: the exposed pad centered on the package bottom must be connected to rf and dc ground for proper electrical and thermal operation. figure 1. 5x5 mm 20-lead mlp. refer to m/a-com application note surface mounting instructions for pqfn packages #s2083 * for assembly guidelines. additional precaution: all parts must receive a bake-out of 125oc for 24 hours prior to any solder reflow operation. *application notes can be found by going to the site search p age of m/a-com?s web page (http://www.macom.com/application%20note s/ index.htm) and searching for the required application note. 100pf 0.1 f v dd 100pf 0.1 f v gg yyww ap072g xxxx macom as close to the package as possible as close to the package as possible 200
amplifier, power, 1.3w 17.7-19.7 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 4 MAAP-000072-pkg003 rohs compliant figure 3. demonstration board pn MAAP-000072-smb003 (available upon request). yyww apo72g xxxx macom


▲Up To Search▲   

 
Price & Availability of MAAP-000072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X