Part Number Hot Search : 
7805F 7805F 38905 RSB39VFH ADP333 A1095 1812B LA76931S
Product Description
Full Text Search
 

To Download ABJ582861 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  abj1,2,3,4,5 ordering information (if agency standard required, please refer to the ?ith agency standard type? see next page.) high environmental resistance turquoise switches abj type dust protected type (mounting hole 2.3mm type) immersion protected type (wire leads bottom type) (mounting hole 2.3mm type) immersion protected (wire leads side type) long stroke type 12.8 6.5 6 compliance with rohs directive features ultra-miniature size (12.8 6.5 6 mm) sealed construction for use in adverse environment-sealed construction by epoxy resin and rubber cap greatly reduces possible miscontact due to contaminants such as dust. conforming to ip67* of iec protective construction classi?ation elastomer double molding technology, an industry ?st and ultrasonic swa ging technology contribute to uniform sealing in high production quantities ul/csa approved (except the long stroke type of abj2 and the side wire leads type.) long stroke type is available since the repeatability is excellent and the play distance (overtravel) from the operating position is ample, the task of performing adjustments during installation is easy. operating position accuracy 0.4 mm overtravel= min. 2.0 mm as wide range of high pressure is achieved, a stable reliability is ensured leaf lever side wire leads type added. we now offer two types. m3 type installation hole fixed pin type typical applications industrial use video jack ? utomotive (ex. device for opening and shutting of automobile doors) * based on the protective construction classi?ation of iec, items which satisfy the test requirements are denoted with an ip designation. type of switch abj: turquoise switch j type size of mounting hole 1: 2: 3: 4: 5: 1.2 mm 2.3 mm 3 mm fixed pin (right side pin) type fixed pin (left side pin) type te r minal 4: 5: 6: 7: 8: solder terminal pc board terminal wire leads (bottom type) wire leads (right side type) wire leads (left side type) contact arrangement 1: 2: 3: spdt spst-nc (wire leads type only) spst-no (wire leads type only) actuator 0: 2: 4: 6: 8: l: pin plunger hinge lever simulated roller lever roller lever leaf lever (mounting hole 3 mm lead wire type only) long stroke type operating force by pin plunger (max.) 4: 6: 7: 1.23 n 1.96 n 2.45 n (long stroke type only) contact 0: 1: agni alloy agni alloy + au clad ex. abj 1 4 1 0 4 0 remarks: 1. standard packing: dust protected type 100 pcs./carton, 2,000 pcs./case; immersion protected type 50 pcs./case. 2. not every combination is available. please refer to the following table, ?roduct types? all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 with agency standard type contact arrangement applicable current range (reference) type of switch abj: turquoise switch j type size of mounting hole 1: 2: 3: 1.2 mm 2.3 mm 3 mm te r minal 4: 5: 6: solder terminal pc board terminal wire leads (bottom type) contact arrangement 1: 2: 3: spdt spst-nc (wire leads type only) spst-no (wire leads type only) actuator 0: 2: 4: 6: 8: pin plunger hinge lever simulated roller lever roller lever leaf lever (mounting hole 3 mm lead wire type only) operating force by pin plunger (max.) 4: 6: 1.23 n 1.96 n contact 0: 1: agni alloy agni alloy + au clad agency standard 9: ul/csa 6 10 3 rated ex. abj 1 4 1 0 4 0 9 remarks: 1. standard packing: dust protected type 100 pcs./carton, 2,000 pcs./case; immersion protected type 50 pcs./case. 2. not every combination is available. please refer to the following table, ?roduct types? 1. spdt 2. spst-nc (wire leads type only) 3. spst-no (wire leads type only) com no nc com nc com no agni alloy note) of: value of pin plunger 1ma 100ma 1a 2a 0 30v 125v 5v 5v 15v 15v dc ac of1.23n of1.96n au clad all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 product types 1. dust protected type (terminal type) mounting hole 1.2mm type / mounting hole 2.3mm type agni alloy agni alloy + au clad 2-(1). immersion protected type (bottom wire leads type) mounting hole 1.2mm type agni alloy mounting hole 2.3mm type agni alloy + au clad actuator operating force max. mounting hole 1.2 mm type mounting hole 2.3 mm type solder terminal pc board terminal solder terminal pin plunger 1.23 n abj1410409 abj1510409 abj2410409 1.96 n abj1410609 abj1510609 abj2410609 hinge lever 0.39 n abj1412409 abj1512409 abj2412409 0.64 n abj1412609 abj1512609 abj2412609 simulated roller lever 0.39 n abj1414409 abj1514409 abj2414409 0.64 n abj1414609 abj1514609 abj2414609 roller lever 0.39 n abj1416409 abj1516409 abj2416409 0.64 n abj1416609 abj1516609 abj2416609 actuator operating force max. mounting hole 1.2 mm type mounting hole 2.3 mm type solder terminal pc board terminal solder terminal pin plunger 1.23 n abj1410419 abj1510419 abj2410419 1.96 n abj1410619 abj1510619 abj2410619 hinge lever 0.39 n abj1412419 abj1512419 abj2412419 0.64 n abj1412619 abj1512619 abj2412619 simulated roller lever 0.39 n abj1414419 abj1514419 abj2414419 0.64 n abj1414619 abj1514619 abj2414619 roller lever 0.39 n abj1416419 abj1516419 abj2416419 0.64 n abj1416619 abj1516619 abj2416619 actuator operating force max. mounting hole 1.2 mm type spdt spst-nc spst-no pin plunger 1.23 n abj1610409 abj1620409 abj1630409 1.96 n abj1610609 abj1620609 abj1630609 hinge lever 0.39 n abj1612409 abj1622409 abj1632409 0.64 n abj1612609 abj1622609 abj1632609 simulated roller lever 0.39 n abj1614409 abj1624409 abj1634409 0.64 n abj1614609 abj1624609 abj1634609 roller lever 0.39 n abj1616409 abj1626409 abj1636409 0.64 n abj1616609 abj1626609 abj1636609 actuator operating force max. mounting hole 1.2 mm type spdt spst-nc spst-no pin plunger 1.23 n abj1610419 abj1620419 abj1630419 1.96 n abj1610619 abj1620619 abj1630619 hinge lever 0.39 n abj1612419 abj1622419 abj1632419 0.64 n abj1612619 abj1622619 abj1632619 simulated roller lever 0.39 n abj1614419 abj1624419 abj1634419 0.64 n abj1614619 abj1624619 abj1634619 roller lever 0.39 n abj1616419 abj1626419 abj1636419 0.64 n abj1616619 abj1626619 abj1636619 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 mounting hole 2.3mm type agni alloy agni alloy + au clad mounting hole 3mm type (leaf lever type) agni alloy agni alloy + au clad 2-(2). immersion protected type (side wire leads type) fixed pin (right side pin) type agni alloy agni alloy + au clad actuator operating force max. mounting hole 2.3 mm type spdt spst-nc spst-no pin plunger 1.23 n abj2610409 abj2620409 abj2630409 1.96 n abj2610609 abj2620609 abj2630609 hinge lever 0.39 n abj2612409 abj2622409 abj2632409 0.64 n abj2612609 abj2622609 abj2632609 simulated roller lever 0.39 n abj2614409 abj2624409 abj2634409 0.64 n abj2614609 abj2624609 abj2634609 roller lever 0.39 n abj2616409 abj2626409 abj2636409 0.64 n abj2616609 abj2626609 abj2636609 actuator operating force max. mounting hole 2.3 mm type spdt spst-nc spst-no pin plunger 1.23 n abj2610419 abj2620419 abj2630419 1.96 n abj2610619 abj2620619 abj2630619 hinge lever 0.39 n abj2612419 abj2622419 abj2632419 0.64 n abj2612619 abj2622619 abj2632619 simulated roller lever 0.39 n abj2614419 abj2622419 abj2634419 0.64 n abj2614619 abj2624619 abj2634619 roller lever 0.39 n abj2616419 abj2626419 abj2636419 0.64 n abj2616619 abj2626619 abj2636619 actuator operating force max. mounting hole 3 mm type spdt spst-nc spst-no leaf lever 0.98 n abj3618409 abj3628409 abj3638409 1.27 n abj3618609 abj3628609 abj3638609 actuator operating force max. mounting hole 3 mm type spdt spst-nc spst-no leaf lever 0.98 n abj3618419 abj3628419 abj3638419 1.27 n abj3618619 abj3628619 abj3638619 actuator operating force max. wire leads direction wire leads type spst-nc spst-no leaf lever 1.27 n right abj472840 abj473840 1.27 n left abj482840 1.76 n right abj472860 abj473860 1.76 n left abj482860 actuator operating force max. wire leads direction wire leads type spst-nc spst-no leaf lever 1.27 n right abj472841 abj473841 1.27 n left abj482841 1.76 n right abj472861 abj473861 1.76 n left abj482861 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 fixed pin (left side pin) type agni alloy agni alloy + au clad mounting hole 3mm type agni alloy agni alloy + au clad 3. immersion protected type (bottom wire leads type) long stroke type mounting hole 2.3mm type agni alloy agni alloy + au clad specifications 1. contact rating actuator operating force max. wire leads direction wire leads type spst-nc spst-no leaf lever 1.27 n right abj572840 abj573840 1.27 n left abj582840 1.76 n right abj572860 abj573860 1.76 n left abj582860 actuator operating force max. wire leads direction wire leads type spst-nc spst-no leaf lever 1.27 n right abj572841 abj573841 1.27 n left abj582841 1.76 n right abj572861 abj573861 1.76 n left ABJ582861 actuator operating force max. wire leads direction wire leads type spst-nc leaf lever 1.27 n left abj382840 1.76 n abj382860 actuator operating force max. wire leads direction wire leads type spst-nc leaf lever 1.27 n left abj382841 1.76 n abj382861 actuator operating force max. mounting hole 2.3 mm type spdt spst-nc spst-no pin plunger (horizontal) 2.45 n *abj261l70 abj262l70 abj263l70 actuator operating force max. mounting hole 2.3 mm type spdt spst-nc spst-no pin plunger (horizontal) 2.45 n *abj261l71 abj262l71 abj263l71 type operating force max. standard rating low-level circuit rating agni alloy contact 1.76 n, 1.96 n 2 a 125 v ac 2 a 30 v dc 1.23 n, 1.27 n 1 a 125 v ac 1 a 30 v dc long stroke type agni alloy contact 2.45 n 1 a 125 v ac 1 a 30 v dc agni alloy + au clad contact 1.23 n, 1.27 n 1.76 n, 1.96 n 0.1 a 125 v ac 5 ma 6 v dc 2 ma 12 v dc 1 ma 24 v dc long stroke type agni alloy + au clad contact 2.45 n 0.1 a 125 v ac 0.1 a 30 v dc 5 ma 6 v dc 2 ma 12 v dc 1 ma 24 v dc all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 2. characteristics 3. operating characteristics note: the o.p. differs between the 1.2 mm and 2.3 mm dia. installation hole types. mechanical life (o.t.: speci?d value) leaf lever, long stroke type min. 5 10 5 (at 60 cpm) wire leads (right & left side type) min. 3 10 5 (at 60 cpm) other types min. 10 6 (at 60 cpm) electrical life at rated load (o.t.: max.) agni alloy contact type min. 3 10 4 (at 20 cpm) agni alloy + au clad contact type min. 10 5 (at 20 cpm) insulation resistance min. 100 m ? (at 500 v dc insulation resistance meter) dielectric strength between non-continuous terminals between each terminal and other exposed metal parts between each terminal and ground 600 vrms 1,500 vrms 1,500 vrms vibration resistance (pin plunger type) 10 to 55 hz at single amplitude of 0.75 mm (contact opening max. 1 msec.) shock resistance (pin plunger type) min. 294 m/s 2 {30 g} (contact opening max. 1 msec.) contact resistance (initial) silver contact type dust protected type (ip50): max. 50 m ? immersion protected type (ip67): max. 100 m ? (by voltage drop 1 a 6 to 8 v dc) gold clad contact type dust protected type (ip50): max. 100 m ? immersion protected type (ip67): max. 150 m ? (by voltage drop 0.1 a 6 to 8 v dc) allowable operating speed (at no load) 1 to 500 mm/sec. max. operating cycle rate (at no load) other type: 120 cpm long stroke type: 60 cpm ambient temperature ?0 c to +85 c unit weight approx. 0.5 g (ip50 type) type of actuator operating force, max. release force, min pretravel, max. mm movement differential, max. mm overtravel, min. mm operating position, mm pin plunger 1.23n 0.15n 0.6 0.12 0.25 mounting hole: 1.2 5.5 0.2 mounting hole: 2.3 7.0 0.2 1.96n 0.25n hinge lever 0.39n 0.029n 3.0 0.5 0.5 mounting hole: 1.2 6.8 1.0 mounting hole: 2.3 8.3 1.0 0.64n 0.049n simulated roller lever 0.39n 0.029n 3.0 0.5 0.5 mounting hole: 1.2 9.8 1.0 mounting hole: 2.3 11.3 1.0 0.64n 0.049n roller lever 0.39n 0.029n 3.0 0.5 0.5 mounting hole: 1.2 13.1 1.0 mounting hole: 2.3 14.6 1.0 0.64n 0.049n leaf lever 0.98n 0.20n 6.0 1.0 2.5 mounting hole: 3.0 16.0 2.0 1.27n 0.22n 2.6 0.5 1.4 fixed pin type 10.7 0.7 mounting hole: 3.0 16.25 0.7 1.76n 0.26n 2.6 0.5 1.4 fixed pin type 10.7 0.7 mounting hole: 3.0 16.25 0.7 1.27n 0.29n 6.0 1.0 2.5 mounting hole: 3.0 16.0 2.0 long stroke type 2.45n 0.20n 0.5 2.0 2.5 0.4 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 dimensions mm general tolerance: 0.25 1. dust protected type 1-(1) pc board terminal mounting hole 1.2 mm type pin plunger operating position pretravel 0.6max. 1.5 dia t=0.4 1.2 0.05 dia. 5.08 0.1 6 4.4 1.25 0.12 1.5 0.12 1.1 0.12 1.6 0.9 5.08 0.15 5.08 0.15 6-c 0.3 5.4 0.3 5.5 0.2 1.0 5.0 0.15 5.50 6.5 0.1 12.8 0.15 1.5 0.1 2 dia. -0 +0.12 5.08 0.1 pretravel, max. mm 0.6 movement differential, max. mm 0.12 overtravel, min. mm 0.25 operating position distance from mounting hole, mm 5.5 0.2 distance from stand-off, mm 7 0.3 hinge lever 8.6 4.4 0.4 6.8 1.0 8.3 1.2 pretravel 3.0max. r13.3 4.2 3 5.08 0.15.08 0.1 1.2 0.05 dia. operating position pretravel, max. mm 3.0 movement differential, max. mm 0.5 overtravel, min. mm 0.5 operating position distance from mounting hole, mm 6.8 1.0 distance from stand-off, mm 8.3 1.2 simulated roller lever pretravel 3.0max. 9.8 1.0 operating position 11.3 1.2 r13.2 r2.5 3.3 0.4 3 1.2 0.05 dia. 5.08 0.1 5.08 0.1 pretravel, max. mm 3.0 movement differential, max. mm 0.5 overtravel, min. mm 0.5 operating position distance from mounting hole, mm 9.8 1.0 distance from stand-off, mm 11.3 1.2 roller lever 1.2 0.05 dia. 5.08 0.1 5.08 0.1 operating position 13.1 1.0 pretravel 3.0max. 3.4 0.4 r13.8 2.2 4.8 dia. 14.6 1.2 pretravel, max. mm 3.0 movement differential, max. mm 0.5 overtravel, min. mm 0.5 operating position distance from mounting hole, mm 13.1 1.0 distance from stand-off, mm 14.6 1.0 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 1-(2) solder terminal mm general tolerance: 0.25 remarks: dimensions of the actuator type are the same as corresponding pc board terminal types. 2. immersion protected type 2-(1) bottom wire leads type pin plunger remarks: 1. as for m1.2 type, other dimensions are the same as those of corresponding pc board terminal types. as for m2.3 type, other dimensions are the same as those of corresponding solder terminal types. 2. dimensions of the actuator type are the same as corresponding pc board terminal types. pin plunger mounting hole: 1.2 mm mounting hole: 2.3 mm 1.5 dia 0.4 6 4.4 pretravel 0.6max. 5.08 0.15 1.5 0.1 5 0.15 12.8 0.15 +0.12 5.08 0.15 2-1.2 -0 5.4 0.3 6-c 0.3 5.5 0.2 operating position 1.0 5 1.5 6.5 0.1 dia. 1.2 2.2 1.5 dia 0.4 6 4.6 0.3 6.5 0.15 2.4 -.05 +0.1 5.7 1.5 2 0.5 5.08 0.15 12.8 0.15 5.08 0.15 6 4.8 0.1 1.2 2.2 2.4 -0.05 +0.1 dia. 1.7 pretravel 0.6max operating position 7 0.2 mounting hole: 1.2 mm 7.50 300 10 5 2 13.9 6 thickness of the lead wire: 0.3 mm 2 ul/csa approved type: awg22 color of the lead wire: com ...black n.c. ...red n.o. ...white mounting hole: 2.3 mm com n.o. n.c. 6.5 0.15 300 10 5 2 13.9 0.4 8.2 thickness of the lead wire: 0.3 mm 2 ul/csa approved type: awg22 color of the lead wire: com ...black n.c. ....red n.o. ...white all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 leaf lever mm general tolerance: 0.25 mounting hole: 3 mm 4.8 0.3 r3.25 20.0 0.4 r2.5 13 0.1 5 9.25 6.5 8.6 1 2.5 free position (19.0) operating position (16 2) (11.5 min.) totaltravel position 7.5 300 10 5 2 pretravel 6 max. 3 dia. +0 ?.15 3.1 +0.1 ?.05 5 9 6 4.4 3.3 pretravel, max. mm 6.0 movement differential, max. mm 1.0 overtravel, min mm 2.5 operating position distance from mounting hole, mm 16.0 2.0 2-(2) side wire leads type fixed pin type right side pin type right wire leads type 16.65 3.45 8.55 6.7 6.0 5.0 300 10 5 2 7.6 1.0 9.53 0.1 9.53 c0.2 r2.0 2.6 0.05 6.9 0.3 2.6 0.05 2.2 0.05 dia. free position (f.p.) 13.05 max. operating position (o.p.) 10.7 0.7 totaltravel position (t.t.p.) (8.55) 5.0 + 0.0 ? 0.2 pretravel, max. mm 2.6 movement differential, max. mm 0.5 overtravel, min mm 1.4 operating position distance from mounting hole, mm 10.7 0.7 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 right side pin type mm general tolerance: 0.25 left wire leads type 16.65 3.45 8.55 300 10 5 2 7.6 1.0 r2.0 2.6 0.05 6.9 0.3 free position (f.p.) 13.05 max. operating position (o.p.) 10.7 0.7 totaltravel position (t.t.p.) (8.55) 9.53 0.1 9.53 c0.2 2.6 0.05 2.2 0.05 dia. 6.7 6.0 5.0 5.0 + 0.0 ? 0.2 pretravel, max. mm 2.6 movement differential, max. mm 0.5 overtravel, min mm 1.4 operating position distance from mounting hole, mm 10.7 0.7 left side pin type right wire leads type 16.65 3.45 8.55 6.7 6.0 5.0 300 10 5 2 7.6 1.0 9.53 0.1 9.53 c0.2 r2.0 2.6 0.05 6.9 0.3 2.6 0.05 2.2 0.05 dia. free position (f.p.) 13.05 max. operating position (o.p.) 10.7 0.7 totaltravel position (t.t.p.) (8.55) 5.0 + 0.0 ? 0.2 pretravel, max. mm 2.6 movement differential, max. mm 0.5 overtravel, min mm 1.4 operating position distance from mounting hole, mm 10.7 0.7 left side pin type left wire leads type 16.65 3.45 8.55 6.7 6.0 5.0 300 10 5 2 7.6 1.0 9.53 0.1 9.53 c0.2 r2.0 2.6 0.05 6.9 0.3 2.6 0.05 2.2 0.05 dia. free position (f.p.) 13.05 max. operating position (o.p.) 10.7 0.7 totaltravel position (t.t.p.) (8.55) 5.0 + 0.0 ? 0.2 pretravel, max. mm 2.6 movement differential, max. mm 0.5 overtravel, min mm 1.4 operating position distance from mounting hole, mm 10.7 0.7 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
abj1,2,3,4,5 mounting hole 3mm type mm general tolerance: 0.25 5.0 c0.30 r2.0 3.1 + 0.1 ? 0 free position (f.p.) 18.6 max. operating position (o.p.) 16.25 0.7 totaltravel position (t.t.p.) (14.1) 5.8 1.0 12.3 1.85 0.3 19.6 4.0 9.0 3.3 6.0 300 10 5 2 13.0 0.1 6.0 + 0.2 ? 0.15 8.4 + 0.1 ? 0.3 3.0 + 0 ? 0.1 dia. pretravel, max. mm 2.6 movement differential, max. mm 0.5 overtravel, min mm 1.4 operating position distance from mounting hole, mm 16.25 0.7 3. immersion protected type (bottom wire leads type) long stroke type mounting hole: 2.3 mm free position (f.p.) 3.2 max. operating position (o.p.) 2.5 0.4 2.0 dia. 8.1 8.2 300 10 16.7 4.95 12.81.0 6.0 0.15 2.4 + 0.1 ? 0.05 19.4 2.5 0.1 4.8 0.1 5 2 13.9 0.4 com no nc 2.4 dia. + 0.1 ? 0.05 3.0 dia. + 0. ? 0.15 9.0 6.0 c0.6 movement differential, max. mm 0.5 overtravel, min mm 2.0 operating position 2.5 0.4 all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.


▲Up To Search▲   

 
Price & Availability of ABJ582861

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X