Part Number Hot Search : 
9251US 1700FP 2SK35 08100 BZX84C27 WMS7120 NTXV2N6 SE2600S
Product Description
Full Text Search
 

To Download IPS1021STRLPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd60236_c ips1021( s )( r )pbf intelligent power low side switch features ? over temperature shutdow n ? over current shutdow n ? active clamp e ? low c u r r e n t & l o g i c l e v l i n p u t o n / o f f f o r e m i ) p b f i s a t h r e e t e r m i n a l intelligent ? esd protection ? optimized t u r n ? diagnostic on the input current description t h e i p s 1 0 2 1 ( s ) ( r pow e r sw itch (ips) that feat ures a low side mosf et w i th over-current, over-temperatur e, esd protection and drain to source active clamp. t h is device offers protections and the high reliability required in harsh environments. t he sw itch provides efficient pr otection by turning of f the pow er mosf et w hen the tem perature exceeds 165c or w hen the drain current reaches 35a. t he device restarts once the input is cy cled. a se rial resistance connected to the input provides the diagnostic. t he avalanche capability is significantly enhanced by the active clamp and covers most inductive load demagnetizations. product summary rds(on) 25m ? ( max . ) vclamp 36v ishutdown 35a (typ.) packages to-220 d2pak d-pak ips1021pbf ips1021spbf ips1021rpbf ty pical connection s control in input r d load +bat input signal v diag 2 3 www.irf.com 1
ips1021( s )( r )pbf absolute maximum ratings absolute maximum ratings indicate sustained limits bey ond w h ich damage to the device may occur. all voltage parameters are referenced to ground lead. (tambient =25c unless otherw i se specified). sy m b o l p a r a m e t e r m i n . m a x . u n i t s vds maximum drain to source voltage -0.3 36 v vds cont. maximum continuous drain to source voltage - 28 v vin maximum input voltage -0.3 6 v isd cont. max. diode continuous current (limited by thermal dissipation) ? 4 . 5 a maximum pow er dissipation (internally limited by thermal protection) rth=5c/w ips1021 ? 25 rth=40c/w ips1021s 1? sqr. footprint ? 3.1 w pd rth=50c/w ips1021r 1? sqr. footprint ? 2 . 5 electrostatic discharge vo ltage (human body ) c=100pf, r=1500 ? betw een drain and source ? 4 other combinations ? 3 electrostatic discharge volt age (machine model) c=200pf,r=0 ? betw een drain and source ? 0.5 esd other combinations ? 0.3 kv tj max. max. storage & operating temper ature junction temperature -40 150 c tsoldering lead soldering te mperature (10 seconds) ? 3 0 0 c thermal characteristics sy m b o l p a r a m e t e r ty p . m a x . u n i t s rth1 thermal resistance junction to ambient ips1021 to-220 free air 50 ? rth2 thermal resistance junction to case ips1021 to-220 2.6 ? rth1 thermal resistance junction to ambient ips1021s d2pak std. footprint 60 ? rth2 thermal resistance junction to ambient ips1021s d2pak 1? sqr. footprint 40 ? rth3 thermal resistance junction to case ips1021s d 2 p a k 2 . 6 ? rth1 thermal resistance junction to ambient ips1021r d-pak std. footprint 70 ? rth2 thermal resistance junction to ambient ips1021r d-pak 1? sqr. footprint 50 ? rth3 thermal resistance junction to case ips1021r d - p a k 2 . 6 ? c/w recommended operating conditions these values are given for a quick desi gn. for operation outside these conditions , please consult the application notes. sy m b o l p a r a m e t e r m i n . m a x . u n i t s vih high level input voltage 4.5 5.5 vil low level input voltage 0 0.5 continuous drain current, tambient =85c, tj=125c, vin=5v r t h = 5 c / w i p s 1 0 2 1 ? 13.5 rth=40c/w ips1021s 1? sqr. footprint ? 4.8 ids rth=50c/w ips1021r 1? sqr. footprint ? 4.3 a rin recommended resistor in series w i th in pin to generate a diagnostic 0.5 10 k ? max l max. recommended load inductanc e (including line inductance) (1) ? 2 0 h max f max. frequency (sw i tching losses = conduction losses) ? 5 0 0 h z max t rise max. input rising time ? 1 s (1) higher inductance is possi ble if maximum load current is limited - see figure 11 www.irf.com 2
ips1021( s )( r )pbf static electrical characteristics tj=25c, vcc=14v (unless otherw i se specified) sy m b o l p a ra me te r m i n . ty p . ma x . units te s t conditions on state resistance tj=25c ? 2 0 2 5 rds(on) on state resistance tj=150c (2) ? 3 8 4 8 m ? vin=5v, ids=8a idss1 drain to source leakage current ? 0 . 1 1 0 vcc=14v, t j = 2 5 c idss2 drain to source leakage current ? 0 . 2 2 0 a vcc=28v, tj=25c v clamp1 drain to source clamp voltage 1 36 39 ? id=20ma v clamp2 drain to source clamp voltage 2 ? 4 0 4 2 i d = 2 a vin clamp in to source pin clamp voltage 5.5 6.5 7.5 iin=1ma vth input threshold voltage ? 1.7 ? v id=10ma sw itching electrical characteristics vcc=14v, resistive load=1.5 ? , rinput=0 ? , vin=5v, tj=25c sy m b o l p a ra me te r m i n . ty p . ma x . units te s t conditions tdon turn-on delay time to 20% 10 30 100 tr rise time 20% to 80% 10 30 60 tdoff turn-off delay time to 80% 40 150 400 tf fall time 80% to 20% 15 30 60 s see figure 2 eon + eoff turn on and off energy ? 2 ? m j protection characteristics sy m b o l p a ra me te r m i n . ty p . ma x . units te s t conditions tsd over temperature threshold 150(2) 165 ? c see figure 1 isd over current threshold 32 45 58 a see figure 1 ov over voltage protection ( not active w hen the device is on ) 3 4 3 7 ? v vreset in protection reset threshold ? 1.7 ? v treset time to reset prot e c t i o n 1 5 ( 2 ) 5 0 2 0 0 s v i n = 0 v diagnostic sy m b o l p a ra me te r m i n . ty p . ma x . units te s t conditions iin, on on state in positive current 15 32 70 iin, off off state in positive current (after protection latched) 1 5 0 2 3 0 3 5 0 a vin=5v vin=5v (2) guaranteed by design www.irf.com 3
ips1021( s )( r )pbf lead assignments 1 2 3 to220 1- in 2- d 3- s 2- d r a i n 1 2 3 d2p a k ? d p a k 2- d r a i n functional block diagram all values are ty pical in s r q 6. 5v t j > 165c dr a i n so urc e 37v 15k ? i > isd 75 ? 43v vd s > o . v. 2k ? 150k ? www.irf.com 4
ips1021( s )( r )pbf all curves are ty pical values. operat ing in the shaded area is not recommended. t j isd ts d 165c id s vin ishutdow n t s hutdow n t< t reset t> t reset vd ia g faul t norm a l vd s id s vin tr- i n 80 % 20 % 80 % 20 % td o n tr td o f f tf figure 1 ? timing diagram figure 2 ? in rise time & sw itching definitions vd s id s vin in d s r l 0v 5v 14v + - v l oad r e m : d u ri ng act i ve c l am p, v l oad i s n egat i v e vds ids vin vc c vd s cla m p t c l a m p see a p p licat io n no t e s t o ev alu a t e p o w er d i ssip a t i o n figure 3 ? a c tiv e clamp w a v e forms figure 4 ? a c tiv e clamp test circuit www.irf.com 5
ips1021( s )( r )pbf figure 5 ? normaliz ed rds(on) (% ) vs input v o ltage (v) vi n, i nput vol t age (v) rds(on), drain-to-source on resistance (normalized) 50% 1 00% 1 50% 2 00% - 5 0 0 50 1 0 0 150 tj , j uncti on temperature (c) rds(on), drain-to-source on resistance (normalized) vi n, i nput vol t age (v) ids, output current tj , j uncti on temperature (c) isd, normalized i shutdown (%) 0% 50 % 10 0% 15 0% 20 0% 012 3 456 figure 6 - normaliz ed rds(on) (% ) vs tj (c) 0% 20% 40% 60% 80% 100% 120% 140% - 5 0 0 50 100 150 0 5 10 15 20 25 30 35 40 01 23 4 5 i lim it i s hut d o w n 6 figure 7 ? current limitation and current shutdow n vs input v o ltage (v) figure 8 ? normaliz ed i shutdow n (% ) vs junction temperature (c) www.irf.com 6
ips1021( s )( r )pbf www.irf.com 7 0 10 20 30 40 50 0.1 1 10 100 50c / w 25c am bi en t 50c / w 85c am bi en t 50c / w -40c am bi en t 0 5 10 15 20 25 30 - 5 0 0 50 100 150 5 c / w 10 c / w 1" s q f o ot p r i n t s t d f o ot pr i n t ids, cont. output current (a) ids, output current (a) tamb, ambi ent temperature (c) protecti on response ti me (s) figure 10 ? ids (a ) vs ov er temperature protection response time (s) figure 9 ? max. continuous output current (a ) vs a m bient temperature (c) 0.0 1 0. 1 1 10 10 0 1e -05 1 e - 04 0.001 0 .01 0 . 1 1 1 0 1 0 0 figure 11 ? max. ouput current (a ) vs inductiv e load (mh) ids, output current (a) inducti ve l oad (mh) figure 12 ? transient thermal impedance (c/w) vs time (s) zth, transient thermal impedance (c/w) 1 10 10 0 0.001 0.01 0 . 1 1 ti me (s)
ips1021( s )( r )pbf www.irf.com 8 0 20 40 60 80 100 120 140 160 180 200 01 23 4 5 6 0 50 100 150 200 250 -50 0 50 100 150 i on i l a tch tsd, over temperature shutdown (c) ion, ioff, input durrent (a) tj , j uncti on temperature (c) vi n, i nput vol t age (v) figure 13 ? input current (a ) on and off vs junction temperature (c) figure 14 ? ov er temperature shutdow n (c) vs input v o ltage (v)
ips1021( s )( r )pbf case outline ? to-220 ab ? automotive q100 pbf qualified www.irf.com 9
ips1021( s )( r )pbf case outline - d 2 pak (smd-220) - automotive q100 pbf msl1 qualified www.irf.com 10
ips1021( s )( r )pbf tape & reel - d 2 pak (smd220) www.irf.com 11
ips1021( s )( r )pbf case outline ? d-pak - automotive q100 pbf msl1 qualified www.irf.com 12
ips1021( s )( r )pbf tape & reel - d - pak ir world hea d qua r ters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and speci f i c ati ons subj ect to change w i thout noti c e. this product is designed and qualified fo r the autom o tive [q100] m a rket. to220, d2pak and dpak is m s l1 qualified. 06/15/2006 www.irf.com 13


▲Up To Search▲   

 
Price & Availability of IPS1021STRLPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X