Part Number Hot Search : 
AK8813P AK8813P 5962R KRC102M 908JL16 NL1027 1N5254 ALVCH
Product Description
Full Text Search
 

To Download PE7232-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz pasternack enterprises line of 100w attenuators operate from dc to 6 ghz, and are available in 42 different 7/16 din, n, sma and tnc in-series and between-series connector combinations. our 100w attenuators are manufactured with passivated stainless steel sma, tnc and n connectors, and silver plated brass 7/16 din connectors. pasternack 100w attenuators come in 3 db, 6 db, 10 db, 20 db, 30 db, 40 db, 60 db values and will operate from -55 to +125 degrees c. additional connector combinations are available beyond the 42 standard designs, upon request. ? 100w average power and 2,000w peak power handling capability ? operate to 6 ghz ? temperature range of -55 to +125 degrees c ? 42 in-series and between series combinations ? 7/16 din, sma, n, tnc male and female connectors are available ? other connector combinations available upon request confguration design fixed, directional attenuator connector 1 n female connector 2 tnc male body material and plating aluminum heatsink, black anodized electrical specifcations frequency range, ghz dc to 6 impedance, ohms 50 attenuation value, db 40 maximum input power, watts 100 maximum vswr 1.45:1 frequency 1 range, ghz dc to 2 vswr 1.2:1 attenuation accuracy, db 1.25 frequency 2 range, ghz 2 to 4 vswr 1.35:1 attenuation accuracy, db 1.25 frequency 3 range, ghz 4 to 6 vswr 1.45:1 attenuation accuracy, db 1.5 mechanical specifcations temperature operating range, deg c -55 to +125 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz PE7232-40 PE7232-40 PE7232-40 rev nc
2 technical data sheet size length, in [mm] 4.9 [124.46] width, in [mm] 3.8 [96.52] height, in [mm] 2.7 [68.58] . weight, lbs [kg] 3 [1.36] connector 1 type n female contact material and plating beryllium copper , gold body material and plating stainless steel, passivated connector 2 type tnc male contact material and plating beryllium copper , gold coupling nut material and plating stainless steel, passivated body material and plating stainless steel, passivated compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/40db-fxed-n-female-tnc-male-100-watts-attenuator-PE7232-40-p.aspx 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz PE7232-40 PE7232-40 rev nc
3 ? 2012 pasternack enterprises all rights reserved 40 db fixed attenuator, n female to tnc male directional rated to 100 watts up to 6 ghz PE7232-40 cad drawing PE7232-40 rev nc


▲Up To Search▲   

 
Price & Availability of PE7232-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X