Part Number Hot Search : 
EPJ5004 0UITA SUU80 SMBJ90A 100NS HEF40 Z4A18 34600
Product Description
Full Text Search
 

To Download WLD3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 two-circuit limit switch wl wide selection of two-circuit limit switches a wide selection of models are available, including the overtravel models with greater ot, lamp- equipped models for checking operation, low-tem- perature and heat-resistant models, and microload models. microload models are added to the product lineup. meets en/iec standards (only switches with ground terminals). switches with ground terminals have the ce marking. approved standards agency standard file no. ul ul508 e76675 csa csa c22.2 no. 14 lr45746 tv rheinland en60947-5-1 r9551016 uce note: contact your omron representative for more information on approved models. ordering information classification specifications standard overtravel high- precision features page actua- tors roller lever yes yes yes five models: roller lever, adjustable roll- er lever, adjustable rod lever, fork lever lock, rod spring lever. 11 to 25 plunger yes --- --- six models: top plunger, top-roller plung- er, top-ball plunger, horizontal plunger, horizontal-roller plunger, horizontal-ball plunger. flexible rod yes --- --- two models: coil spring and steel wire. load/ contact standard load spst-no/ spst-nc type yes standard models use a two-circuit double-break switch. microload spst-no/ spst-nc type yes specifications include gold-plated con- tacts.
wl wl 2 specifications page features high- precision overtravel standard envi- airtight-seal wl j -55 yes (cannot be used with heat-resis- i d l d l ) uses an airtight-sealed built-in switch. 29 ron- ment- resist- ant m o d e l s her- metic seal molded termi- nals wl j -139 ( tive and low-temperature models.) lead wires are attached. the case cover and conduit section are molded from epoxy resin to improve seal- ing performance. mo d e l s (see note 3.) wl j -140 wl j -141 lead wires are attached. the case is filled with epoxy resin, to en- sure high sealing performance. the head opening is protected from cut- ting powder. (wl j -141) only wlg2, wlca2, and wlgca2 can be fabricated. (wl j -141 models.) anti- coolant wl j -rp60 lead wires are attached. the case is filled with epoxy resin, to en- sure high sealing performance. to im- prove the anti-coolant properties (water- soluble coolant), rubber with high chemi- cal-resistance has been used. spatter-preven- tion wl j -s yes to improve spatter prevention during welding, a heat-resistant resin is used, and screws and rollers are all made from stainless steel. 26 to 29 heat-resistive wl j -th yes (cannot be used with airtight, her- metic, low-temperature, corrosion- proof, or lamp-equipped models.) to improve heat resistance, silicone rub- ber is used for rubber parts and for the built-in switch. the operating temperature range is +5 _ c to 120 _ c. 29 low-temperature wl j -tc yes (cannot be used with airtight, her- metic, heat-resistive, corrosion-proof, or lamp-equipped models.) to improve low temperature resistance, silicone rubber is used. the operating temperature range is -- 4 0 _ cto40 _ c. corrosion-proof (see note 4.) wl j -rp yes (cannot be used with lamp- equipped models.) diecast parts such as the switch box are made of corrosion-proof aluminum. rub- ber-sealing parts are made of fluorine rubber and exposed nuts and screws are made of stainless steel. these all aid in resisting oil, chemicals and adverse weather conditions. outdoor specifi- cations wl j -p1 --- (see note 5.) yes (see note 6.) --- rotary shafts are made of unquenched (i.e., untreated) stainless steel to improve corrosion resistance. exposed nuts and screws are made of stainless steel and rubber sealing parts of silicone rubber. these factors all combine to create a product which is resistant to temperature changes and adverse weather condi- tions. lamp-equipped wl j -le yes operating status can be checked at a glance. lit when operating and not lit when not o p e r a t i n g 31 wl j -ld yes opera t i ng. wl j -le: 100 vac/vdc min. wl j -ld: 115 vac/vdc min. (refer to page 27 for detailed ratings.) relevant pages pages 11 to 31 --- --- note: 1. do not expose to extreme changes in temperature. 2. standard models: operate on each side at an angle of 45 _ . possible to set to one-side operation on either side. pretravel (pt) is 15 _ . overtravel models: standard and high-sensitivity models operate on each side at an angle of 80 _ . not possible to set to one-side operation. -2n series operate on each side at an angle of 90 _ . possible to set to one-side operation on either side. high-precision models: operate on each side at an angle of 45 _ . possible to set to one-side operation on either side. pretravel (pt) is 5 _ . 3. when ordering, add the suffix for the environment-resistant model or indicator specifications required according to the operating environment and purpose.
wl wl 3 4. the overtravel model (-2n series), fork lever lock model (wlca32-41 to 44), horizontal plunger (wlsd j ) model, heat-resistive model, low-temperature model, and lamp-equipped model cannot be used with the corrosion-proof model. 5. outdoor specifications are available for some standard models. consult your omron representative for details. 6. outdoor specifications are only available for general models and high-sensitivity models. list of models rotating lever models roller lever models: short, medium, and long lever models type total travel (tt) features actuator (see note 2.) y p ( ) wl-1a100 roller lever: short lever (r38) wl-1a200 roller lever: medium lever (r50) wl-1a300 roller lever: long lever (r63) standard one-side operation is possible. (see note 3.) head can be mounted in any of the four directions. wlca2 wlca2-7 wlca2-8 over- travel general one-side operation is im- possible. (see note 3.) head can be mounted in any of the four directions. wlh2 --- --- high-sen- sitivity one-side operation is possible. (see note 3.) head can be mounted in any of the four directions. wlg2 --- --- -2n series one-side operation is possible. (see note 3.) head can be mounted in any of the two directions. (when the head can be mounted horizontally, the head can be mounted in any of the four directions.) wlca2-2n --- --- high-precision one-side operation is possible. (see note 3.) head can be mounted in any of the four directions. wlgca2 --- --- note: 1. for the approved standards file numbers, refer to page 1. 2. for external dimensions and other information, refer to pages 22 to 25. 3. one-side operation means that three operational directions can be selected electrically, according to the change in direction of the operating plunger. those models for which one-side operation is impossible can only operate on both sides. for details, see page 39.
wl wl 4 adjustable roller levers and adjustable rod levers type total travel (tt) features actuator (see note 2.) y p ( ) wl-2a100 adjustable roller lever wl-4a100 adjustable rod lever (adjustable length: 25 to 140 mm) wl-3a100 (adjustable length: 350 to 380 mm) standard one-side operation possible. (see note 3.) head can be mounted in any of the four direc- t i o n s wlca12 --- tions. --- wlcl (wl-4a100) over- l general one-side operation possible. (see note 3.) h d b d i f h f d i wlh12 wlhl (wl-4a100) travel p p ( ) head can be mounted in any of the four direc- tions. wlhal4 (wl-3a100) high-sen- sitivity one-side operation possible. (see note 3.) head can be mounted in any of the four direc- tions. wlg12 wlgl (wl-4a100) -2n series one-side operation is possible. (see note 3.) head can be mounted in any of the two direc- tions. (when the head can be mounted hori- zontally, the head can be mounted in any of the four directions.) wlca12-2n wlcl-2n (wl-4a100) note: 1. for the approved standards file numbers, refer to page 1. 2. for external dimensions and other information, refer to page 22 to 25. 3. one-side operation means that three operational directions can be selected electrically, according to the change in direction of the operating plunger. the operating plunger is set for operation on both sides before delivery. those models for which one-side opera- tion is impossible can only operate on both sides. for details, see page 39. the operational plunger is factory-set to both sides. rod spring levers and fork lever locks type total travel (tt) features actuator (see note 2.) y p ( ) wl-3a200 rod spring lever fork lever locks: wl-5a100, wl-5a102, wl-5a104 protective head can be mounted in any of the four direc- tions. --- wlca32-41 (wl-5a100) t i o n s . wlca32-42 (wl-5a102) wlca32-43 (wl-5a104) over- travel general one-side operation is possible. (see note 3.) head can be mounted in any of the four direc- tions. wlhal5 --- note: 1. for the approved standard file numbers, refer to page 1. 2. for external dimensions and other information, refer to page 22 to 25. 3. one-side operation means that three operational directions can be selected electrically, according to the change in direction of the operating plunger. the operating plunger is set for operation on both sides before delivery. those models for which one-side opera- tion is impossible can only operate on both sides. for details, see page 39. the operational plunger is factory-set to both sides.
wl wl 5 4. the fork lever lock is configured so that the dog pushes the lever to reverse the output and this reversed state is maintained even after the dog continues on. if the dog then pushes the lever from the opposite direction, the lever will return to its original position. example nc terminal: on no terminal: on no terminal: on standard plungers type actuators model top top plunger wld top-roller plunger wld2 p g wld28(seenote2.) top-ball plunger WLD3 horizontal horizontal plunger wlsd horizontal-roller plunger wlsd2 horizontal-ball plunger wlsd3 note: 1. for the approved standards file numbers, refer to page 1. 2. sealed roller. standard flexible rods actuators model coil spring spring dia. 6.5 wlnj p g spring dia. 4.8 wlnj-30 resin rod dia. 8.0 wlnj-2 steel wire 1.0-dia. wire wlnj-s2 note: for the approved standards file numbers, refer to page 1. microload models a series of microload models has also been developed for the con- figurations outlined on pages 3 to 5. the model numbers become wl01 j . for example, wlca2 becomes wl01ca2. model number legend wl jj - jjjjjjjjj 1 2 34 567891011 1. electrical rating blank: standard 01: miniature 2. actuator and head specifications symbol actuator type switches without levers ca2 roller lever: standard (r38) wlrca2 ca2-7 roller lever: standard, medium lever (r50) wlrca2 ca2-8 roller lever: standard, long lever (r63) wlrca2 h2 roller lever: overtravel, general-purpose model, 80 _ wlrh2 g2 roller lever: overtravel, high-sensitivity, 80 _ wlrg2 ca2-2n roller lever: overtravel, 90 _ wlrca2-2n gca2 roller lever: high-precision wlrgca2 ca12 adjustable roller lever: standard wlrca2 h12 adjustable roller lever: overtravel, general-purpose model, 80 _ wlrh2 g12 adjustable roller lever: overtravel, high-sensitivity, 80 _ wlrg2 ca12-2n adjustable roller lever: overtravel, 90 _ wlrca2-2n cl adjustable rod lever: standard wlrcl hl adjustable rod lever: overtravel, general-purpose model, 80 _ ,25to140mm wlrh2 hlal4 adjustable rod lever: overtravel, general-purpose model, 80 _ , 350 to 380 mm wlrh2 gl adjustable rod lever: overtravel, high-sensitivity, 80 _ ,25to140mm wlrg2 cl-2n adjustable rod lever: overtravel, 90 _ , 25 to 140 mm wlrca2-2n hal5 rod spring lever: protective, overtravel, general-purpose model, 80 _ wlrh2 ca32-41 fork lever lock: protective, wl-5a100 wlrca32 ca32-42 fork lever lock: protective, wl-5a102 wlrca32 ca32-43 fork lever lock: protective, wl-5a104 wlrca32 d plunger: top plunger --- d2 plunger: top-roller plunger --- d28 plunger: top-roller plunger, sealed --- d3 plunger: top-ball plunger ---
wl wl 6 symbol actuator type switches without levers sd plunger: horizontal plunger --- sd2 plunger: horizontal-roller plunger --- sd3 plunger: horizontal-ball plunger --- nj flexible rod: coil spring --- nj-30 flexible rod: coil spring, multi-wire --- nj-2 flexible rod: coil spring, resin rod --- nj-s2 flexible rod: steel wire --- 3. environment-resistant model specifications blank: standard rp: corrosion-proof (see note 1.) p1: weather-resistant (see note 1.) 4. built-in switch specifications blank: general-purpose built-in switch 55: hermetically-sealed built-in switch (see note 1.) 5. temperature specifications blank: standard: --10 _ cto80 _ c th: heat-resistive: 5 _ c to 120 _ c (see note 1.) tc: low temperature: --40 _ cto40 _ c (see note 1.) 6. special hermetic model specifications blank: no cables or molding 139: general-purpose built-in switch with cables attached and molded conduit opening and cover (cover cannot be removed). (see note 1.) 140: airtight built-in switch with cables attached and molded conduit opening, cover, and case cover (cover cannot be removed). (see note 1.) 141: airtight built-in switch with cables attached and molded conduit opening, cover, and case cover (cover cannot be removed). the head opening is created to protect it from cutting powder. (see note 1.) rp40: airtight built-in switch with cables attached, sc connector can be used, molded conduit opening, cover, and case cover (cover cannot be removed). (see note 1.) rp60: airtight built-in switch with cables attached, fluorine rubber-molded conduit opening, cover, and case cover (cover cannot be removed). (see note 1.) 7. conduit size, ground terminal specifications blank: g 1 / 2 without ground terminal g1: g 1 / 2 with ground terminal g: pg13.5 with ground terminal y: m20 with ground terminal ts: 1 / 2 -14npt with ground terminal 8. indicator type element voltage leakage current blank: no indicators le: neon lamp 125 to 250 vac approx. 0.6 to 1.9 ma ld: led 10 to 115 vac/vdc approx. 1 ma 9. lever type blank: allen-head lever (standard) a: double nut lever 10. blank: standard s: spatter-proof model (see note 2.) 11. conduit wiring specifications blank: screw-tightened terminal (g 1 / 2 conduit) k13: direct-wired connector (2-core, dc) k13a: direct-wired connector (2-core, ac) k43: direct-wired connector (4-core, dc) k43a: direct-wired connector (4-core, ac) -m1j: pre-wired connector (2-core, dc) with 0.3-m cable attached. -agj03: pre-wired connector (4-core, ac) with 0.3-m cable attached. -dgj03: pre-wired connector (4-core, dc) with 0.3-m cable attached. -dk1ej03: pre-wired connector (3-core, dc) with 0.3-m cable attached. note: 1. for information on applicable models, see page 29 to 31. 2. for information on applicable models, see pages 26 to 29.
wl wl 7 general-purpose models these limit switches are two-circuit double-break switches housed in rugged diecast, thus making it an oil-tight, waterproof and dust- proof construction (complies with ip67). in addition to the standard models, microload models are also avail- able. a wide range of actuators with a range of functions are available; rotating lever, plunger, flexible rod etc. the rubber material in the standard models is designed to be resist- ant to water and most oils. nomenclature set position marker plate after operation, set the indicator needle on the marker plate so that is in the convex section of the bearing. for the wld2, insert the needle so that is is between the two main wires on the plunger. roller the roller is made of self-lubricating sintered stain- less steel and boasts high resistance to wear. requires maintenance (excessive overtravel) shaft section seal by fitting an o-ring to the rotary shaft and with an appropriate interference of the screws, high-seal- ing properties are maintained. conduit opening (see note 1.) the conduit threads are parallel threads for g 1 / 2 tube and offer further increased sealing properties when used in conjunction with the sc connector. head the head used in the roller lever type, adjustable rod lever type, or horizontal plunger type (except the -2n series) can be mounted in any of the four directions by removing the screws at the four cor- ners of the head. requires maintenance (excessive overtravel) proper range requires maintenance (insufficient overtravel) proper range head-mounting screws bearing the bearing smooths the plunger movement. built-in switch the built-in switch (for all models except the micro- load models) has an extended mechanical life of 15 million operations or more. lever the lever forged of anti-corrosive aluminium alloy features high corrosion resistances and outstand- ing ruggedness. with roller lever, adjustable rod and flexible rod models, the actuator position can be set anywhere within 360 _ . (the lever cannot be mounted in the opposite direction.) roller lever setscrew operational plunger (see note 2.) cover seal by using an o-ring as the cover seal, an optimum squeeze can be obtained and high sealing proper- ties are assured as well. terminal screws m4 screws cover insulator the insulator has outstanding insulation proper- ties and prevents the generation of any gases which may corrode the internal parts. cover setscrew a phillips screw is used to ensure ease of use. note: 1. the display for conduit threads has changed from pf 1 / 2 to g 1 / 2, according to revisions of jis b 0202. this is only a change in the display, so the thread size and pitch have not changed. (conduit threads pg 13.5 and 1 / 2 -14npt are also available.) 2. by changing the orientation of the operational plunger, three operational directions can be selected electrically. (this is only pos- sible with general-purpose roller lever, adjustable roller lever, and adjustable rod lever models. for the overtravel models, only -2n series models have this function.) ratings type rated l t non-inductive load inductive load y p voltage resistive load lamp load inductive load motor load nc no nc no nc no nc no standard, l 125 vac 10 a 10 a 3a 1.5 a 10 a 5a 2.5 a , overtravel ( e x c e p t 250 vac 10 a 10 a 2a 1a 10 a 3a 1.5 a ( excep t high-sensitivity 500 vac 10 a 10 a 1.5 a 0.8 a 3a 1.5 a 0.8 a h i g h s e n s i t i v i t y models), and h i g h p r e c i s i o n 8vdc 10 a 6a 3a 10 a 6a high-precision models. 14 vdc 10 a 6a 3a 10 a 6a m o d e l s . 30 vdc 6a 4a 3a 6a 4a 125 vdc 0.8 a 0.2 a 0.2 a 0.8 a 0.2 a 250 vdc 0.4 a 0.1 a 0.1 a 0.4 a 0.1 a overtravel ( h i h i i i ) 125 vac 5a --- --- --- (high-sensitivity) 250 vac 5a 125 vdc 0.4 a --- --- --- 250 vdc 0.2 a note: 1. the above figures are for standard currents. 2. inductive loads have a power factor of 0.4 min. (ac) and a time constant of 7 ms max. (dc). 3. lamp load has an inrush current of 10 times the steady-state current.
wl wl 8 4. motor load has an inrush current of 6 times the steady-state current. 5. for pc loads, use the microload models. inrush current nc 30 a max. (15 a max. (see note)) no 20 a max. (10 a max. (see note)) note: only for high-sensitivity overtravel models. microload models rated voltage resistive load 125 vac 0.1 a 30 vdc operation within the three zones illustrated in the following diagram will produce optimum performance. recommended load range: 5 to 30 vdc, 0.5 to 100 ma current (ma) voltage (vdc) 5mw 0.8 w contact form standard (wl j )/microload (wl01 j ) models ground terminal models wl - 12 1: type of actuator 2: conduit opening size the models differ depending on the size of the case?s conduit thread. model conduit opening size g1 g 1 / 2 g pg 13.5 y m20 ts 1 / 2 -14npt
wl wl 9 approved standard ratings ul/csa standard models: a600 rated voltage carry current current volt-amperes g y make break make break 120 vac 10 a 60 a 6a 7,200 va 720 va 240 vac 30 a 3a , 480 vac 15 a 1.5 a 600 vac 12 a 1.2 a microload models: 0.1 a 125 vac, 0.1 a 30 vdc tv (en60947-5-1) (only ground terminal models are approved) model category/rating thermal current indicator wl j - j ac-152a/250v dc122a/48v 10 a --- wl01 j - j ac-14 0.1 a/125 v dc12 0.1 a/48 v 0.5 a --- wl j - j le ac-152a/250v 10 a neon lamp wl01 j - j le ac-14 0.1 a/125 v 0.5 a neon lamp wl j - j ld ac-152a/115v dc122a/48v 10 a led wl01 j - j ld ac-140.1a/115v dc12 0.1 a/48 v 0.5 a led note: as an example, ac-15 2 a/250 v means the following: application category ac-15 rated operating current (ie) 2a rated operating voltage (ue) 250 v
wl wl 10 characteristics degree of protection ip67 life expectancy (see note 3) mechanical: 15,000,000 operations min. (see note 4) electrical: 750,000 operations min. (see note 5) operating speed 1mmto1m/s(forwlca2) operating frequency mechanical: 120 operations/minute min. electrical: 30 operations/minute min. rated frequency 50/60 hz insulation resistance 100 m ? min. (at 500 vdc) contact resistance 25 m ? max. (initial value) dielectric strength 1,000 vac (600 vac), 50/60 hz for 1 min between non-continuous terminals. 2,200 vac, 50/60 hz for 1 min/uimp 2.5 kv non-current-carrying metal part and ground. 2,200 vac, 50/60 hz for 1 min uimp 2.5 kv between each terminal and non-current-carrying metal part. rated insulation voltage (u i ) 250 v (en60947-5-1) switching overvoltage 1,000 v max. (en60947-5-1) pollution degree (operating environment) 3 (en60947-5-1) short-circuit protective device (scpd) 10 a, fuse type gg or gi (iec269) conditional short-circuit current 100 a (en60947-5-1) conventional enclosed thermal current (i the ) 10 a, 0.5 a (en60947-5-1) protection against electric shock class i vibration resistance 10 to 55 hz, 1.5-mm double amplitude (see note 6) shock resistance destruction: 1,000 m/s 2 min. malfunction: 300 m/s 2 min. (see note 6) ambient temperature operating: --10 cto80 c (with no icing) (see note 7) ambient humidity operating: 95% max. weight approx. 275 g (in the case of wlca2) note: 1. the above figures are initial values. 2. the figures in parentheses for dielectric strength, are those for the overtravel (high-sensitivity) model. 3. life expectancy values are calculated at an operating temperature of 5 cto35 c, and an operating humidity of 40% to 70%. con- tact your omron sales representative for more detailed information on other operating environments. 4. 10,000,000 operations min. for general, high-sensitivity, and flexible rod overtravel models. 5. 500,000 operations min. for high-precision and outdoor specifications models. all microload models however, are 1,000,000 opera- tions min. 6. except the flexible rod models. 7. for low temperature models this is --40 _ cto40 c (no icing). for heat-resistive models the range is +5 c to 120 c. engineering data electrical life expectancy operating temperature: 5 cto30 c operating humidity: 40% to 70%. switching current (ma) operating frequency: 30 operations/min cos =1 life expectancy (x 10 operations) 4 125 vac 250 vac 480 vac
wl wl 11 standard models dimensions/operating characteristics note: 1. rotating lever models: for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. roller lever wlca2 wl01ca2 roller lever wlca2-7 wl01ca2-7 note: stainless sintered roller note: stainless steel roller roller lever wlca2-8 wl01ca2-8 adjustable roller lever wlca12 wl01ca12 note: stainless sintered roller note: stainless sintered roller m5 12 allen-head bolt 17.5 dia. 7 (see note) four, m3.5 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. jis b0202 g1/2 effective thread: 4 threads min. 17.5 dia. 15 (see note) four, m3.5 m5 12 allen-head bolt three, m4 13 four, m6 depth: 15 min. 60 max. 42 max. three, m4 13 67.2 max. 42 max. 60 max. 42 max. four, m3.5 17.5 dia. 7 (see note) m5 12 allen-head bolt three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. four, m6 depth: 15 min. 17.5 dia. 7(seenote) four, m3.5 m5 16 allen-head bolt three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. 67 max. 42 max. adjustable range: 25 to 89 four, 5.2 +0.2 o dia. holes four, 5.2 +0.2 o dia. holes four, 5.2 +0.2 o dia. holes four, 5.2 +0.2 o dia. holes operating characteristics wlca2 wl01ca2 wlca2-7 wl01ca2-7 wlca2-8 wl01ca2-8 wlca12 wl01ca12 (see note) operating force: of max. 13.34 n 10.2 n 8.04 n 13.34 n release force: rf min. 2.23 n 1.67 n 1.34 n 2.23 n pretravel: pt 15 5 15 5 15 5 15 5 overtravel: ot min. 30 30 30 30 movement differential: md max. 12 12 12 12 note: the operating characteristics for wlca12 and wl01ca12 are measured at the lever length of 38 mm.
wl wl 12 of and rf for wlca12, with a lever length of 89 mm. operating characteristics wlca12, wl01ca12 of 5.68 n rf 0.95 n rotating lever models: for all models wl indicates a standard model and wl01 j indicates a microload model. adjustable rod lever wlcl wl01cl fork lever lock wlca32-41 to 44 wl01ca32-41 to 44 (for details see page 4.) note: stainless steel rod note: plastic roller. this illustration shows the external dimen- sions of the wlca32-41. (models wlca32-041 to -044 have stainless steel rollers.) 3 0.2 dia. 160 (see note) m8 12 allen-head set screw four, m3.5 m5 12 allen-head bolt adjustable range: 25 to 140 m5 16 allen-head bolt wlca32-41 wlca32-42 wlca32-43 wlca32-44 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 55 max. 42 max. four, m6 depth: 15 min. two, 17.5 dia. 7 (see note) four, m3.5 three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. 62.5 max. 42 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes note: 1. unless otherwise indicated, a tolerance of 0.4 mm ap- plies to all dimensions. 2. the fork lever lock is configured so that the dog pushes the lever to reverse the output and this reversed state is maintained even after the dog continues on. if the dog then pushes the lever from the opposite direction, the le- ver will return to its original position. example nc terminal: on no terminal: on no terminal: on operating characteristics wlcl, wl01cl operating force: of max. 1.39 n release force: rf min. 0.27 n pretravel: pt 15 5 overtravel: ot min. 30 movement differential: md max. 12 note: the operating characteristics for wlca12 and wl01ca12 are measured at the lever length of 140 mm. operating characteristics wlca32-41 to 44, wl01ca32-41 to 44 force necessary to reverse the direction of the lever: max. 11.77 n} movement until the lever reverses 50 5 movement until switch operation: max. 55 movement after switch operation: min. 35
wl wl 13 note: 1. plunger models: for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. top plunger wld wl01d horizontal plunger wlsd wl01sd note: stainless steel plunger note: 1. stainless steel plunger 2. cosmetic nuts. top-roller plunger wld2 wl01d2 horizontal-roller plunger wlsd2 wl01sd2 note: stainless sintered roller note: 1. stainless sintered roller 2. cosmetic nuts 3. the wlsd21 model, which has the roller rotated by 90 _ is also available. jis b0202 g1/2 effective thread: 4 threads min. four, m3.5 four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. (see note) three, m4 13 42 max. four, m6 depth: 15 min. four, m3.5 r1 (see note 1) 25 dia. (see note 2.) three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. 42 max. four, m3.5 17 dia. 5 (see note) 42 max. 17 dia. 5 (see note 1) four, m3.5 25 dia. (see note 2.) 42 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes 9dia.
wl wl 14 note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. top-ball plunger WLD3 wl01d3 horizontal-ball plunger wlsd3 wl01sd3 note: stainless steel ball note: 1. stainless steel ball 2. cosmetic nuts sealed top-roller plunger wld28 wl01d28 note: stainless steel ball three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. four, m3.5 15.5 dia. 1/2? dia. (see note) 42 max. four, m3.5 1/2? dia. (see note) 25 dia. (see note 2) 42 max. four, m3.5 11.2 dia. 5 (see note) 42 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes operating characteristics wld wl01d wld2 wl01d2 WLD3 wl01d3 wld28 wl01d28 wlsd2 wl01sd2 wlsd3 wl01sd3 wlsd wl01sd operating force: of max. 26.67 n 26.67 n 26.67 n 16.67 n 40.03 n 40.03 n 40.03 n release force: rf min. 8.92 n 8.92 n 8.92 n 4.41 n 8.89 n 8.89 n 8.89 n pretravel: pt max. 1.7 mm 1.7 mm 1.7 mm 1.7 mm 2.8 mm 2.8 mm 2.8 mm overtravel: ot min. 6.4 mm 5.6 mm 4mm 5.6 mm 5.6 mm 4mm 6.4 mm movement differential: md max. 1mm 1mm 1mm 1mm 1mm 1mm 1mm operating position: op 34 0.8 mm 44 0.8 mm 44.5 0.8 mm 44 0.8 mm 54.2 0.8 mm 54.1 0.8 mm 40.6 0.8 mm total travel position: ttp max. 29.5 mm 39.5 mm 41 mm 39.5 mm --- --- ---
wl wl 15 note: 1. flexible rod models: for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. coil spring wlnj wl01nj coil spring (multi-wire) wlnj-30 wl01nj-30 note: 1. the coil spring may be operated from any direc- tion except the axial direction ( ). 2. stainless steel coil spring 3. optimum operating range of the coil spring is within 1/3 of the entire length from the top end. note: 1. the coil spring may be operated from any direction except the axial direction ( ). 2. piano wire coil 3. optimum operating range of the coil spring is within 1/3 of the entire length from the top end. coil spring (resin rod) wlnj-2 wl01nj-2 steel wire wlnj-s2 wl01nj-s2 note: 1. the coil spring may be operated from any direction except the axial direction ( ). 2. polyamide resin rod 3. optimum operating range of the rod is within 1/3 of the entire length from the top end. note: 1. the coil spring may be operated from any direction except the axial direction ( ). 2. stainless steel wire 3. optimum operating range of the wire is within 1/3 of the entire length from the top end. m3 3 allen- head set screw three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. see note 3 seenote2 42 max. see note 1 seenote2 see note 1 see note 3 seenote2 see note 3 see note 1 42 max. seenote1 seenote2 see note 3 42 max. 42 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes 6.5 dia. 4.8 dia. 26 dia. 8dia. 1dia. operating characteristics wlnj wl01nj (see note) wlnj30 wl01nj30 (see note) wlnj-2 wl01nj-2 (see note) wlnj-s2 wl01nj-s2 (see note) operating force: of max. 1.47 n 1.47 n 1.47 n 0.28 n pretravel: pt 20 10 mm 20 10 mm 40 20 mm 40 20 mm note: these values are taken from the top end of the wire or spring.
wl wl 16 overtravel models overtravel models are limit switches which are provided with a greater ot to facilitate dog setting. the overtravel models are classified into three types; general-pur- pose, high-sensitivity, and models which are capable of one-side 90 _ operation, the -2n series. the-2nseriescanalsobeinstalledoneitherside. since this model is identical to the standard model in dimensions, both models are interchangeable. like the standard model, it is oil-tight, waterproof, and dustproof (complies with ip67). overtravel models (1) overtravel models (2) general-purpose, high sensitivity models -2n series head can be mounted in any of the four directions. the lever operates on either side at 80 _ . one-side operation is impossible. the head can be mounted in two directions, forward and backward. the lever operates on either side at 90 _ . one side operation is possible. overtravel models (1) general-purpose/high sensitivity models dimensions/operating characteristics note: 1. for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. one-side operation is not possible with the general-purpose and high-sensitivity models. 3. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. roller lever wlh2 wl01h2 wlg2 wl01g2 adjustable rod lever wlhl wl01hl wlgl wl01gl note: 1. stainless sintered roller 2. wl j g2 is identical to other models except in the shape of the set position marker plate. 3. the built-in switch for wlh2 is w-10fb3. 4. the built-in switch for wlg2 is w-10fb3-8. note: 1. wl j gl is identical to other models except in the shape of the set position marker plate. 2. the built-in switch for wlhl is w-10fb3. 3. the built-in switch for wlgl is w-10fb3-8. 17.5 dia. 7(seenote1) m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. three, m4 13 four, m3.5 60 max. 42 max. allen-head lock screw 3 | 0.2 dia. 160 (see note 1) four, m3.5 three, m4 13 42 max. 55 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes adjustable range: 25 to 140
wl wl 17 adjustable roller lever wlh12 wl01h12 wlg12 wl01g12 note: 1. stainless sintered roller 2. wl j g12 is identical to other models except in the shape of the set position marker plate. 3. the built-in switch for wlh12 is w-10fb3. 4. the built-in switch for wlg12 is w-10fb3-8. m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. 42 max. 67 max. four, m3.5 three, m4 13 four, 5.2 +0.2 0 dia. holes 17.5 dia. 7 adjustable range: 25 to 89 operating characteristics wlh2 wl01h2 wlg2 wl01g2 wlh12 wl01h12 (see note 1) wlg12 wl01g12 (see note 1) wlhl wl01hl (see note 2) wlgl wl01gl (see note 2) operating force: of max. 9.81 n 9.81 n 9.81 n 9.81 n 2.84 n 2.84 n release force: rf min. 0.98 n 0.98 n 0.98 n 0.98 n 0.25 n 0.25 n pretravel: pt 15 5 +2 -- 1 10 15 5 +2 -- 1 10 15 5 +2 -- 1 10 overtravel: ot min. 55 65 55 65 55 65 movement differential: md max. 12 7 12 7 12 7 note: 1. the operating characteristics of wlh12, wl01hl12, wlg12, and wl01g12 are measured at the lever length of 38 mm. 2. the operating characteristics of wlhl, wl01hl, wlgl, and wl01gl are measured at the rod length of 140 mm. of and rf for wlh12 and wl01h12, with a lever length of 89 mm. operating characteristics wlh12, wl01h12 wlg12, wl01g12 of 4.18 n 4.18 n rf 0.42 n 0.42 n
wl wl 18 note: 1. for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. adjustable rod lever wlhal4 wl01hal4 rod spring lever wlhal5 wl01hal5 note: stainless steel rod note: piano wire m5 16 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. m5 16 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. adjustable range: 350 to 380 three, m4 13 42 max. three, m4 13 3.2 dia. (see note) 2.3 dia. (see note) 42 max. four, 5.2 +0.2 0 dia. holes four, 5.2 +0.2 0 dia. holes operating characteristics wlhal4 wl01hal4 (see note 2) wlhal5 wl01hal5 operating force: of max. 0.98 n 0.90 n release force: rf min. 0.15 n 0.09 n pretravel: pt 15 5 15 5 overtravel: ot min. 55 55 movement differential: md max. 12 12 note: 1. with wlhal4, wl01hal4, wlhal5, and wl01hal5, the actuator?s tare is large, so depending on the installa- tion direction, they may not be properly reset. always install so that the actuator is facing downwards. 2. the operating characteristics of wlhal4, and wl01hal4 are measured at the rod length of 380 mm.
wl wl 19 overtravel models (2) -2n series -2n series (90 _ operation on one side is possible by simply changing the direction of the cam.) dimensions/operating characteristics note: 1. for all models wl j indicates a standard model and wl01 j indicates a microload model. 2. with the -2n series, 90 _ operation on one side is possible by simply changing the direction of the cam. 3. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. roller lever wlca2-2n wl01ca2-2n adjustable roller lever wlca12-2n wl01ca12-2n note: stainless sintered roller note: stainless sintered roller m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. m5 16 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. 17.5 dia. 7(seenote) three, m4 13 four, m3 two, m5 18 two, 5.2 +0.2 0 dia. 60 max. 42 max. 42 max. three, m4 13 two, m5 18 four, m3 17.5 dia. 7 (see note) 67 max. adjustable range: 25 to 89 four, 5.2 +0.2 0 dia. holes two, 5.2 +0.2 0 dia. adjustable rod lever wlcl-2n wl01cl-2n note: stainless steel rod m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. 42 max. 55 max. three, m4 13 two, m5 18 four, m3 m8 12 allen- head lock screw 3 0.2 dia. 160 (see note) two, 5.2 +0.2 0 dia. four, 5.2 +0.2 0 dia. holes adjustable range: 25 to 140 operating characteristics wlca2-2n wl01ca2-2n wlca12-2n wl01ca12-2n (see note 1) wlcl-2n wl01cl-2n (see note 2) operating force: of max. 9.61 n 9.61 n 2.84 n release force: rf min. 1.18 n 1.18 n 0.25 n pretravel: pt max. 20 20 20 overtravel: ot min. 70 70 70 movement differential: md max. 10 10 10 note: 1. the operating characteristics of wlca12-2n and wl01ca12-2n are measured at the lever length of 38 mm. 2. the operating characteristics of wlcl-2n and wl01cl-2n are measured at the rod length of 140 mm.
wl wl 20 of and rf for wlca12-2n and wl01ca12-2n, with a lever length of 89 mm. operating characteristics wlca12-2n, wl01ca12-2n of 4.10 n rf 0.50 n cam direction changing procedure loosen the cam holder with a coin or screwdriver. take out the cam from the switch. change the direction of the cam as required by your intended op- eration and then reinstall the cam. relationship of cam to operation as observed from the rear of switch operation on both sides operation on one side operation on one side avoid this combination operates operates operates operates does not operate does not operate high-precision models the high-precision models feature a pretravel of 5 (as compared with 15 for the standard models) and a repeat accuracy twice as great as standard models. the high-precision models are ideal for positioning control of machine tools. dimensions/operating characteristics for all models wl j indicates a standard model and wl01 j indicates a microload model. note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. operating characteristics wlgca2 wl01gca2 operating force: of max. 13.34 n release force: rf min. 1.47 n pretravel: pt +2 0 5 overtravel: ot min. 40 movement differential: md max. 3 roller lever wlgca2 wl01gca2 note: stainless sintered roller m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. 17.5 dia. 7 (see note) 42 max. three, m4 13 four, m3.5 60 max. four, 5.2 +0.2 0 dia. holes
wl wl 21 connector models the connector models allow easy maintenance. dimensions/operating characteristics note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. connector pin arrangement built in switch terminal no. pin no. 3(no) 3 4(no) 4 operating characteristics wlg2- j ldk13 j wl01g2- j ldk13 j operating force: of max. 9.81 n release force: rf min. 0.98 n pretravel: pt +2 -- 1 10 overtravel: ot min. 65 movement differential: md max. 7 tot al t rav el 80 5 connector pin arrangement built in switch terminal no. pin no. 1(nc) 1 1(nc) 2 3(no) 3 4(no) 4 operating characteristics wlg2- j ldk13 j wl01g2- j ldk13 j operating force: of max. 9.81 n release force: rf min. 0.98 n pretravel: pt +2 -- 1 10 overtravel: ot min. 65 movement differential: md max. 7 tot al t rav el 80 5 note: stainless steel roller high-sensitivity wlg2- j ldk13 j wl01g2- j ldk13 j m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. 42 max. m12 1 17.5 dia. 7 (see note) three, m4 13 four, m3.5 60 max. four, 5.2 +0.2 0 dia. holes high-sensitivity wlg2- j ldk43 j wl01g2- j ldk43 j note: 1. stainless steel roller 2. the indicator is wired on the no side. m5 12 allen-head bolt jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. m12 1 17.5 dia. 7(seenote) three, m4 13 four, m3.5 60 max. 42 max. four, 5.2 +0.2 0 dia. holes
wl wl 22 actuators dimensions (levers only) lever: only rotating lever models are illustrated. wl-1a100 standard lever wl-1a115 resin roller wl-1a400 bearing roller wl-1a118 nylon roller: roller width: 30 mm wl-1a105 double nut wl-1a103s spatter prevention wl-1a200 lever length: 50 roller width: 15 wl-1a300 lever length: 63 wl-2a100 m5 allen-head bolt 17.5 dia. 7 stainless sintered roller 7.3-dia. mounting holes 17.5 dia. 7 resin roller 7.3-dia. mounting holes m5 allen-head bolt 17 dia. 6 bearing roller 17.5 dia. 30 nylon roller 17.5 dia. 7 stainless sintered roller two, m5 allen-head nut and arm set screw 17.5 dia. 7 stainless steel roller 17.5 dia. 15 stainless steel roller 17.5 dia. 7 stainless sintered roller 17.5 dia. 7 stainless sintered roller adjustable lever: stainless steel adjustable range: 25 to 89 m5 allen-head bolt m5 allen-head bolt m5 allen-head bolt m5 allen-head bolt m5 allen-head bolt 7.3-dia. mounting holes 7.3-dia. mounting holes m5 allen-head bolt 7.3-dia. mounting holes 7.3-dia. mounting holes 7.3-dia. mounting holes 7.3-dia. mounting holes 7.3-dia. mounting holes
wl wl 23 wl-2a122 wl-2a106 17.5 dia. 7 stainless sintered roller adjustable lever: stainless steel adjustable range: 25 to 140 adjustable range: 25 to 78.5 note: can be installed on the rear side. m5 allen-head bolt 7.3-dia. mounting holes 17.5 dia. 7 stainless sintered roller adjustable lever: stainless steel m5 allen-head bolt 7.3-dia. mounting holes wl-2a111 resin roller wl-2a107 double nut wl-2a108 resin roller adjustable lever: stainless steel 17.5 dia. 7 stainless sintered roller 17.5 dia. 7 resin roller adjustable lever: stainless steel adjustable range: 25 to 89 adjustable range: 28 to 88 two, m5 allen-head nut and arm set screw 17.5 dia. 7 resin roller adjustable lever: stainless steel adjustable range: 25 to 140 m5 allen-head bolt 7.3-dia. mounting holes 7.3-dia. mounting holes m5 allen-head bolt 7.3-dia. mounting holes note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. wl-2a104 wl-2a110 wl-2a105 50 dia. 6 nylon roller adjustable from r42tor89 7.3-dia. mounting holes m5 allen-head bolt 50 dia. 15 nylon roller adjustable from r41tor78.5 m5 allen-head bolt 7.3-dia. mounting holes 49 dia. rubber roller material: epdm adjustable from r16tor89 m5 allen-head bolt 7.3-dia. mounting holes
wl wl 24 wl-1a106 wl-1a110 wl-4a100 wl-4a201 wl-3a100 wl-3a106 double nut 50 dia. 6 nylon roller m5 allen-head bolt 7.3-dia. mounting holes 35 dia. 6 nylon roller m5 allen-head bolt 7.3-dia. mounting holes 3-dia. stainless steel rod 7.3-dia. mounting holes m5 allen-head bolt adjust- able up to 141 2-dia. stainless steel panel adjustable to a maximum of 290 7.3-dia. mounting holes m5 allen-head bolt 3.2-dia. stainless steel rod adjust- able from 350 to 380 actuator?s center of rotation 3.2-dia. stainless steel rod adjust- able from 350 to 380 two, m5 allen- head nut and arm set screw 13 dia. 7.3-dia. mounting holes m5 allen- head bolt 7.3-dia. mounting holes 25.5 max. 25.5 max. wl-3a108 wl-3a200 wl-3a203 wl-4a112 3.2-dia. stainless steel rod adjust- able from 630 to 660 2.3-dia. operation rod cap 2.3-dia. operation rod 4-dia. stainless steel rod adjust- able up to 141 7.3-dia. mounting holes m5 allen-head bolt 12.5 dia. max. m5 allen-head bolt 7.3-dia. mounting holes adhesive 12.5 dia. max. m5 allen-head bolt 7.3-dia. mounting holes 24.6 max. 25.5 max. 24.6 max. m5 allen-head bolt 7.3-dia. mounting holes wl-2a129 8dia. three, 5.3 dia. holes +0.2 0 7.3 dia. mounting holes +0.1 0 marking two, m5 16 allen-head bolts note: when using the adjustable roller (rod) lever, make sure that the lever is facing downwards. use caution, as telegraphing (the switch turns on and off repeatedly due to inertia) may occur.
wl wl 25 wl-5a101 wl-5a103 wl-5a105 two, 17.5 dia. 7 stainless sintered rollers m5 12 allen-head bolt wl-5a100 has a plastic roller two, 17.5 dia. 7 stainless sintered rollers wl-5a102 has a plastic roller two, 17.5 dia. 7 stainless sintered rollers m5 12 allen-head bolt wl-5a104 has a plastic roller 7.3 +0.1 0 dia. 7.3 +0.1 0 dia. m5 12 allen-head bolt 7.3 +0.1 0 dia. head models actuators set model head model head model without lever roller lever wlca2 wl-1h1100 wlrca2 wlgca2 wl-1h1100-1 (see note) wlrgca2 wlg2 wl-2h1100 wlrg2 wlh2 wl-2h1100-1 (see note) wlrh2 wlca2-2n wl-6h1100 wlrca2-2n adjustable roller lever wlca12 wl-1h2100 wlrca2 j wlg12 wl-2h2100 wlrg2 wlh12 wl-2h2100-1 (see note) wlrh2 wlca12-2n wl-6h2100 wlrca2-2n adjustable rod lever wlcl wl-4h4100 wlrcl j wlgl wl-2h4100 wlrg2 wlcl-2n wl-6h4100 wlrca2-2n top plunger wld wl-7h100 --- p p g wld2 wl-7h200 WLD3 wl-7h300 wld28 wl-7h400 horizontal plunger wlsd wl-8h100 --- p g wlsd2 wl-8h200 wlsd3 wl-8h300 fork lever lock wlca32-41 wl-5h5100 wlrca32 coil spring wlnj wl-9h100 --- p g wlnj-30 wl-9h200 wlnj-2 wl-9h300 wlnj-s2 wl-9h400 note: for the model number of heads without lever, simply remove the numbers after wl- j h. for example, wl-1h1100 becomes wl-1h. wlh2 and wlh12 however, become wl-2h-1, and wlgca2 becomes wl-1h-1. other head models are available, but must be ordered separately.
wl wl 26 environment-resistant models spatter-prevention models these models are most effective in an arc welding line or places where cutting powder is spattered. nomenclature roller, roller axis using stainless steel prevents spatter from adhering. operating lever melamine sinter-painted, it is easy to peel off the spatter. lamp cover heat-resistant resin is used for the lamp cover. by using spherical surface for the display part, it disperses the direc- tion of spatter. sus304 is used for double nut. head cap using teflon prevents spatter from adhering. note: spatter means the zn powder pro- duced when welding. adhering spatter to the limit switch may cause malfunction of lever or lamp cover. the lack of gap prevents spatter pow- der from clogging. double nut lever allen-head lever screws sus304 is used, preventing spatter from adhering. list of models rotating lever models standard models type total travel (tt) actuators neon lamp led y p ( ) 125 vac 250 vac 10 to 115 vac/dc approx. 0.6 ma approx. 1.9 ma approx. 1.0 ma standard one-side operation is possible double nut lever wlca2-leas wlca2-ldas allen-head lever wlca2-les wlca2-lds overtra- v e l general one-side operation i s i m p o s s i b l e double nut lever wlh2-leas wlh2-ldas ve l i s i mposs i b l e allen-head lever wlh2-les wlh2-lds high- s e n s i t i v - double nut lever wlg2-leas wlg2-ldas sens i t i v- ity allen-head lever wlg2-les wlg2-lds high-precision one-side operation is possible double nut lever wlgca2-leas wlgca2-ldas allen-head lever wlgca2-les wlgca2-lds note: consult your omron representative for the microload wl01 j models.
wl wl 27 plunger models standard models actuator neon lamp led 125 vac 250 vac 10 to 115 vac/dc approx. 0.6 ma approx. 1.9 ma approx. 1.0 ma seal top-roller plunger wld28-les wld28-lds ratings model rated t non-inductive load inductive load current resistive load lamp load inductive load motor load nc no nc no nc no nc no wlca2-le j w l h l e j 125 vac 10 a 3a 1.5 a 10 a 5a 2.5 a c j wlh2-le j w l g c a 2 - l e j 250 vac 10 a 2a 1a 10 a 3a 1.5 a w l g c a 2 - l e j wlg2-le j 125 vdc 0.8 a 0.2 a 0.2 a 0.8 a 0.2 a 0.2 a w l g 2 l e j wld28-les 250 vdc 0.4 a 0.1 a 0.1 a 0.4 a 0.1 a 0.1 a wlca2-ld j w l h l d j 115 vac 10 a 3a 1.5 a 10 a 5a 2.5 a c j wlh2-ld j w l g c a 2 - l d j 12 vdc 10 a 6a 3a 10 a 6a w l g c a 2 - l d j wlg2-ld j 24 vdc 6a 4a 3a 6a 4a w l g 2 l d j wld28-ld j 48 vdc 3a 2a 1.5 a 3a 2a note: 1. the above figures are for standard currents. 2. inductive loads have a power factor of 0.4 min. (ac) and a time constant of 7 ms max. (dc). 3. lamp load has an inrush current of 10 times the steady-state current. 4. motor load has an inrush current of 6 times the steady-state current. inrush current nc 30 a max. no 20 a max. operating temperature -- 1 0 cto80 c (with no icing) operating humidity 95% max. contact form standard model approved standard ratings ul/csa le (neon lamp) a300 rated l t carry t current volt-amperes voltage y current make break make break 120 vac 10 a 60 a 6a 7,200 va 720 va 240 vac 30 a 3a , ld (led) rated voltage carry current 115 vac 10 a 115 vdc 0.8 a
wl wl 28 dimensions/operating characteristics roller lever 17.5 dia. 7 (see note) four, m3.5 head clamping screws two, m5 allen-head nut and arm set screw four, 5.2 +0.2 o dia. holes teflon cap lamp cover three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. note: stainless steel roller 60 max. 42 max. operating characteristics standard overtravel models high-precision p g general high-sensitivity g p operating force: of max. 13.34 n 9.81 n 9.81 n 13.34 n release force: rf min. 2.23 n 0.98 n 0.98 n 1.47 n pretravel: pt 15 5 15 5 +2 -- 1 10 +2 -- 0 5 overtravel: ot min. 30 55 65 40 movement differential: md max. 12 12 7 3 seal top-roller plunger 11.2 dia. 5* four, m3.5 four, 5.2 +0.2 o dia. holes lamp cover three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. note: stainless steel roller 42 max. operating characteristics wld28-l j s operating force: of max. 16.67 n release force: rf min. 4.41 n pretravel: pt max. 1.7 mm overtravel: ot min. 5.6 mm movement differential: md max. 1mm operating position: op 44 0.8 mm total travel position: ttp max. 39.5 mm note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions.
wl wl 29 spatter-prevention parts all parts of the switch have spatter-prevention properties, so be sure to use the following products for maintenance of spatter-prevention limit switches. levers/lamp-equipped covers type without lever complete head (lever with head) double nut lever allen-head lever lamp-equipped cover model addan?r?totheprod- uct number to order. e.g.: wl j ca2-les wl-1h1100s (incaseofwlca2- j , wlgca2- j ) wl-1a105s (forward and backward lever) wl-1a103s (forward and backward lever) wl-les (neon lamp) g wl-2h1100s (in case of wlh2- j , wlg2- j ) ) ) wl-lds (led) switches without lever wlrca2-les, wlrca2-lds wlrh2-les, wlrh2-lds, wlrg2-les wlrg2-lds wlrgca2-les, wlrgca2-lds airtight, hermetic seal, low-temperature, heat-resistive, corro- sion-proof, and weather-resistant models using the general-purpose model, six types of environment-resistant models can be created to meet a variety of difficult operating conditions. select the model most appropriate to your operating environment. nomenclature example airtight built-in switch sealed by the rubber boot of the plunger sealed by the resin molded into the case cover four, m4 terminal screws the lead wires are sealed to the limit switch with resin, providing a hermetically sealed construction. hermetic seal model exclusive connector leads for molding filled with epoxy resin
wl wl 30 models type usage environment-resistant construction appropriate models wl j -55 airtight seal for use in locations subject to splashes of water and anti-coolant uses the w-10fb3-55 airtight built-in switch. (see note 2.) all models except the low-temperature and heat-resistive models. (see note 3.) wl j -139 hermetic seal (molded terminals and anti-coolant models) general- purpose built-in switch connection lead wires: standard 5-m vct (vi- nyl cabtire cable) cable attached. finished di- ameter: 11.5 mm, 4-core. the case cover and conduit opening are molded from epoxy resin. the cover cannot be removed. all models except the low-temperature and heat-resistive models. (see note 4.) wl j -140 hermeti- cally- sealed built-in switch connection lead wires: standard 5-m vct cable, with high flexibil- ity and good anti-oil properties attached. f i n i s h e d d i a m e t e the case cover, cover box and conduit open- ing are molded from epoxy resin. the cover cannot be removed ( 1 4 0 1 4 1 r p 4 0 a n d wl j -141 p p finished diameter: 11.5 mm, 4-core. (140, 141, rp40, and rp60). the head opening is protected from cutting powder. (wl j -141) wl j -rp40 the connector can be removed, so it is pos- sibletouseflexible wires in the cable. wl j -rp60 rubber parts are made from fluorine rubber. wl j -tc low-temperature canbeusedatatem- perature of --40 _ c(the operating temperature range is --40 _ cto 40 _ c), but cannot with- stand icing. uses the general-purpose built-in switch. silicone rubber is used for rubber parts such as the o-ring, gasket, etc. all models except air- tight, hermetic, heat-re- sistive, corrosion-proof, or lamp-equipped mo- dels. wl j -th heat-resistive canbeusedintemper- atures of 120 _ c(the operating temperature range is 5 _ cto 120 _ c). uses a special built-in switch made from heat-resistant resin. silicone rubber is used for rubber parts such as the o-ring, gasket etc. all models except air- tight, hermetic, low- temperature, corrosion- proof, lamp-equipped, nylon roller (wlca2-26n), seal roller models, and resin rod (wlnj-2) models. wl j -rp corrosion-proof for use in locations subject to corrosive gases and chemicals. diecast parts such as the switch box are made of corrosion- proof aluminum. rubber sealing parts are made of fluorine rubber which aids in resisting oil, chemicals and adverse weather conditions. exposed nuts and screws (except the actuator section) are made of stainless steel. moving and rotary parts such as rollers are made of sintered stainless steel or stainless steel. all models except over- travel model (-2n), fork lever lock models (wlca32-41 to -43), low-temperature, heat- resistive, and lamp- equipped models. wl j -p1 outdoor specifica- tions for use in parking lots and other such outdoor locations. rubber parts are made from silicone rubber, which has a high- tolerance to deterioration over time, and changes in tempera- ture. rollers are made of stainless steel to improve corrosion resist- ance. exposed nuts and screws are made of stainless steel. only the general-pur- pose overtravel models (wlh2/12), the over- travel high-sensitivity models (wlg2/12) and some standard models (e.g., wlca2) can be used. excluding heat- resistive models. note: 1. consult your omron representative for the microload wl01 j models. 2. use the sc connector for the conduit opening. 3. the actuator can be created using the standard model. 4. the actuator can be created using the standard model. for wl- j 141, only wlg2, wlca2, and wlgca2 can be used.
wl wl 31 dimensions/operating characteristics the dimensions and operating characteristics are the same as gen- eral-purpose, environment-resistant models. ratings/characteristics see pages 7 to 10. contact form (white) (blue) (black) (red) approved standard ratings contact your omron representative for details of approved mod- els. ordering information use the following as a guide when ordering environment-resistant models. e.g.: for a hermetic model of wlca2 wlca2 - 55 "" standard specifications no. an additional catalog is available for outdoor specifications models. lamp-equipped models the operating status of the switch can be checked using a neon lamp of led indictor. circuit checks and troubleshooting errors are easy done. indictor window light-emitting diode (led) contact spring lamp holder operation the built-in switch?s terminal screws are used to connect the lamp terminal (indicator cover). since the connection spring (coil spring) is used for this connection, it will not be necessary to connect to the lamp terminal. when a ground terminal is provided however, lead wire method must be used. wl-ld has a built-in rectifier stack, so it will not be necessary to change the polarity. the indicator cover is molded from diecast aluminum and has out- standing sealing properties. furthermore, regardless of whether the power is connected or not, the operating status is shown (oper- ating or not operating), and indicators can be switched from light-on when operating and light-on when not operating, by sim- ply rotating the lamp holder by 180 _ . (molded terminals do not have this switching capacity.) the lamp-equipped models are ideal in locations using a conveyor belt where items need to be checked, or locations that are difficult to inspect for faults. light-on when operating light-on when not operating led at bottom led at top models/ratings operating characteristics rated voltage leakage current lamp-equipped switch lamp-equipped cover only neon lamp 125 vac approx. 0.6 ma wl j -le (see note 1.) wl-le p 250 vac approx. 1.9 ma j ( s e e o e ) led 10 to 115 vac/vdc approx. 1 ma wl j -ld (see note 1.) wl-ld note: 1. in the model number, j indicates the actuator number. for example, ca2, d, nj, etc. 2. the default setting is ?light-on when not operating.? turn the lamp holder by 180 _ to change the setting to ?light-on when operat- ing.?
wl wl 32 operation light-on when operating (see note 1.) wl-le wl-ld power supply built-in switch load internal circuit light-on when not operating (see note 2.) wl-ld power supply built-in switch internal circuit wl-le load note: 1. light-on when operating means that the lamp lights when the limit switch contacts (nc) release, or when the actuator rotates or is pushed down. 2. light-on when not operating means the lamp remains lit when the actuator is free, or when the limit switch contacts (no) close when the actuator rotates or is pushed down. ordering information when ordering general-purpose indicator-equipped models insert the specifications number at the end of the basic model number. e.g.: when a neon lamp is installed in a general-purpose/standard roller lever switch (wlca2). wlca2 le "" standard lamp specifications when ordering indicator-equipped molded terminal models, insert the specifications number at the end of the standard model number. e.g.: when a neon lamp (wl-le) is installed in a general-purpose molded terminal model (wlca2-139). wlca2-139 le 2 """ standard lamp lamp 2: nc connection: light-on when operating specifications wiring 3: no connection: light-on when not operating note: the indicator cover cannot be replaced on the molded terminals. in all cases the indicator does not light when the load is on. dimensions/operating characteristics roller lever wlca2-le note: unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. of max. 13.34 n rf min. 2.23 n pt 15 5 ot min. 30 md max. 12 17.5 dia. 7 stainless steel roller four, m3.5 m5 12 allen-head bolt holes three, m4 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min 60 max. 42 max. note: stainless steel roller four, 5.2 +0.2 0 dia. holes
wl wl 33 internal circuits neon lamp contact spring resist- ance wl-le wl-ld rectifier stack resistance rated current diode light-emitting diode (led) zener diode contact spring
wl wl 34 sensor i/o connector models a reduction in the amount of wiring and parts makes maintenance easy and reduced wiring mistakes, in addition it?s already compact size for fitting into areas of limited space. ordering information item standard overtravel high sensitivity actuators rotating lever yes yes yes plunger yes --- --- load standard load (spst-no/spst-nc) yes microload (spst-no/spst-nc) yes high-precision models wl- j 55 yes spatter-prevention models (see note 3.) yes lamp yes note: 1. standard models: for standard models only one-side operation at an angle of 45 _ is possible. overtravel models: only one-side operation at an angle of 80 _ is possible. one-side operation only is not possible. high-precision models: only one-side operation at an angle of 45 _ is possible, and pretravel (pt) is 5 _ , as opposed to 15 _ for stan- dard models. 2. for information other than that listed at the above, contact your omron representative. 3. the spatter-prevention models are only available as pre-wired connectors. models direct-wired connectors type 2-core (no) 4-core lamp-equipped wl j -ldk13 wl j -ldk43 double-seal wl j -55ldk13 wl j -55ldk43 note: 1. in the model number, j indicates the actuator number. for example, overtravel model wlg2 -ldk13. 2. the lamp is set to ?light-on when not operating? (no connection). pre-wired connectors type 2-core (no) 2-core (nc) 4-core 3-core (no) lamp-equipped wl j -ld-m1j wl j -ld-m1jb wl j -ld-dgj03 wl j -ld-dk1ej03 double-seal wl j -55ld-m1j wl j -55ld-m1jb wl j -55ld-dgj3 wl j -55ld-dk1ej03 note: 1. in the model number, j indicates the actuator number. for example, overtravel model wlg2 -ld-m1j. 2. the lamp is set to ?light-on when not operating? (no connection). model number legend wl - - ld 12 34 1. electrical rating blank: standard 01: microload 2. actuator type ca2: roller lever: standard gca2: roller lever: high-precision h2: roller lever: overtravel, general-purpose g2: roller lever: overtravel, high-sensitivity d2: plunger: top-roller plunger d28: plunger: top-roller plunger, sealed 3.built-inswitchtype blank: standard 55: hermetically sealed 4. wiring specifications k13a: direct-wired connector (2-core: ac, no wiring, connector pins no. 3, 4) k13: direct-wired connector (2-core: dc, no wiring, connector pins no. 3, 4) k43a: direct-wired connector (4-core: ac) k43: direct-wired connector (4-core: dc) -m1j: pre-wired connector* (2-core: dc, no wiring, connector pins no. 3, 4) -m1gj: pre-wired connector* (2-core: dc, no wiring, connector pins no. 1, 4) -m1jb: pre-wired connector* (2-core: dc, nc wiring, connector pins no. 3, 2) -agj03: pre-wired connector* (4-core, ac) -dgj03: pre-wired connector* (4-core, dc) -dk1ej03: pre-wired connector* (3-core: dc, no wiring, connector pins no. 2, 3, 4) note: *with 0.3-m cable attached.
wl wl 35 direct-wired connector pre-wired connector spatter-prevention models wl - - s 12 34 5 1. electrical rating blank: standard 01: microload 2. actuator type ca2: roller lever: standard gca2: roller lever: high-precision h2: roller lever: overtravel, general-purpose g2: roller lever: overtravel, high-sensitivity d28: plunger: top-roller plunger, sealed 3. built-in switch type blank: standard 55: hermetically sealed 4. indicator lamp blank: none ld: led indicator lamp (ac/dc common) le: neon lamp 5. wiring specifications -m1j-1: pre-wired connector* (2-core: dc, no wiring, connector pins no. 3, 4) -m1gj-1: pre-wired connector* (2-core: dc, no wiring, connector pins no. 1, 4) -dgjs03: pre-wired connector* (4 core, dc) note: *with 0.3-m cable attached. wiring specifications direct-wired connector pre-wired connector 2-core 4-core 2-core 4-core 3-core k13 (dc) k13a (ac) k43 (dc) k43a (ac) m1j (dc) m1gj (dc) m1jb (dc) dgj03 (dc) agj03 (ac) dk1ej03 (dc) built-in switch connector built-in switch connector built-in switch connector built-in switch connector built-in switch connector built-in switch connector built-in switch connector 1 (nc) --- 1(nc) 1 1(nc) --- 1(nc) --- 1(nc) 3 1(nc) 1 1(nc) --- 2 (nc) --- 2(nc) 2 2(nc) --- 2(nc) --- 2(nc) 2 2(nc) 2 2(nc) 2 3(no) 3 3(no) 3 3(no) 3 3(no) 1 3(no) --- 3(no) 3 3(no) 3 4(no) 4 4(no) 4 4(no) 4 4(no) 4 4(no) --- 4(no) 4 4(no) 4
wl wl 36 ratings general-purpose ratings (lamp-equipped) type rated l t non-inductive load indcutive load y p voltage resistive load lamp load inductive load motor load nc no nc no nc no nc no for dc 12 vdc 1a 1a 1a 1a 1a 1a 1a 1a 24 vdc 1a 1a 1a 1a 1a 1a 1a 1a 48 vdc 1a 1a 1a 1a 1a 1a 1a 1a 115 vdc 0.8 a 0.8 a 0.2 a 0.2 a 0.8 a 0.8 a 0.2 a 0.2 a for ac 115 vac 1a 1a 1a 1a 1a 1a 1a 1a note: 1. the above figures are for standard currents. 2. inductive loads have a power factor of 0.4 min. (ac) and a time constant of 7 ms max. (dc). 3. lamp load has an inrush current of 10 times the steady-state current. 4. motor load has an inrush current of 6 times the steady-state current. dimensions roller lever models standard model (wlca2), high-precision model (wlgca2), overtravel model (wlh2), and overtravel high-sensitivity model (wlg2) note: 1. for the wlg2 model, only the dimensions for the set position marker plate change. 2. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. 3. the above diagram is for a lamp-equipped model. direct-wired connector models note: stainless sintered roller pre-wired connector models 17.5 dia. x 7 (see note) four,, m3.5 m5 x 12 allen- head bolt 42 max. 60 max. 60 max. 17.5 dia. x 7 (see note) four, m3.5 sc-1m xs2h-d421 42 max. four, 5.2 +0.2 0 dia. holes three, m4 x 13 jis b0202 g1/2 effective thread: 4 threads min. four, 5.2 +0.2 0 dia. holes three, m4 x 13 m5 x 12 allen- head bolt four, m6 depth: 15 min. four, m6 depth: 15 min. operating characteristics roller lever/standard model roller lever/high precision model roller lever/overtravel model roller lever/overtravel high sensitivity model operating force: of max. 13.34 n 13.34 n 9.81 n 9.81 n release force: rf min. 2.23 n 1.47 n 0.98 n 0.98 n pretravel: pt 15 5 +2 -- 0 5 15 5 +2 -- 1 10 overtravel: ot min. 30 40 55 65 movement differential: md max. 12 3 12 7
wl wl 37 top-roller plunger wld2 note: 1. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. 2. the above diagram is for a lamp-equipped model. direct-wired connector models note: stainless sintered roller pre-wired connector models 17 dia. x 5 (see note) 42 max. 17 dia. x 5 (see note) sc-1m xs2h-d421 42 max. four, m3.5 10 four, 5.2 +0.2 0 dia. holes three, m4 x 13 jis b0202 g1/2 effective thread: 4 threads min. four, m3.5 10 four, 5.2 +0.2 0 dia. holes four, m6 depth: 15 min. four, m6 depth: 15 min. three, m4 x 13 operating characteristics top-roller plunger actuator operating force: of max. 26.67 n release force: rf min. 8.92 n pretravel: pt max. 1.7 mm overtravel: ot min. 5.6 mm movement differential: md max. 1mm operating position: op 44 0.8 mm total travel position: ttp max. 39.5 mm
wl wl 38 sealed top-roller plunger wld28 note: 1. unless otherwise indicated, a tolerance of 0.4 mm applies to all dimensions. 2. the above diagram is for a lamp-equipped model. direct-wired connector models note: stainless sintered roller pre-wired connector models 11.2 dia. x 5 (see note) 42 max. 11.2 dia. x 5 (see note) sc-1m xs2h-d421 42 max. four, m3.5 x 10 four, 5.2 +0.2 0 dia. holes three, m4 x 13 jis b0202 g1/2 effective thread: 4 threads min. four, m6 depth: 15 min. four, m3.5 x 10 four, 5.2 +0.2 0 dia. holes three, m4 x 13 four, m6 depth: 15 min. operating characteristics sealed top-roller plunger actuator operating force: of max. 16.67 n release force: rf min. 4.41 n pretravel: pt max. 1.7 mm overtravel: ot min. 5.6 mm movement differential: md max. 1mm operating position: op 44 0.8 mm total travel position: ttp max. 39.5 mm
wl wl 39 application variations item appropriate model/actuator details changing the installation position of the actuator by loosening the allen-head bolt on the actuator lever, the position of the actuator can be set anywhere within the 360 _ . with lamp-equipped switches, the actuator lever comes in contact with the top of the lamp cover, so use caution when rotating and setting the lever. when the lever only moves forwards and backwards, it will not contact the lamp cover. roller levers: wlca2, wl01ca2, wlh2, wl01h2, wlg2, wl01g2 adjustable roller levers: wlca12, wl01ca12, wlh12, wl01h12, wlg12, wl01g12 adjustable rod levers: wlcl, wl01cl, wlhl, wl01hl, wlgl, wl01gl loosen the m5 12 bolt, set the actuator?s position and then tighten the bolt again. changing the orientation of the head by removing the screws in the four corners of the head, the head can be set in any of the four directions. be sure to change the plunger for internal operations at the same time. (the operational plunger does not need to be changed on overtravel general-purpose and high-sensitivity models.) the roller plunger can be set in either two positions at 90 _ . wlca2-2n and wl01ca2-2n can only be set in either the forward or backward direction. roller levers: wlca j , wl01ca j , wlgca j adjustable rod levers: wlcl, wl01cl horizontal plungers: wlsd j , wl01sd j roller plungers: wld2, wl01d2 sealed roller plungers: wld28, wl01d28. note: does not include -rp60 series or -141 series. loosen the screws. head loosen the screws. head changing the operating direction by removing the head on models which can operate on one-side only, and then changing the direction of the operational plunger, one of three operating directions can be selected. in the case of overtravel models, as noted on page 20, by loosening the rubber holder using either a coin or a flat-blade screwdriver, and changing the direction of the internal rubber section, one of three operating directions can be selected. the tightening torque for the screws on the head is 0.78 to 0.88 n s m. (8 to9kg s cm) roller levers: wlca j , wl01ca j adjustable roller levers: wlca12, wl01ca12 adjustable rod levers: wlcl, wl01cl overtravel models: wlca j -2n, wl01ca j -2n note: the diagram at the right is not correct for the overtravel -2n models. the output of the switch will be changed, regardless of which direction the lever is pushed. operating not operating clockwise operation counterclockwise operation not operating operating operating operating the output of the switch will only be changed when the lever is pushed in one direction. operation in both directions for details on overtravel -2n models, refer to page 19. operational plunger installing the roller on the inside by installing the roller lever in the opposite direction, the roller can be installed on the inside. (set so that operation can be completed within a 180 _ level range.) roller levers: wlca j , wl01ca j , except for the adjustable roller levers. fork lever locks: wlca32-4 j , wl01ca32-4 j loosen the allen-head bolt.
wl wl 40 item details appropriate model/actuator selecting the roller position there are four types of fork lever lock for use depending on the roller position. fork lever locks: wlca32-4 j , wl01ca32-4 j wlca32-41 wlca32-42 wlca32-43 wlca32-44 adjusting the length of the rod or lever the length of the rod or lever can be adjusted by loosening the allen-head bolt. adjustable roller levers: wlca12, wl01ca12 etc. adjustable rod levers: wlcl, wl01cl etc. wlca12 etc. loosen this allen-head bolt and adjust the length of the lever. adjustment range: 25 to 89 mm loosen this allen-head bolt and adjust the length of the rod.
wl wl 41 precautions cautions when a rod or wired-type actuator is used, do not touch the top end of the actuator. doing so may result in injury. applicable models: wlhal5 and wl01hal5 rod spring levers and wlnj-s2 and wl01nj-s2 steel-wire actuators. correct use a short-circuit may cause damage to the switch, so insert a circuit breaker fuse, of 1.5 to 2 times the rated current, in parallel with the switch. in order to meet en approval ratings, use a 10-a fuse that corresponds to iec269, either a gi or gg. when wiring terminal screws, use m4 round crimp terminals and tighten screws to the recommended torque. wiring with broken wires, or the incorrect crimp terminals, or not tightening screws to the recommended torque can lead to short-circuits, leakage cur- rent, and fire. when performing internal wiring there is a chance of short-circuit, leakage current, or fire, so be sure to protect the inside of the switch from splashes of oil or water, corrosive gases, and cutting powder. using an inappropriate connector or assembling switches incor- rectly (assembly, tightening torque) can result in malfunction, leak- age current, or fire, so be sure to read the instruction manual thor- oughly beforehand. even when the connector is assembled and set correctly, the end of the cable and the inside of the switch may come in contact. this can lead to malfunction, leakage current, or fire, so be sure to protect the end of the cable from splashes of oil or water and corrosive gases. environmental precautions when the switch is used in locations subject to splashes of water or oil, the material of the seal, which ensures the sealing properties of the switch, may undergo changes in shape and quality. this is due to deterioration (including expansion and contraction), and may re- sult in reduced performance, ineffective return, and ineffective seal- ing (leading to ineffective contact, insulation, leakage current, and fire). confirm the possible effects of the operating environment on the switch before use. built-in switch do not remove or replace the built-in switch. if the position of the built-in switch moves, it can cause reduced performance, and if the insulation sheet moves (separator), the insulation may become in- effective. correct tightening torque if screws are too loose they can lead to an early malfunction of the switch, so ensure that all screws are tightened using the correct torque. no. type torque a head mounting screw 0.78 to 0.88 n s m b cover mounting screw 1.18 to 1.37 n s m c allen-head bolt (for securing the lever) 4.90 to 5.88 n s m d terminal screw 0.59 to 0.78 n s m e connector 1.77 to 2.16 n s m f main unit screws 4.90 to 5.88 n s m in particular, when changing the direction of the head, make sure that all screws are tightened again to the correct torque. do not al- low foreign objects to fall into the switch. installing the switch to install the switch, make a mounting panel, as shown in the follow- ing diagram, and tighten screws using the correct torque. standard/overtravel model overtravel model (side installation) mounting holes four, 5.2 +0.2 0 dia. holes mounting holes two, 5.2 +0.2 0 dia. holes
wl wl 42 connectors either the easy-to-use allen-head nut or the sc connector can be used as connectors. to ensure high-sealing properties, use the sc connector. (refer to pages no tag to no tag.) (sc-1m to -5m and others.) wiring use 1.25-mm lead wires and m4-insulation covered crimp terminals for wiring. crimp terminal external dimensions dz dia. 4.3 ddia. 4.5 b: 8.5 l: 21.0 f: 7.8 ? : 9.0 (mm) ddia. dz dia. wiring method switch box section ground terminal no terminal nc terminal note: the ground terminal is only installed on models with ground terminals. rotating lever set position all rotating lever models, except the fork lever lock, have a set posi- tion marker plate. (see page 7.) after operation, set the indicator needle on the marker plate so that is in the convex section of the bearing. terminal plate by using a short circuit plate, as shown in the following diagram, the switch can be fabricated into a single-polarity double-break model. when ordering specify wl terminal plate (product code: wl-9662f). t = 0.6 copper plate all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. cat. no. c001-e1-12


▲Up To Search▲   

 
Price & Availability of WLD3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X