![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
s d g ? ! "# $ # % &'( ) $ # " ('!**+ ) ! $ $ " ) )! ! (' (',)# # ) "% -"./# ! " # sot-223 ! " #$%& '( )*+,$!-. /0 '( )*+,$!-. 1 2+ 3 45 62+ +%+!7 47 3 45 62+ +%+!7 47 0 3 45 682+ +%+!7 47 0 3 *9%+ 0 * 45 62+ *"%)*+,$. * 45 62+ *"%)*+,$. :%)*+,$. 0 7 ;#79 <1 7 = #9*9(&9 =- ' 3 (&9 + 0 ( = &(&9 =- ' & *>%&-& 8 7 5 5 '#5 ? 2+ ( www.irf.com 1 pd- 95338 2 www.irf.com 7 %#,>"79 @@@ @@@ 7 7 67!3 6a( ? ? ,>"795 + @@@ 1 @@@ 72+ 2+!3 6 ( @@@ @@@ 7 67!3 60( @@@ @@@ ? 7 67!3 60( @@@ @@@ 1 7 67!3 6/( 7 ;5 979 @@@ 7 7 67 !3 6a( "5 @@@ @@@ # 7 67!3 6/( @@@ @@@ 7 67!7 67 @@@ @@@ 7 67!7 67!5 62+ ;#":> @@@ @@@ ( 7 617 ;#&:> @@@ @@@ 7 617 b 59;+ @@@ 0 3 60( b ;#+ @@@ 0 0 + 7 67 b ;%)c$99c.+ @@@ /8 7 67!#1/ 5d%9-5 @@@ 1 @@@ 7 67 5 @@@ @@@ 3 60( 5d%9-5 @@@ 0 @@@ 61 ? 995 @@@ @@@ 68 ?, # + 3+ @@@ 8 @@@ 7 67 + d+ @@@ @@@ 7 67 + &5+ @@@ / @@@ e6$fg!# !"# 3 #%#d 3 %#:>+ a( 3 +#+ @@@ @@@ $d#=5- 9 ),-%. " *9#+ @@@ @@@ 9& ),-%. h 7 %"79 @@@ @@@ 0 7 5 62+!3 60(!7 67 &&-5 @@@ 5 62+!3 60( b &&-+ @@@ + 6(a "5d5 3 99) -: ?: . $ % " ( 0 / &i9" 9 - jh )#. i sd 0(! (a!7 7 ! 5 2+ 7 67!5 62+!:6 f 6 ? !3 60()#. *9" 0ai--9 k www.irf.com 3 1 10 100 0.1 1 10 10 0 20s pulse width t = 25c a j ds v , drain-to-source voltage (v) 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v d i , drain-to-source current (a) 1 10 100 0.1 1 10 10 0 a ds d i , drain-to-source current (a) 20s pulse width t = 150c j 3.0v vgs top 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v bottom 3.0v v , drain-to-source voltage (v) 1 10 100 3.0 3.5 4.0 4.5 5.0 t = 25c t = 150c j j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 25v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 3.8a d 4 www.irf.com ! ! " " " # $ 0 200 400 600 800 1000 1200 1400 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 1020304050 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 9 i = 3.8a v = 44v v = 28v d ds ds 1 10 100 0.4 0.6 0.8 1.0 1.2 1. 4 t = 25c t = 150c j j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a 0.1 1 10 100 0.1 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) t = 25c t = 150c single pulse 100s 1ms 10ms a a j 10s www.irf.com 5 + - 7 7 1 ! 0.1 % 7 7 %l5 %& q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f $ '( $ )! '( ! * ( + ,- . 0.01 0.1 1 10 100 1000 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 10000 t , rectangular pulse duration (sec) 1 d = 0.50 0.01 0.02 0.05 0.10 0.20 single pulse (thermal response) a thermal response (z ) thja p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a 6 www.irf.com ( * " 0 50 100 150 200 250 25 50 75 100 125 15 0 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 1.7a 3.0a bottom 3.8a dd d / + ( '( / + ( t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - 0 7 67::&9%& 7 ? &99- ? %& -%l5 ? 3 99-%-c%c ? %l5%&l5 +:-+ ? :"#-3 ? ;*9 ? :":>3 +5 0 # 1*2#* 8 www.irf.com % " 9 ) . p = d e s i gn at e s l e ad -f r e e product (optional) a = assembly site code top bottom logo 314p axxxx part number int ernat ional rect ifier hexfet product marking fl014 t his is an irfl014 lot code dat e code (yyww) yy = ye ar ww = week www.irf.com 9 % " 9 ) . 4.10 (.161) 3.90 (.154) 1.85 (.072) 1.65 (.065) 2.05 (.080) 1.95 (.077) 12.10 (.475) 11.90 (.469) 7.10 (.279) 6.90 (.272) 1.60 (.062) 1.50 (.059) typ. 7.55 (.297) 7.45 (.294) 7.60 (.299) 7.40 (.292) 2.30 (.090) 2.10 (.083) 16.30 (.641 ) 15.70 (.619 ) 0.35 (.013) 0.25 (.010) feed direction tr 13.20 (.519) 12.80 (.504) 50.00 (1.969) min. 330.00 (13.000) max. notes : 1. controlling dimension: millimeter. 2. outline conforms to eia-481 & eia-541. 3. each o330.00 (13.00) reel contains 2,500 devices. 3 notes : 1. outline comforms to eia-418-1. 2. controlling dimension: millimeter.. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. 15.40 (.607) 11.90 (.469) 18.40 (.724) max. 14.40 (.566) 12.40 (.488) 4 4 data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 05/04 |
Price & Availability of IRLL2705PBF
![]() |