Part Number Hot Search : 
74C89 MAX267 CM400 GD74LS86 CM400 MD500 2030C RFL1P10
Product Description
Full Text Search
 

To Download FUF2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fuf2001........ fuf2007 2 amp. glass passivated ultrafast recovery rectifier glass passivated junction high current capability the plastic material carries u/l recognition 94 v-0 terminals: axial leads polarity: color band denotes cathode mounting instructions 1. min. distance from body to soldering point, 4 mm. 2. max. solder temperature, 350 ?. 3. max. soldering time, 3.5 sec. 4. do not bend lead at a point closer than 2 mm. to the body. dimensions in mm. maximum ratings, according to iec publication no. 134 peak recurrent reverse voltage (v) maximum rms voltage maximum dc blocking voltage forward current at tamb = 55 ? recurrent peak forward surge current 8.3 ms. peak forward surge current v rrm v rms v dc i f(av) i frm i fsm 2 a 20 a 75 a t j t stg operating temperature range storage temperature range ?65 to + 150 ? ?65 to + 150 ? electrical characteristics at tamb = 25 c v f max. forward voltage drop at i f = 2 a i r 5 ?a 1.3 v max. reverse current at v rrm t rr max. reverse recovery time from 50 ns i f = 0.5 a ; i r = 1 a ; i rr = 0.25 a r thj-a max. thermal resistance ( l = 10 mm.) 30 ?/w voltage 50 to 1000 v. current 2 a at 55 c. fuf2001 50 75 ns 1.7 v at 25 ? 35 50 (jedec method) c j typical junction capacitance at 1 mhz and reverse voltaje of 4v dc 45 pf e rsm maximum non repetitive peak reverse avalanche energy. i r = 1 a ; t j = 25 ? 20 mj 70 100 140 200 280 400 420 600 560 800 fuf2002 100 fuf2003 200 fuf2004 400 FUF2005 600 fuf2006 800 fuf2007 1000 700 1000 jul - 99 do-15 (plastic) ?0.2
fuf2000 rating and characteristic curves forward current derating curve typical forward characteristic tamb, ambient temperature (?) 10 mm. - 10 mm. 0 50 175 25 75 150125100 maximum non repetitive peak forward surge current 1 number of cycles at 60 hz. 2.0 1.6 1.2 0.8 0.4 0 0.6 0.8 1 1.2 1.4 1.6 10 1 0.1 0.01 2 4 6 10 1004020 100 80 60 40 20 0


▲Up To Search▲   

 
Price & Availability of FUF2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X