Part Number Hot Search : 
BS170 B82801B 10PBF SKIIP BYC10 C601D TISP4290 FDA16N50
Product Description
Full Text Search
 

To Download NCB1206B700TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nic components www.niccomp.com www.lowesr.com www.rfpassives.com 248 ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 249 ? ferrite chip beads ncb series features ? rugged construction in standard eia sizes ? effective em/rfi suppression up to 1 ghz ? current ratings up to 5 amps (style 2) ? high impedance over a wide frequency range ? compatible with automatic pick and place equipment ? both flow and reflow soldering applicable ? operating temperature range: -40 o c to +125 o c standard values and case sizes (mm) for impedance ( z ) over frequency curves see www.rfpassives.com rohs compliant *see part number system for details eia size nic part number impedance at 100mhz ? (25% tol.) dc resistance max. ( ? ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0402 nmc0402p060tr 6 0.05 500 1 1.0 0.5 0.50 0.15 0.5 0.15 0.25 0.15 nmc0402p100tr 10 0.05 500 nmc0402p400tr 40 0.3 300 nmc0402p600tr 60 0.25 300 nmc0402p800tr 80 0.4 200 nmc0402p121tr 120 0.5 200 nmc0402p151tr 151 0.5 200 nmc0402p221tr 220 0.4 100 nmc0402p241tr 240 0.5 200 nmc0402p301tr 300 0.5 100 nmc0402p481tr 480 0.8 100 nmc0402p601tr 600 1.0 100 0603 nmc0603r300tr 30 0.2 200 1 1.6 0.2 0.8 0.15 0.8 0.15 0.4 0.2 nmc0603r600tr 60 0.25 400 nmc0603r800tr 80 0.3 200 nmc0603r121tr 120 0.3 200 nmc0603r141tr 140 0.3 200 nmc0603r221tr 220 0.5 100 nmc0603r301tr 300 0.6 100 nmc0603r451tr 450 0.7 100 nmc0603r471tr 470 0.5 200 nmc0603r601tr 600 0.8 100 nmc0603r751tr 750 0.7 200 nmc0603r152tr 1500 0.85 100 0805 nmc0805a110tr 11 0.1 600 1 2.0 0.2 1.25 0.2 0.9 0.2 0.5 0.3 nmc0805a170tr 17 0.1 500 nmc0805a320tr 32 0.3 500 nmc0805a600tr 60 0.15 500 nmc0805a800tr 80 0.4 400 nmc0805a900tr 90 0.1 600 nmc0805a121tr 120 0.4 200 nmc0805a151tr 150 0.5 200 nmc0805a221tr 220 0.6 200 nmc0805a301tr 300 0.9 200 nmc0805a401tr 400 0.9 200 nmc0805a601tr 600 1 200 nmc0805a102tr 1000 1 100 nmc0805a222tr 2200 0.75 100
nic components www.niccomp.com www.lowesr.com www.rfpassives.com 250 ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 251 ? standard values and case sizes (mm) ferrite chip beads ncb series for impedance ( z ) over frequency curves see www.rfpassives.com eia size nic p/n impedance at 100mhz ? (25% tol.) dc resistance max. ( ? ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 1206 ncb1206b190tr 19 0.15 500 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb1206b260tr 26 0.15 500 ncb1206b320tr 32 0.15 500 ncb1206b500tr 50 0.2 400 ncb1206b600tr 60 0.2 400 NCB1206B700TR 70 0.3 400 ncb1206b900tr 90 0.3 400 ncb1206b121tr 120 0.4 400 ncb1206b151tr 150 0.5 200 ncb1206b201tr 200 0.5 200 ncb1206b401tr 400 0.5 200 ncb1206b501tr 500 0.5 200 ncb1206b601tr 600 0.5 200 ncb1206b122tr 1200 1 100 ncb1206b202tr 2000 1.5 100 ncb1206e600tr 60 0.5 200 1.6 0.2 ncb1206e700tr 70 0.5 200 1210 ncb1210c320tr 32 0.3 400 1 3.2 0.2 2.5 0.2 1.3 0.2 0.5 0.3 ncb1210c600tr 60 0.3 400 ncb1210c800tr 80 0.3 400 ncb1210c900tr 90 0.3 400 ncb1210c202tr 2000 1.5 100 1806 ncb1806e600tr 60 0.3 400 1 4.5 0.25 1.6 0.2 1.6 0.2 0.5 0.3 ncb1806e800tr 80 0.3 400 ncb1806e101tr 100 0.4 300 ncb1806e151tr 150 0.5 200 1812 ncb1812d700tr 70 0.4 300 1 4.5 0.25 3.2 0.2 1.5 0.2 0.5 0.3 ncb1812d800tr 80 0.4 300 ncb1812d121tr 120 0.3 500
nic components www.niccomp.com www.lowesr.com www.rfpassives.com 250 ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 251 ? features ? standard eia 0603 ~ 1812 case sizes ? effective em/rfi suppression up to 1 ghz ? current ratings up to 6 amps ? high impedance over a wide frequency range ? compatible with automatic pick and place equipment ? both flow and reflow soldering applicable high current ferrite chip beads ncb-h series operating temperature range: -40 o c to +125 o c* note: other values and case sizes available. *style 2 types, temperature range -25c ~ +85c for impedance ( z ) over frequency curves see www.rfpassives.com eia size nic p/n impedance at 100mhz ? (25% tol.) dc resistance max. ( ? ) dc current max. (ma) style code a (mm) b (mm) c (mm) d (mm) 0603 ncb-h0603r100tr 10 0.020 4000 1 1.6 0.2 0.8 0.15 0.8 0.15 0.4 0.2 ncb-h0603r270tr 27 0.030 4000 ncb-h0603r300tr 30 0.035 3000 ncb-h0603r500tr 50 0.040 2500 ncb-h0603r680tr 68 0.100 1000 ncb-h0603r101tr 100 0.100 2000 ncb-h0603r121tr 120 0.100 2000 ncb-h0603r151tr 150 0.100 2000 ncb-h0603r221tr 220 0.100 2000 ncb-h0603r301tr 300 0.200 1000 ncb-h0603r471tr 470 0.200 1000 ncb-h0603r601tr 600 0.200 1000 0805 ncb-h0805a300tr 30 0.020 4000 1 2.0 0.2 1/25 0.2 0.9 0.2 0.5 0.3 ncb-h0805a600tr 60 0.025 3000 ncb-h0805a800tr 80 0.040 3000 ncb-h0805a121tr 120 0.100 2000 ncb-h0805a151tr 150 0.100 2000 ncb-h0805a221tr 220 0.100 2000 ncb-h0805a301tr 300 0.200 1000 ncb-h0805a471tr 470 0.200 1000 ncb-h0805a601tr 600 0.200 1000 1206 ncb-h1206b320tr 32 0.020 5000 1 3.2 0.2 1.6 0.2 1.1 0.2 0.5 0.3 ncb-h1206b500tr 50 0.020 4000 ncb-h1206b680tr 68 0.012 3000 ncb-h1206b800tr 80 0.040 3000 ncb-h1206b121tr 120 0.100 2000 ncb-h1206b151tr 150 0.100 2000 ncb-h1206b301tr 300 0.200 1000 ncb-h1206b471tr 470 0.200 1000 ncb-h1206b501tr 500 0.040 3000 ncb-h1206b601tr 600 0.100 2000 1806 ncb-h1805e600tr 60 0.010 6000 1 4.5 0.25 1.6 0.2 1.6 0.2 0.5 0.3 ncb-h1805e800tr 80 0.040 3000 1812 ncb-h1812d800tr 80 0.010 6000 1 4.5 0.25 3.2 0.2 1.5 0.2 0.5 0.3 ncb-h1812d125tr 125 0.050 1500 ncb-h1812d151tr 150 0.020 5000 ncb-h1812d681tr 680 0.030 4000 ncb-h1812d132tr 1300 0.060 3000 1612 ncb1612k480tr 48 0.001 5000 2* 4.2 0.4 3.1 0.2 2.6 0.2 1.3 0.3 3312 ncb3312k900tr 90 0.001 5000 8.6 0.4 3.2 0.3 2.6 0.2 1.3 0.3 3119 ncb3119l950tr 95 0.001 5000 7.8 0.4 4.7 0.3 2.9 0.2 1.3 0.3 rohs compliant *see part number system for details
.)##/-0/.%.43 wwwniccompcomwwwlow%32comwww2&passivescom  .)##/-0/.%.43 wwwniccompcomwwwlow%32comwww2&passivescom  &errite#hip"eads .#".#" (3eries 2%%,$)-%.3)/.3 2%#/--%.$%$,!.$0!44%2.mm $)-%.3)/.3mm ! 42 0art4hickness-ax:!mm "mm #mm $mm %mm +mm ,mm 2mm 0ackaging424apeand2eel 0!24.5-"%2).'3934%-  3ize .#" 3eries  )mpedanceat-hz digitcodelrsttwodigitsaresignilcantthirddigitisnoofzeros 4!0%$)-%.3)/.3mm ' ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of NCB1206B700TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X