Part Number Hot Search : 
SMG3D60C BAT54C HPH1BXXX SEL1921D C6707 MC34071P SP78XX CXB1818Q
Product Description
Full Text Search
 

To Download ICL8069CCZQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the icl8069 is a 1.2v temperature-compensated volt- age reference. it uses the bandgap principle to achieve excellent stability and low noise at reverse currents down to 50?. maxim? icl8069 also features excellent stabili- ty, freedom from oscillation. applications analog-to-digital converters digital-to-analog converters threshold detectors voltage regulators portable instruments features ? temperature coefficient guaranteed to 10ppm/? max ? low bias current: 50a min ? low dynamic impedance ? low reverse voltage ? low cost icl8069 low-voltage reference ________________________________________________________________ maxim integrated products 1 anode n.c. n.c. 1 2 8 7 n.c. n.c. n.c. cathode n.c. so top view 3 4 6 5 icl8069 4.7 f 6.8k ? v out 10k ? +5v +5v ref hi 1k ? 10k ? icl8069 2.2k ? v + common ref lo icl8069 *see note 3 (a) simple reference (1.2v or less) (b) double-regulated 100mv reference for icl7107 one-chip dpm circuit icl7107 t ypical operating circuit 19-0944; rev 2; 6/05 part icl8069bcsa 0? to +70? temp range pin- package 8 so pin configurations ordering information icl8069dcsa 0? to +70? 8 so icl8069ccsa 0? to +70? 8 so icl8069desa -40? to +85? 8 so ordering information continued at end of data sheet. max tempco (ppm/?) 25 100 50 100 bottom view to-52 to-92 plastic 2 1 2 1 anode cathode 50 100 ICL8069CCZQ 0? to +70? to-92 icl8069dczq 0? to +70? to-92 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com.
icl8069 low-voltage reference 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (t a = +25?, unless otherwise noted.) (note 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note 2: if circuit strays in excess of 200pf are anticipated, a 4.7? shunt capacitor will ensure stability under all operating condi- tions. note 3: for military devices, measurements are made at +25?, -55?, and +125?, while for commercial devices measurements are made at +25?, 0?, and +70?. the units are then classified as a function of the worst-case tc. sample tested to 0.1% aql. reverse voltage ..............................................................(note 1) forward current ..................................................................10ma reverse current ..................................................................10ma power dissipation.......limited by max forward/reverse current storage temperature range .............................-65? to +150? operating temperature ranges icl8069c .............................................................0? to +70? icl8069e ..........................................................-40? to +85? icl8069m .......................................................-55? to +125? lead temperature (soldering, 10s) .................................+300? i r = 50?, i r = 500? i r = 500?, t a = operating temperature range (note 3) i r = 500? i f = 500? 10hz f 10khz, i r = 500? conditions ? 12 reverse dynamic impedance ppm/? 10 v 1.20 1.23 1.25 output voltage output voltage temperature coefficient v 0.7 1 forward voltage drop ? 5 rms noise voltage ma 0.050 5 reverse current range units min typ max parameter 0.6 2 50? i r 5ma mv 15 20 output voltage change 50 25 100 icl8069a icl8069d icl8069c icl8069b note 1: in normal use, the reverse voltage cannot exceed the reference voltage. however, when plugging units into a powered-up test fixture, an instantaneous voltage equal to the compliance of the test circuit will be seen. this should not exceed 20v.
-2 0 2 4 6 8 10 12 14 10 a 100 a 1ma 10ma voltage change vs. reverse current icl8069-01 reverse current output voltage change (mv) t a = -55 c t a = +25 c t a = +125 c 1 a 10 a 100 a 1ma 10ma 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 reverse current vs. reverse voltage icl8069-02 reverse voltage (v) reverse current t a = -55 c t a = +25 c t a = +125 c 1.215 1.220 1.230 1.225 1.240 1.235 1.245 -75 -50 -25 0 25 50 75 100 125 reverse voltage vs. temperature icl8069-03 temperature(?) output voltage (v) i r = 500 a t ypical operating characteristics (t a = +25?, unless otherwise noted.) icl8069 low-voltage reference _______________________________________________________________________________________ 3 part icl8069acsa * max tempco (ppm/?) 10 0? to +70? temp range pin- package 8 so 10 icl8069acsq * 0? to +70? to-52 ordering information (continued) 25 icl8069bcsq * 0? to +70? to-52 50 icl8069ccsq * 0? to +70? to-52 100 icl8069dcsq * 0? to +70? to-52 50 icl8069cmsq * -55? to +125? to-52 100 icl8069dmsq * -55? to +125? to-52 icl8069bczq * 25 0? to +70? to-92 icl8069dc/d * 0? to +70? dice** **dice are specified at t a = +25?. *contact factory for availability.
icl8069 low-voltage reference maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 4 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. to522po.eps soicn .eps package outline, .150" soic 1 1 21-0041 b rev. document control no. approval proprietary information title: top view front view max 0.010 0.069 0.019 0.157 0.010 inches 0.150 0.007 e c dim 0.014 0.004 b a1 min 0.053 a 0.19 3.80 4.00 0.25 millimeters 0.10 0.35 1.35 min 0.49 0.25 max 1.75 0.050 0.016 l 0.40 1.27 0.394 0.386 d d min dim d inches max 9.80 10.00 millimeters min max 16 ac 0.337 0.344 ab 8.75 8.55 14 0.189 0.197 aa 5.00 4.80 8 n ms012 n side view h 0.244 0.228 5.80 6.20 e 0.050 bsc 1.27 bsc c h e e b a1 a d 0 -8 l 1 variations: package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .)


▲Up To Search▲   

 
Price & Availability of ICL8069CCZQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X