Part Number Hot Search : 
B200N4F3 2SK1825 MJ15021 PLUS173B GM300 CD01CFW MSC0886 C1627
Product Description
Full Text Search
 

To Download BC846BLP4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BC846BLP4 document number: ds35751 rev. 1 - 2 1 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 65v npn small signal surface mount transistor features ? low collector-emitter saturation voltage, v ce(sat) ? ultra-small leadless surface mount package ? totally lead-free & fully rohs compliant (note 1) ? halogen and antimony free. ?green? device (note 2) ? qualified to aec-q101 standards for high reliability mechanical data ? case: x2-dfn1006-3 ? case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? nipdau over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.0009 grams (approximate) ordering information (note 3) product marking reel size (inches) tape width (mm) quantity per reel BC846BLP4-7b 3s 7 8 10,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm to tal br + cl) and <1000ppm antimony compounds. 3. for packaging details, go to our website at http://www.diodes.com. marking information bottom view top view device schematic c e b device symbol x2-dfn1006-3 c e b 3s = product type marking code 3s top view bar denotes base and emitter side
BC846BLP4 document number: ds35751 rev. 1 - 2 2 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 65 v emitter-base voltage v ebo 6 v collector current - continuous i c 100 ma peak collector current i cm 200 ma peak emitter current i em 200 ma thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value unit power dissipation (note 4) p d 0.41 w (note 5) 1.05 thermal resistance, junction to ambient (note 4) r ja 302 c/w (note 5) 119 operating and storage temperature range t j , t stg -55 to +150 c notes: 4. device mounted on fr-4 pcb with minimum recommended pad layout, in st ill air conditions; 5. device mounted on 25mm x 25mm fr-4 pcb with high cover age of single sided 2 oz copper, in still air conditions; typical thermal characteristics 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 fig. 1 transient thermal response t , pulse duration time (s) 1 r (t) = r(t) * ja r r = 280c/w ja ja duty cycle, d = t /t 12 0.001 0.01 0.1 1 r(t), t r ansien t t h e r mal r esis t an c e d = 0.7 d = 0.5 d = 0.3 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = 0.9 d = 0.1 d = single pulse 0 50 100 150 200 250 1e-06 1e-05 1e-04 0.001 0.01 0.1 1 10 fig. 2 single pulse maximum power dissipation t , pulse duration time (s) 1 p(pk), peak t r ansient p o we r (w) single pulse t - t = p * r (t) ja ja r (t) = r(t) * ja r r = 280c/w ja ja
BC846BLP4 document number: ds35751 rev. 1 - 2 3 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics collector-base breakdown voltage bv cbo 80 ? ? v i c = 100 a, i e = 0 collector-emitter breakdown voltage (note 5) bv ceo 65 ? ? v i c = 10ma, i b = 0 emitter-base breakdown voltage bv ebo 6 ? ? v i e = 100 a, i c = 0 collector cutoff current i ces ? ? 15 na v ce = 65v collector cutoff current i cbo ? ? 15 5.0 na a v cb = 40v v cb = 30v, t a = 150c on characteristics (note 5) dc current gain h fe 200 290 450 ? v ce = 5v, i c = 2.0ma collector-emitter saturation voltage v ce(sat) ? 90 200 250 600 mv i c = 10ma, i b = 0.5ma i c = 100ma, i b = 5.0ma base-emitter saturation voltage v be(sat) ? 700 900 900 ? mv i c = 10ma, i b = 0.5ma i c = 100ma, i b = 5.0ma base-emitter voltage v be(on) 580 ? 660 ? 700 770 mv v ce = 5v, i c = 2.0ma v ce = 5v, i c = 10ma small signal characteristics (note 5) input capacitance c ibo ? 6.7 ? pf v cb = 5v, f = 1.0mhz output capacitance c obo ? 1.76 ? pf v cb = 10v, f = 1.0mhz current gain-bandwidth product f t 100 300 ? mhz v ce = 5v, i c = 10ma, f = 100mhz noise figure nf ? 2 10 db v ce = 5v, i c = 200a, r s = 2.0k ? , f = 1.0khz, f = 200hz delay time t d - 11.2 - ns v cc = 30v, i c = 150ma, i b1 = i b2 = 15ma rise time t r - 59.7 - ns storage time t s - 190.8 - ns fall time t f - 108.6 - ns notes: 5. measured under pulsed conditions. pulse width = 300 s. duty cycle 2%. typical electrical characteristics 10 0.01 0.1 1 10 100 1,000 100 1,000 i , collector current (ma) fig. typical dc current gain vs. collector current c 3 h, d c c u r r e n t g ai n fe t = 25c a t = 5c a -5 t = 5c a 8 t = 15c a 2 t = c a 150 0 0.1 0.2 0.3 0.4 0.5 0.6 0 102030405060 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) i , base current (ma) fig. 4 typical collector-emitter saturation voltage vs. current b base i = 0.1ma b i = 0.2ma b i = 0.5ma b i = 1ma b i = 2ma b i = 5ma b i = 10ma b i = 30ma b i = 50ma b
BC846BLP4 document number: ds35751 rev. 1 - 2 4 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 0 0.1 1.0 0.01 0.1 1 10 100 i , collector current (ma) fig. typical collector-emitter saturation voltage vs. collector current c 5 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) t = -55c a t = 25c a t = 85c a t = 125c a t = 10c a 5 0.01 0.1 1 10 100 1,000 i , collector current (ma) fig. 6 base-emitter voltage vs. collector current c 0 0.2 0.4 0.6 0.8 1.0 1.2 v , base-emi t t e r v o l t a g e (v) be(on) t = 25c a t = 5c a -5 t = 5c a 8 t = 15c a 2 t = c a 150 0 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 100 1,000 v , base-emi t t e r saturation voltage (v) be(sat) i , collector current (ma) fig. 7 base-emitter saturation voltage vs. collector current c t = 25c a t = 5c a -5 t = 5c a 8 t = 15c a 2 t = c a 150 -60 -30 0 30 60 90 120 150 i , collector current (ma) fig. 8 base-emitter voltage vs. collector current c 100 10 1 0.1 v , base-emi t t e r v o l t a g e (v) be(on) v = 65v cb 0.01 0.1 1 10 100 f = 1mhz 100 10 1 0 c , t o t al c a p a c i t an c e (p f ) t fig. 9 total capacitance vs. reverse voltage v , dc reverse voltage (v) r c ibo c obo 100 10 1,000 f, g ain-bandwid t h p r o d u c t (m h z) t 11 01 0 0 i , collector current (ma) fig. 10 typical gain-bandwidth product vs. collector current c f average t
BC846BLP4 document number: ds35751 rev. 1 - 2 5 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 package outline dimensions suggested pad layout x2-dfn1006-3 dim min max typ a ? 0.40 ? a1 0 0.05 0.03 b1 0.10 0.20 0.15 b2 0.45 0.55 0.50 d 0.95 1.05 1.00 e 0.55 0.65 0.60 e ? ? 0.35 l1 0.20 0.30 0.25 l2 0.20 0.30 0.25 l3 ? ? 0.40 all dimensions in mm dimensions value (in mm) z 1.1 g1 0.3 g2 0.2 x 0.7 x1 0.25 y 0.4 c 0.7 y c g1 g2 x x 1 z l2 a1 e b2 l1 l3 d e b1 a
BC846BLP4 document number: ds35751 rev. 1 - 2 6 of 6 www.diodes.com february 2012 ? diodes incorporated BC846BLP4 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of BC846BLP4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X