Part Number Hot Search : 
2SK955 74VHC1 SB1060CT 1473J LTC10 LTC10 TA124 55C12
Product Description
Full Text Search
 

To Download TFS70AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 70a t.doc version 1 . 2 13.07 .2006 vi telefilter filter specification tfs 70at 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m measurement condition ambient tempera t ure: 25 c input po w e r level: 0 dbm terminating imp edance: * input: 88 ? || -30 p f output: 88 ? || -32 p f ch ara c teristic s remark: the referen c e lev e l for th e rela tiv e attenuation a rel of th e tfs 70at is the mini mum of the p a ss band a tten uati on a min . the mini mum of the pa ss b and atte nuati on a min i s defin ed a s the in sertion lo ss a e . the nominal frequ ency f n i s fix ed at 70 mhz. the v a lues for rela tiv e attenuati on are guaran teed at ambient tempera t u r e. the fr equen cy shift of the filte r o v er te mperature d e fined by the temp erature coeffi cien t of frequen cy tc f is not in cluded in th e production to leran c e scheme . d a t a t y p. v a l u e tolera nce / li mi t inserti on l o ss : a e 14,9 db 16 db ( refe renc e l e v e l ) nomi nal fre que nc y : f n - 70 mhz centre freq uen c y : f c at ambient te mperatu r e (f ct a ) 70,1 mhz pass ban d : pb f n 11 mhz relati v e att e nu a t ion : a rel f n ... f n 10,15 mhz 0,4 db max. 1 db f n 10,15 mhz ... f n 11 mhz 2 db max. 3 db f n 14 mhz ... f n 19 mhz 38 db min. 35 db f n 19 mhz ... f n 40 mhz 45 db min. 38 db grou p d e la y (m ean value in pb ) 0,88 m max. 1,12 s grou p d e la y rip p le (p-p ) i n 90 % o f pb 35 ns max. 100 ns phase lin earit y ( p -p ) i n 90 %of p b 3,3 deg max. 11 deg tem p erat ure co efficie n t of freq uenc y ( tc f ) - 94 ppm/k - frequ e nc y de v i ation of f c o v e r tem p erat ure ? f c (hz ) = tc f (pp m /k) x (t - t ct a ) x f ct a (mhz ) opera t in g te mp erature ra nge otr - 40 c . .. + 80 c storage te mper ature ra nge - 40 c . .. + 85 c *) the terminating i m pedance s depen d on para s iti c s a nd q-v a lues of matchin g elemen ts and the board u s ed, and ar e to be under sto od as refer ence v a lues only . should ther e be addi tional que sti ons do n o t he sita te to a s k for an appli c ation note or conta c t our de sign team . ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 70a t.doc version 1 . 2 13.07 .2006 vi telefilter filter specification tfs 70at 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m f ilter ch aract eristic 20. 2 30. 2 40 . 2 50 . 2 60 . 2 70 . 2 80 . 2 90 . 2 100 . 2 1 10. 2 12 0. 2 -6 0 -5 4 -4 8 -4 2 -3 6 -3 0 -2 4 -1 8 -1 2 -6 0 f r e q uency i n m h z m a gni t ude i n db 58. 2 60. 6 63 65 . 4 67 . 8 70 . 2 72 . 6 75 77 . 4 79 . 8 82 . 2 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r equency i n m h z m a gni t ude i n db 58. 2 60. 6 63 65 . 4 67 . 8 70 . 2 72 . 6 75 77 . 4 79 . 8 82 . 2 0 . 775 0. 8 5 0 . 925 1 1 . 075 1. 1 5 1 . 225 1. 3 1 . 375 1. 4 5 1 . 525 f r equency i n m h z de l a y i n s cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 1 gr ound 2 gr ound 3 gr ound 4 gr ound 5 outpu t 6 outpu t rf r e turn 7 gr ound 8 gr ound 9 gr ound 10 gr ound 11 input 12 input r f ret u rn 13 , 6 m a x . 6, 8 m ax . 1 2, 0 m ax . 8 9 10 1, 5 2, 5 4 0 , 1 5 2, 5 4 0 , 1 5 0, 8 0, 1 1 2 3 4 5 6 7 11 12 d a t e c ode tfs 70at u28 date code: y e ar + w eek t 2005 u 2006 v 2007 ... 50 oh m t est circu i t l 3 c2 c1 l4 11 12 6 5 1,2, 3 , 4,7, 8,9 , 10 l1 l2 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 70a t.doc version 1 . 2 13.07 .2006 vi telefilter filter specification tfs 70at 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m stability characteristics after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 18 ms, half sine w a ve, 3 sh ocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: tw ice ma x.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; packin g tape & reel: iec 286 ? 3, w i th exeption of valu e for n an d minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters peer reel: 1700 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u ll o f f di r e c t io n pin m a r k er ty p da te c o d e ko t tape (all d i mensi o ns i n mm) w : 24,00 +0,30/-0,10 po : 4,00 0,1 do : 1,50 +0,1/0 e : 1,75 0,1 0 f : 11,50 0,1 0 g(min) : 0,60 p2 : 2,00 0,1 p1 : 12,00 0,1 d1(min) : 1,50 a o : 7,10 0,1 0 bo : 13,90 0,1 0 ct : 21,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w 1 : 24,4 +2/-0 w 2 (max ) : 30,4 n(min) : 60 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 70a t.doc version 1 . 2 13.07 .2006 vi telefilter filter specification tfs 70at 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 70a t.doc version 1 . 2 13.07 .2006 vi telefilter filter specification tfs 70at 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m histor y : version reaso n o f cha n ges name date 1.0 generating specification accordin g to customer re quirements chilla 10.12.2004 1.1 generating filter specificat ion chilla 28.06.2005 added terminatin g impedance changed relative attenuation added t y pical values added filter char acteristic added test circuit changed chip-mo unt air reflo w p r o f ile 1.2 changed relative attenuation chilla 13.07.2006 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS70AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X