Part Number Hot Search : 
ZDT694 XE88LC04 JANSR2 PB1000 CM111 00502 D2415 2SK334
Product Description
Full Text Search
 

To Download BC846AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc846t series bc847t series surface mount npn silicon transistor description: the central semiconductor bc846t and bc847t series types are npn silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for general purpose switching and amplifier applications. marking code: see marking code table on following page maximum ratings: (t a =25c) symbol bc847t bc846t units collector-base voltage v cbo 50 80 v collector-emitter voltage v ceo 45 65 v emitter-base voltage v ebo 5.0 v continuous collector current i c 100 ma peak collector current i cm 200 ma peak base current i bm 100 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i cbo v cb =30v 15 na i cbo v cb =30v, t a =150c 5.0 a i ebo v eb =5.0v 100 na bv cbo i c =10a (bc847t) 50 v bv cbo i c =10a (bc846t) 80 v bv ceo i c =10ma (bc847t) 45 v bv ceo i c =10ma (bc846t) 65 v bv ebo i e =10a 5.0 v v ce(sat) i c =10ma, i b =0.5ma 0.20 v v ce(sat) i c =100ma, i b =5.0ma 0.40 v v be(on) i c =2.0ma, v ce =5.0v 0.58 0.70 v v be(on) i c =10ma, v ce =5.0v 0.77 v f t v ce =5.0v, i c =10ma, f=100mhz 100 mhz c c v cb =10v, i e =0, f=1.0mhz 1.5 pf c e v eb =0.5v, i c =0, f=1.0mhz 11 pf nf v ce =5.0v, i c =200a, r s =2.0k f=1.0khz, bw=200hz 10 db BC846AT bc846bt bc847at bc847bt bc847ct min max min max min max h fe v ce =5.0v, i c =2.0ma 110 220 200 450 420 800 sot-523 case r1 (20-november 2009) www.centralsemi.com
bc846t series bc847t series surface mount npn silicon transistor sot-523 case - mechanical outline lead code: 1) base 2) emitter 3) collector device marking code BC846AT gt1 bc846bt gt2 bc847at gt3 bc847bt gt4 bc847ct gt5 www.centralsemi.com r1 (20-november 2009)


▲Up To Search▲   

 
Price & Availability of BC846AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X