Part Number Hot Search : 
8L12A BCM54 AD7998 BCM5354 SMBJ11 S6C0671X MMBS5061 Q6700
Product Description
Full Text Search
 

To Download TFS121B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 121b.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 121b 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: input: 50 ? output: 50 ? ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the tfs 121b is the mini mum of the pass band attenuation a min . the minimum of the pass band attenuation a min is defined as the insertion loss a e . the centre frequency f c is the arithmetic mean v a lue of the upper and low e r frequencies at the db filter attenuation lev e l relativ e to the insertion loss a e . the nominal frequency f n is fix ed at 121,5 mhz w i thout any tole rance. the giv en v a lues for both the relativ e attenuation a rel and the group delay ripple hav e to be achiev ed at the frequencies giv en below ev en if the centre frequency f c is shifted due to the temperature coefficient of frequency tc f in the operating temperature range and due to a production tolerance for the centre frequency f c . d a t a ty p. v a lue tolerance / limit insertion loss a e 1 , 2 5 d b m a x . 2 , 5 d b (reference level) nominal frequency f n - 1 2 1 , 5 m h z passband p b f n 25 khz pass band ripple - m a x . 0 , 5 d b bandw idth b w 1 db - min. 25 khz 3 db 2,8 mhz - relativ e attenuation a rel f n 2 , 2 0 m h z ? f n 3 , 0 0 mhz m i n . 5 d b f n 3 , 0 0 m h z ? f n 5 , 0 0 mhz 2 2 d b m i n . 1 5 d b f n 5 , 0 0 m h z ? f n 8 , 0 0 mhz 3 5 d b m i n . 2 0 d b f n 8 , 0 0 m h z ? f n 2 0 , 0 0 mhz 5 3 d b m i n . 4 0 d b input pow er lev e l - max. 15 dbm operating temperature range otr - - 40 c ... + 85c storage temperature range - - 45 c ... + 90c temperature coefficient of frequency t c f * -32 ppm/k *) ? f(h z ) = t c f (ppm/k) x (t-t 0 ) x f cat (mhz). ge ne ra te d: ch ecked / a p p r o v ed : vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. www..net
filename: tfs 121b.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 121b 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m f ilter ch aracteristic 11 0 11 5 12 0 12 5 13 0 13 5 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r eq uen c y in m h z m a gni t u d e i n db 12 0 12 0. 5 12 1 1 21. 5 122 122 . 5 12 3 -5 -4 . 5 -4 -3 . 5 -3 -2 . 5 -2 -1 . 5 -1 -0 . 5 0 f r eq uen c y in m h z m a gni t u d e i n db cons truc tion a nd pin c onne c t ion (all dimensions in mm) 2 m a x . 1 5, 2 m a x . 7, 2 m a x . 1 0, 8 0 2 , 5 4 0 ,2 2 , 54 0 , 2 3 1 da t e c o d e date code: y ear + w eek u 2006 v 2007 w 2008 ... 1 input 2 ground 3 ground 4 ground 5 ground 6 ground 7 output 8 ground 9 ground 10 ground 11 ground 12 ground s 121b u08 50 ? t est circu i t l1 sa w l2 7 1 2, 3, 4, 5, 6, 8, 9, 10, 11, 12 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 121b.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 121b 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m stability characteristics, reliability after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packin g tape & reel: iec 286 ? 3, w i th exception of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff di r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 16,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 7,50 0,1 g(min) : 0,60 p2 : 2,00 0,1 p1 : 8,00 0,1 d1(min) : 1,50 a o : 5,50 0,1 bo : 7,50 0,1 ct : 13,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 16,4 +2/-0 w 2 (max ) : 22,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 121b.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 121b 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 121b.doc version 1.5 21.02.2006 vi telefilter filter specification tfs 121b 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m history ve rs ion re a s on of cha nge s name date 1.0 - generation of development specification strehl 2 8 . 0 7 . 2 0 0 5 1.1 - add bandw idth@1db strehl 30.08.2005 1.2 - change teminating impedance sabah 26.09.2005 1.3 - generation of filter specification and add of ty pical values sabah 27.10.2005 1.4 - change insertion loss and relative attenuation strehl 08.02.2006 - change stability characteristics 1.5 - correct filter characteristic strehl 21.02.2006 vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS121B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X