Part Number Hot Search : 
93LC66CE 1SS141 1C1XX AN131 1SMB6 99002 S15VTA80 DS2164Q
Product Description
Full Text Search
 

To Download TFS107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 107 .d oc version 1 . 5 05.12 .2005 vi telefilter filter specification tfs 107 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m measurement condition ambient tempera t ure: 25 c input po w e r level: 0 dbm terminating imp edance: * input: 105 ? || -30,7 pf output: 84 ? || -37,2 p f ch ara c teristic s remark: the referen c e lev e l for the relativ e atte nuation a rel o f the TFS107 is the i n ser t ion loss. the atten uation at the nomin al frequen cy is d e fi ned a s the in sertion loss a e . the nomin al frequen cy f n is fi x ed at 107 ,52 mhz w i thout any toler a n c e o r limi t . the v a lues o f rela tiv e attenu ation a rel are guara n teed fo r the w hole operatin g tempera t ure rang e. the freq uency shi f t o f the fil t er in the opera t ing tempera t ure range i s in clud ed in the pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 1 7 , 2 d b m a x . 1 8 d b (refe rence level) nomi nal fre que nc y f n 1 0 7 , 5 2 m h z passban d p b - f n 1 , 89 mhz pass band rippl e ***;**** 0 , 6 d b max . 1 , 5 d b relati v e att e nu a t ion a rel f n - 8 5 m h z ? f n - 3 0 m h z 6 0 d b m i n . 5 0 d b f n - 3 0 m h z ? f n - 4 m h z 5 2 d b m i n . 4 0 d b f n + 4 m h z ? f n + 2 8 , 8 2 m h z 5 2 d b m i n . 4 0 d b f n + 2 8 , 8 2 m h z ? f n + 3 2 , 6 2 m h z 7 5 d b m i n . 4 5 d b f n + 3 2 , 6 2 m h z ? f n + 2 0 5 , 0 4 m h z 7 0 d b m i n . 4 0 d b f n + 2 0 5 , 0 4 m h z ? f n + 2 2 5 , 0 4 m h z 7 5 d b m i n . 3 5 d b f n + 2 2 5 , 0 4 m h z ? f n + 7 9 2 , 4 8 m h z 6 5 d b m i n . 4 0 d b f n + 7 9 2 , 4 8 m h z ? f n + 1 0 0 0 m h z 6 2 d b m i n . 3 0 d b grou p d e la y rip p le w i thin pb ** * 5 0 n s m a x . 9 0 n s phase rip p le w i t h in pb * * * 1 , 5 r m s max . 2 r m s interm od ulati o n output -ip3 *** ** 4 3 d b m m i n . 3 0 d b m retur n loss w i thin pb 2 0 d b m i n . 1 0 d b inpu t p o w e r le v e l m a x . 1 5 d b m opera t in g te mp erature ra nge otr - 0 c ... + 80 c storage te mper ature ra nge - - 40 c . .. + 85c tem p erat ure co efficie n t of freq uenc y tc f ** 2 0 p p m / k **) ? f c (hz) = t c f (ppm/k) x (t - t a ) x f n (mhz) ***) for a casc ade of tfs 107 and tfs 107a ; ****) in addi tion 1d b ripple should be fu lfilled in any 1,26 mhz band for the cascade ** ** * ) f in1 = 106,52 m h z; f in2 = 107 ,02 mh z; p in =10 dbm f meas u r emen t = 107 ,52 mh z an d f in1 = ??mhz; ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 107 .d oc version 1 . 5 05.12 .2005 vi telefilter filter specification tfs 107 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m f ilter ch aract eristic 88. 5 92. 3 96. 1 99 . 9 10 3. 7 107. 5 111. 3 115. 1 118. 9 122. 7 126. 5 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 f r equenc y in m h z 104. 5 105. 1 105. 7 106. 3 106. 9 1 07. 5 108. 1 108 . 7 10 9. 3 109. 9 110. 5 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r equ enc y in m h z m agni t ude i n db 104. 5 105. 1 105. 7 106. 3 106. 9 1 07. 5 108. 1 108 . 7 10 9. 3 109. 9 110. 5 2. 88 2. 94 3 3. 06 3. 12 3. 18 3. 24 3. 3 3. 36 3. 42 3. 48 f r equ enc y in m h z del ay i n s cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 1 3 ,3 0 ,2 6, 5 0, 2 1, 8 0, 2 1, 9 1 0 , 2 7, 62 0, 2 1, 0 0, 2 1, 9 0, 2 d a te c o d e 1 5 6 10 fr e q u e n c y c o d e 50 ? matching n e twork : 50 ? ??amplifier 10 tfs 107 a t49 1 input r f ret u rn 2 gr ound 3 gr ound 4 gr ound 5 outpu t 6 outpu t rf r e turn 7 gr ound 8 gr ound 9 gr ound 10 input date code: y e ar + w eek t 2005 u 2006 v 2007 ... m agni t ude i n db freque nc y code: a, b, c, d, e c1 l1 r1 10 5 6 1 l2 c2 r2 TFS107 2, 3, 4, 7, 8, 9 c1 l1 r1 10 5 6 1 l2 c2 r2 TFS107 a 2, 3, 4, 7, 8, 9 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 107 .d oc version 1 . 5 05.12 .2005 vi telefilter filter specification tfs 107 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: tw ice ma x.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exeption of valu e for n an d minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters peer reel: 1700 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u ll o f f d i re c t io n pin m a rk er ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 24,00 +0,30/-0,10 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 0 f : 11,50 0,1 0 g(min) : 0,60 p2 : 2,00 0,1 p1 : 12,00 0,1 d1(min) : 1,50 a o : 7,10 0,1 0 bo : 13,90 0,1 0 ct : 21,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w 1 : 24,4 +2/-0 w 2 (max ) : 30,4 n(min) : 60 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 107 .d oc version 1 . 5 05.12 .2005 vi telefilter filter specification tfs 107 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: tfs 107 .d oc version 1 . 5 05.12 .2005 vi telefilter filter specification tfs 107 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m histor y version reaso n o f cha n ges name date 1.0 - gener ate devel opment specifica t ion strehl 12.10.2004 1.1 - adding phase ripple and ip3 martens 27.10.2004 - added n e w refl ow profile - changed pinnin g 1.2 - intermodulation defined more p r ecisely steiner 29.10.2004 1.3 - t y pical values, terminating im ped ances (preliminar y values) and filter characteristic added pfeiffer 20.12.2004 - matching configuration changed - lower f r equenc y range fo r relative attenuation cha nged 1.4 - terminating imp edance, matc hing configuration a nd filter c haracte ristic changed pfeiffer 08.02.2005 - t y pical values modified 1.5 - labelling changed pfeiffer 05.12.2005 - stability character i stics modified vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X