Part Number Hot Search : 
SVD8N60F SRP5001S CS8430 MF646 BA221 1008CR18 300A1 1N2815
Product Description
Full Text Search
 

To Download MP2303DQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mp2303 3a, 28v, 340khz synchronous rectified step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 1 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. the future of analog ic technology tm tm description the mp2303 is a monolithic synchronous buck regulator. the device integrates power mosfets that provide 3a continuous load current over a wide operating input voltage of 4.75v to 28v. current mode control provides fast transient response and cycle-by-cycle current limit. an adjustable soft-start prevents inrush current at turn-on. in shutdown mode, the supply current drops to 1a. this device, available in 8-pin soic and 3x3 10-pin qfn packages, provides a very compact system solution with minimal reliance on external components. evaluation board reference board number dimensions ev2303dn-00a 2.0?x x 1.5?y x 0.5?z features ? 3a output current ? wide 4.75v to 28v operating input range ? integrated power mosfet switches ? output adjustable from 0.8v to 25v ? up to 95% efficiency ? programmable soft-start ? stable with low esr ceramic output capacitors ? fixed 340khz frequency ? cycle-by-cycle over current protection ? input under voltage lockout ? thermally enhanced 8-pin soic and 3x3 qfn10 packages applications ? distributed power systems ? pre-regulator for linear regulators ? notebook computers ?mps? and ?the future of analog ic technology? are trademarks of monolithic power systems, inc. typical application vin 4.75v-28v vout 5v/3a c5 10nf c3 3.3nf mp2303 bs ss en comp fb in sw gnd mp2303_tac01 100 90 80 70 60 50 efficiency (%) 0 0.5 1.0 1.5 2.0 2.5 3.0 load current (a) mp2303-ec01 efficiency vs load current v in = 12v v in = 24v v out = 5v
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 2 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm package reference part number* package temperature mp2303dn soic8n (exposed pad) ?40c to +85c * for tape & reel, add suffix ?z (eg. mp2303dn?z) for rohs compliant packaging, add suffix ?lf (eg. mp2303dn?lf?z) absolute maxi mum ratings (1) supply voltage v in .......................?0.3v to +30v switch voltage v sw ................. ?1v to v in + 0.3v boost voltage v bs ..........v sw ? 0.3v to v sw + 6v all other pins .................................?0.3v to +6v junction temperature ...............................150c lead temperature ....................................260c storage temperature ............. ?65c to +150c part number* package temperature MP2303DQ 3mm x 3mm qfn10 ?40c to +85c * for tape & reel, add suffix ?z (eg. MP2303DQ?z) for rohs compliant packaging, add suffix ?lf (eg. MP2303DQ?lf?z) recommended operating conditions (2) input voltage v in ............................ 4.75v to 28v output voltage v out ........................ 0.8v to 25v ambient operating temperature ... ?40c to +85c thermal resistance (3) ja jc soic8n .................................. 50 ...... 10... c/w 3x3 qfn10 ............................. 50 ...... 12... c/w notes: 1) exceeding these ratings may damage the device. 2) the device is not guaranteed to function outside of its operating conditions. 3) measured on approximately 1? square of 1 oz copper. electrical characteristics (4) v in = 12v, t a = +25c, unless otherwise noted. parameter symbol condition min typ (4) max units shutdown supply current v en = 0v 0.3 3.0 a supply current v en = 2.7v, v fb = 1.0v 1.3 1.5 ma 4.75v v in 28v, t a = +25 c 0.780 0.800 0.820 v feedback voltage v fb ?40 c t a +85 c 0.772 0.828 v ovp threshold voltage 0.90 0.95 1.00 v error amplifier voltage gain a ea 400 v/v error amplifier transconductance g ea ? i c = 10a 550 820 1100 a/v bs in sw gnd ss en comp fb 1 2 3 4 8 7 6 5 top view mp2303_pd01_soic8n mp2303_pd02_qfn10 top view in sw gnd gnd gnd 1 2 3 4 5 ss bs en comp fb 10 9 8 7 6 exposed pad on backside
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 3 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm electrical characteristics (4) (continued) v in = 12v, t a = +25c, unless otherwise noted. parameter symbol condition min typ (4) max units high-side switch-on resistance r ds(on)1 125 m ? low-side switch-on resistance r ds(on)2 125 m ? high-side switch leakage current v en = 0v, v sw = 0v 0 10 a upper-switch current limit 4.3 6.3 a lower-switch current limit from drain to source 1.25 a comp to current sense transconductance g cs 9 a/v t a = +25 c 300 340 380 khz oscillation frequency f osc1 ?40 c t a +85 c 270 400 khz short circuit oscillation frequency f osc2 v fb = 0v 110 khz maximum duty cycle d max v fb = 0.7v 90 % minimum on-time 220 ns en shutdown threshold voltage v en rising 1.1 1.5 2.0 v en shutdown threshold voltage hysteresis 220 mv 2.2 2.5 2.7 v en lockout threshold voltage ?40 c t a +85 c 2.1 2.8 v en lockout hysteresis 210 mv v in rising, t a = +25 c 3.8 4.05 4.30 v input under voltage lockout threshold uvlo ?40 c t a +85 c 3.5 4.70 v input under voltage lockout threshold hysterisis 210 mv soft-start current v ss = 0v 6 a thermal shutdown 160 c note: 4) 100% production test at +25c. specifications over the temperature range are guaranteed by design and characterization.
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 4 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm pin functions soic8n pin # 3x3 qfn10 pin # name description 1 9 bs high-side gate drive boost input. bs supplies the drive for the high-side n- channel mosfet switch. connect a 0.01f or greater capacitor from sw to bs to power the high side switch. 2 1 in power input. in supplies the power to the ic, as well as the step-down converter switches. drive in with a 4.75v to 28v power source. bypass in to gnd with a suitably large capacitor to eliminate noise on the input to the ic. see input capacitor. 3 2 sw power switching output. sw is the switching node that supplies power to the output. connect the output lc filter from sw to the output load. note that a capacitor is required from sw to bs to power the high-side switch. 4 3, 4, 5 gnd ground. soic8: connect the exposed pad to pin 4. 3x3 qfn10: connect to pins 3, 4 and 5 and ensure that said pins are tied together. 5 6 fb feedback input. fb senses the output volt age to regulate that voltage. drive fb with a resistive voltage divider from the output voltage. the feedback reference voltage is 0.8v. see setting the output voltage. 6 7 comp compensation node. comp is used to compensate the regulation control loop. connect a series rc network from comp to gnd to compensate the regulation control loop. in some cases, an additional capacitor from comp to gnd is required. see compensation components. 7 8 en enable input. en is a digital input that turn s the regulator on or off. drive en higher than 2.7v to turn on the regulator, drive it lower than 1.1v to turn it off. pull up to the in pin with 100k ? resistor for automatic startup. 8 10 ss soft-start control input. ss controls the so ft-start period. connect a capacitor from ss to gnd to set the soft-start period. see soft-start capacitor.
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 5 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm typical performanc e characteristics v in = 12v, v o = 3.3v, l = 10h, c1 = 10f, c2 = 22f x 2, t a = +25c, unless otherwise noted. mp2303-tpc01 feeback voltage vs. temperature mp2303-tpc02 uvlo rising vs. temperature mp2303-tpc04 oscillator frequency 0.810 0.805 0.800 0.795 0.790 0.7850 0.780 4.5 4.4 4.3 4.2 4.1 4.0 3.9 3.8 3.7 -40 -20 020 40 60 80 -40 -20 020 40 60 80 feedback voltage (v) frequency (khz) temperature ( o c) 345 340 335 330 325 -40 -20 020 40 60 80 temperature ( o c) temperature ( o c) uvlo threshold (v) v in = 4.75v v in = 12v v in = 28v mp2303-tpc03 enable lockout threshold vs. temperature 2.70 2.65 2.60 2.55 2.50 2.45 2.40 2.35 2.30 -40 -20 020 40 60 80 enable voltage (v) temperature ( o c) 95 90 85 80 75 70 65 60 55 50 efficiency (%) 0 0.5 1.0 1.5 2.0 2.5 3.5 3.0 load current (a) mp2303-ec02 efficiency vs load current v in = 12v v in = 24v v out = 2.5v
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 6 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm typical performanc e characteristics (continued) v in = 12v, v o = 3.3v, l = 10h, c1 = 10f, c2 = 22f x 2, t a = +25c, unless otherwise noted. v in 200mv/div. v out ac coupled 10mv/div. i l 500ma/div. mp2303-tpc07 steady state test v in = 12v, v out = 3.3v, i out = 1a v out 1v/div. i l 1a/div. 4ms/div. mp2303-tpc05 v out 1v/div. v sw 10v/div. v en 5v/div. i l 1a/div. mp2303-tpc06 power off through enable v in = 24v, v out = 3.3v, i out = 2a v out 100mv/div. v sw 20v/div. v comp 200mv/div. i l 1a/div. mp2303-tpc08 load transient test v in = 24v, v out = 3.3v, i out = 0a-1a step with c ff = 470pf v out 1v/div. v comp 1v/div. i l 2a/div. mp2303-tpc09 short circuit protection v in = 24v, v out = 3.3v, i out = 0a
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 7 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm operation mp2303_bd01 lockout comparator internal regulators in en + error amplifier 1.2v ovp ramp clk 0.8v 0.3v current comparator current sense amplifier 0.95v shutdown comparator comp ss fb gnd oscillator 340khz s r q sw bs in 5v ovp in < 4.05v en ok + q + + 1.5v + + 2.5v + + -- -- -- -- -- -- -- figure 1?functional block diagram the mp2303 is a synchronous rectified, current-mode, step-down regulator. it regulates input voltages from 4.75v to 28v down to an output voltage as low as 0.8v, and supplies up to 3a of load current. the mp2303 uses current-mode control to regulate the output voltage. the output voltage is measured at fb through a resistive voltage divider and amplified through the internal transconductance error amplifier. the voltage at comp pin is compared to the switch current measured internally to control the output voltage. the converter uses internal n-channel mosfet switches to step-down the input voltage to the regulated output voltage. since the high-side mosfet requires a gate voltage greater than the input voltage, a boost capacitor connected between sw and bs is needed to drive the high-side gate. the boost capacitor is charged from the internal 5v rail when sw is low. when the mp2303 fb pin exceeds 20% of the nominal regulation voltage of 0.8v, the over voltage comparator is tripped; the comp pin and the ss pin are discharged to gnd, forcing the high-side switch off.
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 8 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm applications information component selection setting the output voltage the output voltage is set using a resistive voltage divider from the output voltage to fb pin. the voltage divider divides the output voltage down to the feedback voltage by the ratio: 2 r 1 r 2 r v v out fb + = thus the output voltage is: 2 r 2 r 1 r 8 . 0 v out + = where v fb is the feedback voltage and v out is the output voltage. a typical value for r2 can be as high as 100k ? , but a typical value is 10k ? . using that value, r1 is determined by: ) k )( 8 . 0 v ( 5 . 12 1 r out ? ? = for example, for a 3.3v output voltage, r2 is 10k ? , and r1 is 31.3k ? . inductor the inductor is required to supply constant current to the output load while being driven by the switched input voltage. a larger value inductor will result in less ripple current that will result in lower output ripple voltage. however, the larger value inductor will have a larger physical size, higher series resistance, and/or lower saturation current. a good rule for determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to be approximately 30% of the maximum switch current limit. also, make sure that the peak inductor current is below the maximum switch current limit. the inductance value can be calculated by: ? ? ? ? ? ? ? ? ? = in out s out v v 1 ? i f v l where v in is the input voltage, f s is the 340khz switching frequency, and ? i l is the peak-to- peak inductor ripple current. choose an inductor that will not saturate under the maximum inductor peak current. the peak inductor current can be calculated by: ? ? ? ? ? ? ? ? ? + = in out s out load lp v v 1 l f 2 v i i where i load is the load current. optional schottky diode during the transition between high-side switch and low-side switch, the body diode of the low- side power mosfet conducts the inductor current. the forward voltage of this body diode is high. an optional schottky diode may be paralleled between the sw pin and gnd pin to improve overall efficiency. table 2 lists example schottky diodes and their manufacturers. table 2?diode selection guide part number voltage/current rating vendor b130 30v, 1a diodes, inc. sk13 30v, 1a diodes, inc. mbrs130 30v, 1a international rectifier input capacitor the input current to the step-down converter is discontinuous, therefore a capacitor is required to supply the ac current to the step-down converter while maintaining the dc input voltage. use low esr capacitors for the best performance. ceramic capacitors are preferred, but tantalum or low-esr electrolytic capacitors may also suffice. choose x5r or x7r dielectrics when using ceramic capacitors. since the input capacitor (c1) absorbs the input switching current it requires an adequate ripple current rating. the rms current in the input capacitor can be estimated by: ? ? ? ? ? ? ? ? ? = in out in out load 1 c v v 1 v v i i the worst-case condition occurs at v in = 2v out , where: 2 i i load 1 c =
mp2303 ? 3a, 28v synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.91 www.monolithicpower.com 9 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. for simplification, choose the input capacitor whose rms current rating greater than half of the maximum load current. the input capacitor can be electrolytic, tantalum or ceramic. when using electrolytic or tantalum capacitors, a small, high quality ceramic capacitor, i.e. 0.1f, should be placed as close to the ic as possible. when using ceramic capacitors, make sure that they have enough capacitance to provide sufficient charge to prevent excessive voltage ripple at input. the input voltage ripple caused by capacitance can be estimated by: ? ? ? ? ? ? ? ? ? = ? in out in out s load in v v 1 v v 1 c f i v output capacitor the output capacitor is required to maintain the dc output voltage. ceramic, tantalum, or low esr electrolytic capacitors are recommended. low esr capacitors are preferred to keep the output voltage ripple low. the output voltage ripple can be estimated by: ? ? ? ? ? ? ? ? + ? ? ? ? ? ? ? ? ? = ? 2 c f 8 1 r v v 1 l f v v s esr in out s out out where c2 is the output capacitance value and r esr is the equivalent series resistance (esr) value of the output capacitor. in the case of ceramic capacitors, the impedance at the switching frequency is dominated by the capacitance. the output voltage ripple is mainly caused by the capacitance. for simplification, the output voltage ripple can be estimated by: ? ? ? ? ? ? ? ? ? = in out 2 s out out v v 1 2 c l f 8 v ? v in the case of tantalum or electrolytic capacitors, the esr dominates the impedance at the switching frequency. for simplification, the output ripple can be approximated to: esr in out s out out r v v 1 l f v ? v ? ? ? ? ? ? ? ? ? = the characteristics of the output capacitor also affect the stability of the regulation system. the mp2303 can be optimized for a wide range of capacitance and esr values. compensation components mp2303 employs current mode control for easy compensation and fast transient response. the system stability and transient response are controlled through the comp pin. comp pin is the output of the internal transconductance error amplifier. a series capacitor-resistor combination sets a pole-zero combination to control the characteristics of the control system. the dc gain of the voltage feedback loop is given by: out fb vea cs load vdc v v a g r a = where a vea is the error amplifier voltage gain, 400v/v; g cs is the current sense transconductance, 7.0a/v; r load is the load resistor value. the system has 2 poles of importance. one is due to the compensation capacitor (c3) and the output resistor of error amplifier, and the other is due to the output capacitor and the load resistor. these poles are located at: vea ea 1 p a 3 c 2 g f = load 2 p r 2 c 2 1 f = where, g ea is the error amplifier transconductance, 820a/v, and r load is the load resistor value. the system has one zero of importance, due to the compensation capacitor (c3) and the compensation resistor (r3). this zero is located at: 3 r 3 c 2 1 f 1 z = the system may have another zero of importance, if the output capacitor has a large capacitance and/or a high esr value. the zero, due to the esr and capacitance of the output capacitor, is located at: esr esr r 2 c 2 1 f =
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 10 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm in this case, a third pole set by the optional compensation capacitor (c6) and the compensation resistor (r3) is used to compensate the effect of the esr zero on the loop gain. this pole is located at: 3 r 6 c 2 1 f 3 p = the goal of compensation design is to shape the converter transfer function to get a desired loop gain. the system crossover frequency where the feedback loop has the unity gain is important. lower crossover frequencies result in slower line and load transient responses, while higher crossover frequencies could cause system instability. a good rule of thumb is to set the crossover frequency to approximately one-tenth of the switching frequency. switching frequency for the mp2303 is 340khz, so the desired crossover frequency is 34khz. table 3 lists the typical values of compensation components for some standard output voltages with various output capacitors and inductors. the values of the compensation components have been optimized for fast transient responses and good stability at given conditions. table 3?compensation values for typical output voltage/capacitor combinations v out l c2 r3 c3 c6 1.8v 4.7h 100f ceramic 5.6k ? 5.6nf none 2.5v 4.7h - 6.8h 47f ceramic 3.65k ? 8.2nf none 3.3v 6.8h - 10h 22fx2 ceramic 4.42k ? 4.7nf none 5v 10h - 15h 22fx2 ceramic 6.98k ? 3.3nf none 12v 15h - 22h 22fx2 ceramic 16.5k ? 1.8nf none 1.8 4.7h 100f/100m ? sp-cap 8.4k ? 2.2nf none 2.5v 4.7h - 6.8h 47f sp-cap 5.6k ? 3.3nf none 3.3v 6.8h - 10h 47f sp-cap 6.8k ? 2.2nf none 5v 10h - 15h 47f sp cap 10k ? 2.2nf none 2.5v 4.7h - 6.8h 560f al. 30m ? esr 10k ? 12nf 1.8nf 3.3v 6.8h - 10h 560f al. 30m ? esr 10k ? 10nf 1.5nf 5v 10h - 15h 470f al. 30m ? esr 15k ? 8.2nf 1nf 12v 15h - 22h 220f al. 30m ? esr 15k ? 10nf 390pf
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 11 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm to optimize the compensation components for conditions not listed in table 2, the following procedure can be used. 1. choose the compensation resistor (r3) to set the desired crossover frequency. determine the r3 value by the following equation: fb out cs ea c v v g g f 2 c 2 3 r = where f c is the desired crossover frequency, 34khz. 2. choose the compensation capacitor (c3) to achieve the desired phase margin. for applications with typical inductor values, setting the compensation zero, f z1 , below one forth of the crossover frequency provides sufficient phase margin. determine the c3 value by the following equation: c f 3 r 2 4 3 c > 3. determine if the second compensation capacitor (c6) is required. it is required if the esr zero of the output capacitor is located at less than half of the 340khz switching frequency, or the following relationship is valid: 2 f r 2 c 2 1 s esr < if this is the case, then add the optional compensation capacitor (c6) to set the pole f p3 at the location of the esr zero. determine the c6 value by the equation: 3 r r 2 c 6 c esr = soft-start capacitor to reduce input inrush current during startup, a programmable soft-start is provided by connecting a capacitor (c4) from pin ss to gnd. the soft-start time is given by: a 6 v 8 . 0 4 c t ss = to reduce the susceptibility to noise, do not leave ss pin open. use a capacitor with small value if you do not need soft-start function. external bootstrap diode it is recommended that an external bootstrap diode be added when the system has a 5v fixed input or the power supply generates a 5v output. this helps improve the efficiency of the regulator. the bootstrap diode can be a low cost one such as in4148 or bat54. mp2303 sw bs 10nf 5v mp2303_f02 figure 2?external bootstrap diode this diode is also recommended for high duty cycle operation ( in out v v >65%) and high output voltage (v out >12v) applications.
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 12 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm typical application circuits input 4.75v to 28v output 2.5v 3a c3 8.2nf c6 (optional) d1 b130 (optional) c5 10nf mp2303 bs in fb sw ss gnd comp en mp2303_f03 figure 3?mp2303 with 2.5v output, 47 f/6.3v ceramic output capacitor input 4.75v to 28v output 3.3v/3a c3 4.7nf c6 (optional) d1 b130 (optional) c5 10nf d2 mp2303 bs in fb sw ss gnd comp en mp2303_f04 figure 4?mp2303 with 3.3v output, 47 f/6.3v ceramic output capacitor
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change mp2303 rev. 0.92 www.monolithicpower.com 13 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm package information soic8n (exposed pad) note: 1) control dimension is in inches. dimension in bracket is millimeters. 2) exposed pad option (n-package) ; 2.31mm -2.79mm x 2.79mm - 3.81mm. recommend solder board area: 2.80mm x 3.82mm = 10.7mm 2 (16.6 mil 2 ) 3) the length of the package does not include mold flash. mold flash shall not exceed 0.006in. (0.15mm) per side. with the mold flash included, over-all length of the package is 0.2087in. (5.3mm) max. 4) the width of the package does not include mold flash. mold flash shall not exceed 0.10in. (0.25mm) per side. with the mold flash included, over-all width of the package is 0.177in. (4.5mm) max. 0.016(0.410) 0.050(1.270) 0 o -8 o detail "a" 0.011(0.280) 0.020(0.508) x 45 o see detail "a" 0.0075(0.191) 0.0098(0.249) 0.229(5.820) 0.244(6.200) land pattern .028 .050 0.140 (3.55mm) 0.200 (5.07 mm) 0.060 0.150(3.810) 0.157(4.000) pin 1 ident. 0.050(1.270)bsc 0.013(0.330) 0.020(0.508) note 2 note 4 seating plane 0.001(0.030) 0.004(0.101) 0.189(4.800) 0.197(5.000) 0.053(1.350) 0.068(1.730) 0.049(1.250) 0.060(1.524) note 3
mp2303 ? 3a, 28v, 340khz synchronous rectified, step-down converter initial release ? specifications subject to change notice: the information in this document is subject to change wi thout notice. please contact mps for current specifications. users should warrant and guarantee that third party intellectual property rights ar e not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp2303 rev. 0.92 www.monolithicpower.com 14 5/2/2006 mps proprietary information. unauthorized photocopy and duplication prohibited. ? 2006 mps. all rights reserved. tm 3mm x 3mm qfn10


▲Up To Search▲   

 
Price & Availability of MP2303DQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X