Part Number Hot Search : 
TSH22I SW12900E D271K 1N4738CG KBPC251 AT45D TLP3502A D271K
Product Description
Full Text Search
 

To Download MAAP-000071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifier, power, 1.6w 12.75-15.35 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 1 MAAP-000071-pkg003 rohs compliant features ? 1.6 watt saturated output power level ? variable drain voltage (6-10v) operation ? msag ? process description the MAAP-000071-pkg0003 is a 4-stage 1.6 w power amplifier with on-chip bias networks in a 20 lead mlp package, allowing easy assembly. this product is fully matched to 50 ohms on both the input and output. it can be used as a power amplifier stage or as a driver stage in high power applications. each device is 100% rf tested to ensure performance compliance. the part is fabricated using m/a-com?s gaas multifunction self- aligned gate (msag) process. m/a-com?s msag? process featur es robust silicon-like manufac- turing processes, planar processing of ion implanted transistors and multiple implant capability enabl ing power, low-noise, switch and digital fets on a single chip. the use of refractory metals and the absence of platinum in the gate metal formulation prevents hy- drogen poisoning when employed in hermetic packaging. primary applications ? point-to-point radios ? 13 and 15 ghz bands 1. t b = mmic base temperature 2. adjust v gg between ?2.6 and ?1.2v to achieve specified idq. parameter symbol typical units bandwidth f 12.75-15.35 ghz output power p out 32 dbm 1-db compression point p1db 31 dbm small signal gain g 24 db input vswr vswr 1.4:1 gate current i gg 10 ma drain current i dd 1400 ma output vswr vswr 2.7:1 power added efficiency pae 19 % output third order intercept toi 40 dbm third order intermod, pout = 26 dbm (dcl) im3 33 dbc electrical characteristics: t b = 30c 1 , z 0 = 50 , v dd = 8v, i dq = 900ma 2 , p in = 10 dbm, r g = 100 yyww ap071g xxxx macom vgg n/c n/c (pin 20) vd12 vd3 vgg n/c n/c vd3 vd12 (pin 1) n/c n/c rf in n/c n/c n/c n/c rf out n/c n/c also available in: description die part number maapgm0071-die die sample board MAAP-000071-smb004 die mechanical sample MAAP-000071-mch000 packaged sample board MAAP-000071-smb003 (lead free) ceramic package maapgm0071
amplifier, power, 1.6w 12.75-15.35 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 2 MAAP-000071-pkg003 rohs compliant maximum ratings 3 operating instructions this device is static sensitive. please handle with care. to operate the device, follow these steps. 1. apply v gg = -2.7 v, v dd = 0 v. 2. ramp v dd to desired voltage, typically 8.0 v. 3. adjust v gg to set i dq , (approximately @ ?2.0 v). 4. set rf input. 5. power down sequence in reverse. turn v gg off last. characteristic symbol min typ max unit drain voltage v dd 6.0 8.0 10.0 v gate voltage v gg -2.6 -2.0 -1.2 v input power p in 10.0 14.0 dbm thermal resistance jc 10.8 c/w mmic base temperature t b note 5 c recommended operating conditions 4 parameter symbol absolute maximum units input power p in 15.0 dbm drain supply voltage v dd +12.0 v gate supply voltage v gg -3.0 v quiescent drain current (no rf) i dq 1.42 a junction temperature t j 170 c storage temperature t stg -55 to +150 c quiescent dc power dissipated (no rf) p diss 14.2 w 3. operation beyond these limits may result in permanent damage to the part. 4. operation outside of these ranges may reduce product reliability. 5. mmic base temperature = 170c ? jc * v dd * i dq
amplifier, power, 1.6w 12.75-15.35 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 3 MAAP-000071-pkg003 rohs compliant figure 2. recommended bias configuration. note: the exposed pad centered on the package bottom must be connected to rf and dc ground for proper electrical and thermal operation. figure 1. 5x5 mm 20-lead mlp. refer to m/a-com application note surface mounting instructions for pqfn packages #s2083 * for assembly guidelines. additional precaution: all parts must receive a bake-out of 125oc for 24 hours prior to any solder reflow operation. *application notes can be found by going to the site search p age of m/a-com?s web page (http://www.macom.com/application%20note s/ index.htm) and searching for the required application note. 100pf* 0.1 f v dd yyww ap071g xxxx macom 0.1 f v gg 100pf* vgg n/c n/c (pin 20) vd12 vd3 100pf* * place 100pf capacitors as close to the package as possible. 100pf* 100pf* vgg n/c n/c vd3 vd12 100pf* (pin 1) n/c n/c rf in n/c n/c n/c n/c rf out n/c n/c
amplifier, power, 1.6w 12.75-15.35 ghz m/a-com inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. m/a-com makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does m/a-com assume any liability whatsoever arising out of the use or application of any product(s) or information. ? north america tel: 800.366.2266 / fax: 978.366.2266 ? europe tel: 44.1908.574.200 / fax: 44.1908.574.300 ? asia/pacific tel: 81.44.844.8296 / fax: 81.44.844.8298 visit www.macom.com for additional data sheets and product information. rev ? advance information 4 MAAP-000071-pkg003 rohs compliant figure 3. demonstration board pn MAAP-000071-smb003 (available upon request). yyww apo71g xxxx macom


▲Up To Search▲   

 
Price & Availability of MAAP-000071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X