Part Number Hot Search : 
587B062 29LV0 SY89828L T311015 C4532X 12500 BUV2206 10016
Product Description
Full Text Search
 

To Download 2SD2659 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power transistors 1 publication date: january 2003 sjd00292aed 2SD2659 silicon npn triple diffusion planar type for power switching features ? high forward current transfer ratio h fe ? satisfactory linearity of forward current transfer ratio h fe ? to-220d built-in: excellent package with withstand voltage 5 kv guaranteed absolute maximum ratings t a = 25 c electrical characteristics t a = 25 c 3 c 1.4 0.2 1.6 0.2 0.8 0.1 0.55 0.15 2.54 0.30 5.08 0.50 123 2.6 0.1 2.9 0.2 4.6 0.2 3.2 0.1 3.0 0.5 9.9 0.3 15.0 0.5 13.7 0.2 4.2 0.2 solder dip unit: mm note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. parameter symbol rating unit collector-base voltage (emitter open) v cbo 80 v collector-emitter voltage (base open) v ceo 60 v emitter-base voltage (collector open) v ebo 6v collector current i c 3a peak collector current i cp 6a collector power t c = 25 cp c 20 w dissipation 2 junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c 1: base 2: collector 3: emitter to-220d-a1 package internal connection b c e parameter symbol conditions min typ max unit collector-emitter voltage (base open) v ceo i c = 10 ma, i b = 060v collector-base cutoff current (emitter open) i cbo v cb = 80 v, i e = 0 100 a collector-emitter cutoff current (base open) i ceo v ce = 60 v, i b = 0 100 a emitter-base cutoff current (collector open) i ebo v eb = 6 v, i c = 0 100 a forward current transfer ratio h fe v ce = 4.0 v, i c = 0.5 a 500 1 500 ? collector-emitter saturation voltage v ce(sat) i c = 2.0 a, i b = 0.05 a 1.2 v transition frequency f t v ce = 12 v, i c = 0.2 a, f = 10 mhz 50 mhz
2SD2659 2 sjd00292aed p c ? t a safe operation area r th ? t 0 0 40 80 120 160 35 5 10 15 20 25 30 (1) (2) collector power dissipation p c (w) ambient temperature t a ( c) (1) t c = t a (2) without heat sink p c = 2 w 1 10 100 1 000 0.01 0.1 1 10 100 t = 10 ms t = 1 ms t = 1 s non repetitive pulse t c = 25 c i cp i c collector-emitter voltage v ce (v) collector current i c (a) 0.001 100 0.01 1 0.1 10 1 000 0.1 1 10 100 1 000 t a = 25 c (1) (2) (1) without heat sink (2) with a 100 100 2 mm al heat sink time t (s) thermal resistance r th ( c/w)
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of 2SD2659

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X