Part Number Hot Search : 
MAH16060 1025P 4ACPZ F8736 RN1107FT 0805K LBGA11W AC207
Product Description
Full Text Search
 

To Download MBR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 10. 19 1/2 semiconductor technical data MBR20100CT schottky barrier type diode revision no : 1 switching type power supply application. converter & chopper application. features average output rectified current : i o =20a. repetitive peak reverse voltage : v rrm =100v. fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ) dim millimeters to-220ab 1.46 a b c d e f g h j k m n o 0.8 0.1 + _ 2.8 0.1 + _ 2.54 0.2 + _ 1.27 0.1 + _ 1.4 0.1 + _ 13.08 0.3 + _ 3.6 0.2 + _ + _ 9.9 0.2 + _ 9.2 0.2 + _ 4.5 0.2 + _ 2.4 0.2 15.95 max 1.3+0.1/-0.05 0.5+0.1/-0.05 3.7 1.5 a f b j g k m l l e i i o c h nn q d q p p 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =10a - - 0.85 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 a reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 1.5 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 100 v average output rectified current (tc=124 ) (note) i o 20 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 10. 19 2/2 MBR20100CT revision no : 1 average forward current i f(av) (a) average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r (ma) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) i f - t c i f - t a case temperature tc ( c) ambient temperature t a ( c) 0 0 0 0 0 0.001 110 0 0.5 0.2 0.4 0.6 0.8 1.0 1.0 3.0 5.0 10 30 0 204060 0.01 0.1 1.0 120 130 140 150 160 4 8 12 16 20 2 6 10 14 18 rated voltage r =1.5 c/w jc dc applied 40 80 120 160 20 60 100 140 4 8 12 16 20 2 6 10 14 18 rated voltage applied ja ja r =16 c/w r =62.5 c/w (no heat sink) ( heat sink) dc dc 4 812 2 4 16 18 dc 6 8 10 12 14 16 20 2 6101418 100 80 j t =25 c j t =25 c


▲Up To Search▲   

 
Price & Availability of MBR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X