Part Number Hot Search : 
WP711 B1322BG1 D1005 AD8110 34PN100 W78LE516 5545G LA2730
Product Description
Full Text Search
 

To Download DTA144TS3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c274s3 issued date : 2002.06.01 revised date : 2002. 11.02 page no. : 1/3 DTA144TS3 cystek product specification general purpose pnp digital transistors (built-in resistors) DTA144TS3 features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy . ? complements the dtc144ts3 equivalent circuit absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage vcbo -50 v collector-emitter voltage vceo -50 v emitter-base voltage vebo -5 v collector current ic -100 ma power dissipation pd 200 mw junction temperature tj 150 c storage temperature tstg -55~+150 c DTA144TS3 r1=47 k ? b base c collector e emitter sot-323
cystech electronics corp. spec. no. : c274s3 issued date : 2002.06.01 revised date : 2002. 11.02 page no. : 2/3 DTA144TS3 cystek product specification electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage vcbo -50 - - v ic=-50ua collector-emitter breakdown voltage vceo -50 - - v ic=-1ma emitter-base breakdown voltage vebo -5 - - v ie=-50ua collector-base cutoff current icbo - - -0.5 ua vcb=-50v emitter-base cutoff current iebo - - -0.5 ua veb=-4v collector-emitter saturation voltage vce(sat) - -0.1 -0.3 v ic=-5ma, ib=-0.5ma dc current gain hfe 100 - 600 - vce=-5v, ic=-1ma input resistance r 32.9 47 61.1 k ? - transition frequency ft - 250 - mhz vce=-10v, ie=-5ma, f=100mhz* * transition frequency of the device characteristic curves current gain vs collector current 10 100 1000 0.1 1 10 100 collector current--- ic(ma) current gain--- hfe hfe@vce=5v saturation voltage vs collector current 10 100 1000 1 10 100 collector current ---ic(ma) saturation voltage---(mv) vce(sat)@ic=10ib pd - ta 0 50 100 150 200 250 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(mw)
cystech electronics corp. spec. no. : c274s3 issued date : 2002.06.01 revised date : 2002. 11.02 page no. : 3/3 DTA144TS3 cystek product specification sot-323 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.0315 0.0433 0.80 1.10 e1 0.0256 - 0.65 - a1 0.0000 0.0039 0.00 0.10 he 0.0787 0.0886 2.00 2.25 bp 0.0118 0.0157 0.30 0.40 lp 0.0059 0.0177 0.15 0.45 c 0.0039 0.0098 0.10 0.25 q 0.0051 0.0091 0.13 0.23 d 0.0709 0.0866 1.80 2.20 v 0.0079 - 0.2 - e 0.0453 0.0531 1.15 1.35 w 0.0079 - 0.2 - e 0.0512 - 1.3 - - - 10 0 notes: 1.dimension and tolerance based on our spec. dated feb. 27.002. 2.controlling dimension: millimeters. 3.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: 42 alloy ; solder plating ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . he e a a1 q lp e1 e bp 12 3 d w b v a z detail z a c 0 12 scale mm style: pin 1.base 2.emitter 3.collector 3-lead sot-323 pastic surface mounted package cystek package code: s3 marking: te 6t


▲Up To Search▲   

 
Price & Availability of DTA144TS3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X