Part Number Hot Search : 
TPCS8210 20035 MX7820TQ M050B C4426COA M050B 2SK3586 DTV64
Product Description
Full Text Search
 

To Download MAX406011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max4060/max4061/max4062 are differential-input microphone preamplifiers optimized for notebook and pda audio systems. these devices feature adjustable gain with excellent power-supply rejection and com- mon-mode rejection ratios, making them ideal for low- noise applications in portable audio systems. the max4060/max4062 are capable of switching their output between the differential input and a single- ended auxiliary microphone amplifier input. in addition, the max4060/max4062 have a low-noise microphone bias generator. the differential gain of the max4061/max4062 is set with a single resistor. the max4060 has a fixed gain of 10v/v and is pc99/2001 compliant. the max4061 includes a complete shut- down mode. in shutdown, the supply current is reduced to 0.3? and the current to the microphone bias is cut off for ultimate power savings. the max4060 operates from a 4.5v to 5.5v single sup- ply and the max4061/max4062 operate from 2.4v to 5.5v. all devices are specified over the extended oper- ating temperature range, -40? to +85?. the max4060/max4061 are available in tiny 8-pin tdfn (3mm x 3mm x 0.8mm) and 8-pin ?ax packages. the max4062 is available in a 10-pin ?ax package. applications features  2.4v to 5.5v single-supply operation  adjustable gain or fixed-gain options  high psrr (86db at 1khz)  high cmrr (70db at 1khz)  low input-referred noise  integrated microphone bias  750 a supply current  0.3 a shutdown current  4kv esd protection (aux_in)  rail-to-rail outputs  thd+n: 0.04% at 1khz  available in space-saving packages 8-pin tdfn (max4060/max4061) 8-pin max (max4060/max4061) 10-pin max (max4062) max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown ________________________________________________________________ maxim integrated products 1 bias bias aux_in 8 in- in+ 6 5 4 v cc 2.4v to 5.5v max4060 int/aux 1 out 2 gnd 7 bias 3 v bias x10 bias x10 typical operating circuit ordering information 19-2408; rev 3; 4/11 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. pin configurations and selector guide appear at end of data sheet. * ep = exposed pad. + denotes a lead(pb)-free/rohs-compliant package. ?ax is a registered trademark of maxim integrated products, inc. notebook audio systems tablet pcs pda audio systems usb audio peripherals aes-42-compliant microphones signal conditioning part temp range pin- package top mark max4060 eta+ -40? to +85? 8 tdfn-ep* aby max4060eua+ -40? to +85? 8 ?ax max4061 eta+ -40? to +85? 8 tdfn-ep* abz max4061eua+ -40? to +85? 8 ?ax max4062 eub+ -40? to +85? 10 ?ax
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = 3v for max4061/max4062, v cc = 5v for max4060, v gnd = 0v, v shdn = v cc , v int /aux = 0v, r g = 11.11k , r l = 100k to 1.5v, r bias = , t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) (notes 1, 2) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. supply voltage (v cc to gnd). .................................-0.3v to +6v any other pin to gnd ................................-0.3v to (v cc + 0.3v) duration of short circuit to gnd or v cc ....................continuous continuous input current (any pin) ................................ ?0ma continuous power dissipation (t a = +70?) 8-pin tdfn (derate 24.4mw/? above +70?) ......1951.2mw 8-bump ?ax (derate 4.8mw/? above +70?) .....387.8mw 10-bump ?ax (derate 8.8mw/? above +70?) ..707.3mw operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? soldering temperature (reflow) .......................................+260? parameter symbol conditions min typ max units max4061/max4062 2.4 5.5 supply voltage range v cc inferred from psrr test max4060 4.5 5.5 v supply current i cc 0.75 1.2 ma output common-mode voltage v ocm 1.25 1.5 1.75 v slew rate sr a v = 10v/v 1 v/? supply current in shutdown i shdn v shdn = 0v, max4061 0.001 1 a to gnd 30 output short-circuit current i sc to v cc 30 ma differential input (v int /aux = 0v for max4060/max4062, default for max4061) input offset voltage v os 0.1 5mv common-mode input voltage range v cm 12v maximum differential input voltage v diffmax a v = 1v/v, max4061/max4062 1 v small-signal bandwidth bw -3db 600 khz input resistance r in either differential input 100 k input resistance match r match 1% a v = 10v/v, f = 1khz 100 input noise-voltage density e n a v = 100v/v, f = 1khz, max4061/max4062 only 20 nv/ hz rms output noise voltage v nrms a v = 10v/v, bw = 22hz to 22khz 125 ? rms
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = 3v for max4061/max4062, v cc = 5v for max4060, v gnd = 0v, v shdn = v cc , v int /aux = 0v, r g = 11.11k , r l = 100k to 1.5v, r bias = , t a = t min to t max , unless otherwise noted. typical values are at t a = +25c.) (notes 1, 2) parameter symbol conditions min typ max units total harmonic distortion plus noise thd+n a v = 10v/v, f = 1khz, v out = 0.7v rms , bw = 22hz to 22khz 0.04 % r g = open 1 1.13 1.3 r g = 11.11k 100mv, f = 1khz 86 db auxiliary input (max4060/max4062, int/aux = v cc ) small-signal bandwidth bw -3db 200 khz input resistance r in 100 k input noise-voltage density e n f = 1khz 45 nv/ hz s n ns hz hz s t h d n thdn hz hz hz t s s t t in t t s bias output (max4060/max4062) i bias = 0.8ma to gnd, max4060 2 2.2 output voltage v out i bias = 0.5ma to gnd, max4062 2 2.2 v i bias = 0.8ma to gnd, max4060 (t a = +25c) 2 2.5 k output resistance r out i bias = 0.5ma to gnd, max4062 (t a = +25c) 22 40 i bias = 0.8ma to gnd, bw = 22hz to 22khz, max4060 50 output noise voltage v nrms i bias = 0.5ma to gnd, bw = 22hz to 22khz, max4062 20 v rms
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 4 _______________________________________________________________________________________ electrical characteristics (continued) (v cc = 3v for max4061/max4062, v cc = 5v for max4060, v gnd = 0v, v shdn = v cc , v int /aux = 0v, r g = 11.11k , r l = 100k to 1.5v, r bias = , t a = t min to t max , unless otherwise noted. typical values are at t a = +25c.) (notes 1, 2) parameter symbol conditions min typ max units i bias = 0.8ma to gnd, v cc = 4.5v to 5.5v 50 80 max4060 i bias = 0.8ma, v cc = 5v + 100mv p-p , f = 1khz 70 i bias = 0.5ma to gnd, v cc = 2.4v to 5.5v 50 74 power-supply rejection ratio psrr m ax 4062 i bias = 0.5ma, v cc = 3v + 100mv p-p , f = 1khz 71 db digital inputs ( s hd n for m ax 4061 and int /au x for m ax 4060/m ax 4062) input leakage current i in v in = 0v or v cc 1a input-voltage high v inh 0.7 x v cc v input-voltage low v inl 0.3 x v cc v shutdown enable time t on max4061 10 s shutdown disable time t off max4061 10 s note 1: all specifications are 100% tested at t a = +25 c. specification limits over temperature (t a = t min to t max ) are guaranteed by design, not production tested. note 2: max4062 requires a 1f capacitor from bias to ground.
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown _______________________________________________________________________________________ 5 max4060 toc01 frequency (hz) gain (db) 100k 10k 1k 100 -12 -9 -6 -3 0 3 -15 10 1m gain vs. frequency (no load) v cc = 5v max4060 toc02 frequency (hz) psrr (db) 100k 10k 1k 100 -100 -80 -60 -40 -20 0 -120 10 1m power-supply rejection ratio vs. frequency (diff input) a v = 100v/v a v = 10v/v supply current vs. temperature max4060 toc03 temperature ( c) supply current (ma) 80 65 50 35 20 5 -10 -25 0.2 0.4 0.6 0.8 1.0 0 -40 v cc = 3v v cc = 5v supply current vs. supply voltage max4060 toc04 supply voltage (v) supply current (ma) 5.0 4.5 3.5 4.0 3.0 2.5 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 2.0 5.5 a v = 10v/v no load shutdown supply current vs. temperature max4060 toc05 temperature ( c) shutdown supply current (na) 60 35 10 -15 0.01 0.1 1 10 100 0.001 -40 85 output-voltage high vs. temperature max4060 toc06 temperature ( c) v oh (mv) 60 35 10 -15 10 100 1000 1 -40 85 i load = 2.5ma i load = 50 a v oh = v cc - v out output-voltage low vs. temperature max4060 toc07 temperature ( c) v ol (mv) 60 35 10 -15 10 100 1000 1 -40 85 i load = 2.5ma i load = 50 a output-voltage high vs. load current max4060 toc08 load current (ma) v oh (mv) 4 3 2 1 25 50 75 100 125 150 175 0 05 v oh = v cc - v out v cc = 3v output-voltage low vs. load current max4060 toc09 load current (ma) v ol (mv) 4 3 2 1 50 100 150 200 250 300 0 05 v cc = 3v typical operating characteristics (v cc = 3v (max4061/max4062), v cc = 5v for max4060, a v = 10v/v, r l 100k to 1.5v, shdn = v cc (max4061 only), t a = +25c, unless otherwise noted.)
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 6 _______________________________________________________________________________________ typical operating characteristics (continued) (v cc = 3v (max4061/max4062), v cc = 5v for max4060, a v = 10v/v, r l 100k to 1.5v, shdn = v cc (max4061 only), max4060 mic bias voltage vs. temperature max4060 toc10 temperature ( c) mic bias voltage (v) 60 35 -15 10 2.125 2.150 2.175 2.200 2.225 2.250 2.275 2.300 2.100 -40 85 i bias = 800 a total harmonic distortion plus noise vs. frequency (diff input) max4060 toc11 frequency (hz) thd+n (%) 10k 1k 100 0.01 0.1 1 0.001 10 100k v out = 2.26v p-p v cc = 5v v cc = 3v max4060 toc12 frequency (hz) thd+n (%) 10k 1k 100 0.01 0.1 1 0.001 10 100k total harmonic distortion plus noise vs. frequency (aux input) v cc = 3v v cc = 5v v out = 2.26v p-p total harmonic distortion plus noise vs. output amplitude (diff input, v cc = 3v) max4060 toc13 output voltage (v p-p ) thd+n (%) 2.5 2.0 1.5 1.0 0.5 0.01 0.1 1 10 0.001 0 3.0 f = 10khz f = 1khz bw = 22khz total harmonic distortion plus noise vs. output amplitude (diff input, v cc = 5v) max4060 toc14 output voltage (v p-p ) thd+n (%) 3.0 2.5 2.0 1.5 1.0 0.5 0.01 0.1 1 10 0.001 0 3.5 f = 10khz f = 1khz bw = 22khz total harmonic distortion plus noise vs. output amplitude (aux input, v cc = 3v) max4060 toc15 output voltage (v p-p ) thd+n (%) 2.5 2.0 1.5 1.0 0.5 0.01 0.1 1 10 0.001 0 3.0 f = 10khz f = 1khz bw = 22khz total harmonic distortion plus noise vs. output amplitude (aux input, v cc = 5v) max4060 toc16 output voltage (v p-p ) thd+n (%) 3.0 2.5 2.0 1.5 1.0 0.5 0.01 0.1 1 10 0.001 0 3.5 f = 10khz f = 1khz bw = 22khz max4060 toc17 frequency (hz) (nv/ hz ) 10k 1k 100 100 200 300 400 500 600 700 800 0 10 100k input-referred noise vs. frequency (diff input) max4060 mic bias output noise max4060 toc18 100ms/div 5 v/div v cc = 5v bw = 22hz to 22khz
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown _______________________________________________________________________________________ 7 max4062 mic bias output noise max4060 toc19 100ms/div 5 v/div v cc = 5v bw = 22hz to 22khz small-signal transient response for diff input max4060 toc20 10 s/div input 5mv/div output 50mv/div large-signal transient response for diff input max4060 toc22 10 s/div input 100mv/div output 1v/div small-signal transient response for aux input max4060 toc21 10 s/div input 5mv/div output 50mv/div output overdriven max4060 toc24 10 s/div input 500mv/div output 1v/div differential input large-signal transient response for aux input max4060 toc23 10 s/div input 200mv/div output 1v/div typical operating characteristics (continued) (v cc = 3v (max4061/max4062), v cc = 5v for max4060, a v = 10v/v, r l 100k to 1.5v, shdn = v cc (max4061 only), t a = +25c, unless otherwise noted.)
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 8 _______________________________________________________________________________________ pin description pin max4060 max4061 max4062 name function 12 int /aux internal (differential) or auxiliary (single-ended) input select. drive int /aux low to select internal or high to select auxiliary microphone input. 2 3 3 out amplifier output. out is high impedance when in shutdown mode. 3 bias external electret microphone capsule bias output. bias has a greater than 2k output impedance. 445v cc power supply. bypass the v cc to gnd with a 0.1? capacitor. 5 5 6 in+ noninverting differential amplifier input. ac-couple the audio signal into in+. 6 6 7 in- inverting differential amplifier input. ac-couple the audio signal into in-. 7 7 8 gnd ground 8 9 aux_in single-ended input for auxiliary microphone. ac-couple the audio signal into aux_in. ?1g2 gain-selectable input. connect an external resistor between g1 and g2 to set the gain for the differential amplifier. (see adjustable differential-gain setting section.) ? shdn shutdown input. drive shdn high for normal operation. drive shdn low for shutdown mode. 4 bias external electret microphone capsule bias output. bypass bias with 1? capacitor to ground. ?10g1 gain-selectable input. connect an external resistor between g1 and g2 to set the gain for the differential amplifier. ep exposed pad (tdfn only). internally connected to gnd. connect to a large ground plane to minimize thermal performance. not intended as an electrical connection point. detailed description the max4060/max4061/max4062 are differential micro- phone preamplifiers providing high-quality audio, opti- mized for use in computer and mobile applications. these devices feature rail-to-rail outputs, very high power-supply rejection, and common-mode rejection, making them ideal for low-noise applications. the max4060/max4061/max4062 are particularly effective when layout constraints force the microphone amplifier to be physically remote from the ecm microphone and/or the rest of the audio circuitry. the max4060/max4062 are capable of switching their output between the differential input and an inverting single-ended input. int /aux selects either the differen- tial input or single-ended auxiliary input. in addition, the max4060 has an internal bias generator to bias the microphone in either differential or single-ended modes. the max4061 includes a complete 0.3? shut- down mode for ultimate power savings. the differential gain of the max4061/max4062 is set with a single resistor connected between the g1 and g2 pins. the max4060 has a fixed gain of 10v/v. differential input the main microphone input is a low-noise, differential input structure. this is an almost essential element when faced with amplification of low-amplitude analog signals in digitally intense environments such as note- book pcs or pdas. used correctly, the advantages over a single-ended solution are: better power-supply noise rejection. less degradation from noise in pc board ground planes. the microphone and preamplifier can be placed physically further apart, easing pc board layout restrictions.
max4060/max4061/max4062 fixed differential gain (max4060) the max4060 has an internal fixed gain of 10v/v for its differential input. this feature simplifies design, reduces pin count, footprint, and eliminates external gain-setting resistors. adjustable differential-gain setting the max4061/max4062 allow the user to alter the gain to optimize the signal-to-noise ratio (snr) of their sys- tem. the gain is set by a single external resistor (r g ) connected between the g1 and g2 pins, where: r g = 100k / (a v - 1) where a v is the required voltage gain. hence, an 11.11k resistor yields a gain of 10v/v, or 20db. leaving the pins unconnected results in a gain of 1v/v. gain for the max4061/max4062 is defined as: a v = v out / (v in+ - v in- ) the resistor can be either fixed or variable, allowing the use of a digitally controlled potentiometer to alter the gain under software control. input capacitors the two differential microphone inputs and the single- ended auxiliary input of the max4060/max4061/ max4062 have on-chip bias components, allowing the user to ac-couple any signals onto the input. the input resistance is 100k (typ), so the capacitor size may be chosen accordingly to define the lf rolloff desired. this can be calculated as: c in = 1 / (2 f cut r in ) this assumes a low source impedance driving the inputs. a further consideration for the differential input is the effect of these series input capacitors on low-frequency, common-mode rejection. any mismatch in the values of these two capacitors degrades the cmrr at frequen- cies where the impedance of the capacitor is significant compared to the input resistance of the amplifierthis is usually most noticeable at low frequencies. one way to avoid the need for matched or tight tolerance capaci- tors is to deliberately oversize the values on the differ- bias in- in+ 6 5 4 v cc 2.4v to 5.5v max4060 int/aux 1 out 2 gnd 7 bias 3 v bias bias x10 bias 8 aux_in x10 functional diagram differential microphone preamplifiers with internal bias and complete shutdown _______________________________________________________________________________________ 9
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 10 ______________________________________________________________________________________ aux_in 9 4 in- in+ 7 6 5 v cc 2.4v to 5.5v max4062 2 gnd 8 v bias g2 g1 bias r bias c bias 100k out 3 int/aux 10 1 x10 figure 1. max4062 with auxiliary input configuration ential inputs and to set the lower 3db point (f cut ) of the amplifier by sizing the output capacitor appropriately. the input impedance matching on the differential input is typically 1%, allowing input capacitor matching to be effective at improving low-frequency psrr. common-mode rejection ratio the common-mode rejection ratio (cmrr) refers to the amount of rejection that the amplifier is capable of pro- viding to any signal applied equally to the in+ and in- inputs. in the case of amplifying low-level microphone signals in noisy digital environments, it is a key figure of merit. in audio circuits, this is generally measured for v in as an ac signal: cmrr(db) = a dm / a cm where a dm is the differential gain, a cm is the common- mode gain. input voltages are sufficiently small such that the output is not clipped in either differential or common-mode application. the topology used in the max4061/ max4062 means that the cmrr actually improves at higher differential gainsanother advantage of using differential sensing. auxiliary input the auxiliary input is a single-ended input intended to be used with a jack-socket-type microphone input (figure 1). internal dc-bias components (as on the main inputs) allow the input signal to be ac-coupled. mechanically switched jack sockets can be used in conjunction with the int /aux select pin, allowing the auxiliary microphone input to be automatically selected when a jack socket is inserted. microphone bias voltage max4060 the max4060 has a microphone bias voltage designed to comply with the microsoft/intel pc99/2001 audio standard. it features source impedance of greater than 2k , and delivers more than 2v of bias when loaded with a current of 800a. this limits operation of this part to supplies between 4.5v to 5.5v (see figure 2).
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown ______________________________________________________________________________________ 11 max4061/max4062 the max4062 has a lower bias voltage and low-imped- ance outputs (optimum electret bias resistor can then be set externally). this gives a low-noise, flexible solu- tion that can run from 2.4v to 5.5v, suitable for hand- held devices such as pdas that typically have audio power supplies in the 3v region (see figure 3). in applications where the differential microphone is placed some distance from the max4060/max4061/ max4062, using a remote differential bias scheme as shown in figure 4 can provide improved noise rejection. output max4060/max4061 dc bias the output voltage has a dc-bias voltage independent of the power supplies, resulting in superior psrr per- formance. the max4061 output is high impedance when the part is in shutdown mode. ac-coupling the output into the next audio stage (e.g., codec) is rec- ommended. applications information shutdown mode the max4061 features a low-power, complete shut- down mode. when shdn goes low, the supply current drops to 0.3a, the output enters a high-impedance state, and the bias current to the microphone is switched off. driving shdn high enables the amplifier. shdn should not be left unconnected. power supplies and layout the max4060 operates from a 4.5v to 5.5v single sup- ply and the max4061/max4062 operate from a 2.4v to 5.5v single supply. bypass the power supply with a 0.1f capacitor to ground. in systems where analog and digital grounds are available, the max4060/ max4061 should be connected to the analog ground. in- in+ 6 5 4 v cc 4.5v to 5.5v max4060 int/aux 1 out 2 gnd 7 x10 v bias x10 bias 3 aux_in microphone input 8 r bias figure 2. max4060 used for biasing a microphone
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 12 ______________________________________________________________________________________ 2.2k 2.2k aux_in 9 in- in+ 7 6 5 v cc 2.4v to 5.5v max4062 gnd 8 g2 g1 0.1 f 0.1 f 1 10 r g 11k bias v bias 0.1 f 0.1 f 4 x10 out int/aux 2 3 figure 3. max4062 used to bias a microphone connected to the auxiliary input and the differential input
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown ______________________________________________________________________________________ 13 2.2k 1k aux_in 9 in- in+ 7 6 5 v cc 2.4v to 5.5v max4062 gnd 8 g2 g1 0.1 f 0.1 f 1 10 r g 11k bias v bias 0.1 f 0.1 f 4 x10 out int/aux 2 3 1k v dd 2.2 f 1k 1k 2.2 f figure 4. remote differential microphone bias network optimizes noise rejection in long-run, pc board traces pin configurations 1 2 3 4 8 7 6 5 aux_in gnd in- in+ ep* v cc *connect ep to gnd (tdfn only). bias out int/aux max4060 max/tdfn 1 2 3 4 8 7 6 5 g1 gnd in- in+ v cc out shdn g2 max4061 max/tdfn top view 1 2 3 4 5 10 9 8 7 6 g1 aux_in gnd in- bias out int/aux g2 max4062 max in+ v cc ep*
package information for the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown 14 ______________________________________________________________________________________ selector guide product* auxiliary input diff input gain single-ended input gain (db) microphone bias shutdown mode supply voltage (v) max4060 ? 20db 20 ? 4.5 to 5.5 max4061 adj ? 2.4 to 5.5 max4062 ? adj 20 ? 2.4 to 5.5 chip information process: bicmos in- in+ 6 5 4 v cc 4.5v to 5.5v int/aux 1 out 2 gnd 7 x10 v bias x10 bias 3 aux_in 8 in- in+ 6 5 2 4 shdn v cc 2.4v to 5.5v out 3 gnd 7 1 8 g1 g2 in- in+ 7 6 5 v cc 2.4v to 5.5v int/aux 2 out 3 gnd 8 x10 v bias bias 4 aux_in 8 1 10 g1 g2 max4061 max4062 max4060 block diagrams * see block diagrams. package type package code document no. land pattern no. 8 tdfn t833+2 21-0137 90-0059 8 max u8+1 21-0036 90-0092 10 max u10+2 21-0061 90-0030
max4060/max4061/max4062 differential microphone preamplifiers with internal bias and complete shutdown maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 15 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2011 maxim integrated products maxim is a registered trademark of maxim integrated products, inc. revision history revision number revision date description pages changed 3 4/11 added exposed pad information to pin description and pin configurations sections 8, 13


▲Up To Search▲   

 
Price & Availability of MAX406011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X