Part Number Hot Search : 
CONTROL 200CC PD121XL4 1006F 106K0 29LV0 LC75712 T518A
Product Description
Full Text Search
 

To Download DL400111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dl4001 thru dl4007 1 amp glass passivated rectifier 50 to 1000 volts melf suggested solder pad layout features ? glass passivated junction ? low current leakage ? surface mount applications dimensions inches mm dim min max min max note a .185 .205 4.70 5.20 b .018 .022 0.46 0.56 nominal c .095 .105 2.40 2.67 ? maximum ratings mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage dl4001 ------- 50v 35v 50v dl4002 ------- 100v 70v 100v dl4003 ------- 200v 140v 200v dl4004 ------- 400v 280v 400v dl4005 ------- 600v 420v 600v dl4006 ------- 800v 560v 800v dl4007 ------- 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t a = 75 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.1v i fm = 1.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5.0 a 50 a t j = 25 c t j = 125 c typical junction capacitance c j 12pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% a b c cathode mark .220? .035? .115?  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 ? operating temperature: -65 c to +150 c ? storage temperature: -65 c to +150 c ? maximum thermal resistance; 30 c/w junction to lead dl4001 not recommended for new designs use gs1a-ltp~gs1m-ltp series ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 notes: 1. high temperature solder exemption applied, see eu directive annex notes 7.
average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c mcc dl4001 thru dl4007 revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of DL400111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X