Part Number Hot Search : 
GW40N G78SVF S20S40CR VLA503 S1616 10JL1 VTOF70 S1616
Product Description
Full Text Search
 

To Download MMSZ5254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmsz5225 thru mmsz5267 vishay semiconductors formerly general semiconductor document number 88363 www.vishay.com 02-may-02 1 zener diodes v z range 3.0 to 75v power dissipation 500mw 0.094 (2.40) 0.055 (1.40) 0.055 (1.40) .022 (0.55) .112 (2.85) .152 (3.85) .067 (1.70) .053 (1.35) max. .010 (0.25) min. cathode band .006 (0.15) max. to p v i ew .140 (3.55) .100 (2.55) .055 (1.40) .004 (0.1) max. features ?silicon planar power zener diodes. ?standard zener voltage tolerance is ?% with a ? suffix. other tolerances are available upon request. ?these diodes are also available in minimelf case with the designation zmm5225 ... zmm5267, do- 35 case with type designation 1n5225 ... 1n5267 and sot-23 case with the type designation mmbz5225 ... mmbz5267. sod-123 mechanical data case: sod-123 plastic case weight: approx. 0.01g packaging codes/options: d3/10k per 13 reel (8mm tape), 30k/box d4/3k per 7 reel (8mm tape), 30k/box dimensions in inches and (millimeters) mounting pad layout maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol value unit zener current (see table ?haracteristics? power dissipation at t l = 75? p tot 500 (1) mw thermal resistance junction to ambient air r ja 340 (1) ?/w maximum junction temperature t j 150 ? storage temperature range t s 65 to +175 ? note: (1) fr-4 or fr-5 board with minimum recommended solder pad layout
mmsz5225 thru mmsz5267 vishay semiconductors formerly general semiconductor www.vishay.com document number 88363 2 02-may-02 electrical characteristics (t a = 25? unless otherwise noted) maximum v f = 0.9 v at i f = 10ma nominal zener maximum zener typical temperature maximum reverse leakage voltage (3) test current impedance (1) coefficient current marking at i zt v z i zt at i zt z zt at i zk = 0.25ma vz i r test voltage type code (v) (ma) ( ? )( ? ) (%/?) ( a) v r (v) mmsz5225 c5 3.0 20 30 1600 -0.075 50 1.0 mmsz5226 d1 3.3 20 28 1600 -0.070 25 1.0 mmsz5227 d2 3.6 20 24 1700 -0.065 15 1.0 mmsz5228 d3 3.9 20 23 1900 -0.060 10 1.0 mmsz5229 d4 4.3 20 22 2000 -0.055 5.0 1.0 mmsz5230 d5 4.7 20 19 1900 ?.030 5.0 2.0 mmsz5231 e1 5.1 20 17 1600 ?.030 5.0 2.0 mmsz5232 e2 5.6 20 11 1600 +0.038 5.0 3.0 mmsz5233 e3 6.0 20 7 1600 +0.038 5.0 3.5 mmsz5234 e4 6.2 20 7 1000 +0.045 5.0 4.0 mmsz5235 e5 6.8 20 5 750 +0.050 3.0 5.0 mmsz5236 f1 7.5 20 6 500 +0.058 3.0 6.0 mmsz5237 f2 8.2 20 8 500 +0.062 3.0 6.5 mmsz5238 f3 8.7 20 8 600 +0.065 3.0 6.5 mmsz5239 f4 9.1 20 10 600 +0.068 3.0 7.0 mmsz5240 f5 10 20 17 600 +0.075 3.0 8.0 mmsz5241 h1 11 20 22 600 +0.076 2.0 8.4 mmsz5242 h2 12 20 30 600 +0.077 1.0 9.1 mmsz5243 h3 13 9.5 13 600 +0.079 0.5 9.9 mmsz5244 h4 14 9.0 15 600 +0.082 0.1 10 mmsz5245 h5 15 8.5 16 600 +0.082 0.1 11 mmsz5246 j1 16 7.8 17 600 +0.083 0.1 12 mmsz5247 j2 17 7.4 19 600 +0.084 0.1 13 mmsz5248 j3 18 7.0 21 600 +0.085 0.1 14 mmsz5249 j4 19 6.6 23 600 +0.086 0.1 14 mmsz5250 j5 20 6.2 25 600 +0.086 0.1 15 mmsz5251 k1 22 5.6 29 600 +0.087 0.1 17 mmsz5252 k2 24 5.2 33 600 +0.087 0.1 18 mmsz5253 k3 25 5.0 35 600 +0.089 0.1 19 MMSZ5254 k4 27 4.6 41 600 +0.090 0.1 21 mmsz5255 k5 28 4.5 44 600 +0.091 0.1 21 mmsz5256 m1 30 4.2 49 600 +0.091 0.1 23 mmsz5257 m2 33 3.8 58 700 +0.092 0.1 25 mmsz5258 m3 36 3.4 70 700 +0.093 0.1 27 mmsz5259 m4 39 3.2 80 800 +0.094 0.1 30 mmsz5260 m5 43 3.0 93 900 +0.095 0.1 33 mmsz5261 n1 47 2.7 105 1000 +0.095 0.1 36 mmsz5262 n2 51 2.5 125 1100 +0.096 0.1 39 mmsz5263 n3 56 2.2 150 1300 +0.096 0.1 43 mmsz5264 n4 60 2.1 170 1400 +0.097 0.1 46 mmsz5265 n5 62 2.0 185 1400 +0.097 0.1 47 mmsz5266 p1 68 1.8 230 1600 +0.097 0.1 52 mmsz5267 p2 75 1.7 270 1700 +0.098 0.1 56 notes: (1) the zener impedance is derived from the 1khz ac voltage which results when an ac current having an rms value equal to 10% of the zener current (i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) measured with device junction in thermal equilibrium.


▲Up To Search▲   

 
Price & Availability of MMSZ5254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X