Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download ET72012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 1 05165 et720 ul tr a low ca p aci t anc e s teer ing diod e a rr ay de sc r i pt ion the et720 is a low capacitance and low leakage steering diode array capable of protectng up to 14 high speed data lines. its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while protectng the circuit ics from the damage of severe transients. an extremely low leakage current makes the et720 suitable for bat - tery powered devices. the et720 is available in a so-16 package. this device meets all the applicable voltage immunity standards, including iec 61000-4-2 (esd), 61000-4-4 (eft) and 61000-4-5 (surge). f e a t u re s ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge): 12a, 8/20s - level 1(line- gnd) & level 2(line-line) ? provides 14 lines of protecton ? low leakage current: < 20na ? ultra low capacitance: 3pf typical ? rohs compliant ? reach compliant m e chanical cha r ac ter is t ics ? molded jedec so-16 package ? approximate weight: 0.15 grams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 16mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a pp lica t ions ? ethernet 10/100/1000 base t ? smart phones ? portable electronics ? firewire & usb interfaces p in con f igu r a t ion so -16 p ackag e 1 2 5 4 16 3 6 7 8 9 10 11 12 13 14 15 v cc v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o v i/o gnd
only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 2 05165 et720 t y p ical d e vic e cha r ac ter is t ics m a x i m u m r a t ings @ 25c unless o therwise specifed p a r a meter sy mb ol valu e uni t s operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c contnuous power dissipaton p pc 145 mw e l e c tr ical cha r ac ter is t ics per lin e @ 25c unless o therwise specifed p a rt nu mber repet i t iv e pe ak re v er s e vol t ag e (n ote 1) v rrm vol t s t y p ical f o r wa r d vol t ag e 8/20 s @ 1 a v f vol t s m a x i m u m pe ak p uls e f o r wa r d cu rre n t @ 8/20 s i fm amp s m a x i m u m re v er s e l e akag e cu rre n t v rrm @ 20v i r n a m a x i m u m qui e sc e n t su pp ly cu rre n t @ 20v i rq n a t y p ical ca p aci t anc e (n ote 2) @0 v , 1m h z c j p f et720 30 2 12 20 200 3 n o te 1. v rrm is +v cc for pin 16, -v ee for pin 1. 2. measure c j between any v i/o pins to ground and divide by 2. test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f igu re 1 p uls e wav e f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse c urrent - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 3 05165 et720 t y p ical d e vic e cha r ac ter is t ics f igu re 2 non- repet i t iv e pe ak p uls e cu rre n t ca p a b ili t y s quare w ave pulse - ms 0.001 0.01 0.1 1 10 100 peak pulse c urrent - a mps 8 0 2 4 6 f igu re 3 t y p ical low cu rre n t f o r wa r d vol t ag e d r o p forward v oltage d rop - mv 600 800 1000 1200 forward c urrent - ma 0 40 80 120 160 200 t a = 25c single pulse see figure 1 f igu re 4 low f o r wa r d cu rre n t vs f o r wa r d vol t ag e forward v oltage d rop - v 0 1 2 3 forward c urrent - a 0 1 2 3 4 5 t a = 25c single pulse see figure 1
only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 4 05165 et720 so -16 p ackag e in f o rm a t ion ou t lin e di me nsions di m m illi meter s inch e s m in m a x m in m a x a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 no te s 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. p ad layou t di me nsions di m m illi meter s inch e s m in m a x m in m a x a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 no te s 1. controlling dimension: inches. -a- 16 9 8 1 -b- p 8 pl 0.010 (0.25mm) m m b + g d c k -t- 16 pl 0.010 (0.25mm) m s b + s a t r x 45 j 0 - 10 f a b c d e
only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 5 05165 et720 t a pe and ree l o r d er ing in f o rm a t ion b as e p a rt nu mber l e ad free su ff i x t a pe su ff i x q t y /ree l ree l si ze t u be q t y et720 -lf -t7 1,000 7 48 et720 -lf -t13 2,500 13 48 this device is only available in a lead-free confguraton. s pe ci f ica t ions r ee l d ia. ta pe w id t h a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 16mm 6.50 0.10 10.30 0.10 2.10 0.10 1.50 0.10 1.75 0.10 3.50 0.05 16.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 n o te s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 16mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 16mm tape. 5. bulk product shipped in tubes of 48 pieces per tube. 6. marking on part - part number, date code, logo and pin one defned by dot on top of package. package outline per document number 06007.r3 1/11. user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2
only one name means protektion? www.protekdevices.com 05165.r7 9/12 page 6 05165 et720 co mp any in f o rm a t ion copyright ? protek devices 2001 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. co mp any pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. con t ac t us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek d evices (a sia pacifc) pte. l td. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 w eb www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ET72012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X