Part Number Hot Search : 
F1G5C STP6A60 XYB10 E100A DTC113Z B1517 1EZ120D5 BFN16
Product Description
Full Text Search
 

To Download 0217630MXP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  265 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 217 series 520 mm > fast-acting > 217 series please refer to www.littelfuse.com/series/217.html for current information. 217 series 217 series, 5 x 20 mm, fast-acting fuse agency approvals features t %ftjhofeup *oufsobujpobm *&$
 4uboebsetgpsvtf hmpcbmmz t .ffutuif*&$  4iffu tqfdj?dbujpogpsgbtu bdujohgvtft t "wbjmbcmfjodbsusjehf boebyjbmmfbegpsn t 3p)4dpnqmjbouboe mfbegsff applications "qqspwbmgpsdbsusjehfwfstjpotpomz electrical characteristics for series agency agency file number ampere range ps e $bsusjehf$fsuj?dbuft /#,&"$ -fbefe$fsuj?dbuft /#,&#% "o" "o" "o" "o"  $fsuj?dbuft   n"on" "o"  $fsuj?dbuft 46 46 46 46 n"on" n"on" n"o" ""  & +%:9 n"o" 'jmf  "dd$mbtt -3  -jdfotf ,. n"o"  'jmf    n"o" -jdfotf  n"o" " " -jdfotf  " n"o" % of ampere rating ampere rating opening time  n"on" njovuft .jojnvn n"" njovuft .jojnvn "" njovuft .jojnvn  n"n" njovuft .byjnvn n"" njovuft .byjnvn "" njovuft .byjnvn  n"n" tfd .jotfd.by n"" tfd .jotfd.by "" tfd .jotfd.by  n"n" tfd .jotfd.by n"" tfd .jotfd.by "" tfd .jotfd.by  n"n" tfdpoe .byjnvn n"" tfdpoe .byjnvn "" tfdpoe .byjnvn ynngbtubdujohhmbttcpezdbsusjehfgvtfeftjhofeup *&$tqfdj?dbujpo 6tfebttvqqmfnfoubszqspufdujpojobqqmjbodfps vujmj[bujpofrvjqnfouupqspwjefjoejwjevbmqspufdujpogps dpnqpofoutpsjoufsobmdjsdvjut ps e description revised: february 1, 2010
introduction to circuit protection introduction to circuit protection transientology 266 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 217 series 520 mm > fast-acting > 217 series please refer to www.littelfuse.com/series/217.html for current information. electrical characteristic specications by item average time current curves 0.032a 0.040a 0.050a 0.063a 0.080a 0.100a 0.125a 0.160a 0.200a 0.250a 0.315a 0.400a 0.500a 0.630a 0.800a 1a 1.25a 1.6a 2a 2.5a 3.15a 4a 5a 6.3a 8a 10a 15a current in amperes 10000 1000 100 10 1 0.1 0.01 0.01 0.1 110 100 10 0 0.001 time in seconds temperature rerating curve amp code amp rating (a) voltage rating (v) interrupting rating nominal cold resistance (ohms) nominal melting i 2 t (a  sec) nominal voltage drop at rated current (mv) nominal power dissipation at rated current (w) agency approvals ps e .032 0.032  "!7bd 262.2000 0. 00006 10000 1.6 yy yyyyy        1. 6 yy yyyyy      7000 1.6 yy yyyyy .063 0.063     1. 6 yy yyyyy       1. 6 yy yyyyy .100 0.1     1. 6 yy yyyyy      2000 1.6 yy yyyyy .160 0.16   0.01000 2000 1.6 yy yyyyy .200 0.2  1.7000 0.02000 1700 1.6 yy yyyyy       1. 6 yy yyyyy     0.11000 1300 1.6 yy yyyyy    0.2770  1200 1.6 yy yyyyyy      1000 1.6 yy yyyyyy .630 0.63     1. 6 yy yyyyyy    0.1203   1. 6 yy yyyyyy 001. 1    200 1.6 yyyyyyyyy    0.0701 2.23000 200 1.6 yyyyyyyyy 01.6 1.6     1. 6 yyyyyyyyy 002. 2    170 1.6 yyyyyyyyy      170 1.6 yyyyyyyyy     17.72000   yyyyyyyyy    "!7bd   130  yyyyyyyyy    "!7bd 0.0137  130  yyyyyyyyy 06.3 6.3  "!7bd   130  yyyyyyyyy    "!7bd   130 y y yy 010. 10  "!7bd 0.0063  130 y y yy    "!7bd   130 y yy "qqspwbmgpsdbsujehfwfstjpotpomz
267 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 217 series 520 mm > fast-acting > 217 series please refer to www.littelfuse.com/series/217.html for current information. 217 series product characteristics operating temperature o o $up  o $ thermal shock .*-45%( .fuipe( 5ftu $poejujpo# dzdmfto $up  $
vibration .*-45%( .fuipe" humidity .*-45%( .fuipe# 5ftu $poejujpo"ijhi3) 
boe fmfwbufeufnqfsbuvsf  $
gps ipvst salt spray .*-45%( .fuipe% 5ftu $poejujpo# material #pez(mbtt $bq/jdlfmoqmbufecsbtt -fbet5jooqmbufe$pqqfs terminal strength .*-45%( .fuipe" 5ftu $poejujpo" solderability 3fgfsfodf*&$4fdpoe &ejujpo"oofy" product marking $bq#sboemphp dvssfouboe wpmubhfsbujoht $bq"hfodzbqqspwbmnbslt packaging "wbjmbcmfjo#vml .qdtqlh
 pspo5bqf3ffm .3&5qdt sffm
soldering parameters - wave soldering dwell time 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 0 10 20 30 40 5 0 60 70 80 90 100 110 120 130 140 1 5 0 160 170 180 190 200 210 220 230 240 time (seconds) temperature (c) - measured on bottom side of board cooling time preheat time wave parameter lead-free recommendation preheat: %fqfoetpo'mvy"dujwbujpo5fnqfsbuvsf
5zqjdbm*oevtusz3fdpnnfoebujpo
5fnqfsbuvsf.jojnvn 100 ? $ 5fnqfsbuvsf.byjnvn  ? $ 1sfifbu5jnf tfdpoet solder pot temperature: 260 ? $.byjnvn solder dwell time: tfdpoet recommended hand-solder parameters: 4pmefs*spo5fnqfsbuvsf?$ ?$ )fbujoh5jnftfdpoetnby note: these devices are not recommended for ir or convection reow process. recommended process parameters:
introduction to circuit protection introduction to circuit protection transientology 268 ? 2009 littelfuse, inc. specications are subject to change without notice. axial lead & cartridge fuses 217 series 520 mm > fast-acting > 217 series please refer to www.littelfuse.com/series/217.html for current information. dimensions packaging packaging option packaging specication quantity quantity & packaging code taping width #vml /" 1000 .9 /" #vml /" 1000 .9& /" 3ffmboe5bqf &*"& 1000 .3&5 5nn w
0217 000p 0217. 315 xep 0217. 032 xep to ?6.5 40 20+0.5 22.5 max notes: * ratings above 6.3a have 0.8 mm dia lead 5.1+0.6 5.2+0.1 -0.2 5.1+0.6 6.0 max 0217015 xep 0217. 400 xep to 40 22.5 max 5.8 max all dimensions in mm ?0.65* part numbering system 0217 m x e p xxxx lead-free series packaging code x = filler option codes blank = cartridge type fuse e = axial leaded fuse quantity code m = 1000 amp code refer to amp code column of electrical characteristics table


▲Up To Search▲   

 
Price & Availability of 0217630MXP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X