Part Number Hot Search : 
TDA893 SG352 UERP16DR 2K100 BC817 HER30 W9020 SY8086
Product Description
Full Text Search
 

To Download 1410460C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kmp_1400c_b06 page 1 of 2 for full details go to www.murata-ps.com/rohs features n rohs compliant n radial format n -40c to 85c operating temperature n up to 13a i dc n 10h to 22mh n low dc resistance n fully tinned leads n pcb mounting hole n low temperature dependence n backward compatible with sn/pb soldering systems n custom parts available description the 1400 series is suitable for many power supply and other general purpose fltering applications. the use of a non-magnetic screw will ensure mechanical stability. selection guide order code inductance, ( 1khz, 0.1v ac ) dc current 1 dc resistance q at f khz srf mechanical dimensions footprint 10 % max. max. nom. nom. a b c d ? e f ? g h a ? q f mhz mm mm 1410313c 10 15% 13 0.009 54 50 20.7 27.0 24.4 14.0 1.30 5.5 23.9 2.6 1415312c 15 15% 12 0.009 42 50 12.7 27.0 24.4 14.0 1.30 5.5 23.9 2.6 1422311c 22 15% 11 0.014 64 100 9.3 27.0 24.4 14.0 1.30 5.5 23.9 2.6 1433393c 33 15% 9.3 0.017 27 50 9.1 27.0 24.4 14.0 1.30 5.5 23.9 2.6 1447383c 47 15% 8.3 0.019 40 100 6.0 27.0 24.4 18.5 1.30 5.5 23.9 2.6 1447385c 47 15% 8.5 0.021 33 100 6.7 26.8 24.4 14.0 1.20 5.5 23.8 2.4 1468362c 68 15% 6.2 0.032 32 100 5.3 26.5 24.4 14.0 1.08 5.5 23.7 2.1 1468373c 68 15% 7.3 0.025 45 100 5.3 27.0 24.4 18.5 1.30 5.5 23.9 2.6 1410454c 100 5.4 0.046 24 100 4.6 26.4 24.4 14.0 1.02 5.5 23.6 2.0 1410460C 100 6.0 0.033 37 100 3.9 26.8 24.4 18.5 1.20 5.5 23.8 2.4 1410478c 100 7.8 0.040 34 50 3.3 32.4 29.8 21.8 1.30 5.1 29.3 2.6 1415440c 150 4.0 0.069 24 50 3.4 26.2 24.4 14.0 0.90 5.5 23.5 1.8 1415449c 150 4.9 0.055 34 50 2.9 26.4 24.4 18.5 1.02 5.5 23.6 2.0 1415465c 150 6.5 0.042 46 100 2.4 32.2 29.8 21.8 1.20 5.1 29.2 2.4 1422435c 220 3.5 0.096 22 50 2.8 26.1 24.4 14.0 0.85 5.5 23.5 1.7 1422441c 220 4.1 0.073 33 100 2.3 26.3 24.4 18.5 0.97 5.5 23.6 1.9 1422455c 220 5.5 0.062 30 50 2.2 32.1 29.8 21.8 1.14 5.1 29.1 2.2 1430430c 300 3.0 0.140 26 50 2.6 25.9 24.4 14.0 0.75 5.5 23.4 1.5 1430433c 300 3.3 0.100 37 50 2.2 26.2 24.4 18.5 0.90 5.5 23.5 1.8 1430450c 300 5.0 0.080 28 50 1.7 31.8 29.8 21.8 1.02 5.1 29.0 2.0 1433428c 330 2.8 0.150 22 50 2.5 25.9 24.4 14.0 0.76 5.5 23.4 1.5 1433433c 330 3.3 0.120 29 50 2.0 26.2 24.4 18.5 0.90 5.5 23.5 1.8 1433445c 330 4.5 0.091 25 50 1.6 31.8 29.8 21.8 1.02 5.1 29.0 2.0 1447423c 470 2.3 0.250 34 50 2.0 25.7 24.4 14.0 0.67 5.5 23.3 1.3 1447427c 470 2.7 0.160 25 50 1.6 26.1 24.4 18.5 0.85 5.5 23.5 1.7 1447440c 470 4.0 0.125 24 50 1.4 31.7 29.8 21.8 0.97 5.1 29.0 1.9 1468420c 680 2.0 0.300 23 50 1.6 25.7 24.4 14.0 0.67 5.5 23.3 1.3 1468422c 680 2.2 0.226 28 50 1.3 25.9 24.4 18.5 0.75 5.5 23.4 1.5 1468431c 680 3.1 0.173 60 10 1.0 31.6 29.8 21.8 0.90 5.1 28.9 1.8 1410516c 1.0mh 1.6 0.460 30 50 1.4 25.6 24.4 14.0 0.60 5.5 23.2 1.2 1410517c 1.0mh 1.7 0.336 35 50 1.2 25.7 24.4 18.5 0.67 5.5 23.3 1.3 1410524c 1.0mh 2.4 0.277 33 50 1.0 31.4 29.8 21.8 0.79 5.1 28.8 1.5 1415513c 1.5mh 1.3 0.680 34 50 1.0 25.5 24.4 14.0 0.54 5.5 23.1 1.0 1415514c 1.5mh 1.4 0.550 47 50 0.8 25.6 24.4 18.5 0.60 5.5 23.2 1.2 1415517c 1.5mh 1.7 0.374 28 50 0.7 31.3 29.8 21.8 0.75 5.1 28.8 1.5 1422509c 2.2mh 0.9 1.000 43 50 0.9 25.3 24.4 14.0 0.48 5.5 23.1 0.9 1422512c 2.2mh 1.2 0.700 33 50 0.7 25.6 24.4 18.5 0.60 5.5 23.2 1.2 1422514c 2.2mh 1.4 0.622 33 50 0.6 31.1 29.8 21.8 0.67 5.1 28.7 1.3 1433507c 3.3mh 0.7 1.428 45 50 0.8 25.2 24.4 14.0 0.43 5.5 23.0 0.8 1433510c 3.3mh 1.0 1.992 20 50 0.7 25.5 24.4 18.5 0.54 5.5 23.1 1.0 1433512c 3.3mh 1.2 0.930 20 50 0.5 31.0 29.8 21.8 0.60 5.1 28.6 1.2 1447506c 4.7mh 0.6 2.200 60 50 0.6 25.2 24.4 14.0 0.39 5.5 23.0 0.7 1447508c 4.7mh 0.8 1.600 65 50 0.5 25.3 24.4 18.5 0.48 5.5 23.1 0.9 1447509c 4.7mh 0.9 1.400 57 10 0.5 30.9 29.8 21.8 0.54 5.1 28.5 1.0 1468505c 6.8mh 0.5 2.880 50 50 0.5 25.2 24.4 14.0 0.39 5.5 23.0 0.7 1468507c 6.8mh 0.7 2.300 47 50 0.4 25.2 24.4 18.5 0.43 5.5 23.0 0.8 1468508c 6.8mh 0.8 2.100 30 50 0.4 30.7 29.8 21.8 0.48 5.1 28.5 0.9 1410604c 10mh 0.4 4.340 51 50 0.4 25.1 24.4 14.0 0.34 5.5 22.9 0.6 1410605c 10mh 0.5 3.600 48 50 0.3 25.2 24.4 18.5 0.39 5.5 23.0 0.7 1410606c 10mh 0.6 2.600 48 50 0.2 30.9 29.8 21.8 0.54 5.1 28.5 1.0 1415604c 15mh 0.4 5.500 61 10 0.2 25.1 24.4 18.5 0.34 5.5 22.9 0.6 1415605c 15mh 0.5 3.740 55 10 0.2 30.6 29.8 21.8 0.43 5.1 28.4 0.8 1422604c 22mh 0.4 6.962 30 50 0.2 30.5 29.8 21.8 0.34 5.1 28.3 0.6 1 maximum dc current occurs when either the inductance falls to 60% of its nominal value or when its temperature rise reaches 50 c , whichever is sooner. 1400 series bobbin type inductors www.murata-ps.com www.murata-ps.com/ support
kmp_1400c_b06 page 2 of 2 murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. specifcations are subject to change without notice. ? 2012 murata power solutions, inc. package specifications mechanical dimensions recommended footprint details packaging details 21.8mm height products 15 per carton all other products 25 per carton all dimensions in mm. package weight: 30-65g typ. dot indicates the innermost turn of the winding. c 1.50 10.002.0 g 0.15 f 1.50 d 0.05 b 1.50 e 0.30 a 1.50 1.00 max. 1422455c xyyww c 1.50 10.002.0 g 0.15 f 1.50 d 0.05 b 1.50 e 0.30 a 1.50 1.00 max. 1422455c xyyww all dimensions in mm soldering information 2 peak wave solder temperature 300?c for 10 seconds pin fnish pure tin dip absolute maximum ratings operating free air temperature range -40c to 85c storage temperature range -55c to 125c all specifcations typical at t a =25 c 2 for further information, please visit www.murata-ps.com/rohs c 1.50 10.002.0 g 0.15 f 1.50 d 0.05 b 1.50 e 0.30 a 1.50 1.00 max. 1422455c xyyww 1400 series bobbin type inductors murata power solutions, inc. 11 cabot boulevard, mansfeld, ma 0204 8 -1151 u.s.a. iso 9001 and 14001 registered www.murata-ps.com/ support


▲Up To Search▲   

 
Price & Availability of 1410460C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X